Part Number Hot Search : 
2SC40 HXJ4088 IDT82V20 1N4749 KRA558U SAA71 SP4446 20120
Product Description
Full Text Search
 

To Download 1E2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  feature & dimensions * plastic package has underwriters laboratory flammability classification 94v-0 * high temperature metallurgically bonded construction * diffused junction * capable of meeting environmental standards of mil-s-19500 * 1.0 a operation at ta=55 c with no thermal runaway * for use in high frequency rectifier circuits * fast switching for high efficiency * typical ir less than 1.0 a * high temperature soldering guaranteed: 350 c/10 seconds * 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension mechanical data case : jedec r-1, molded plastic bodywe declare that the material of product compliance terminals : plated axial leads, solderable perwith rohs requirements mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight : 0.0063 oz., 0.167 g handling precautin :none 1.electrical characteristic maximum & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol1e11e21E2A1e31e3a1e41e5unit device marking code1e11e21E2A1e31e3a1e41e5 maximum repetitive peak reverse voltage v rrm 50100150200300 400600v maximum rms voltage v rms 3570105140210280420 v maximum dc blocking voltage v dc 50100150200300400600 v maximum average forward rectified current 0.375" (9.5mm) lead length at t a = 55 c if(av) a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm a maximum full load reverse current, full cycle average,0.375"(9.5mm) lead lengths at t a = 55 c ir(av) a typical thermal resistance (note 2) r ja c/w operating junction and storage temperature range tj, tstg c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. parameter symbol symbol1e11e21E2A1e31e3a1e41e5unit maximum instantaneous forward voltage at 1.0a v f 1.7v maximum dc reverse current ta = 25 c at rated dc blocking voltage ta = 100 c ir a typical reverse recovery time (note 1) trrns typical junction capacitance at 4.0v, 1mhz cjpf notes: 1. if = 0.5a, ir = 1.0a, irr = 0.25a 2. thermal resistance from junction to ambient at 0.375 (9.5mm) lead length, p.c.b. mounted 1e1 thru 1e5 C 50to +150 50 17 5.0 150 30 100 fast recovery ectifiers reverse voltage 50 to 600v forward current 1.0a 1.0 0.951.25 35
2. characteristic curves ( ta = 25 c unless otherwise noted ) 1e1 thru 1e5 fig. 1 C forward current derating curve fig. 2 C maximum non-repetitive peak forward surge current fig 4. C typical reverse characteristics fig 3. C typical instantaneous forward characteristics fig 5. C typical transient thermal impedance fig 6. C typical junction capacitance a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) a v e r a g e f o r w a r d r e c t i f i e d c u r r e n t ( a ) i n s t a n t a n e o u s f o r w a r d c u r r e n t ( a ) i n s t a n t a n e o u s r e v e r s e c u r r e n t ( a ) j u n c t i o n c a p a c i t a n c e ( p f ) 0 25 50 75 100 125 150 175 1 10 100 0.6 0.8 1.0 1.2 1.40 20 40 60 80 100 0.1 1 10 100 20 10 1.0 100 10 1.0 0.1 0.01 10 1.0 0.1 0.01 100 1.0 0.5 0 30 15 0 60 hz resistive or inductive load 0.375" (9.5mm) lead length tj = tj max 8.3ms single half sine-wave (jedec method) tj = 25 c pulse width = 300 s 1% duty cycle tj = 25 c f = 1.0 mhz vsig = 50mvp-p ambient temperature, cnumber of cycles at 60hz instantaneous forward voltage (v)percent of rated peak reverse voltage (%) reverse voltage (v) tj=100 tj=75 tj=25 C C c / w ) 10 1.0 0.1 100 0.01 0.1 1.0 10 t,pulse duration,sec
3. dimension: 1e1 thru 1e5
: 1.1. ammo spec. mm lwh t52 262 276 290 2 t42 262 264 290 2 t26250 345 395 3 1.2 ?? inner box spec. ?? wi-250 ???Z 4 0 ? 1 ? ammo and box 1 ? lrc? label rohs? label
: 1.4 ?? label spec. 1.4.1 lrc ? lrc label ?forming spec. 1.4.2 ? environmental protection label 2. cartoon spec. mm lwh t52 430 2280 2225 2 t42 410 2285 2300 2 t26 435 3280 3295 3 3 ????? typing and cartoon spec. r-3do-15 1.8k 2k(t52) 1.8k(t26) 18k 20k 36k 36k 32.4k36k t42 quantity/cartoon 54k- t26 quantity/cartoon 60k- ? quantity/ammo 3k0.8k t52 quantity/cartoon 30k8.0k ?? wi-250 ???Z 4 0 ? 2 ? ? a-405 & do-41 & r-1do-201ad l w h ?cartoon label ******* lrc?? type **** ** **** ???? peak repetive voltage ??? average output current ? quantity ******* ? date
: 4 brede spec 26/tape35/tape40/tape42/tape52/tape52/tape# w 26 0.0/+1.635 -1.0/+0.540 -1.0/+0.542 -1.0/+1.052 -1.0/+2.052 -1.0/+2.0 p 5 0.55 0.55 0.55 0.5 5 0.5 10 0.5 l1-l2 1.0 1.0 1.0 1.0 1.0 1.0 h 6 1.06 1.06 1.06 1.0 6 1.0 6 1.0 z 1.0 1.0 1.0 1.0 1.0 1.0 r 1.0 1.0 1.0 1.0 1.0 1.0 t 3.5 3.5 3.5 3.5 3.5 3.5 ? : 52# ? do-201ad "52 #" just for d0-201ad 1. ??0.05mm?????? the typing thickness is 0.05mm and color is obvious difference 2. 20~40cm. typing lead over 20~40cm 3. ???????? red color is cathode ,white color is anode 4. green epoxy compound ?hf only ? ? typing dimension ?? ???? ???Z ? ?? green
4 ??? 1 2 ??? ?? 1e1 thru 1e5 ??Z? 2012.02.18 2010.06.02


▲Up To Search▲   

 
Price & Availability of 1E2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X