Part Number Hot Search : 
256X9 10150 TT2135 2SK31 BTEM17P 4805E JANTX1 CDD11210
Product Description
Full Text Search
 

To Download VBSH25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  [ em: electromagnet ] vbeh vbsh1 vbeh vbsh1 vbeh vbsh1 vbeh vbsh1 44 / 60 52/7 em brake (high torque design) types: 0.6, 1.2, 2.5, 5 5 2.5 1.2 0.6 [ special order ] 22 / 30 vbeh / vbsh type static torque [ft - lbs / n - m] 11 / 15 vbeh / vbsh 0.5 0.5 1.5 1.6 4.8 5.1 14.3 15.1 a c d +0.2/-0 e f +0/-0.2 g h j k l 30 30.5 33.6 34.1 38 38.9 41.5 42.5 r 5.8 5.4 7 6.6 8.2 7.6 10.4 9.6 t [ included parts & accessories : bolts, washers, spacers, surge protector ] [ 1 inch = 25.4 mm ] [ note 1 : silent type ] 44 / 60 33 24 1.41 17 18 12 0.75 5 . 2 / 7 0.5 60 88 x 10 7 55 7000 6000 13 x 10 7 total energy until life [j] armature moment of inertia (j) [kg-cm2] torque build-up time [ms] pull-in time [ms] max allowable speed [rpm] release time [ms] 22 / 30 static torque [ft - lbs / n - m] coil (20c) current [a] resistance [ ? ] wattage [w] voltage [dc-v] 11 / 15 48 32 45 35 10 40 40 10 25 35 25 x 10 7 86 0.92 26 22 15 49 x 10 7 108 55 5500 45 82 110 weight [lbs / kg] dimensions [mm] 1.8 0.82 / 0.37 75 35 67 62 85 4.9 / 2.2 2.6 / 1.2 1.4 / 0.6 95 2.4 m5 98 2.1 46 5.5 6.5 4.5 165 m4 60 6.5 m3 20 4500 52 100 65 2.4 136 66 75 53 150 m6 125 76 135 122 vbeh / vbsh ogura industrial corp. www.ogura-clutch.com 100 randolph rd. info@ogura-clutch.com somerset, nj 08875 (732) 271-7361 vbeh / vbsh


▲Up To Search▲   

 
Price & Availability of VBSH25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X