Part Number Hot Search : 
102M2 K1035 NTE2055 37200 TA50N25T AX93167 4N100 SSF4GG
Product Description
Full Text Search
 

To Download U74LVC2G34 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd U74LVC2G34 cmos ic www.unisonic.com.tw 1 of 5 copyright ? 2010 unisonic technologies co., ltd qw-r502-430.a dual buffer gate ? description the U74LVC2G34 is a dual buffer, it provides the function y = a. this device has power-down protective circuit, preventing device destruction when it is powered down. ? features * operate from 1.65v to 5.5v * inputs accept voltages to 5.5v * i off supports partial-power-down mode * low power dissipation * max t pd of 4.1 ns at 3.3v ? ordering information ordering number package packing U74LVC2G34g-al6-r sot-363 tape reel ? marking www.datasheet.net/ datasheet pdf - http://www..co.kr/
U74LVC2G34 cmos ic unisonic technologies co., ltd 2 of 5 www.unisonic.com.tw qw-r502-430.a ? pin configuration ? function table input(na) output(ny) h h l l note: h: high voltage level; l: low voltage level. ? logic diagram (positive logic) 1a 2y 2a 1y 6 1 4 3 1 3 6 4 1 1 logic symbol iec logic symbol www.datasheet.net/ datasheet pdf - http://www..co.kr/
U74LVC2G34 cmos ic unisonic technologies co., ltd 3 of 5 www.unisonic.com.tw qw-r502-430.a ? absolute maximum rating parameter symbol ratings unit supply voltage v cc -0.5 ~ +6.5 v input voltage v in -0.5 ~ +6.5 v active mode -0.5 ~ v cc +0.5 v output voltage power-down mode v out -0.5 ~ +6.5 v v cc or gnd current i cc 100 ma continuous output current (v out =0 to v cc ) i out 50 ma input clamp current (v in <0) i ik - 50 ma output clamp current (v out < 0 or v out > v cc ) i ok 50 ma power dissipation (t a =-40 c to +125 c) p d 300 mw storage temperature range t stg -65 ~ +150 c note: absolute maximum ratings are those values beyo nd which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device operation is not implied. ? recommended operating conditions parameter symbol test conditions min typ max unit supply voltage v cc operating 1.65 5.5 v input voltage v in 0 5.5 v active mode 0 v cc v output voltage v out v cc =0v, power-down mode 0 5.5 v operating temperature t a -40 125 c v cc =1.65v ~ 2.7 v 0 20 ns/v input rise or fall times t r / t f v cc =2.7v ~ 5. 5 v 0 10 ns/v ? electrical characteristics ( t a =25 c , unless otherwise specified) parameter symbol test conditions min typ max unit v cc =1.65v ~ 1.95v 0.65*v cc v v cc =2.3v ~ 2.7v 1.7 v v cc =3v ~ 3.6v 2 v high-level input voltage v ih v cc =4.5v ~ 5.5v 0.7*v cc v v cc =1.65v ~ 1.95v 0.35*v cc v v cc =2.3v ~ 2.7v 0.7 v v cc =3v ~ 3.6v 0.8 v low-level input voltage v il v cc =4.5v ~ 5.5v 0.3*v cc v i oh =-100 a v cc =1.65 ~ 5.5v v cc -0.1 v i oh =-4ma v cc =1.65v 1.2 v i oh =-8ma v cc =2.3v 1.9 v i oh =-12ma v cc =2.7v 2.2 v i oh =-24ma v cc =3.0v 2.3 v high-level output voltage v oh i oh =-32ma v cc =4.5v 3.8 v i ol =100 a v cc =1.65 ~ 5.5v 0.1 v i ol =4ma v cc =1.65v 0.45 v i ol =8ma v cc =2.3v 0.3 v i ol =12ma v cc =2.7v 0.4 v i ol =24ma v cc =3.0v 0.55 v low-level output voltage v ol i ol =32ma v cc =4.5v 0.55 v input leakage current i i(leak) v in =5.5v or gnd, v cc =5.5v 5 a power off leakage current i off v in or v out =5.5v, v cc =0v 10 a quiescent supply current i q v in =5.5v or gnd, i out =0 v cc =5.5v 10 a additional quiescent supply current per input pin i q v cc =2.3 ~ 5.5v, i out =0 one input at v cc -0.6v, other inputs at v cc or gnd 500 a input capacitance c in 2.5 pf www.datasheet.net/ datasheet pdf - http://www..co.kr/
U74LVC2G34 cmos ic unisonic technologies co., ltd 4 of 5 www.unisonic.com.tw qw-r502-430.a ? switching characteristics (t a =25 ) parameter symbol test conditions min typ max unit v cc =1.65v~1.95v, r l =1k ? 1.0 3.8 8.6 ns v cc =2.3v~2.7v, r l =500 ? c l =30pf 0.5 2.4 4.4 ns v cc =2.7v, r l =500 ? 0.5 2.5 5.0 ns v cc =3.0v~3.6v, r l =500 ? 0.5 2.2 4.1 ns propagation delay from input (na) to output(ny) t plh / t phl v cc =4.5v~5.5v, r l =500 ? c l =50pf 0.5 1.9 3.2 ns ? operating characteristics (t a =25 ) parameter symbol test conditions min typ max unit power dissipation capacitance c pd v cc =3.3v, v in =gnd to v cc 20 pf www.datasheet.net/ datasheet pdf - http://www..co.kr/
U74LVC2G34 cmos ic unisonic technologies co., ltd 5 of 5 www.unisonic.com.tw qw-r502-430.a ? test circuit and waveforms from output c l r l note: c l includes probe and jig capacitance. all input pulses are supplied by generators having the following characteristics: prr 10mhz, zo = 50 ? . utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. inputs v cc v in t r , t f v m c l r l 1.65v ~ 1.95v v cc 2ns v cc /2 30pf 1k ? 2.3v ~ 2.7v v cc 2ns v cc /2 30pf 500 ? 2.7v 2.7v 2.5ns 1.5v 50pf 500 ? 3.0v ~ 3.6v 2.7v 2.5ns 1.5v 50pf 500 ? 4.5v ~ 5.5v v cc 2.5ns v cc /2 50pf 500 ? www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of U74LVC2G34

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X