Part Number Hot Search : 
29W320D 4N38X DA156 ZMM5221 BL6513 NSVS1102 UESP06J KFO90AT
Product Description
Full Text Search
 

To Download TN2106N3-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1235 bordeaux drive, sunnyvale, ca 94089 t el: 408-222-8888 www .supertex.com tn2106 general description this low threshold, enhancement-mode (normally-off) transistor utilizes a vertical dmos structure and supertexs well-proven, silicon-gate manufacturing process. this combination produces a device with the power handling capabilities of bipolar transistors and the high input impedance and positive temperature coef?cient inherent in mos devices. characteristic of all mos structures, this device is free from thermal runaway and thermally-induced secondary breakdown. supertexs vertical dmos fets are ideally suited to a wide range of switching and amplifying applications where very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired. n-channel enhancement-mode vertical dmos fet absolute maximum ratings parameter value drain-to-source bv dss drain-to-gate bv dgs gate-to-source 20v operating and storage temperature -55 o c to +150 o c soldering temperature* 300 o c absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied. continuous operation of the device at the absolute rating level may affect device reliability. all voltages are referenced to device ground. * distance of 1.6mm from case for 10 seconds. ordering information device package option bv dss /bv dgs (v) r ds(on) (max) () v gs(th) (max) (v) to-236ab (sot-23) to-92 tn2106 tn2106k1-g TN2106N3-G 60 2.5 2.0 -g indicates package is rohs compliant (green) pin con?gurations to-236ab (sot-23) (k1) product marking to-236ab (sot-23) (k1) yy = year sealed ww = week sealed = green packaging t n 2 1 0 6 y y w w drain sourc e ga te to-92 (n3) n1l w w = code for week sealed = green packagin g ga te source drain to-92 (n3) features ? free from secondary breakdown ? low power drive requirement ? ease of paralleling ? low c iss and fast switching speeds ? excellent thermal stability ? integral source-drain diode ? high input impedance and high gain ? complementary n- and p-channel devices applications logic level interfaces - ideal for ttl and cmos solid state relays battery operated systems photo-voltaic drives analog switches general purpose line drivers telecom switches ? ? ? ? ? ? ?
2 tn2106 1235 bordeaux drive, sunnyvale, ca 94089 t el: 408-222-8888 www .supertex.com electrical characteristics (t a = 25 o c unless otherwise speci?ed) sym parameter min typ max units conditions bv dss drain-to-source breakdown voltage 60 - - v v gs = 0v, i d = 1.0ma v gs(th) gate threshold voltage 0.6 - 2.0 v v gs = v ds , i d = 1.0ma v gs(th) change in v gs(th) with temperature - -3.8 -5.5 mv/ o c v gs = v ds , i d = 1.0ma i gss gate body leakage - 0.1 100 na v gs = 20v, v ds = 0v i dss zero gate voltage drain current - - 1.0 a v gs = 0v, v ds = max rating - - 100 v ds = 0.8max rating, v gs = 0v, t a = 125 o c i d(on) on-state drain current 0.6 - - a v gs = 10v, v ds = 25v r ds(on) static drain-to-source on-state resistance - - 5.0 v gs = 4.5v, i d = 200ma - - 2.5 v gs = 10v, i d = 500ma r ds(on) change in r ds(on) with temperature - 0.70 1.0 %/ o c v gs = 10v, i d = 500ma g fs forward transductance 150 400 - mmho v ds = 25v, i d = 500ma c iss input capacitance - 35 50 pf v gs = 0v, v ds = 25v, f = 1.0mhz c oss common source output capacitance - 17 25 c rss reverse transfer capacitance - 7.0 8.0 t d(on) turn-on delay time - 3.0 5.0 ns v dd = 25v, i d = 0.5a, r gen = 25 t r rise time - 5.0 8.0 t d(off) turn-off delay time - 6.0 9.0 t f fall time - 5.0 8.0 v sd diode forward voltage drop - 1.2 1.8 v v gs = 0v, i sd = 500ma t rr reverse recovery time - 400 - ns v gs = 0v, i sd = 500ma notes: all d.c. parameters 100% tested at 25 o c unless otherwise stated. (pulse test: 300s pulse, 2% duty cycle.) all a.c. parameters sample tested. 1. 2. notes: ? i d (continuous) is limited by max rated t j . thermal characteristics package i d (continuous) ? (ma) i d (pulsed) (a) power dissipation @t a = 25 o c (w) jc ( o c/w) ja ( o c/w) i dr ? (ma) i drm (a) to-236ab (sot-23) 280 0.8 0.36 200 350 280 0.8 to-92 300 1.0 0.74 125 170 300 1.0 switching waveforms and test circuit 90% 10% 90% 90% 10% 10% puls e genera to r v dd r l outpu t d.u.t . t (on) t d(on) t (off ) t d(off) t f t r inpu t input output 10v v dd r gen 0v 0v
3 tn2106 1235 bordeaux drive, sunnyvale, ca 94089 t el: 408-222-8888 www .supertex.com typical performance curves output characteristics 2.5 2.0 1.5 1.0 0.5 0 v ds (volts) i ) s e r e p m a ( d saturation characteristics v ds (volts) i ) s e r e p m a ( d maximum rated safe operating area 0.1 100 10 1 1.0 0.1 0.01 0.00 1 v ds (volts) i ) s e r e p m a ( d thermal response characteristic s ) d e z i l a m r o n ( e c n a t s i s e r l a m r e h t 1. 0 0. 8 0. 6 0. 4 0. 2 0 0.001 1 0 0.01 0. 1 1.0 t p (seconds) t ransconductance vs. drain current 0.5 0.4 0.3 0.2 0.1 0 0 0.4 0.2 g s f ) s n e m e i s ( i d (amperes) power dissipation vs. temperature 0 1 50 10 0 50 1. 0 0. 8 0. 6 0. 4 0. 2 0 12 5 75 25 t a c) o ( d p ) s t t a w ( to-236a b t a = 25 o c p d = 0.36 w to-92 sot-23 t a = -55 o c v ds = 25v 0 1 0 2 0 3 0 5 0 40 4v 3v 0 2 4 6 10 8 25 o c 125 o c 0.6 1.0 0.8 10v 8v 6v 2. 5 2. 0 1. 5 1. 0 0. 5 0 4v 3v 10 v 8v 6v sot-23 (dc) sot-23 (pulsed) v gs = v gs = t a = 25 o c to-92 t c = 25 o c p d = 1w
4 tn2106 1235 bordeaux drive, sunnyvale, ca 94089 t el: 408-222-8888 www .supertex.com typical performance curves (cont.) gate drive dynamic characteristic s q g (nanocoulombs) v s g ) s t l o v ( t j ( o c) v ) h t ( s g ) d e z i l a m r o n ( r ) n o ( s d ) d e z i l a m r o n ( v gs(th) and r ds(on ) variation with temperature on-resistance vs. drain current r ) n o ( s d ) s m h o ( v b s s d ) d e z i l a m r o n ( t j ( o c) transfer characteristics v gs (volts ) i d ) s e r e p m a ( capacitance vs. drain-to-source voltage 100 ) s d a r a f o c i p ( c v ds (volts ) i d (amperes ) bv dss variation with te mperature 0 1 0 2 0 3 0 4 0 50 75 25 0 0 2 4 6 8 1 0 1.0 0.8 0.6 0.4 0.2 0 -5 0 0 50 100 150 1.1 1.0 10 8 6 4 2 0 1. 2 1. 0 0. 8 0. 6 0. 4 10 8 6 4 2 0 0 .2 0. 4 0. 6 0.8 1. 0 -5 0 0 50 10 0 1 50 38 pf v ds = 20v v ds = 10v v gs = 4.5v v gs = 10v t a = -55 o c v ds = 25v 125 o c 0 0 .5 1. 0 1.5 2. 5 2. 0 f = 1mhz c iss c oss c rss 0.9 92 pf 2.0 1.6 1.2 0.8 0.4 0 v gs(th) @ 1ma 25 o c 0 r ds(on) @ 10v, 0.5a
5 tn2106 1235 bordeaux drive, sunnyvale, ca 94089 t el: 408-222-8888 www .supertex.com 3-lead to-236ab (sot-23) package outline (k1/t) 2.90x1.30mm body, 1.12mm height (max), 1.90mm pitch symbol a a1 a2 b d e e1 e e1 l l1 dimension (mm) min 0.89 0.01 0.88 0.30 2.80 2.10 1.20 0.95 bsc 1.90 bsc 0.20 ? 0.54 ref 0 o nom - - 0.95 - 2.90 - 1.30 0.50 - max 1.12 0.10 1.02 0.50 3.04 2.64 1.40 0.60 8 o jedec registration to-236, variation ab, issue h, jan. 1999. ? this dimension is a non-jedec dimension. drawings not to scale. supertex doc.#: dspd-3to236abk1, version b072208. vi ew b vi ew a - a side v iew to p v iew vi ew b
supertex inc. does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such appl ications unless it receives an adequate product liability indemnification insurance agreement. supertex inc. does not assume responsibility for use of devices described, and limits its liability to the replacement of the devices determined defective due to workmanship. no responsibility is assumed for possible omissions and inaccuracies. circuitry and specifications are subject to change without notice. for the latest product specifications refer to the supertex inc. website: http//www .supertex.com . ?2008 all rights reserved. unauthorized use or reproduction is prohibited . 1235 bordeaux drive, sunnyvale, ca 9408 9 te l: 408-222-8888 www .supertex.com 6 tn2106 (the package drawing(s) in this data sheet may not re?ect the most current speci?cations. for the latest package outline information go to http://www.supertex.com/packaging.htm l .) doc.# dsfp-tn2106 a091208 3-lead to-92 package outline (n3) symbol a b c d e e1 e e1 l dimensions (inches) min .170 .014 ? .014 ? .175 .125 .080 .095 .045 .500 nom - - - - - - - - - max .210 .022 ? .022 ? .205 .165 .105 .105 .055 .610* jedec registration to-92. * this dimension is not speci?ed in the original jedec drawing. the value listed is for reference only. ? this dimension is a non-jedec dimension. drawings not to scale. supertex doc.#: dspd-3to92n3, version d080408. seating plane 1 2 3 front v iew side v iew bottom v iew e1 e d e1 l e c 1 2 3 b a


▲Up To Search▲   

 
Price & Availability of TN2106N3-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X