Part Number Hot Search : 
RF1304 PC3500 ST72324 87FE52AE STI5107 SML60H20 XC2765X LM321
Product Description
Full Text Search
 

To Download T1G6001032-SM-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 1 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com applications ? military radar ? civilian radar ? professional and military radio communications ? test instrumentation ? wideband or narrowband amplifiers ? jammers ordering information part eccn description t1g6001032-sm ear99 packaged part surface mount t1g6001032-sm- evb1 ear99 2.7-3.1 ghz evaluation board functional block diagram pin configuration pin no. label 18, 19, 20, 21, 22, 23 v d / rf out 2, 3, 4, 5, 6, 7 v g / rf in 33 source 1, 8, 9, 10, 11, 12, 13, 14, 15, 16, 17, 24, 25, 26, 27, 28, 29, 30, 31, 32 not connected general description the triquint t1g6001032-sm is a 10 w (p 3db ) discrete gan on sic hemt which operates from dc to 6 ghz. the device is constructed with triquint?s proven tqgan25 process , which features advanced field plate techniques to optimize power and efficiency at high drain bias op erating conditions. this optimization can potentially lower system costs in terms of fewer am plifier line-ups and lower thermal management costs. lead-free and rohs compliant evaluation boards are available upon request. product features ? frequency: dc to 6 ghz ? output power (p 3db ): 10 w peak at 3.1 ghz ? linear gain: >17 db at 3.1 ghz ? operating voltage: 32 v ? low thermal resistance package
t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 2 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com rf characterization ? load pull performance at 6.0 ghz (1) test conditions unless otherwise noted: t a = 25 c, v d = 32 v, i dq = 50 ma symbol parameter min typical max units g lin linear gain 15.2 db p 3db output power at 3 db gain compression 10.8 w de 3db drain efficiency at 3 db gain compression 69.7 % pae 3db power-added efficiency at 3 db gain compression 66.1 % g 3db gain at 3 db compression 12.2 db notes: 1. v ds = 32 v, i dq = 50 ma; pulse: 100s, 20% absolute maximum ratings parameter value breakdown voltage (bv dg ) 100 v gate voltage range (v g ) -7 to 0 v drain current (i d ) 1.2 a gate current (i g ) -2.5 to 4.2 ma power dissipation (p d ) 16 w rf input power, cw, t = 25c (p in ) 34 dbm channel temperature (t ch ) 275 c mounting temperature (30 seconds) 320 c storage temperature -40 to 150 c operation of this device outside the parameter rang es given above may cause permanent damage. these are stress ratings only, and functional operation of th e device at these conditions is not implied. recommended operating conditions parameter value drain voltage (v d ) 32 v (typ.) drain quiescent current (i dq ) 50 ma (typ.) peak drain current ( i d ) 125 ma (typ.) gate voltage (v g ) -2.9 v (typ.) channel temperature (t ch ) 225 c (max) power dissipation, cw (p d ) 11.8 w (max) power dissipation, pulse (p d ) 12.5 w (max) electrical specifications are measured at specified test conditions. specifications are not guaranteed over all recommen ded operating conditions. rf characterization ? load pull performance at 3.0 ghz (1) test conditions unless otherwise noted: t a = 25 c, v d = 32 v, i dq = 50 ma symbol parameter min typical max units g lin linear gain 19.0 db p 3db output power at 3 db gain compression 10.4 w de 3db drain efficiency at 3 db gain compression 61.7 % pae 3db power-added efficiency at 3 db gain compression 60.1 % g 3db gain at 3 db compression 16.0 db notes: 1. v ds = 32 v, i dq = 50 ma; pulse: 100s, 20%
t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 3 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com rf characterization ? narrow band performance at 3. 50 ghz (1) test conditions unless otherwise noted: t a = 25 c, v d = 32 v, i dq = 50 ma symbol parameter typical vswr impedance mismatch ruggedness 10:1 notes: 1. v ds = 32 v, i dq = 50 ma, cw at p 1db rf characterization ? performance at 3.0 ghz (1, 2) test conditions unless otherwise noted: t a = 25 c, v d = 32 v, i dq = 50 ma symbol parameter min typical max units g lin linear gain 17.0 19.0 db p 3db output power at 3 db gain compression 9.0 10.0 w de 3db drain efficiency at 3 db gain compression 51.0 55.0 % pae 3db power-added efficiency at 3 db gain compression 50.0 54.0 % g 3db gain at 3 db compression 14.0 16.0 db notes: 1. performance at 3.0 ghz in the 2.7 to 3.1 ghz eva luation board 2. v ds = 32 v, i dq = 50 ma; pulse: 100s, 20%
t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 4 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com thermal and reliability information parameter test conditions value units thermal resistance ( jc ) dc at 85 c case 11.8 oc/w channel temperature (t ch ) 225 c notes: thermal resistance measured to bottom of package, c w. median lifetime maximum channel temperature t base = 85c, p d = 12.5 w
t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 5 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com load pull smith charts (1, 2) rf performance that the device typically exhibits w hen placed in the specified impedance environment. the impedances are not the impedances of the device, they are the impedanc es presented to the device via an rf circuit or loa d- pull system. the impedances listed follow an optimized trajectory to maintain high power and high efficiency. notes: 1. test conditions: v ds = 32 v, i dq = 50 ma 2. test signal: pulse width = 100 sec, duty cycle = 20% 3. load pull at 1 ghz and 2 ghz are available on re quest
t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 6 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com typical performance performance is based on compromised impedance point and measured at dut reference plane. 29 30 31 32 33 34 35 36 37 38 39 40 41 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 pout [dbm] gain [db] dreff. & pae [%] t1g6001032-sm gain dreff. and pae vs. pout 1000mhz, 100 us 20%, vds = 32v, idq = 50 ma gain dreff. pae z s = 14.40 + j24.68 z l = 47.75 + j23.10 29 30 31 32 33 34 35 36 37 38 39 40 41 16 17 18 19 20 21 22 23 24 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 pout [dbm] gain [db] dreff. & pae [%] t1g6001032-sm gain dreff. and pae vs. pout 2000mhz, 100 us 20%, vds = 32v, idq = 50 ma gain dreff. pae z s = 4.55 + j8.13 z l = 28.19 + j16.74 29 30 31 32 33 34 35 36 37 38 39 40 41 12 13 14 15 16 17 18 19 20 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 pout [dbm] gain [db] dreff. & pae [%] t1g6001032-sm gain dreff. and pae vs. pout 3000mhz, 100 us 20%, vds = 32v, idq = 50 ma gain dreff. pae z s = 3.20 - j0.93 z l = 21.88 + j14.97 29 30 31 32 33 34 35 36 37 38 39 40 41 11 12 13 14 15 16 17 18 19 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 pout [dbm] gain [db] dreff. & pae [%] t1g6001032-sm gain dreff. and pae vs. pout 4000mhz, 100 us 20%, vds = 32v, idq = 50 ma gain dreff. pae z s = 3.66 - j7.68 z l = 14.36 + j4.96 29 30 31 32 33 34 35 36 37 38 39 40 41 9 10 11 12 13 14 15 16 17 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 pout [dbm] gain [db] dreff. & pae [%] t1g6001032-sm gain dreff. and pae vs. pout 5000mhz, 100 us 20%, vds = 32v, idq = 50 ma gain dreff. pae z s = 4.03 - j11.99 z l = 13.29 + j2.56 29 30 31 32 33 34 35 36 37 38 39 40 41 8 9 10 11 12 13 14 15 16 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 29 30 31 32 33 34 35 36 37 38 39 40 41 0 10 20 30 40 50 60 70 80 pout [dbm] gain [db] dreff. & pae [%] t1g6001032-sm gain dreff. and pae vs. pout 6000mhz, 100 us 20%, vds = 32v, idq = 50 ma gain dreff. pae z s = 5.33 - j23.06 z l = 8.17 - j8.90
t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 7 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com performance over temperature (1, 2) performance measured in triquint?s 2.7 ghz to 3.1 g hz evaluation board at 3 db compression. notes: 1. test conditions: v ds = 32 v, i dq = 50 ma 2. test signal: pulse width = 100 s, duty cycle = 20%
t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 8 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com application circuit bias-up procedure set gate voltage (v g ) to -5.0v set drain voltage (v d ) to 32 v slowly increase v g until quiescent i d is 50 ma. apply rf signal bias-down procedure turn off rf signal turn off v d and wait 1 second to allow drain capacitor dissipation turn off v g evaluation board performance (1, 2) performance at 3 db compression notes: 1. test conditions: v ds = 32 v, i dq = 50 ma 2. test signal: pulse width = 100 s, duty cycle = 20 %
t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 9 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com evaluation board layout top rf layer is 0.020? thick rogers ro4350b, ? r = 3.48. the pad pattern shown has been developed a nd tested for optimized assembly at triquint semiconductor. the pcb land pa ttern has been developed to accommodate lead and pa ckage tolerances. bill of materials reference design value qty manufacturer part number c1, c2 27 pf 2 atc atc600s270fw250xt c3 22 uf 1 sprague t4910d c4 2400 pf 1 murata c08bl242x-5un-x0t c5 1 uf 1 allied 18121c105kat2a c6 100 pf 1 atc atc100b101fw1500xt r1 12 ohms 1 vishay/dale crcw120612r1fkta r2 1000 ohms 1 vishay/dale crcw12061k00fkta j1 connector 1 te connectivity 3-641216-6
t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 10 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com pin description pin symbol description 18, 19, 20, 21, 22, 23 v d / rf out drain voltage / rf output matched to 50 ohms; see e vb layout on page 9 as an example. 2, 3, 4, 5, 6, 7 v g / rf in gate voltage / rf input matched to 50 ohms; see evb layout on page 9 as an example. 33 flange source connected to ground; see evb layout on page 9 as an example. notes: thermal resistance measured to bottom of package pin layout note: the t1g6001032-sm will be marked with the ?1032? de signator and a lot code marked below the part desig nator. the ?yy? represents the last two digits of the calendar year the part was manufactured, the ?ww? is the work we ek of the assembly lot start, the ?mxxx? is the production lot number, and the ?zzz? is an auto-generated serial number.
t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 11 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com mechanical information all dimensions are in millimeters. note: this package is lead-free/rohs-compliant. the plati ng material on the leads is niau. it is compatible with both lead-free (maximum 260 c reflow temperature) and tin-lead (m aximum 245c reflow temperature) soldering processe s.
datasheet: rev a 05-24-13 ? 2013 triquint product compliance information esd sensitivity ratings caution! esd- sensitive device esd rating: tbd value: tbd test: human body model (hbm) standard: jedec standard jesd22- a114 msl rating level 3 at +260 c convection reflow the part is rated moisture sensitivity level 3 at 2 60c per jedec standard ipc/jedec j-std-020. eccn us department of commerce ear99 recommended soldering temperature profile t1g6001032 10w, 32v, dc ? 6 ghz, gan rf power transistor - 12 of 13 - disclaimer: subject to change without notice product compliance information sensitive device a114 solderability compatible with the latest version of j free solder, 260 c rohs compliance this part is compliant with eu 2002/95/ec rohs directive (restrictions on the use of certain hazar dous substances in electrical and electronic equipment). this product also has the following attributes: ? lead free ? halogen free (chlorine, brom ? antimony free ? tbbp-a (c 15 h 12 br 4 0 2 ) free ? pfos free ? svhc free the part is rated moisture sensitivity level 3 at 2 60c per recommended soldering temperature profile t1g6001032 -sm 6 ghz, gan rf power transistor disclaimer: subject to change without notice www.triquint.com compatible with the latest version of j -std- 020, lead compliant with eu 2002/95/ec rohs directive (restrictions on the use of certain hazar dous substances in electrical and electronic equipment). this product also has the following attributes: halogen free (chlorine, brom ine) ) free
t1g6001032-sm 10w, 32v, dc ? 6 ghz, gan rf power transistor datasheet: rev a 05-24-13 - 13 of 13 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com contact information for the latest specifications, additional product i nformation, worldwide sales and distribution locati ons, and information about triquint: web: www.triquint.com tel: +1.972.994.8465 email: info-sales@triquint.com fax: +1.972.994.8504 for technical questions and application information : email: info-products@triquint.com important notice the information contained herein is believed to be reliable. triquint makes no warranties regarding the informat ion contained herein. triquint assumes no responsibility or liability wha tsoever for any of the information contained herein. triquint assumes no responsibility or liab ility whatsoever for the use of the information con tained herein. the information contained herein is provid ed "as is, where is" and with all faults, and the e ntire risk associated with such information is entirely with the user. all information contained herein is subject to chan ge without notice. customers should obtain and verify the latest relev ant informa tion before placing orders for triquint products. the information contained herein or any use of such inf ormation does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether with r egard to such information itself or anything described by such information. triquint products are not warranted or authorized f or use as critical components in medical, life-savi ng, or life- sustaining applications, or other applications wher e a failure w ould reasonably be expected to cause severe persona l injury or death.


▲Up To Search▲   

 
Price & Availability of T1G6001032-SM-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X