|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
this is information on a product in full production. for further information contact your local stmicroelectronics sales office. september 2013 doc id 14095 rev 4 1/14 1 STA8058 teseo? high performance gps multichip module (mcm) data brief ? production data features gps multichip module: ? sta2058 teseo baseband ? sta5620 rf front-end complete embedded memory system: ? flash 256 kb + 16 kbytes ? ram 64 kbytes. 66-mhz arm7tdmi 32 bit processor high performance gps engine (hpgps) sbas (waas and egnos) supported sensitivity (-146 dbm acquisition, -159 dbm tracking) time to first fix (1 s reacquisition, 2.5 s hot start, 34 s warm start, 39 s cold start) accuracy (2 m autonomous) extensive gps receiver interfaces: 32 gpios, 4 uarts, 2 spis, 2 i2cs, 1 can 2.0, 1 usb 1.1, 1 hdlc and 4 channels adc compatible with l1 signal (c/a code) st proprietary technology ? cmos flash embebbed technology for sta2058 ? bicmos sige technology for sta5620 lfbga104 lead-free package -40 c to 85 c operating temperature range evaluation kits: ? STA8058 module reference designs (17x19 mm and 25x25 mm) ? evaluation board hosting STA8058 module description STA8058 teseo mcm is a fully embedded gps engine integrating sta2058 teseo baseband. and sta5620 rf front-end. the embedded flash memory enables the equipment manufacturer to load the entire gps software (including tracking, acquisition, navigation and data output) after customising its interfaces to his needs. a standard gps library is available from st. by combining the arm7tdmi microcontroller core with on-chip flash/ram, 16-channel gps correlator dsp, rf front-end and an extensive range of interfaces on single package solution, the STA8058 provides a highly-flexible and cost- effective solution for gps applications. lfbga104 (7x11x1.4 mm) table 1. device summary order code package packing automotive grade can STA8058 lfbga104 (7 x 11 x 1.4 mm) tray no no STA8058tr lfbga104 (7 x 11 x 1.4 mm) tape and reel no no STA8058a lfbga104 (7 x 11 x 1.4 mm) tray yes yes STA8058atr lfbga104 (7 x 11 x 1.4 mm) tape and reel yes yes www.st.com
contents STA8058 2/14 doc id 14095 rev 4 contents 1 features summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.1 logic symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2.2 system block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 2.3 lfbga104 ball out . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 2.4 power supply pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 3 electrical characteristi cs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 4 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 STA8058 features summary doc id 14095 rev 4 3/14 1 features summary arm7tdmi 16/32 bit risc cpu based host mi crocontroller running at a frequency up to 66 mhz. complete embedded memory system: ? flash 256 kbytes + 16 kbytes (100 kb erasing/programming cycles) ? ram 64 kbytes. 16 channel high performance gps correlation dsp. st propietary technology: ? cmos flash embedded technology for baseband ? bicmos sige for radio front-end sbas (waas and egnos) supported. -40 c to 85 c operating temperature range. 104-pin lfbga104 package. power supply: ? 3.0 v to 3.6 v operating supply range for input/output periphery ? 3.0 v to 3.6 v operating supply range for a/d converter reference ? 1.8 v operating supply range for core supply provided by internal voltage regulator with external stabilization capacitor or by external supply voltage ? 2.4 v to 3 v operating supply range for rf front-end section reset and clock control unit able to provide low power modes (wait, slow, stop, standby) and to generate the internal clock from the external reference through integrated pll. 32 programmable general purpose i/o, each pin programmable independently as digital input or digital output; 30 are multiplexed with peripheral functions; 16 can generate an interrupt on input level/transition. real time clock module with 32 khz low powe r oscillator and separate power supply to continue running during stand-by mode. 16-bit watchdog timer with 8 bits presca ler for system reliability and integrity. one can module compliant with the can specific ation v2.0 part b (active) and bit rate can be programmed up to 1 mbaud. four 16-bit programmable timers with 7 bit prescaler, up to two input capture/output compare, one pulse counter function, one pwm channel with selectable frequency each. 4 channels 12-bit sigma-delta analog to digital converter, single channel or multi channel conversion modes, single-shot or continuous conversion modes, sample rate 1 khz, conversion range 0-2.5v . three serial communication interfaces (uart) allow full duplex, asynchronous, communications with external devices, independently programmable tx and rx baud rates up to 625k baud. one uart adapted to suit smart card interface needs, for asynchronous sc as defined by iso 7816-3. it includes sc clock generation. two serial peripheral interfaces (spi) allow full duplex, synchronous communications with external devices, master or slave operation, max baud rate of 5.5mb/s. one spi may be used as multimedia card interface. features summary STA8058 4/14 doc id 14095 rev 4 tw o i 2 c interfaces provide multi-master and slave functions, support normal and fast i 2 c mode (400 khz), 7/10 bit addressing modes. one i 2 c interface is multiplexed with one spi, so either 2 x spi + 1 x i 2 c or 1 x spi + 2 x i 2 c may be used at a time. enhanced interrupt controller supports 32 interrupt vectors, independently maskable, with interrupt vector table for faster response and 16 priority levels, software programmable for each source. up to 2 maskable interrupts may be mapped on fiq. wake-up unit allows exiting from powerdown modes by detection of an event on two external pins (one is active high and other is active low) or on internal real time clock alarm. usb unit v1.1 compliant, software configurable endpoint setting, usb suspend/resume support high level data link controller (hdlc) unit supports full duplex operating mode, nrz, nrzi, fm0 and manchester modes, and internal 8-bit baud rate generator. rf front-end features: ? low if (4 mhz) architecture ? compatible with gps l1 signal ? vga gain internally regulated ? on chip programmable pll ? spi interface STA8058 pin description doc id 14095 rev 4 5/14 2 pin description 2.1 logic symbol figure 1. STA8058 teseo mcm symbol avss ck spi (di,do,cs, clk) jtdi jtdo jtck jtms rstinn jtrstn rf_in booten v18bkp v18 [2] v33 [7] v27 [8] xtal (in,out,clk) avdd power clock & reset jtag port teseo gpsclk gpsdat pads vss [10] vssrf [11] rf pads sign gps_clk enable (chip,rf) mode if_test agc_cntr p0.[15:0] p1.[15:0] rtcxti rtcxto usbdp usbdn wakeup generai purpose i/o rtc usb pads & wkup pads nstdby_i mcm pin description STA8058 6/14 doc id 14095 rev 4 2.2 system block diagram figure 2. STA8058 teseo baseband block diagram $ 0 $ 0 ! & $ 0 ! & ) / ! & $ 0 ! & ! & ! & ! & $ 0 ! & ! & ! & $ 0 ! & ! & ! & ! & ! & $ 0 ! & ! 2 - 4 $ - ) # 0 5 + & |