Part Number Hot Search : 
TSOP2 D30XB M69030 B10100 SC1162 LN222RPX DT72V C4400
Product Description
Full Text Search
 

To Download SSH66XU12N100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www .cynergy3.com ? 2011 cynergy3 components, all rights reserved. specifications are subject to change without prior notice. cynergy3 components and the cynergy3 components logo are trademarks of cynergy3 components limited. i s o 9 0 0 1 c e r t i f i e d ssh66xu series cynergy3 components ltd. 7 cobham road ferndown industrial estate wimborne, dorset bh21 7pe t elephone +44 (0) 1202 897969 email:sales@cynergy3.com the ssh66xu series are horizontal float switches, which offer the choice of internal or external fixing 1/2?npt threads. the float is manufactured from high grade 316 stainless steel and the stem is manufactured from 304 stainless steel. the switch action may be reversed by mounting the device with the float able to move upwards away from the body , instead of the more normal downwards direction. mechanical dimensions operating temperature to 120c custom versions can be made for particular applications. please contact cynergy3 with your requirements. rsf40 compact internal tting side mounting oatswitch internal or external mount stainless steel sus304/316 n/o or n/c switching action t echnical specification mounting style internal/external cable length - standard 100cm mounting thread 1/2?npt cable size 17/0.10 - a wg22 float & stem material 316/304grade ss cable conductor material t inned copper maximum t emperature 120 c cable sheath material xlpe maximum pressure 10 bar cable temperature rating 125 c float sg 0.7 sealing gasket not applicable minimum fluid sg 0.75 t ightening torque for fixing nut 2.0kg/cm electrical specificationcontact form n/o (n/c) switching power max v a 50 switching v oltage ac max v 300 switching v oltage dc max v 300 switching current max a 0.5 breakdown v oltage min dc 600 all ratings are for resistive load only . standard parts material max power leadouts gasket SSH66XU12N100 316/304 ss 50v a 100cm xlpe n/a o n 1 5 o 1 / 2 " n p t h e x 2 2 l e a d w i r e 1 m 1 4 0 9 4 4 7 ? 1 7 1 6 1 6 1 4 compact switch for internal or external mounting via 1/2?npt thread. 8


▲Up To Search▲   

 
Price & Availability of SSH66XU12N100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X