Part Number Hot Search : 
D1110 2N2904 32090C3 C2510 G2011 5KE43 TLP3062S 40000
Product Description
Full Text Search
 

To Download SMBJP6KE20CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features v br minimum low inductance mechanical data terminals: solderable per mil-std-750, method 2026 polarity: color band denotes positive end (cathode) except bidirectional maximum soldering temperature: 260 o c for 10 seconds maximum ratings @ 25 o c unless otherwise specified peak pulse current on 10/1000us waveform i pp see table 1 note: 2 peak pulse power dissipation p pp 600w note: 2, operation and storage temperature range t j , t stg -55 o c to +175 o c notes: 2. non-repetitive current pulse, per fig.3 and derated above t a =25 o c per fig.2. smbjp6ke6.8(c)a thru smbjp6ke550(c)a transient voltage suppressor 6.8 to 550 volts 600 watt excellent clamping capability do-214aa (smbj) (lead frame) 0.050? 0.106" 0.082? suggested solder pad layout  
 omp onents 20736 marilla street chatsworth       
     mcc dimensions inches mm dim min max min max note a .160 .185 4.06 4.70 b .130 .155 3.30 3.94 c .006 .012 0.15 0.31 d. .030 .060 0.76 1 .. 52 e .200 .220 5.08 5.59 f .079 .096 2.00 2.44 g .075 .087 1.91 2.21 h .002 .008 0.05 0.203 a b d c e f g h ul recognized file # e331408 tm micro commercial components www. mccsemi .com 1 of 5 revision: e 2013/07/18 1. high temperature solder exemptions applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 for surface mount applicationsin in order to optimize board space lead free finish/rohs compliant (note1) ("p"suffix designates fast response time: typical less than 1.0ps from 0 volts to compliant. see ordering information) available in both unidirectional and bidirectional construction and suffix"c" designates bidirectional type halogen free available upon request by adding suffix "-hf" thermal resistance rthjc 25 c/w rthjl 20 c/w o o
electrical characteristics @25 c mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code (volts) min max i t (ma) (volts) (amps) ( a) smbjp6ke6.8a 5.80 6.45 7.14 10 10.5 58.1 1000 6v8a smbjp6ke7.5a 6.40 7.13 7.88 10 11.3 54.0 500 7v5a smbjp6ke8.2a 7.02 7.79 8.61 10 12.1 50.4 200 8v2a smbjp6ke9.1a 7.78 8.65 9.55 1 13.4 45.5 50 9v1a smbjp6ke10a 8.55 9.50 10.50 1 14.5 42.1 10 10a smbjp6ke11a 9.40 10.50 11.60 1 15.6 39.1 5 11a smbjp6ke12a 10.20 11.40 12.60 1 16.7 36.5 5 12a smbjp6ke13a 11.10 12.40 13.70 1 18.2 33.5 1 13a smbjp6ke15a 12.80 14.30 15.80 1 21.2 28.8 1 15a smbjp6ke16a 13.60 15.20 16.80 1 22.5 27.1 1 16a smbjp6ke18a 15.30 17.10 18.90 1 25.5 24.2 1 18a smbjp6ke20a 17.10 19.00 21.00 1 27.7 22.0 1 20a smbjp6ke22a 18.80 20.90 23.10 1 30.6 19.9 1 22a smbjp6ke24a 20.50 22.80 25.20 1 33.2 18.4 1 24a smbjp6ke27a 23.10 25.70 28.40 1 37.5 16.3 1 27a smbjp6ke30a 25.60 28.50 31.50 1 41.4 14.7 1 30a smbjp6ke33a 28.20 31.40 34.70 1 45.7 13.3 1 33a smbjp6ke36a 30.80 34.20 37.80 1 49.9 12.2 1 36a smbjp6ke39a 33.30 37.10 41.00 1 53.9 11.3 1 39a smbjp6ke43a 36.80 40.90 45.20 1 59.3 10.3 1 43a smbjp6ke47a 40.20 44.70 49.40 1 64.8 9.4 1 47a smbjp6ke51a 43.60 48.50 53.60 1 70.1 8.7 1 51a smbjp6ke56a 47.80 53.20 58.80 1 77.0 7.9 1 56a smbjp6ke62a 53.00 58.90 65.10 1 85.0 7.2 1 62a smbjp6ke68a 58.10 64.60 71.40 1 92.0 6.6 1 68a smbjp6ke75a 64.10 71.30 78.80 1 103.0 5.9 1 75a smbjp6ke82a 70.10 77.90 86.10 1 113.0 5.4 1 82a smbjp6ke91a 77.80 86.50 95.50 1 125.0 4.9 1 91a smbjp6ke100a 85.50 95.00 105.00 1 137.0 4.5 1 100a smbjp6ke110a 94.00 105.00 116.00 1 152.0 4.0 1 110a smbjp6ke120a 102.00 114.00 126.00 1 165.0 3.7 1 120a smbjp6ke130a 111.00 124.00 137.00 1 179.0 3.4 1 130a smbjp6ke150a 128.00 143.00 158.00 1 207.0 2.9 1 150a smbjp6ke160a 136.00 152.00 168.00 1 219.0 2.8 1 160a smbjp6ke170a 145.00 162.00 179.00 1 234.0 2.6 1 170a smbjp6ke180a 154.00 171.00 189.00 1 246.0 2.5 1 180a smbjp6ke200a 171.00 190.00 210.00 1 274.0 2.2 1 200a smbjp6ke220a 185.00 209.00 231.00 1 328.0 1.9 1 220a smbjp6ke250a 214.00 237.00 263.00 1 344.0 1.9 1 250a smbjp6ke300a 256.00 285.00 315.00 1 414.0 1.5 1 300a smbjp6ke350a 300.00 332.00 368.00 1 482.0 1.3 1 350a smbjp6ke400a 342.00 380.00 420.00 1 548.0 1.1 1 400a smbjp6ke440a 376.00 418.00 462.00 1 602.0 1.0 1 440a smbjp6ke480a 408.00 456.00 504.00 1 658.0 0.9 1 480a smbjp6ke510a 434.00 485.00 535.00 1 698.0 0.9 1 510a smbjp6ke530a 477.00 503.50 556.50 1 725.0 0.8 1 530a smbjp6ke540a 459.00 513.00 567.00 1 740.0 0.8 1 540a smbjp6ke550a 495.00 522.50 577.50 1 760.0 0.8 1 550a smbjp6ke6.8(c)a thru smbjp6ke550(c)a mc c for bi-directional type having v rwm of 10 volts and less, the i r limit is double. the available parts are ?a? type only, the parts without a (v br is  10%) is not available. tm micro commercial components www. mccsemi .com 2 of 5 revision: e 2013/07/18
electrical characteristics @25 c mcc part number reverse stand-off voltage v wm breakdown voltage v (br) @ i t (volts) maximum clamping voltage @ i pp peak pulse current i pp maximum reverse leakage @v wm i d marking code (volts) min max i t (ma) (volts) (amps) ( a) smbjp6ke6.8ca 5.80 6.45 7.14 10 10.5 58.1 1000 6v8c smbjp6ke7.5ca 6.40 7.13 7.88 10 11.3 54.0 500 7v5c smbjp6ke8.2ca 7.02 7.79 8.61 10 12.1 50.4 200 8v2c smbjp6ke9.1ca 7.78 8.65 9.55 1 13.4 45.5 50 9v1c smbjp6ke10ca 8.55 9.50 10.50 1 14.5 42.1 10 10c smbjp6ke11ca 9.40 10.50 11.60 1 15.6 39.1 5 11c smbjp6ke12ca 10.20 11.40 12.60 1 16.7 36.5 5 12c smbjp6ke13ca 11.10 12.40 13.70 1 18.2 33.5 5 13c smbjp6ke15ca 12.80 14.30 15.80 1 21.2 28.8 5 15c smbjp6ke16ca 13.60 15.20 16.80 1 22.5 27.1 5 16c smbjp6ke18ca 15.30 17.10 18.90 1 25.5 24.2 5 18c SMBJP6KE20CA 17.10 19.00 21.00 1 27.7 22.0 5 20c smbjp6ke22ca 18.80 20.90 23.10 1 30.6 19.9 5 22c smbjp6ke24ca 20.50 22.80 25.20 1 33.2 18.4 5 24c smbjp6ke27ca 23.10 25.70 28.40 1 37.5 16.3 5 27c smbjp6ke30ca 25.60 28.50 31.50 1 41.4 14.7 5 30c smbjp6ke33ca 28.20 31.40 34.70 1 45.7 13.3 5 33c smbjp6ke36ca 30.80 34.20 37.80 1 49.9 12.2 5 36c smbjp6ke39ca 33.30 37.10 41.00 1 53.9 11.3 5 39c smbjp6ke43ca 36.80 40.90 45.20 1 59.3 10.3 5 43c smbjp6ke47ca 40.20 44.70 49.40 1 64.8 9.4 5 47c smbjp6ke51ca 43.60 48.50 53.60 1 70.1 8.7 5 51c smbjp6ke56ca 47.80 53.20 58.80 1 77.0 7.9 5 56c smbjp6ke62ca 53.00 58.90 65.10 1 85.0 7.2 5 62c smbjp6ke68ca 58.10 64.60 71.40 1 92.0 6.6 5 68c smbjp6ke75ca 64.10 71.30 78.80 1 103.0 5.9 5 75c smbjp6ke82ca 70.10 77.90 86.10 1 113.0 5.4 5 82c smbjp6ke91ca 77.80 86.50 95.50 1 125.0 4.9 5 91c smbjp6ke100ca 85.50 95.00 105.00 1 137.0 4.5 5 100c smbjp6ke110ca 94.00 105.00 116.00 1 152.0 4.0 5 110c smbjp6ke120ca 102.00 114.00 126.00 1 165.0 3.7 5 120c smbjp6ke130ca 111.00 124.00 137.00 1 179.0 3.4 5 130c smbjp6ke150ca 128.00 143.00 158.00 1 207.0 2.9 5 150c smbjp6ke160ca 136.00 152.00 168.00 1 219.0 2.8 5 160c smbjp6ke170ca 145.00 162.00 179.00 1 234.0 2.6 5 170c smbjp6ke180ca 154.00 171.00 189.00 1 246.0 2.5 5 180c smbjp6ke200ca 171.00 190.00 210.00 1 274.0 2.2 5 200c smbjp6ke220ca 185.00 209.00 231.00 1 328.0 1.9 5 220c smbjp6ke250ca 214.00 237.00 263.00 1 344.0 1.9 5 250c smbjp6ke300ca 256.00 285.00 315.00 1 414.0 1.5 5 300c smbjp6ke350ca 300.00 332.00 368.00 1 482.0 1.3 5 350c smbjp6ke400ca 342.00 380.00 420.00 1 548.0 1.1 5 400c smbjp6ke440ca 376.00 418.00 462.00 1 602.0 1.0 5 440c smbjp6ke480ca 408.00 456.00 504.00 1 658.0 0.9 5 480c smbjp6ke510ca 434.00 485.00 535.00 1 698.0 0.9 5 510c smbjp6ke530ca 477.00 503.50 556.50 1 725.0 0.8 5 530c smbjp6ke540ca 459.00 513.00 567.00 1 740.0 0.8 5 540c smbjp6ke550ca 495.00 522.50 577.50 1 760.0 0.8 5 550c smbjp6ke6.8(c )a thru smbjp6ke550(c)a mc c for bi-directional type having v rwm of 10 volts and less, the i r limit is double. the available parts are ?a? type only, the parts without a (v br is  10%) is not available. tm micro commercial components www. mccsemi .com 3 of 5 revision: e 2013/07/18
smbjp6ke6.8(c )a thru smbjp6ke550(c)a mc c tm micro commercial components ratings and characteristic curves www. mccsemi .com 4 of 5 revision: e 2013/07/18 100 75 50 25 0 0 25 50 75 100 125 150 175 200 t a , a mbient temperature , fig. 2-pulse rating curve peak pulse power(ppp) or current(ipp) derating in percentage % ?
mcc tm micro commercial components www. mccsemi .com 5 of 5 revision: e 2013/07/18 3 device packing part number-tp tape&reel: 3kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf


▲Up To Search▲   

 
Price & Availability of SMBJP6KE20CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X