Part Number Hot Search : 
TOR009 XFTPR UM7010 BCM207 MBRF50 B270010 BP11KE LC6543F
Product Description
Full Text Search
 

To Download SMBJ5335B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smbj5333b - smbj5388b surface mount silicon zener diodes v z : 3.3 - 200 volts p d : 5 watts features : * complete voltage range 3.3 to 200 volts * high peak reverse power dissipation * high reliability * low leakage current * pb / rohs free mechanical dat a * case : smb (do-214aa) molded plastic * epoxy : ul94v-o rate flame retardant * lead : lead formed for surface mount * polarity : color band denotes cathode end * mounting position : any * weight : 0.093 gram maximum ratings rating at 25 c ambient temperature unless otherwise specified rating symbol value unit power dissipation at t l = 25 c p d 5w maximum forward voltage at i f = 1.0 a v f 1.2 v thermal resistance, junction to ambient (note 1) r ? ja 90 c/w thermal resistance, junction to lead (note 1) r ? jl 25 c/w operating and storage temperature range t j , t stg - 65 to + 150 c note : (1) when mounted on fr4 pc board (1 oz cu) with recommended footprint. 0.22 0.07 2.0 0.1 5.4 0.15 2.3 0.2 4.8 0.15 3.6 0.15 smb (do-214aa) 1.1 0.3 dimensions in millimeter product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics (rating at 25 c ambient temperature unless otherwise specified) regulator maximum zener maximum reverse maximum maximum maximum type voltage impedance leakage current zener current surge current voltage v z @ i zt i zt z zt @ i zt z z k @ i z k i z k i r @ v r i zm i zsm regulator (v) (ma) ( ? )( ? ) (ma) ( a) (v) (ma) (a) ? v z smbj5333b 3.3 380 3.0 400 1.0 300 1.0 1440 20.0 0.85 smbj5334b 3.6 350 2.5 500 1.0 150 1.0 1320 18.7 0.80 SMBJ5335B 3.9 320 2.0 500 1.0 50 1.0 1220 17.6 0.54 smbj5336b 4.3 290 2.0 500 1.0 10 1.0 1100 16.4 0.49 smbj5337b 4.7 260 2.0 450 1.0 5.0 1.0 1010 15.3 0.44 smbj5338b 5.1 240 1.5 400 1.0 1.0 1.0 930 14.4 0.39 smbj5339b 5.6 220 1.0 400 1.0 1.0 2.0 856 13.4 0.25 smbj5340b 6.0 200 1.0 300 1.0 1.0 3.0 790 12.7 0.19 smbj5341b 6.2 200 1.0 200 1.0 1.0 3.0 765 12.4 0.10 smbj5342b 6.8 175 1.0 200 1.0 10 5.2 700 11.5 0.15 smbj5343b 7.5 175 1.5 200 1.0 10 5.7 630 10.7 0.15 smbj5344b 8.2 150 1.5 200 1.0 10 6.2 580 10.0 0.20 smbj5345b 8.7 150 2.0 200 1.0 10 6.6 545 9.5 0.20 smbj5346b 9.1 150 2.0 150 1.0 7.5 6.9 520 9.2 0.22 smbj5347b 10 125 2.0 125 1.0 5.0 7.6 475 8.6 0.22 smbj5348b 11 125 2.5 125 1.0 5.0 8.4 430 8.0 0.25 smbj5349b 12 100 2.5 125 1.0 2.0 9.1 395 7.5 0.25 smbj5350b 13 100 2.5 100 1.0 1.0 9.9 365 7.0 0.25 smbj5351b 14 100 2.5 75 1.0 1.0 10.6 340 6.7 0.25 smbj5352b 15 75 2.5 75 1.0 1.0 11.5 315 6.3 0.25 smbj5353b 16 75 2.5 75 1.0 1.0 12.2 295 6.0 0.30 smbj5354b 17 70 2.5 75 1.0 0.5 12.9 280 5.8 0.35 smbj5355b 18 65 2.5 75 1.0 0.5 13.7 265 5.5 0.40 smbj5356b 19 65 3.0 75 1.0 0.5 14.4 250 5.3 0.40 smbj5357b 20 65 3.0 75 1.0 0.5 15.2 237 5.1 0.40 smbj5358b 22 50 3.5 75 1.0 0.5 16.7 216 4.7 0.45 smbj5359b 24 50 3.5 100 1.0 0.5 18.2 198 4.4 0.55 smbj5360b 25 50 4.0 110 1.0 0.5 19.0 190 4.3 0.55 smbj5361b 27 50 5.0 120 1.0 0.5 20.6 176 4.1 0.60 smbj5362b 28 50 6.0 130 1.0 0.5 21.2 170 3.9 0.60 smbj5363b 30 40 8.0 140 1.0 0.5 22.8 158 3.7 0.60 smbj5364b 33 40 10 150 1.0 0.5 25.1 144 3.5 0.60 smbj5365b 36 30 11 160 1.0 0.5 27.4 132 3.3 0.65 smbj5366b 39 30 14 170 1.0 0.5 29.7 122 3.1 0.65 smbj5367b 43 30 20 190 1.0 0.5 32.7 110 2.8 0.70 smbj5368b 47 25 25 210 1.0 0.5 35.8 100 2.7 0.80 smbj5369b 51 25 27 230 1.0 0.5 38.8 93.0 2.5 0.90 smbj5370b 56 20 35 280 1.0 0.5 42.6 86.0 2.3 1.00 smbj5371b 60 20 40 350 1.0 0.5 45.5 79.0 2.2 1.20 smbj5372b 62 20 42 400 1.0 0.5 47.1 76.0 2.1 1.35 smbj5373b 68 20 44 500 1.0 0.5 51.7 70.0 2.0 1.50 smbj5374b 75 20 45 620 1.0 0.5 56.0 63.0 1.9 1.60 smbj5375b 82 15 65 720 1.0 0.5 62.2 58.0 1.8 1.80 smbj5376b 87 15 75 760 1.0 0.5 66.0 54.5 1.7 2.00 smbj5377b 91 15 75 760 1.0 0.5 69.2 52.5 1.6 2.20 smbj5378b 100 12 90 800 1.0 0.5 76.0 47.5 1.5 2.30 smbj5379b 110 12 125 1000 1.0 0.5 83.6 43.0 1.4 2.50 smbj5380b 120 10 170 1150 1.0 0.5 91.2 39.5 1.3 2.50 smbj5381b 130 10 190 1250 1.0 0.5 98.8 36.6 1.2 2.50 smbj5382b 140 8.0 230 1500 1.0 0.5 106 34.0 1.2 2.50 smbj5383b 150 8.0 330 1500 1.0 0.5 114 31.6 1.1 3.00 smbj5384b 160 8.0 350 1650 1.0 0.5 122 29.4 1.1 3.00 smbj5385b 170 8.0 380 1750 1.0 0.5 129 28.0 1.0 3.00 smbj5386b 180 5.0 430 1750 1.0 0.5 137 26.4 1.0 4.00 smbj5387b 190 5.0 450 1850 1.0 0.5 144 25.0 0.9 5.00 smbj5388b 200 5.0 480 1850 1.0 0.5 152 23.6 0.9 5.00 notes : (1) suffix " b " indicates 5% tolerance, suffix " a " indicates 10% tolerance. (2) the surge current (i zsm ) is specified as the maximum peak of a non- recurrent half-sin wave of 8.3 ms duration. (3) voltage regulation (v z ) is the difference between the voltage measured at 10% and 50% of i zm product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of SMBJ5335B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X