Part Number Hot Search : 
RA101 4N32SR2M 11024 NB100 100AXC BDDHK 0LSN24 3362M104
Product Description
Full Text Search
 

To Download SMBJ-LC24CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features maximum ratings and electrical characteristics smb dim min max a 3.30 3.94 b 4.00 4.65 c 1.95 2.21 d 0.15 0.40 e 5.00 6.00 g 0.10 0.20 h 0.76 1.52 j 2.00 2.62 all dimensions in mm mechanical data a b c d g h e j           smbj-lc5.0?smbj-lc188 600 watts surface mount low capacitance transient voltage suppressor pb / rohs free very response time excellent clamping capability low 600w peak pulse power capability with a 10/1000s waveform junction capacitance weight : 0.108 gram mounting position : any polarity : color band denotes cathode end lead : lead formed for surface mount epoxy : ul94v-o rate flame retardant case : smb molded plastic  rating symbol value units peak pulse power dissipation on 10/1000 s waveform (1)(2) w peak pulse current on 10/1000 s waveform (1) a typical thermal resistance, junction to ambient c/w operating junction and storage temperature range t j , t stg - 55 to + 150 c notes : (1) non-repetitive current pulse and derated above ta = 25 c (2) mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal. r ? ja 100 minimum 600 see table i ppm p ppm 1of4
smbj-lc33ca smbj-lc30ca smbj-lc28ca smbj-lc26ca SMBJ-LC24CA smbj-lc22ca smbj-lc20ca smbj-lc18ca smbj-lc17ca smbj-lc16ca smbj-lc15ca smbj-lc14ca smbj-lc13ca smbj-lc12ca smbj-lc11ca smbj-lc10ca smbj-lc9.0ca smbj-lc8.5ca smbj-lc8.0ca smbj-lc7.5ca smbj-lc7.0ca smbj-lc6.5ca smbj-lc6.0ca smbj-lc5.0ca 2 of 4 breakdown reverse maximum maximum maximum maximum voltage (1) stand-off reverse peak pulse clamping junction @ i t voltage leakage @ v rwm surge current voltage @ i ppm capacitance v br (v) i t v rwm i r i ppm v c @ 0 volt min. max. (ma) (v) (a) (a) (v) pf 7.20 8.62 10 5.0 800 62.5 9.6 80 smbj-lc5.0a 7.20 7.87 10 5.0 800 65.2 9.2 80 7.47 8.95 10 6.0 800 52.6 11.4 80 smbj-lc6.0a 7.47 8.17 10 6.0 800 58.3 10.3 80 8.02 9.62 10 6.5 500 48.7 12.3 80 smbj-lc6.5a 8.02 8.78 10 6.5 500 53.6 11.2 80 8.58 10.31 10 7.0 200 45.1 13.3 80 smbj-lc7.0a 8.58 9.40 10 7.0 200 50.0 12.0 80 9.13 11.00 1.0 7.5 100 42.0 14.3 80 smbj-lc7.5a 9.13 10.01 1.0 7.5 100 46.5 12.9 80 9.69 11.70 1.0 8.0 50 40.0 15.0 80 smbj-lc8.0a 9.69 10.63 1.0 8.0 50 44.1 13.6 80 10.24 12.3 1.0 8.5 10 37.7 15.9 80 smbj-lc8.5a 10.24 11.2 1.0 8.5 10 41.7 14.4 80 10.8 13.0 1.0 9.0 5.0 35.5 16.9 80 smbj-lc9.0a 10.8 11.9 1.0 9.0 5.0 39.0 15.4 80 11.9 14.4 1.0 10 1.0 31.9 18.8 80 smbj-lc10a 11.9 13.1 1.0 10 1.0 35.3 17.0 80 13.0 15.7 1.0 11 1.0 29.9 20.1 80 smbj-lc11a 13.0 14.3 1.0 11 1.0 33.0 18.2 80 14.1 17.1 1.0 12 1.0 27.3 22.0 80 smbj-lc12a 14.1 15.5 1.0 12 1.0 30.2 19.9 80 15.2 18.4 1.0 13 1.0 25.2 23.8 80 smbj-lc13a 15.2 16.7 1.0 13 1.0 27.9 21.5 80 16.4 19.9 1.0 14 1.0 23.3 25.8 80 smbj-lc14a 16.4 18.0 1.0 14 1.0 25.8 23.2 80 17.5 21.2 1.0 15 1.0 22.3 26.9 80 smbj-lc15a 17.5 19.3 1.0 15 1.0 24.0 24.4 80 18.6 22.6 1.0 16 1.0 20.8 28.8 80 smbj-lc16a 18.6 20.5 1.0 16 1.0 23.1 26.0 80 19.7 23.9 1.0 17 1.0 19.7 30.5 80 smbj-lc17a 19.7 21.7 1.0 17 1.0 21.7 27.6 80 20.8 25.2 1.0 18 1.0 18.6 32.2 80 smbj-lc18a 20.8 22.9 1.0 18 1.0 20.5 29.2 80 23.0 27.9 1.0 20 1.0 16.7 35.8 80 smbj-lc20a 23.0 25.3 1.0 20 1.0 18.5 32.4 80 25.2 30.6 1.0 22 1.0 15.2 39.4 80 smbj-lc22a 25.2 27.7 1.0 22 1.0 16.9 35.5 80 27.5 33.4 1.0 24 1.0 14.0 43.0 80 smbj-lc24a 27.5 30.3 1.0 24 1.0 15.4 38.9 80 29.7 36.1 1.0 26 1.0 12.4 46.6 80 smbj-lc26a 29.7 32.7 1.0 26 1.0 14.2 42.1 80 31.9 38.8 1.0 28 1.0 12.0 50.0 80 smbj-lc28a 31.9 35.2 1.0 28 1.0 13.2 45.4 80 34.1 41.5 1.0 30 1.0 11.2 53.5 80 smbj-lc30a 34.1 37.6 1.0 30 1.0 12.4 48.4 80 37.5 45.7 1.0 33 1.0 10.2 59.0 80 smbj-lc33a 37.5 41.4 1.0 33 1.0 11.3 53.3 80 type no.
smbj-lc188ca smbj-lc170ca smbj-lc160ca smbj-lc150ca smbj-lc130ca smbj-lc120ca smbj-lc110ca smbj-lc100ca smbj-lc90ca smbj-lc85ca smbj-lc78ca smbj-lc75ca smbj-lc70ca smbj-lc64ca smbj-lc60ca smbj-lc58ca smbj-lc54ca smbj-lc51ca smbj-lc48ca smbj-lc45ca smbj-lc43ca smbj-lc40ca smbj-lc36ca 3 of 4 breakdown reverse maximum maximum maximum maximum voltage (1) stand-off reverse peak pulse clamping junction @ i t voltage leakage @ v rwm surge current voltage @ i ppm capacitance v br (v) i t v rwm i r i ppm v c @ 0 volt min. max. (ma) (v) (a) (a) (v) pf type no. 40.8 49.7 1.0 36 1.0 9.3 64.3 80 smbj-lc36a 40.8 45.0 1.0 36 1.0 10.3 58.1 80 45.2 55.1 1.0 40 1.0 8.4 71.4 80 smbj-lc40a 45.2 49.9 1.0 40 1.0 9.3 64.5 80 48.6 59.2 1.0 43 1.0 7.8 76.7 80 smbj-lc43a 48.6 53.6 1.0 43 1.0 8.6 69.4 80 50.8 61.9 1.0 45 1.0 7.5 80.3 80 smbj-lc45a 50.8 56.1 1.0 45 1.0 8.3 72.7 80 54.1 65.9 1.0 48 1.0 7.0 85.5 80 smbj-lc48a 54.1 59.7 1.0 48 1.0 7.7 77.4 80 57.5 70.1 1.0 51 1.0 6.6 91.1 80 smbj-lc51a 57.5 63.5 1.0 51 1.0 7.3 82.4 80 60.8 74.1 1.0 54 1.0 6.2 96.3 80 smbj-lc54a 60.8 67.1 1.0 54 1.0 6.9 87.1 80 65.2 79.5 1.0 58 1.0 5.8 103 80 smbj-lc58a 65.2 72.0 1.0 58 1.0 6.4 93.6 80 67.5 82.3 1.0 60 1.0 5.6 107 80 smbj-lc60a 67.5 74.5 1.0 60 1.0 6.2 96.8 80 71.9 87.7 1.0 64 1.0 5.3 114 80 smbj-lc64a 71.9 79.4 1.0 64 1.0 5.8 103 80 78.6 95.9 1.0 70 1.0 4.8 125 80 smbj-lc70a 78.6 86.8 1.0 70 1.0 5.3 113 80 84.1 102.8 1.0 75 1.0 4.5 134 80 smbj-lc75a 84.1 92.9 1.0 75 1.0 4.9 121 80 87.5 106.8 1.0 78 1.0 4.3 139 80 smbj-lc78a 87.5 96.6 1.0 78 1.0 4.7 126 80 95.2 115.8 1.0 85 1.0 3.9 151 80 smbj-lc85a 95.2 104.8 1.0 85 1.0 4.4 137 80 100.8 122.8 1.0 90 1.0 3.8 160 80 smbj-lc90a 100.8 111.8 1.0 90 1.0 4.1 146 80 111.8 136.8 1.0 100 1.0 3.4 179 80 smbj-lc100a 111.8 123.8 1.0 100 1.0 3.7 162 80 122.8 149.8 1.0 110 1.0 3.0 196 80 smbj-lc110a 122.8 135.8 1.0 110 1.0 3.4 177 80 133.8 163.8 1.0 120 1.0 2.8 214 80 smbj-lc120a 133.8 147.8 1.0 120 1.0 3.1 193 80 144.8 176.8 1.0 130 1.0 2.6 231 80 smbj-lc130a 144.8 159.8 1.0 130 1.0 2.9 209 80 167.8 204.8 1.0 150 1.0 2.2 268 80 smbj-lc150a 167.8 185.8 1.0 150 1.0 2.5 243 80 178.8 218.8 1.0 160 1.0 2.1 287 80 smbj-lc160a 178.8 197.8 1.0 160 1.0 2.3 259 80 189.8 231.8 1.0 170 1.0 2.0 304 80 smbj-lc170a 189.8 209.8 1.0 170 1.0 2.2 275 80 209.8 255.8 1.0 188 1.0 1.7 344 80 smbj-lc188a 209.8 231.8 1.0 188 1.0 2.0 328 80 notes: (1) pulse test : tp 50ms.
4 of 4 rating and characteristic curves ( smbj-lc5.0 - smbj-lc188a ) fig.1 - pulse derating curve fig.2 - peak pulse power rating curve fig.3 - pulse waveform 0 1.0 2.0 3.0 4.0 100 10 0.1 1.0 td, pulse width, sec. p p ,peak power (kw) 0.1 s 1.0 s10 s 100 s 10ms 1.0ms 50 1 00 0 tr 10 s peak value i ppm half value - i ppm 2 ta=25 c pulse width (td) is defined as that point where the peak current decays to 50% of i ppm td t, time(ms) i ppm , peak pulse current, % 10/1000ms. waveform as defined by r.e.a. peak pulse derating in % of peak power or current ta, temperature ( c) 80 60 40 20 0 100 050 100 150 175 125 25 75


▲Up To Search▲   

 
Price & Availability of SMBJ-LC24CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X