Part Number Hot Search : 
L8560 KBJ10J 111UX M7S24FCJ EMK21 3QL50AK D4148 T54FCT
Product Description
Full Text Search
 

To Download SMART700SER Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro 120v 700va 450w line-interactive ups, tower, db9 serial model number: SMART700SER description tripp lite's SMART700SER is an intelligent, line-interactive ups with db9 serial port. it protects servers, networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. large internal batteries offer 16.9 minutes half load runtime and 5.9 minutes at full load during power failures. 700va/450 watt power handling capability supports a variety of networking, telecom and various other application types, including the support of multiple network workstations. includes a total of 6 ups supported outlets. supports remote monitoring of ups and site power conditions via built-in db9 serial port. includes poweralert ups monitoring and unattended shutdown software with complete cabling. built-in audible alarm and 5 front panel leds indicate status of line power, battery power, battery low/replace, voltage regulation and load level. wall mountable with user-supplied upswm wall-mount bracket. network-grade ac surge suppression protects equipment from damage and performance problems resulting from transient surges. attractive, small-footprint tower housing uses minimal floor or desktop space. features 700va/450 watt power handling capability supports a variety of networking, telecom and various other application types built-in voltage regulation and battery support, plus complete ac modem line surge suppression prevents equipment damage, data loss and downtime large internal batteries offer 16.9 minutes half load runtime and 5.9 minutes at full load during power failures automatic voltage regulation (avr) circuits with two boost and one voltage reduction level maintains usable 120v nominal output over an input voltage range of 75-147v includes a total of 6 nema5-15r outlets poweralert software and db9 serial communications port enable remote monitoring of ups status and site power conditions; safe unattended shutdown without data loss during extended power failures; messaging of ups and line power status: on-battery, low-battery, power-restored, ac line voltage, dc battery voltage and battery capacity communications ports support timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment poweralert ups monitoring and unattended shutdown software with complete cabling included battery replacement door notification of system status via 5 leds and multi-function audible alarms wall mountable with user-supplied upswm wallmount bracket cold start capability enables ups turn-on in battery mode during blackout conditions highlights 700va line interactive tower ups system 120v nominal output during brownouts to 75v and overvoltages to 147v front panel status leds with load and battery capacity level display rs232 communications port; hot-swappable batteries nema 5-15p input; 6 nema 5-15r outlets package includes SMART700SER ups system monitoring cable poweralert unattended shutdown and ups/power monitoring software instruction manual 1 / 4
cold start capability enables ups turn-on in battery mode during blackout conditions specifications output output volt amp capacity (va) 700 output watt capacity (watts) 450 power factor 0.6 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) 115v (+/- 5%) output receptacles (6) 5-15r output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 4.33a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breakers 10a ups input cord length (ft.) 7 ups input cord length (m) 2.1 recommended electrical service 15a 120v input phase single-phase battery full load runtime (min.) 5.9 min. (450w) half load runtime (min.) 16.9 min. (225w) dc system voltage (vdc) 12 battery recharge rate (included batteries) less than 6 hours from 10% to 90% (typical, full load discharge) internal ups replacement battery cartridge rbc52 (x2) battery access battery access door 2 / 4
battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 75 to 147 overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 93 and 107 are boosted by 14% severe undervoltage correction input voltages between 75 and 92 are boosted by 30% user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure and low-battery conditions led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups power module dimensions (hwd, in.) 11.8 x 7.2 x 7.8 ups power module dimensions (hwd, cm) 29.8 x 18.4 x 19.7 ups power module weight (lbs.) 21 ups power module weight (kg) 9.5 ups shipping dimensions (hwd / in.) 15 x 11.2 x 10.8 ups shipping dimensions (hwd / cm) 38.1 x 28.6 x 27.3 shipping weight (lbs.) 23.5 shipping weight (kg) 10.7 ups housing material polycarbonate environmental 3 / 4
operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 133 battery mode btu / hr. (full load) 565.9 ac mode efficiency rating (100% load) 92% communications communications interface db9 serial network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable db9 serial cable included line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 75 high voltage transfer to battery power (setpoint) 147 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries certifications ups certifications tested to ul1778 (usa); tested to csa (canada); meets fcc part 15 category a (emi) warranty product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4


▲Up To Search▲   

 
Price & Availability of SMART700SER

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X