Part Number Hot Search : 
16M186 1DQ05 NTXV1 CSP14 100HS EL2CR5 EM316OS LT1057
Product Description
Full Text Search
 

To Download SMART700DV-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro 120v 700va 450w line-interactive sine wave ups, dual voltage, extended run, snmp, webcard, tower, usb, db9 serial model number: smart700dv description tripp lite's dual-voltage smart700dv line-interactive ups system maintains 120v nominal output when fed with north american 120v or international 230v input voltage. protects servers, networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. large internal batteries offer 54.5 min. half-load runtime and 22.2 min. full load runtime during power failures. 700va/450w power handling capability supports a variety of networking, telecom and other applications, including multiple network workstations. includes 6 ups-supported outlets. supports remote monitoring of ups and site power conditions via built-in usb and rs-232 enabled db9 ports. works with poweralert ups monitoring and unattended shutdown software available via free download from www.tripplite.com. includes complete usb and serial cabling. built-in audible alarm and 5 front panel leds indicate status of line power, battery power, battery low/replace, voltage regulation and load level. network-grade ac surge suppression protects equipment from damage and performance problems resulting from transient surges. features tripp lite's dual-voltage smart700dv line-interactive ups system maintains 120v nominal output when fed with north american 120v or international 230v input voltage includes detachable input cord with nema 5-15p input plug built-in c14 inlet supports a variety of user-supplied international high- and low-voltage input cables protects servers, networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges large internal batteries offer 54.5 min. half-load runtime and 22.2 min. full load runtime during power failures 700va/450w power handling capability supports a variety of networking, telecom and various other applications types, including multiple network workstations includes 6 ups-supported outlets supports remote monitoring of ups and site power conditions via built-in usb and rs-232 enabled db9 ports works with poweralert ups monitoring and unattended shutdown software, available via free download from www.tripplite.com includes complete usb and serial cabling built-in audible alarm and 5 front panel leds indicate status of line power, battery power, battery low/replace, voltage regulation and load level network-grade ac surge suppression protects equipment from damage and performance problems resulting from transient surges highlights 700va tower line interactive ups maintains 120v output with 120v or 230v input compliant with the federal trade agreements act (taa) for gsa schedule usb port, db9 serial, epo, enhanced runtime version c14 inlet with nema 5-15p cable and 6 5-15r outlets package includes smart700dv ups system detachable nema5-15p power cord usb cabling and db9 serial cabling manual with warranty information 1 / 4
compliant with the federal trade agreements act (taa) for gsa schedule purchases specifications output output volt amp capacity (va) 700 output watt capacity (watts) 450 power factor 0.6 nominal output voltage(s) supported 120v frequency compatibility 50 / 60 hz output voltage regulation (line mode) -21%, +8% output voltage regulation (battery mode) +/- 5% output receptacles (6) 5-15r output ac waveform (ac mode) sine wave output ac waveform (battery mode) pure sine wave input rated input current (maximum load) 4.8a (120v), 2.6a (230v) nominal input voltage(s) supported 120v ac ups input connection type 5-15p; c14 inlet ups input connection description detachable 120v 5-15p input cable included input circuit breakers 6a ups input cord length (ft.) 6 ups input cord length (m) 1.8 input phase single-phase battery full load runtime (min.) 22.2 min. (450w) half load runtime (min.) 54.5 min. (225w) dc system voltage (vdc) 24 battery recharge rate (included batteries) less than 4 hours from 10% to 90% (typical, full load discharge) internal ups replacement battery cartridge rbc54 battery access battery access door 2 / 4
battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 83 to 147 (120v), 159 to 282 (230v) overvoltage correction a voltage reduction of 12% applies when input voltage is between 125 and 147 (120v), 240 to 282 (230v) undervoltage correction a voltage boost of 14% applies when input voltage is between 83 and 104 (120v), 159v and 199v (230v) user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure and low-battery conditions led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status surge / noise suppression ups ac suppression joule rating 570 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical primary form factor tower ups power module dimensions (hwd, in.) 10.2 x 9 x 12.5 ups power module dimensions (hwd, cm) 26 x 22.9 x 31.8 ups power module weight (lbs.) 62 ups power module weight (kg) 28.1 ups shipping dimensions (hwd / in.) 15.2 x 17.8 x 14.2 ups shipping dimensions (hwd / cm) 38.7 x 45.1 x 36.2 shipping weight (lbs.) 65 shipping weight (kg) 29.5 cooling method fan ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius. 3 / 4
storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius. relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 97.7 battery mode btu / hr. (full load) 313.4 ac mode efficiency rating (100% load) 94% communications communications interface usb (hid enabled); db9 serial; epo (emergency power off); slot for snmp/web interface network monitoring port description supports detailed monitoring of ups and site power conditions line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 83 (120v), 159 (230v) high voltage transfer to battery power (setpoint) 147 (120v), 282 (230v) special features high availability ups features hot swappable batteries certifications ups certifications tested to ul1778 (usa); tested to csa (canada); ce; meets fcc part 15 category a (emi) warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 4 / 4


▲Up To Search▲   

 
Price & Availability of SMART700DV-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X