Part Number Hot Search : 
TLPGE125 RU4AJG TCP135K2 XE9624F PVT312L ISL6312 GS1501 SMB20
Product Description
Full Text Search
 

To Download SLA5058 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  81 SLA5058 external dimensions a sla (12-pin) n-channel general purpose absolute maximum ratings electrical characteristics (t a =25 c)  equivalent circuit diagram characteristic curves i d -v ds characteristics (typical) i d -v gs characteristics (typical) r ds(on) -i d characteristics (typical) re (yfs)-i d characteristics (typical) r ds (on) -t c characteristics (typical) capacitance-v ds characteristics (typical) i dr -v sd characteristics (typical) safe operating area (soa) p t -ta characteristics v ds ( v ) i d (a) 10v 4v 2.8v 2.6v 2.4v v gs =2.2v 7 6 5 4 3 2 1 0 024 6 810 v gs (v) i d (a) t c = 1 2 5 c 25 c 5 4 7 6 3 2 1 0 01234 (v ds =10v) C 40 c r ds (on) (m ? ) 4v v g s = 10 v 200 150 100 50 0 0 1234567 i d (a) i d (a) (v ds =10v) re (yfs) (s) t c = C 4 0 c 20 10 5 1 0.5 0.3 0.05 0.1 0.5 1 5 7 1 2 5 c 25 c t c ( c) (i d =3.5a) r ds (on) (m ? ) 4 v v gs = 1 0 v 500 400 200 100 300 0 C 40 0 50 100 150 capacitance (pf) coss crss 5000 500 1000 40 50 100 01020304050 v ds (v) ciss v gs =0v f=1mhz v sd (v) i dr (a) 10v 4v v gs =0v 5 4 7 6 3 2 1 0 0 0.5 1.0 1.5 v ds (v) i d (a) t c =25 c 1-circuit operation 10ms (1shot) 1ms 100 s 20 10 5 0.5 0.1 0.05 0.01 0.5 1 5 10 50 200 100 i d (pulse) max r ds (on) lim ited 25 30 35 40 20 15 10 5 0 without heatsink with infinite heatsink with silicone grease natural cooling all circuits operating 0 50 100 150 t a ( c) p t (w) 2 3 1 4 5 6 7 8 9 10 11 12 * : v dd =25v, l=3.4mh, i d =7a, unclamped, r g =50 ? , see fig. e on page 15. p t symbol ratings unit v dss 150 v v gss +20, C 10 v i d 7a a i d (pulse) 15 (pw 1ms, du 1%) a e as * 100 mj 5 (t a =25 c, with all circuits operating, without heatsink) w 35 (t c =25 c, with all circuits operating, with infinite heatsink) w j-a 25 (junction-air, t a =25 c, with all circuits operating) c/w j-c 3.57 (junction-case, t c =25 c, with all circuits operating) c/w v iso 1000 (between fin and lead pin, ac) vrms tch 150 c tstg C 40 to +150 c symbol specification unit conditions min typ max v (br)dss 150 v i d =100 a, v gs =0v i gss 100 na v gs =20v i dss 100 av ds =150v, v gs =0v v th 1.0 2.0 v v ds =10v, i d =250 a re ( yfs ) 49 sv ds =10v, i d =3.5a r ds(on) 150 200 m ? v gs =10v, i d =3.5a 170 230 m ? v gs =4v, i d =3.5a ciss 870 pf v ds =10v, coss 320 pf f=1.0mhz, crss 210 pf v gs =0v td ( on ) 25 ns i d =3.5a, t r 55 ns v dd 70v, td ( off ) 80 ns r l =20 ? , t f 50 ns v gs =5v, see fig. 3 in page 16. v sd 1.0 1.5 v i sd =7a, v gs =0v t rr 500 ns i sd = 100ma (t a =25 c)


▲Up To Search▲   

 
Price & Availability of SLA5058

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X