Part Number Hot Search : 
PJD09N03 100PB CY14B OZ9976 21210 6KE12 PCJ1084 E1300
Product Description
Full Text Search
 

To Download SC1602P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s c 1 6 0 2 p ( 1 6 c h a r a c t e r s x 2 l i n e s ) | features | electrical characteristics 5 x 7 dots with cursor symbol condition min. typ. max. unit built-in controller (ks0066 or equivalent) lcd operating t=0 - 4.8 - v 2.7 5.5 v power supply voltage v dd -v o t=25 - 4.5 - v 1/16 duty cycle t=50 - 4.2 - v 8-bit parallel interface supply voltage v dd -v ss - 2.7 5 5.5 v supply current i dd - - 3.2 6 ma input "high" level v ih - 2.2 - v dd v voltage "low" level v il - 0 - 0.6 v | mechanical data output "high" level v oh - 2.4 - - v unit voltage "low" level v ol - - - 0.4 v module size (w x h x t) 53.0 x 20.0 x 8.0 mm viewing area ( w x h ) 36.0 x 10.0 mm | block diagram character size ( w x h ) 1.85 x 3.15 mm character pitch (w x h) 2.15 x4.25 mm dot size ( w x h ) 0.33 x 0.35 mm dot pitch ( w x h ) 0.38 x 0.40 mm | interface pin connections no. symbol no. symbol function 1 v ss supply ground 9 db2 data bit 2 2 v dd supply voltage 10 db3 data bit 3 3 v o contrast adj. 11 db4 data bit 4 4 rs register select 12 db5 data bit 5 5 r/w read/write 13 db6 data bit 6 6 e enable signal 14 db7 data bit 7 7 db0 data bit 0 15 a led power 8 db1 data bit 1 16 k led power | external dimensions item item dimensions function l c d c o n t r o l l e r l c d p a n e l l c d s e g m e n t d r i v e r l e d b a c k l i g h t com16 s e g 4 0 4 s e g 4 0 db0 d b 7 rs r / w e v o v d d v s s a k


▲Up To Search▲   

 
Price & Availability of SC1602P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X