Part Number Hot Search : 
1209S 1209S 4073B C5141 1209S TA9329FB IT610HX IRF1010E
Product Description
Full Text Search
 

To Download RE12001-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  re12001 re120033 re1201 re1202 57 electrical specifications dimensions features applications various safety approval. compact size. ac or dc applications. good peak pulse withstand capability. suppressing mechanical switching surge occurring automatic machines and office appliances. unit: mm operating temperature: -40~+100c 0.01 0.033 0.1 0.2 120(1/4w) 120(1/2w) ul csa vde semko nemko demko fimko sev :ul1414 :c22.2 no.1 :iec/en 60384-14: 2005 :iec/en 60384-14: 2005 :iec/en 60384-14: 2005 :iec/en 60384-14: 2005 :iec/en 60384-14: 2005 :iec/en 60384-14: 2005 e47474 lr37404, lr104926 40024027 707523 p07208382 314361-01 fi 23654 08.0016 safety standard file no. safety standard class model number capacitance f 20% resistance 30% wh t f dimensions 800v 50msec peak to peak pulse width repetitive frequency 120hz pulse width (sec) x frequency(hz) x2 d pulse condition (max.) 1.5 1.0 0.45 0.15 peak pulse voltage 1,200v max. test voltage insulation resistance rated voltage 275vac (ul, csa: 250v) circuit w0.5 t 0.5 15min h 0.5 d f1.0 model numbering system series name resistance capacitance 01 033 1 2 0.01 f 0.033 f 0.1 f 0.2 f re 120 16.0 15.5 17.0 13.5 17.0 24.5 6.0 8.0 8.5 14.0 15.0 22.5 0.60.05 0.80.07 line to line 1,000vac 50/60hz 60sec line to case 2,000vac 50/60hz 60sec line to line 15,000m min. (at 100vdc) line to case 100,000m min. (at 100vdc) spark quenchers re series spark quencher


▲Up To Search▲   

 
Price & Availability of RE12001-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X