Part Number Hot Search : 
4731A MTDA20B2 CLQ71 900001 3M250 1N4742A CLQ71 90814
Product Description
Full Text Search
 

To Download R15KP85 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15,000 w transient voltage suppressor www. microsemi . com scottsdale division 15kp22 thru 15kp280ca, e3 15kp22-15kp280ca, e3 description appearance these microsemi 15 kw transient voltage suppressors (tvss) are designed for applications requiring prot ection of voltage-sensitive electronic devices that may be damaged by harsh or severe voltage transients including lightning per iec61000-4-5 and class levels with various source impedances described herein. this series is generally available in 22 to 280 volt standoff voltages (v wm ) in both unidirectional and bi-directional offered in two different package designs for axial and radial configurations. consult factory for availability of the 17 and 18 volt devices on a special order basis. microsemi also offers numerous other tvs products to meet higher or lower power demands and special applications. case 5a (do-204ar) c a s e 5 r important: for the most current data, consult microsemi?s website: http://www.microsemi.com features applications / benefits ? available in both unidirectional and bidirectional construction (bidirectional with c or ca suffix) ? available in both axial-leaded and radial packages (include r prefix in part number for radial package option shown in figure as ?case 5r,? e.g. r15kp22a) ? selections for 22 to 280 volt standoff voltages (v wm ) ? suppresses transients up to 15 kw @ 10/1000 s and 100 kw @ 8/20 s (see figure 1) ? optional 100% screening for avionics grade is available by adding ma prefix to part number for added 100% temperature cycle -55 o c to +125 o c (10x) as well as surge (3x) and 24 hours htrb with post test v br & i d (in the operating direction for unidirectional or both directions for bidirectional) ? options for screening in accordance with mil-prf-19500 for jantx are available by adding mx prefix respectively to the part numbers. ? moisture classification is level 1 with no dry pack required per ipc/jedec j-std-020b ? rohs compliant devices available by adding ?e3? suffix ? protection from switching transients and induced rf ? fast response ? protection from esd, and eft per iec 61000-4-2 and iec 61000-4-4 ? secondary lightning protection per iec61000-4-5 with 42 ohms source impedance: class 1,2,3,4: 15kp22a - 15kp280a or ca class 5: 15kp22a - 15kp280a or ca (short distance) class 5: 15kp22a - 15kp110a or ca (long distance) ? secondary lightning protection per iec61000-4-5 with 12 ohms source impedance: class 1 & 2: 15kp22a to 15kp280a or ca class 3: 15kp22a to 15kp240a or ca class 4: 15kp22a to 15kp120a or ca ? secondary lightning protection per iec61000-4-5 with 2 ohms source impedance: class 2: 15kp22a to 15kp220a or ca class 3: 15kp22a to 15kp110a or ca class 4: 15kp22a to 15kp54a or ca maximum ratings mechanical and packaging ? peak pulse power dissipation at 25 o c: 15,000 watts at 10/1000 s (also see figures 1 and 2) ? impulse repetition rate (duty factor): 0.05% ? t clamping (0 volts to v (br) min.): < 100 ps theoretical for unidirectional and < 5 ns for bidirectional ? operating and storage temperature: -65 o c to +150 o c ? thermal resistance: 20 o c/w junction to lead, or 80 o c/w junction to ambient when mounted on fr4 pc board with 4 mm 2 copper pads (1oz) and track width 1 mm, length 25 mm ? steady-state power dissipation: 6 watts at t l = 30 o c, or 1.56 watts at t a = 25 o c when mounted on fr4 pc board described for thermal resistance ? forward surge: 200 amps 8.3 ms half-sine wave for unidirectional devices only ? solder temperatures: 260 o c for 10 s (maximum) ? case: void-free transfer molded thermosetting epoxy body meeting ul94v-0 ? finish: tin-lead or rohs compliant annealed matte-tin plating readily solderable per mil-std- 750, method 2026 ? marking: body marked with part number ? polarity: band denotes cathode for the axial- leaded package and a dot denotes cathode terminal for the radial package. bidirectional not marked for polarity ? weight: 1.5 grams (approximate) ? tape & reel option: standard per eia-296 for axial package (add ?tr? suffix to part number) ? see package dimension on last page microsemi scottsdale division page 1 copyright ? 2009 9-25-2009 rev. l, sd4a 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
15,000 w transient voltage suppressor www. microsemi . com scottsdale division 15kp22 thru 15kp280ca, e3 15kp22-15kp280ca, e3 electrical characteristics microsemi part number (note 2) reverse stand-off voltage v wm (note 1) volts minimum breakdown voltage v (br) @ i (br) volts ma maximum clamping voltage v c @ i pp volts maximum standby current i d @ v wm a maximum peak pulse current i pp (fig. 2) a maximum voltage temperature variation v(br ) mv/ oc 15kp22 15kp22a 22 22 24.4 24.4 10 10 41.1 37.1 500 500 365 404 27 24 15kp24 15kp24a 15kp26 15kp26a 24 24 26 26 26.7 26.7 28.9 28.9 5 5 5 5 45.0 40.7 48.7 44.0 150 150 50 50 333 369 308 341 30 27 32 29 15kp28 15kp28a 15kp30 15kp30a 28 28 30 30 31.1 31.1 33.3 33.3 5 5 5 5 52.4 47.5 56.2 50.7 25 25 15 15 286 316 267 296 35 31 27 34 15kp33 15kp33a 15kp36 15kp36a 33 33 36 36 36.7 36.7 40.0 40.0 5 5 5 5 60.6 54.8 66.0 59.7 10 10 10 10 248 274 227 251 42 38 46 41 15kp40 15kp40a 15kp43 15kp43a 40 40 43 43 44.4 44.4 47.8 47.8 5 5 5 5 72.8 65.8 77.1 69.7 10 10 10 10 206 228 195 215 51 46 55 50 15kp45 15kp45a 15kp48 15kp48a 45 45 48 48 50.0 50.0 53.3 53.3 5 5 5 5 80.7 73.0 85.9 77.7 10 10 10 10 186 205 175 193 57 52 62 56 15kp51 15kp51a 15kp54 15kp54a 51 51 54 54 56.7 56.7 60.0 60.0 5 5 5 5 91.5 82.8 96.8 87.5 10 10 10 10 164 181 155 171 66 60 70 63 15kp58 15kp58a 15kp60 15kp60a 58 58 60 60 64.4 64.4 66.7 66.7 5 5 5 5 104.0 94.0 107.0 97.3 10 10 10 10 144 160 140 154 76 68 78 71 15kp64 15kp64a 15kp70 15kp70a 64 64 70 70 71.1 71.1 77.8 77.8 5 5 5 5 115 104 126 114 10 10 10 10 130 144 119 132 84 76 92 83 15kp75 15kp75a 15kp78 15kp78a 75 75 78 78 83.3 83.3 86.7 86.7 5 5 5 5 135 122 140 126 10 10 10 10 111 123 107 119 100 89 104 93 15kp85 15kp85a 15kp90 15kp90a 85 85 90 90 94.4 94.4 100 100 5 5 5 5 152 137 160 146 10 10 10 10 99 109 94 103 113 102 120 109 15kp100 15kp100a 15kp110 15kp110a 100 100 110 110 111 111 122 122 5 5 5 5 179 162 196 178 10 10 10 10 84 93 77 84 134 121 147 133 15kp120 15kp120a 15kp130 15kp130a 120 120 130 130 133 133 144 144 5 5 5 5 214 193 231 209 10 10 10 10 70 78 65 72 161 145 174 157 15kp150 15kp150a 15kp160 15kp160a 150 150 160 160 167 167 178 178 5 5 5 5 268 243 287 259 10 10 10 10 56 62 52 58 202 183 216 195 microsemi scottsdale division page 2 copyright ? 2009 9-25-2009 rev. l, sd4a 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
15,000 w transient voltage suppressor www. microsemi . com scottsdale division 15kp22 thru 15kp280ca, e3 15kp22-15kp280ca, e3 microsemi part number (note 2) reverse stand-off voltage v wm (note 1) volts minimum breakdown voltage v (br) @ i (br) volts ma maximum clamping voltage v c @ i pp volts maximum standby current i d @ v wm a maximum peak pulse current i pp (fig. 2) a maximum voltage temperature variation v(br ) mv/ oc 15kp170 15kp170a 15kp180 15kp180a 170 170 180 180 189 189 200 200 5 5 5 5 304 275 321 291 10 10 10 10 49 55 47 52 229 207 242 219 15kp200 15kp200a 15kp220 15kp220a 200 200 220 220 222 222 245 245 5 5 5 5 356 322 393 356 10 10 10 10 42 47 38 42 269 243 297 269 15kp240 15kp240a 15kp260 15kp260a 240 240 260 260 267 267 289 289 5 5 5 5 428 388 464 419 10 10 10 10 35 39 32 36 324 293 352 317 15kp280 15kp280a 280 280 311 311 5 5 500 452 10 10 30 33 378 342 note 1: transient voltage suppressors are normally selected with reverse ?standoff voltage? v wm which should be equal to or greater than the dc or continuous peak operating voltage level. note 2: for bidirectional construction, indicate a c or ca suffix after the part number. ** consult factory for availability of the 17 and 18 volt devices on a special order basis. symbols & definitions symbol definition symbol definition v wm working peak (standoff) voltage i pp peak pulse current p pp peak pulse power v c clamping voltage v (br) breakdown voltage i (br) breakdown current for v (br) i d standby current graphs waveform non-repetitive p pp peak pulse power - kw tp ? pulse time ? sec test waveform parameters: figure 1 tr=10 s, tp=1000 s peak pulse power vs. pulse time to 50% of figure 2 exponentially decaying pulse pulse waveform microsemi scottsdale division page 3 copyright ? 2009 9-25-2009 rev. l, sd4a 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
15,000 w transient voltage suppressor microsemi scottsdale division 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 page 4 www. microsemi . com scottsdale division 15kp22 thru 15kp280ca, e3 15kp22-15kp280ca, e3 peak pulse power ( p pp ) or continuous power i n p ercent of 25 o c rating c ? capacitance-picofarads v (br) - breakdown voltage-volts t l lead temperature o c figure 3 figure 4 derating curve typical capacitance vs. breakdown voltage note: for bidirectional constr uction, indicate a c or ca suffix after part number. capacitance will be one-half that shown in figure 3. package dimensions case 5a case 5r note: dimensions are in inches. copyright ? 2009 9-25-2009 rev. l, sd4a


▲Up To Search▲   

 
Price & Availability of R15KP85

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X