Part Number Hot Search : 
TEW4087 1H333 S2006LS3 UMD012A R2002 MCF5234 0104C P2500
Product Description
Full Text Search
 

To Download P4SMAJ30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.03 20 130403 p4smaj series surface mount transient voltage suppressor voltage - 5.0 to 440 volts 400 watt peak power pulse fea tures ? for surface mounted applications in order to optimize board space. ? low profile package ? built-in strain relief ? glass passivated junction ? excellent clamping capability ? low inductance ? fast response time: typically less than 1.0 ps from 0 volts to bv min ? typical ir less than 1a abov e 10v ? high temperature soldering : 250c/10 seconds at term inals. ? plastic package has underwriters laboratory flammability classification 94v-o high temperature soldering : 260 ? o c / 10 seconds at terminals pb free product at available : 99% sn above meet rohs ? environment substance directive request mechanical data ? case: jedec do-214ac low profile molded plastic ? terminals: solder leads, solderable per mil-std-750, m ethod 2026 ? polarity: indicated by cathode band except bi-direct ional types. ? standard packageing: 12mm tape per(eia-481) ? weight: 0.002 ounces, 0.064 gram maximum ratings and electrical characteristics rating at 25cambient temperature unless otherwise specified. resistive or inductive load, 60hz. for capacitive load derate current by 20%. rating symbol value units peak power dissipation at ta=25c, tp=1ms(note 1,2,5)fig.1 pppm minimum 400 watts peak forward surge current, per figure 5(note 3) ifsm 40.0 amps peak pulse current current on 10/1000s waveform(not e 1,2,5)fig.2 ippm see table 1 amps steady state power dissipation(note 4) pm(av) 1.0 watts operating and storage temperature range tj, tstg -55 to +150 c notes: 1.non-repetitive current pulse, per fig. 3 and derated above t a= 25cper fig. 2 . 2.mounted on 5.0mm2 copper pads to each terminal. 3.8.3ms single half sine-wave, duty cycle= 4 pulses per minutes maximum. 4.lead temperature at 75c=tl. 5.peak pluse power waveformis 10/1000s. sma/do-214ac unit:inch(mm) .062(1. 60 ) .0 47 (1. 20 ) .012(.3 05 ) .006(.15 2 ) .008(.20 3 ) .00 2 (. 051 ) .0 60 (1. 52 ) .03 0 (0. 76 ) .18 1 (4. 60 ) .1 5 7(4. 00 ) .2 08 (5. 28) .1 88 (4. 80 ) .11 4 (2. 90 ) . 098 (2.5 0 ) . 096 (2. 44 ) .078( 2.00 )
p4smaj series package breakdownvoltage test current reverse leakage max. clamp voltage peak pulse current sma/do-214ac reverse voltage vbr@  t  r@ vrwm part number vrwm min. max.  t uni bi vc@ipp ipp device marking code uni bi v v v m a a a v a uni bi 400w transient voltage suppresor p4smaj5.0 p4smaj5.0c 5.0 6.40 7.82 10 800.0 1600.0 9.6 41.7 5 .0v 5.0c p4smaj5.0a p4smaj5.0ca 5.0 6.40 7.07 10 800.0. 1600.0 9.2 43 .85 5.0a 5.0d p4smaj6.0 p4smaj6.0c 6.0 6.67 8.15 10 800.0 1600.0 11.4 35.1 6.0v 6.0c p4smaj6.0a p4smaj6.0ca 6.0 6.67 7.37 10 800.0 1600.0 10.3 38 .8 6.0a 6.0d p4smaj6.5 p4smaj6.5c 6.5 7.22 8.82 10 500.0 1000.0 12.3 32.5 6.5v 6.5c p4smaj6.5a p4smaj6.5ca 6.5 7.22 7.98 10 500.0 1000.0 11.2 35 .7 6.5a 6.5d p4smaj7.0 p4smaj7.0c 7.0 7.78 9.51 10 200.0 400.0 13.3 30.1 7 .0v 7.0c p4smaj7.0a p4smaj7.0ca 7.0 7.78 8.60 10 200.0 400.0 12.0 33. 3 7.0a 7.0d p4smaj7.5 p4smaj7.5c 7.5 8.33 10.20 1 100.0 200.0 14.3 28.0 7 .5v 7.5c p4smaj7.5a p4smaj7.5ca 7.5 8.33 9.21 1 100.0 200.0 12.9 31.0 7.5a 7.5c p4smaj8.0 p4smaj8.0c 8.0 8.89 10.90 1 50.0 100.0 15.0 26.7 8. 0v 8.0d p4smaj8.0a p4smaj8.0ca 8.0 8.89 9.83 1 50.0 100.0 13.6 29.4 8 .0a 8.0c p4smaj8.5 p4smaj8.5c 8.5 9.44 11.50 1 10.0 20.0 15.9 25.2 8.5 v 8.5d p4smaj8.5a p4smaj8.5ca 8.5 9.44 10.40 1 10.0 20.0 14.4 27.8 8 .5a 8.5c p4smaj9.0 p4smaj9.0c 9.0 10.00 12.20 1 5.0 10.0 16.9 23.7 9.0 v 9.0d p4smaj9.0a p4smaj9.0ca 9.0 10.00 11.10 1 5.0 10.0 15.4 26.0 9 .0a 9.0c p4smaj10 p4smaj10c 10.0 11.10 13.60 1 5.0 10.0 18.8 21.3 10v 1 0d p4smaj10a p4smaj10ca 10.0 11.10 12.30 1 5.0 10.0 17.0 23.5 10 a 10c p4smaj11 p4smaj11c 11.0 12.20 14.90 1 5.0 5.0 20.1 19.9 11v 11 d p4smaj11a p4smaj11ca 11.0 12.20 13.50 1 5.0 5.0 18.2 22.0 11a 11c p4smaj12 p4smaj12c 12.0 13.30 16.30 1 5.0 5.0 22.0 18.2 12v 12 d p4smaj12a p4smaj12ca 12.0 13.30 14.70 1 5.0 5.0 19.9 20.1 12a 12c p4smaj13 p4smaj13c 13.0 14.40 17.60 1 5.0 5.0 23.8 16.8 13v 13 d p4smaj13a p4smaj13ca 13.0 14.40 15.90 1 5.0 5.0 21.5 18.6 13a 13c p4smaj14 p4smaj14c 14.0 15.60 19.10 1 5.0 5.0 25.8 15.5 14v 14 d p4smaj14a p4smaj14ca 14.0 15.60 17.20 1 5.0 5.0 23.2 17.2 14a 14c p4smaj15 p4smaj15c 15.0 16.70 20.40 1 5.0 5.0 26.9 14.9 15v 15 c p4smaj15a p4smaj15ca 15.0 16.70 18.50 1 5.0 5.0 24.4 16.4 15a 15d p4smaj16 p4smaj16c 16.0 17.80 21.80 1 5.0 5.0 28.8 13.9 16v 16 c p4smaj16a p4smaj16ca 16.0 17.80 19.70 1 5.0 5.0 26.0 15.4 16a 16d p4smaj17 p4smaj17c 17.0 18.90 23.10 1 5.0 5.0 30.5 13.1 17v 17 c p4smaj17a p4smaj17ca 17.0 18.90 20.90 1 5.0 5.0 27.6 14.5 17a 17d p4smaj18 p4smaj18c 18.0 20.00 24.40 1 5.0 5.0 32.2 12.4 18v 18 c p4smaj18a p4smaj18ca 18.0 20.00 22.10 1 5.0 5.0 29.2 13.7 18a 18d p4smaj20 p4smaj20c 20.0 22.20 27.10 1 5.0 5.0 35.8 11.2 20v 20 c p4smaj20a p4smaj20ca 20.0 22.20 24.50 1 5.0 5.0 32.4 12.3 20a 20d p4smaj22 p4smaj22c 22.0 24.40 29.80 1 5.0 5.0 39.4 10.2 22v 22 c p4smaj22a p4smaj22ca 22.0 24.40 26.90 1 5.0 5.0 35.5 11.3 22a 22d p4smaj24 p4smaj24c 24.0 26.70 32.60 1 5.0 5.0 43.0 9.3 24v 24c p4smaj24a p4smaj24ca 24.0 26.70 29.50 1 5.0 5.0 38.9 10.3 24a 24d p4smaj26 p4smaj26c 26.0 28.90 35.30 1 5.0 5.0 46.6 8.6 26v 26c p4smaj26a p4smaj26ca 26.0 28.90 31.90 1 5.0 5.0 42.1 9.5 26a 2 6d p4smaj28 p4smaj28c 28.0 31.10 38.00 1 5.0 5.0 50.0 8.0 28v 28c p4smaj28a p4smaj28ca 28.0 31.10 34.40 1 5.0 5.0 45.4 8.8 28a 2 8d P4SMAJ30 P4SMAJ30c 30.0 33.30 40.70 1 5.0 5.0 53.5 7.5 30v 30c P4SMAJ30a P4SMAJ30ca 30.0 33.30 36.80 1 5.0 5.0 48.4 8.3 30a 3 0d p4smaj33 p4smaj33c 33.0 36.70 44.90 1 5.0 5.0 59.0 6.8 33v 33c http://www.yeashin.com 2 rev.03 20 130403 stand-of f
p4smaj series package breakdownvoltage test current reverse leakage max. clamp voltage peak pulse current sma/do-214ac reverse voltage vbr@  t  r@ vrwm part number vrwm min. max.  t uni bi vc@ipp ipp device marking code uni bi v v v m a a a v a uni bi 400w transient voltage suppresor p4smaj33a p4smaj33ca 33.0 36.70 40.60 1 5.0 5.0 53.3 7.5 33a 3 3d p4smaj36 p4smaj36c 36.0 40.00 48.90 1 5.0 5.0 64.3 6.2 36v 36c p4smaj36a p4smaj36ca 36.0 40.00 44.20 1 5.0 5.0 58.1 6.9 36a 3 6d p4smaj40 p4smaj40c 40.0 44.40 54.30 1 5.0 5.0 71.4 5.6 40v 40c p4smaj40a p4smaj40a 40.0 44.40 49.10 1 5.0 5.0 64.5 6.2 40a 40 d p4smaj43 p4smaj43c 43.0 47.80 58.40 1 5.0 5.0 76.7 5.2 43v 43c p4smaj43a p4smaj43ca 43.0 47.80 52.80 1 5.0 5.0 69.4 5.8 43a 4 3d p4smaj45 p4smaj45c 45.0 50.00 61.10 1 5.0 5.0 80.3 5.0 45v 45c p4smaj45a p4smaj45ca 45.0 50.00 55.30 1 5.0 5.0 72.7 5.5 45a 4 5d p4smaj48 p4smaj48c 48.0 53.30 65.10 1 5.0 5.0 85.5 4.7 48v 48c p4smaj48a p4smaj48ca 48.0 53.30 58.90 1 5.0 5.0 77.4 5.2 48a 4 8d p4smaj51 p4smaj51c 51.0 56.70 69.30 1 5.0 5.0 91.1 4.4 51v 51c p4smaj51a p4smaj51ca 51.0 56.70 62.70 1 5.0 5.0 82.4 4.9 51a 5 1d p4smaj54 p4smaj54c 54.0 60.00 73.30 1 5.0 5.0 96.3 4.2 54v 54c p4smaj54a p4smaj54ca 54.0 60.00 66.30 1 5.0 5.0 87.1 4.6 54a 5 4d p4smaj58 p4smaj58c 58.0 64.40 78.70 1 5.0 5.0 103.0 3.9 58v 58 c p4smaj58a p4smaj58ca 58.0 64.40 71.20 1 5.0 5.0 93.6 4.3 58a 5 8d p4smaj60 p4smaj60c 60.0 66.70 81.50 1 5.0 5.0 107.0 3.7 60v 60 c p4smaj60a p4smaj60ca 60.0 66.70 73.70 1 5.0 5.0 96.8 4.1 60a 6 0d p4smaj64 p4smaj64c 64.0 71.10 86.90 1 5.0 5.0 114.0 3.5 64v 64 c p4smaj64a p4smaj64ca 64.0 71.10 78.60 1 5.0 5.0 1030 3.9 64a 6 4d p4smaj70 p4smaj70c 70.0 77.80 95.10 1 5.0 5.0 125.0 3.2 70v 70 c p4smaj70a p4smaj70ca 70.0 77.80 86.00 1 5.0 5.0 1130 3.5 70a 7 0d p4smaj75 p4smaj75c 75.0 83.30 102.00 1 5.0 5.0 134.0 3.0 75v 7 5c p4smaj75a p4smaj75ca 75.0 83.30 92.10 1 5.0 5.0 121.0 30 75a 7 5d p4smaj78 p4smaj78c 78.0 86.70 106.00 1 5.0 5.0 139.0 2.9 78v 7 8c p4smaj78a p4smaj78ca 78.0 86.70 95.80 1 5.0 5.0 126.0 3.2 78a 78d p4smaj85 p4smaj85c 85.0 94.40 115.00 1 5.0 5.0 151.0 2.0 85v 8 5c p4smaj85a p4smaj85ca 85.0 94.40 104.00 1 5.0 5.0 137.0 2.2 85 a 85d p4smaj90 p4smaj90c 90.0 100.00 122.00 1 5.0 5.0 1600 1.9 90v 9 0c p4smaj90a p4smaj90ca 90.0 100.00 111.00 1 5.0 5.0 146.0 2.1 9 0a 90d p4smaj100 p4smaj100c 100.0 111.00 136.00 1 5.0 5.0 179.0 1.7 100v 100c p4smaj100a p4smaj100ca 100.0 111.00 123.00 1 5.0 5.0 162.0 1 .9 100a 100d p4smaj110 p4smaj110c 110.0 122.00 149.00 1 5.0 5.0 196.0 1.5 110v 110c p4smaj110a p4smaj110ca 110.0 12200 135.00 1 5.0 5.0 177.0 1. 7 110a 110d p4smaj120 p4smaj120c 120.0 133.00 163.00 1 5.0 5.0 214.0 1.4 120v 120c p4smaj120a p4smaj120ca 120.0 133.00 147.00 1 5.0 5.0 193.0 1 .6 120a 120d p4smaj130 p4smaj130c 130.0 144.00 176.00 1 5.0 5.0 231.0 1.3 130v 130c p4smaj130a p4smaj130ca 130.0 144.00 159.00 1 5.0 5.0 209.0 1 .4 130a 130d p4smaj150 p4smaj150c 150.0 167.00 204.00 1 5.0 5.0 268.0 1.1 150v 150c p4smaj150a p4smaj150ca 150.0 167.00 185.00 1 5.0 5.0 243.0 1 .2 150a 150d p4smaj160 p4smaj160c 160.0 178.00 218.00 1 5.0 5.0 287.0 1.1 160v 160c p4smaj160a p4smaj160ca 160.0 178.00 197.00 1 5.0 5.0 259.0 1 .2 160a 160d p4smaj170 p4smaj170c 170.0 189.00 231.00 1 5.0 5.0 304.0 1.1 170v 170c p4smaj170a p4smaj170ca 170.0 189.00 209.00 1 5.0 5.0 275.0 1 .1 170a 170d p4smaj188 p4smaj188c 188.0 209.00 255.00 1 5.0 5.0 344.0 0.9 188v 188c p4smaj188a p4smaj188ca 188.0 209.00 231.00 1 5.0 5.0 328.0 0 .9 188a 188d http://www.yeashin.com 3 rev.03 20 130403 stand-of f
p4smaj series package breakdownvoltage test current reverse leakage max. clamp voltage peak pulse current sma/do-214ac reverse voltage vbr@  t  r@ vrwm part number vrwm min. max.  t uni bi vc@ipp ipp device marking code uni bi v v v m a a a v a uni bi 400w transient voltage suppresor p4smaj200a p4smaj200ca 1 5.0 5.0 0 1.2 1 5.0 5.0 356.0 1.1 1 5.0 5.0 405.0 1.0 1 5.0 5.0 486. 0 1 5. 0 5.0 567.0 1 5.0 5.0 648.0 1 5.0 5.0 713.0 200a 224.00 247.00 200.0 246.00 272.00 220.0 p4smaj220a p4smaj220ca p4smaj250a p4smaj250ca P4SMAJ300a P4SMAJ300ca p4smaj350a p4smaj350ca p4smaj400a p4smaj400ca p4smaj440a p4smaj440ca 324. 0.8 0.7 0.6 0.6 200d 220a 220d 250a 250d 300a 300d 350a 350d 400a 400d 440a 440d 279.00 309.00 250.0 335.00 371.00 300.0 391.00 432.00 350.0 447.00 494.00 400.0 492.00 543.00 440.0 http://www.yeashin.com 4 rev.03 20 130403 stand-of f
p4smaj series device characteristics http://www.yeashin.com 5 rev.03 20 130403 100 10 1.0 0.1 0.1us 1.0ms 10ms td sec ,pulse width, figure 1-peak pulse power rating curve p , peak pulse power, kw ppm peak pulse power (p ) or current(i ) derating in percentage% pp pp 100 75 50 25 0 125 150 175 200 25 50 75 100 0 1.0us 10us 100us ta , ambient temperatuer, c figure2 derating curve v( ), breakdown voltage, volts br figure 4-typical capacitance cj,capacitance,pf i , peak pulse current-% ppm t, time,ms figure 3-pulse waveform 01.02.0 3.0 4.0 0 50 100 150 ta=25 c pulse width (td) is defined as the point where the peak current decays to 50% of ipp tf=10 u sec 10/1000 u sec waveform as defined bye r.e.a. peak value ippm half value-ipp 2 e-kt td t , lead temperature, c l fig.5-maximum non-repetitive peak foward surge current 1.0 2.0 5.0 10 20 50 100 200 measured at zero bias measured at stand-off voltahe(v ) mw tj=25 c f=1.0mhz vsig=50mvp-p mounted on 5.0mm copper land areas 50 40 30 20 10 2 4 10 20 40 100 0 1 i ,peak forware surge current, amperes fsm 10,000 1,000 100 10 t=tmax 8.3ms single half since-wave jedec method jj non-repetitve pulse wavefom shown in flgure3 ta=25 c


▲Up To Search▲   

 
Price & Availability of P4SMAJ30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X