, l/ ne. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 silicon controlled rectifiers reverse blocking triode thyristors ... designed for industrial and consumer applications such as power supplies, battery chargers, temperature, motor, light and welder controls. ? economical for a wide range of uses ? higj) surge current ? ijsm = 30 amps ? low forward "on" voltage -1,2 v (typ) @ itm = 25 amps ? practical laval triggering and holding characteristics ? 10 ma (typ) @ tc 25'c ? rugged construction in either pressfit, stud, or isolated stud ? glass passivated junctions for maximum reliability maximum ratings rating peak repetitive off-stale voltage, note 1 (tc = -40to + 100-c) am types ? non-repetitive reverse voltage (tc = -40 to 100'c) all types forward current rms peak surge current (ona cycle, 60 hz. tc = -40 to 100'c) circuit fusing it = 8.3 ms) peak gate power average gate power peak forward gate current operating junction temperature range storage temperature range stud torque suffix f a b 0 m f a b d m symbol vdrm and vrrm vrsm it(rms) itsm |2t pgm pq(av) igm tj tstg - value so 100 200 400 600 75 150 300 500 720 25 250 260 5 0.5 2 -40 to +100 -40 to +125 30 unit volts volts amps amps a2s watts watt amps ?c ?c in. ib. MCR230, 231 MCR230( )3, 231( )3 c232, 233 series scrs 25 amperes rms 50 thru 600 volts (to-203aa) style 1 c232 and c233 series case 263-04 style 1 MCR230 and 231 series case 311-02 style 1 MCR230i )3 and mcr231i )3 series nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by n.i semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. \ semi-conductors entourages customers to verify that datasheets are current before placing orders. qiinlitv
MCR230, 231 ? MCR230i )3, 231( )3 ? c232, 233 series electrical characteristics |tc . 25'c unless otherwise noted.) characteristic peak forward or reverse blocking current (rated vdhm or vrrm, gate open) tc = 25c tc - 100'c forward "on" voltage htm - 100 a peak, pulse width MCR230, MCR230i 13, c232 series (vd = 12 vdc, rl = 120 ohms) (vd - 12 vdc, rl = 60 ohms) tc = -40c gate trigger current, mcr231, mcr23k 13, c233 (continuous dc) (vd - 12 vdc, rl - 120 ohms) (vd = 12 vdc, rl - 60 ohms) tc = -40c gate trigger voltage (continuous dc) (vo = 12 vdc, rl - 120 ohms) (vd = 12 vdc, rl ' 60 ohms) tc = -40c (vd = rated vqrm. rl - 1000 ohms) tc = -hooc holding current (vd - 24 v. gate open, it = 0.5 a) tc = -40c turn-on time ltd + tr) htm = 25 adc, igt = 40 madc, vd = rated vdrm) turn-off time htm = 10 a, ir - 10 a, pulse width = 50 ms, dv/dt = 20 v.ms. vd = rated vdrm) tc = 100c forward voltage application rate (vd - rat9d vdrm) tc = 100?c symbol . idrm. (rrm vtm igt igt vqt ih 'at to. dv/dt mln ? ? .-v. ? 0.2 ? - ? tvp ? " ? j- - _- ^ . 1 25 35 100 max 10 1 - 1.9 ..25 . 40 ? - 9- - - 20 - 1.5 2 so 100 ? - ? unit ~'/ia ma w - volts ma ma volts ma ^s ms v/ms figure 1 - current derating for pressfit and non-isolated stud g ?t figure 2 - on-state power dissipation vnnu! on-state current 0 v/f ?1?i?j?h- n1^ conduction angll 12 ie 20 u 't(av), average forward current (amps) omiipq if lor ptluill ind stud otvicct houiftd stud ddvictl mult be dmted in irlijmnn.il iss foi himgle, im max rc 8 1g a 1180 conduction ingli) 11 7dac. a deiat'iq ol 3qc lioland nud devices mjit bi delated 34 sc. ihiiafort me manmum t^ a 6s 5c 2b 4.0 so 12 16 20 24 't(av). avera06 forward current (amps)
mcr265-2 thru mcr265-10 package dimensions t-i seating plane style 3: pin1, cathode 2. anode 3. gate 4 anode (to-220ab) notes: 1. dimensioning andtolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim a b c d f g h j k l n q r s t u v z inches min 0.570 0.380 0.160 0.025 0.142 0.095 0.110 0.014 0.500 0.045 0.190 0.100 0.080 0.045 0.235 0.000 0.045 ? max 0.620 0.405 0.190 0.035 0147 0.105 0.155 0.022 0.562 0.055 0,210 0,120 0.110 0.055 0.255 0.050 0.080 millimeters min 14.48 9.66 4,07 0.64 3.61 242 2.80 0.36 12.70 1 15 4.83 2.54 2.04 1.15 5.97 000 1.15 ? max 15.75 10.28 4.82 0.88 3.73 2.66 3.93 0.55 14.27 1.39 5.33 3.04 279 1.39 6.47 1.27 ? 2.04
|