Part Number Hot Search : 
H15S2 500J0 UH08A 1000S M65855FP G20N60C OP260GS LM294
Product Description
Full Text Search
 

To Download MBRB2060CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbrb2020ct thru mbrb20100ct 20 amp schottky barrier rectifier 20 to 100 volts features guard ring for transient protection low forward voltage drop high current capability, high efficiency mcc number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mbrb2020ct 20v 14v 20v mbrb2030ct 30v 21v 30v mbrb2035ct 35v 24.5v 35v mbrb2040ct 40v 28v 40v mbrb2045ct 45v 31.5v 45v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 20 a t a = 125 c peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage 2020ct-2045ct 2060ct v f .84v .80v i fm = 20a; i fm =10 a maximum dc reverse current at rated dc blocking voltage                        mcc mbrb20100ct 100v 70v 100v mbrb2080ct 80v 56v 80v MBRB2060CT 60v 42v 60v 2080ct-20100ct .85v t a = 25 c 2020ct-2045ct 2060ct-20100ct i r 0.1ma 0.15ma t a = 25 c         
 omp onents 2 0736 marilla street chatsworth               !  " #   $
%         !   " #    revision: a 2011/01/01 d 2 -pack suggested solder pad layout 2 , 4 heatsink 1 3 c dimensions inches m m dim min max min max note a .320 .359 8.13 9.14 b .380 .411 9.65 10.45 c .160 .190 4.06 4.83 d .020 .035 0.51 0.89 e .045 .055 1.14 1.40 g .095 .105 2.41 2.67 h .096 .120 2.43 3.03 j .014 .021 0.35 0.53 k .090 .110 2.29 2.79 s .575 .625 14.60 15.80 v .045 .055 1.14 1.40 e j k h a s v b d g 1 2 3 4 inches mm .065 1.65 .330 8.38 .420 10.66 .120 3.05 . 070 1.78 .740 18.79 tm micro commercial components www. mccsemi .com 1 of 3 marking : type number operating temperature: -5 5c to +150c storage temperature: -55c to +150c maximum thermal resistance: 2.0c/w junction to case maximum ratings lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) notes: 1. high temperature solder exemption applied, see eu directive annex 7. epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
mbrb2020ct thru mbrb20100ct instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus ambient temperature - c figure 3 forward derating curve 25 50 100 125 150 0 0 5 8 10 single phase, half wave 60hz resistive or inductive load amps c 75 14 18 20 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps . 2 .7 .3 .4 .5 .6 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 .8 figure 2 typical reverse characteristics volts .4 .6 2 1 mamps 20 150 50 75 100 125 .001 .002 .004 4 .006 .01 .02 .04 .06 .1 .2 4 6 10 175 t j =25 c mcc 1 100 4 0 25 50 75 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 100 125 150 2080-20100ct 2020ct-2045ct 2060ct revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 3
mcc www.mccsemi .com revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 800pcs/reel part number-bp tube: 1kpcs/box ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors.


▲Up To Search▲   

 
Price & Availability of MBRB2060CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X