Part Number Hot Search : 
WSSU3 KBJ10005 2SC668 BF495D NMH4812D C2530 1NM60 GL064N90
Product Description
Full Text Search
 

To Download LGR2D471MELZ40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  performance characteristics leakage current aluminum electrolytic capacitors gr series snap-in terminal type, 105 c long life assurance long life assurance series withstanding 10000 hours application of ripple current at 105 c. compliant of the rohs directive (2011/65/eu). gy long life gr tangent of loss angle (tan ) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance stability at low temperature endurance shelf life marking item 40 to +105 c (200 250v) , 25 to +105 c (400 450 v) 200 to 450v 39 to 1500f 20% at 120hz, 20 c i ( a) (after 5 minutes' application of rated voltage) [ c : rated capacitance ( f ) v : voltage ( v ) ] printed with white color letter on black sleeve. measurement frequency : 120hz at 20 c measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 c after d.c. bias plus rated ripple current is applied for 10000 hours at 105 c , the peak voltage shall not exceed the rated voltage. after storing the capacitors under no load at 105 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the requirements listed at right. rated voltage(v) tan (max.) 200 to 400 0.15 450 0.20 z 25 c/ z+20 c z 40 c/ z+20 c rated voltage (v) impedance ratio zt/z20 (max.) 200 250 3 12 400 450 8 capacitance change leakage current tan within 25 % of the initial capacitance value less than or equal to the initial specified value 250 % or less than the initial specified value capacitance change leakage current tan within 15 % of the initial capacitance value less than or equal to the initial specified value 150 % or less than the initial specified value 3 cv the other terminal is also available upon request. please refer page 328 for schematic of dimensions. 10 0.1 2-2 (pc board hole dimensions) (terminal dimensions) 4.0 0.5 2.5 1.5 0.8 +0.2 -0.1 + 0 .2 -0 .1 0.8 +0.2 -0.1 polarity bar 10 l 2 d +1.5 max. 4.00.5 pressure relief vent 0.1 sleeve ( p.e.t. ) drawing l 1 g 2 r 3 2 4 g 5 1 6 2 7 1 8 m 9 e 10 l 11 z 12 4 13 0 14 configuration case dia. code case length code capacitance tolerance ( 20%) rated capacitance (120f) rated voltage (400v) series name type d 22 25 30 35 code z a b c type numbering system (example : 400v 120 f) dimension table in next page. minimum order quantity : 50pcs. frequency coefficient of rated ripple current frequency (hz) 400 450v coeff. 50 60 120 300 1k 10k 50k or more 0.77 0.82 1.00 1.16 1.30 1.41 1.43 0.81 0.85 1.00 1.17 1.32 1.45 1.50 200 250v cat.8100c
220 270 330 390 470 560 680 820 1000 1200 1500 22 25 22 30 25 25 22 30 25 25 22 35 25 30 30 25 22 40 25 35 30 30 22 45 25 35 30 30 25 40 30 35 25 50 30 40 35 30 30 45 35 35 30 50 35 40 35 50 1000 1100 1100 1200 1200 1300 1300 1300 1400 1400 1400 1500 1500 1500 1700 1700 2000 2000 2000 2200 2200 2300 2300 2500 0.62 0.69 0.69 0.77 0.77 0.83 0.83 0.83 0.91 0.91 0.91 1.00 1.00 1.00 1.10 1.10 1.21 1.21 1.21 1.34 1.34 1.46 1.46 1.64 lgr2d221melz25 lgr2d271melz30 lgr2d271mela25 lgr2d331melz30 lgr2d331mela25 lgr2d391melz35 lgr2d391mela30 lgr2d391melb25 LGR2D471MELZ40 lgr2d471mela35 lgr2d471melb30 lgr2d561melz45 lgr2d561mela35 lgr2d561melb30 lgr2d681mela40 lgr2d681melb35 lgr2d821mela50 lgr2d821melb40 lgr2d821melc30 lgr2d102melb45 lgr2d102melc35 lgr2d122melb50 lgr2d122melc40 lgr2d152melc50 200v (2d) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) 180 220 270 330 390 470 560 680 820 1000 1200 22 30 25 25 22 30 25 25 22 35 25 30 30 25 22 40 25 35 30 25 22 45 25 35 30 30 25 45 30 35 35 30 25 50 30 35 35 30 30 45 35 35 30 50 35 40 35 45 35 50 900 900 1000 1000 1100 1100 1100 1200 1200 1200 1300 1300 1300 1400 1400 1400 1500 1500 1500 1700 1700 2000 2000 2200 2300 0,63 0.63 0.70 0.70 0.77 0.77 0.77 0.86 0.86 0.86 0.93 0.93 0.93 1.02 1.02 1.02 1.12 1.12 1.12 1.23 1.23 1.35 1.35 1.50 1.64 lgr2e181melz30 lgr2e181mela25 lgr2e221melz30 lgr2e221mela25 lgr2e271melz35 lgr2e271mela30 lgr2e271melb25 lgr2e331melz40 lgr2e331mela35 lgr2e331melb25 lgr2e391melz45 lgr2e391mela35 lgr2e391melb30 lgr2e471mela45 lgr2e471melb35 lgr2e471melc30 lgr2e561mela50 lgr2e561melb35 lgr2e561melc30 lgr2e681melb45 lgr2e681melc35 lgr2e821melb50 lgr2e821melc40 lgr2e102melc45 lgr2e122melc50 250v ( 2e) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) 39 47 56 68 82 100 120 150 180 220 270 330 22 25 22 30 22 35 25 25 22 40 25 30 22 45 25 35 30 25 22 50 25 40 30 30 25 45 30 30 25 50 30 40 35 30 30 45 35 35 30 50 35 40 35 45 35 50 370 400 470 470 530 530 560 560 560 640 640 640 720 720 790 790 790 870 870 1000 1000 1190 1380 0.39 0.43 0.47 0.47 0.52 0.52 0.57 0.57 0.57 0.63 0.63 0.63 0.69 0.69 0.77 0.77 0.77 0.85 0.85 0.94 0.94 1.04 1.15 lgr2w390melz25 lgr2w470melz30 lgr2w560melz35 lgr2w560mela25 lgr2w680melz40 lgr2w680mela30 lgr2w820melz45 lgr2w820mela35 lgr2w820melb25 lgr2w101melz50 lgr2w101mela40 lgr2w101melb30 lgr2w121mela45 lgr2w121melb30 lgr2w151mela50 lgr2w151melb40 lgr2w151melc30 lgr2w181melb45 lgr2w181melc35 lgr2w221melb50 lgr2w221melc40 lgr2w271melc45 lgr2w331melc50 450v (2w) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) 56 68 82 100 120 150 180 220 270 330 390 470 22 25 22 30 25 25 22 35 25 25 22 35 25 30 22 40 25 35 30 25 22 50 25 40 30 30 25 45 30 35 35 25 25 50 30 40 35 30 30 45 35 35 30 50 35 40 35 45 35 50 510 560 560 640 640 690 690 750 750 750 820 820 820 900 900 900 1000 1000 1000 1100 1100 1200 1200 1300 1400 0.44 0.49 0.49 0.54 0.54 0.60 0.60 0.65 0.65 0.65 0.73 0.73 0.73 0.80 0.80 0.80 0.88 0.88 0.88 0.98 0.98 1.08 1.08 1.18 1.30 lgr2g560melz25 lgr2g680melz30 lgr2g680mela25 lgr2g820melz35 lgr2g820mela25 lgr2g101melz35 lgr2g101mela30 lgr2g121melz40 lgr2g121mela35 lgr2g121melb25 lgr2g151melz50 lgr2g151mela40 lgr2g151melb30 lgr2g181mela45 lgr2g181melb35 lgr2g181melc25 lgr2g221mela50 lgr2g221melb40 lgr2g221melc30 lgr2g271melb45 lgr2g271melc35 lgr2g331melb50 lgr2g331melc40 lgr2g391melc45 lgr2g471melc50 400v (2g) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) aluminum electrolytic capacitors gr series dimensions rated ripple current (marms) at 105 c 120hz cat.8100c


▲Up To Search▲   

 
Price & Availability of LGR2D471MELZ40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X