model LEB100F-0512 leb100f-0324 leb100f-0524 leb100f-0530 leb100f-0536 dc output v1 +5v 5a +3.3v 5a +5v 5a +5v 5a +5v 5a v2 +12v 5 ( peak 10 ) a +24v 4 ( peak 7 ) a +24v 4 ( peak 7 ) a +30v 3.2 ( peak 5.6 ) a +36v 2.7 ( peak 4.7 ) a specifications model LEB100F-0512 leb100f-0324 leb100f-0524 leb100f-0530 leb100f-0536 input voltage[v] ac85 - 264 1 f or dc 120 - 370 current[a] acin 100v 1.2typ ( io=100% ) 1.4typ ( io=100% ) acin 200v 0.6typ ( io=100% ) 0.7typ ( io=100% ) frequency[hz] 50/60 ( 47-63 ) or dc efficiency[%] acin 100v 74typ ( io=100% ) 78typ ( io=100% ) 78typ ( io=100% ) 78typ ( io=100% ) 78typ ( io=100% ) acin 200v 76typ ( io=100% ) 80typ ( io=100% ) 80typ ( io=100% ) 80typ ( io=100% ) 80typ ( io=100% ) power factor acin 100v 0.98typ 0.99typ acin 200v 0.93typ inrush current[a] acin 100v 15typ ( io=100% )( at cold start )( ta=25 c ) acin 200v 30typ ( io=100% )( at cold start )( ta=25 c ) leakage current[ma] 0.75max ( 60hz , according to iec60950 and den-an ) output voltage[v] +5 +12 +3.3 +24 +5 +24 +5 +30 +5 +36 current[a] * 2 0-5 0-5 ( peak 10 ) 0-5 0-4 ( peak 7 ) 0-5 0-4 ( peak 7 ) 0-5 0 - 3.2 ( peak 5.6 ) 0-5 0 - 2.7 ( peak 4.7 ) total output wattage[w] * 3 85 ( peak 145 ) 100 ( peak 172 ) 100 ( peak 172 ) 100 ( peak 172 ) 100 ( peak 172 ) line regulation[mv] 20max 48max 20max 96max 20max 96max 20max 120max 20max 144max load regulation[mv] 40max 100max 40max 150max 40max 150max 40max 180max 40max 180max ripple[mvp-p] 0to+50 c * 4 80max 120max 80max 120max 80max 120max 80max 200max 80max 200max -10-0 c * 4 140max 160max 140max 160max 140max 160max 140max 240max 140max 240max ripple noise[mvp-p] 0to+50 c * 4 120max 150max 120max 150max 120max 150max 120max 300max 120max 300max -10-0 c * 4 160max 180max 160max 180max 160max 180max 160max 360max 160max 360max temperature regulation[mv] 0to+50 c 50max 120max 50max 240max 50max 240max 50max 300max 50max 300max -10 to +50 c 60max 150max 60max 290max 60max 290max 60max 350max 60max 350max drift[mv] * 5 20max 48max 20max 96max 20max 96max 20max 120max 20max 144max start-up time[ms] * 6 250max 500max 250max 500max 250max 500max 250max 500max 250max 500max hold-up time[ms] * 6 40typ 20typ 40typ 20typ 40typ 20typ 40typ 20typ 40typ 20typ output voltage adjustment range[v] 4.5 - 5.5 fixed 2.85 - 3.60 fixed 4.5 - 5.5 fixed 4.5 - 5.5 fixed 4.5 - 5.5 fixed output voltage setting[v] xx 11.5 - 12.5 xx 23.0 - 25.0 xx 23.0 - 25.0 xx 28.7 - 31.5 xx 34.5 - 37.5 protection circuit and others overcurrent protection v1 works over 105% of rating current and recovers automatically v2 works over 101% of peak current and recovers automatically overvoltage protection v1 works over 115% of rating , by zener diode clamping v2 works at 115 - 140% of rating remote on/off option ( refer to instruction manual ) isolation input-output - rc * 7 ac3 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) input-fg ac2 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) output - rc-fg * 7 ac500v 1minute , cutoff current = 100ma , dc500v 50m w min ( at room temperature ) output-output ( v1 - rc-v2 ) * 7 ac100v 1minute , cutoff current = 100ma , dc100v 10m w min ( at room temperature ) environment operating temp. , humid.and altitude -10 to +70 c , 20 - 90%rh ( non condensing )( refer to derating curve ), 3 , 000m ( 10 , 000feet ) max storage temp. , humid.and altitude -20 to +75 c , 20 - 90%rh ( non condensing ), 9 , 000m ( 30 , 000feet ) max vibration 10 - 55hz , 19.6m/s 2 ( 2g ), 3minutes period , 60minutes each along x , y and z axis impact 196.1m/s 2 ( 20g ), 11ms , once each x , y and z axis safety and noise regulations agency approvals ul60950-1 , c-ul , en60950-1 , en50178 complies with den-an and iec60950-1 ( at only ac input ) conducted noise complies with fcc-b , cispr22-b , en55022-b , vcci-b harmonic attenuator complies with iec61000-3-2 others case size/weight 75 x 35 x 222mm [2.95 x 1.38 x 8.74 inches] ( w x h x d ) /420g max ( without chassis and cover ) cooling method convection * 9 * 1 specification is changed at option, refer to instruction manual 5. * 2 peak loading for 10sec. and duty 35% max, refer to instruction manual 4. in detail. * 3 refer to instruction manual 2.2 in detail. * 4 this is the value that measured on measuring board with capacitor of 22 m f within 150mm from output terminal.measured by 20mhz oscilloscope or ripple-noise meter (equivalent to keisoku-giken: rm101). * 5 drift is the change in dc output for an eight hour period after a half-hour warm-up at 25 c , with the input voltage held constant at the rated input/output. * 6 acin 100v,lo=100% * 7 applicable when remote control (optional) is added. * 8 please contact us about safety approvals for the model with option. * 9 please contact us about class c. * series/parallel operation is not possible. * derating is required when operated with chassis and cover. * a sound may occur from power supply at peak loading. leb100f ac-dc power supplies open frame/ enclosed type leb 100 f -05 24 - o ordering information 1 series name 2 output wattage 3 universal input 4 v1 output voltage 5 v2 output voltage 6 optional * 1 * 8 g :low leakage current r :with remote on/off s :with chassis sn :with chassis & cover t :vertical terminal block y :with potentiometer z :with zt r 123456 leb leb-2 recommended emi/emc filter nac-06-472 high voltage pulse noise type : nap series low leakage current type : nam series * the emi/emc filter is recommended * to connect with several devices.
? input harmonic current ( leb100f-0524 ) ? efficiency ( leb100f-0524 ) ? input harmonic current ( leb100f-0524 ) ? rise time & fall time ( leb100f-0524 ) dc output +24v +5v ac input io=100% 20ms/div 100ms/div acin 100v 82 76 74 72 80 78 70 100 60 140 180 220 260 300 100% 50% load factor load factor efficiency input voltage v 010203040 0.01 0.001 0.1 1 10 load factor input voltage ac harmonic current standard class a (at odd number) 100% 100v harmonic order harmonic current a 010203040 0.01 0.001 0.1 1 10 load factor input voltage ac harmonic current standard class a (at odd number) 100% 230v harmonic order harmonic current a leb leb-3 leb100f external view i / o connector mating connector terminal (mfr: j.s.t.) cn1 cn2 cn3 cn4 b3p5-vh b8p-vh b2b-xh-a b3b-xh-a vhr-5n vhr-8n xhp-2 xhp-3 chain : svh-21t-p1.1 loose: bvh-21t-p1.1 chain : svh-21t-p1.1 loose: bvh-21t-p1.1 chain : sxh-001t-p0.6 loose: bxh-001t-p0.6 chain : sxh-001t-p0.6 loose: bxh-001t-p0.6 ? keep drawing current per pin below 5a for cn2 ? weight: 420g max ? tolerance: 1 [ t 0.04] ? dimensions in mm, [ ]= inches ? pcb material : cem3 ? chassis and cover is optional. ? mounting torque: 1.5n m(16kgf cm)max pin connection pin no. 1 2 3 4 5 input ac(l) ac(n) fg cn1 pin no. output cn2 (option) pin no. remote on/off cn3 rc( + ) rc( - ) 1 , 2 3 , 4 5 , 6 7 , 8 1 2 (option) pin no. -z cn4 + com - 1 2 3 g 2 v 2 g 1 v 1 (without chassis and cover) (option) (option) 25 30 4.5 20 + - 0.5 235 8 8 + - 0.5 45 + - 0.5 cn1 2- o 4.5 o 4.5 2-m4 cn3 cn4 4.5 15 20 46 235 + - 0.5 42 mounting hole mounting hole 4-m4 252 rc( - ) rc( + ) + com - name plate connector for remote on/off (option) connector for -z (option) mounting hole mounting hole voltage adjust ( v1 ) (lead) 32 5 (197) 5 (17) 5 1 4 5 8 3 1 75 3- o 3.5 o 3.5 - 4.0 [0.14 - 0.16] 212 222 + - 0.5 65 + - 0.5 pcb t=1.6 [2.95] [2.56] [0.67] [0.79] [1.18] [0.98] [0.18] [0.18] [0.31] [0.31] [1.65] [1.81] [0.59] [0.79] [3.35] [1.77] [0.2] [1.26] [0.12] [0.2] [7.76] [8.35] [8.74] [0.06] [0.14] [9.92] [9.25] [9.25] [0.18] [0.18] cn2 cn3 cn4 cn4 cn3 c1 19 fg ac (n) ac (l) g2 +v2 g1 +v1 3 max cn1 85 cn2 t performance data
model leb150f-0512 leb150f-0324 leb150f-0524 leb150f-0530 leb150f-0536 dc output v1 +5v 5a +3.3v 5a +5v 5a +5v 5a +5v 5a v2 +12v 7.5 ( peak 14 ) a +24v 6 ( peak 10 ) a +24v 6 ( peak 10 ) a +30v 4.8 ( peak 8 ) a +36v 4 ( peak 6.7 ) a specifications model leb150f-0512 leb150f-0324 leb150f-0524 leb150f-0530 leb150f-0536 input voltage[v] ac85 - 264 1 f or dc 120 - 370 current[a] acin 100v 1.6typ ( io=100% ) 2.0typ ( io=100% ) acin 200v 0.8typ ( io=100% ) 1.0typ ( io=100% ) frequency[hz] 50/60 ( 47-63 ) or dc efficiency[%] acin 100v 76typ ( io=100% ) 79typ ( io=100% ) 79typ ( io=100% ) 79typ ( io=100% ) 79typ ( io=100% ) acin 200v 79typ ( io=100% ) 82typ ( io=100% ) 82typ ( io=100% ) 82typ ( io=100% ) 82typ ( io=100% ) power factor acin 100v 0.98typ 0.99typ acin 200v 0.93typ inrush current[a] acin 100v 15typ ( io=100% )( at cold start )( ta=25 c ) acin 200v 30typ ( io=100% )( at cold start )( ta=25 c ) leakage current[ma] 0.75max ( 60hz , according to iec60950 and den-an ) output voltage[v] +5 +12 +3.3 +24 +5 +24 +5 +30 +5 +36 current[a] * 2 0-5 0 - 7.5 ( peak 14 ) 0-5 0-6 ( peak 10 ) 0-5 0-6 ( peak 10 ) 0-5 0 - 4.8 ( peak 8 ) 0-5 0-4 ( peak 6.7 ) total output wattage[w] * 3 115 ( peak 193 ) 150 ( peak 246 ) 150 ( peak 246 ) 150 ( peak 246 ) 150 ( peak 246 ) line regulation[mv] 20max 48max 20max 96max 20max 96max 20max 120max 20max 144max load regulation[mv] 40max 100max 40max 150max 40max 150max 40max 180max 40max 180max ripple[mvp-p] 0to+45 c * 4 80max 120max 80max 120max 80max 120max 80max 200max 80max 200max -10-0 c * 4 140max 160max 140max 160max 140max 160max 140max 240max 140max 240max ripple noise[mvp-p] 0to+45 c * 4 120max 150max 120max 150max 120max 150max 120max 300max 120max 300max -10-0 c * 4 160max 180max 160max 180max 160max 180max 160max 360max 160max 360max temperature regulation[mv] 0to+45 c 50max 120max 50max 240max 50max 240max 50max 300max 50max 300max -10 to +45 c 60max 150max 60max 290max 60max 290max 60max 350max 60max 350max drift[mv] * 5 20max 48max 20max 96max 20max 96max 20max 120max 20max 144max start-up time[ms] * 6 250max 500max 250max 500max 250max 500max 250max 500max 250max 500max hold-up time[ms] * 6 40typ 20typ 40typ 20typ 40typ 20typ 40typ 20typ 40typ 20typ output voltage adjustment range[v] 4.5 - 5.5 fixed 2.85 - 3.60 fixed 4.5 - 5.5 fixed 4.5 - 5.5 fixed 4.5 - 5.5 fixed output voltage setting[v] xx 11.5 - 12.5 xx 23.0 - 25.0 xx 23.0 - 25.0 xx 28.7 - 31.5 xx 34.5 - 37.5 protection circuit and others overcurrent protection v1 works over 105% of rating current and recovers automatically v2 works over 101% of peak current and recovers automatically overvoltage protection v1 works over 115% of rating , by zener diode clamping v2 works at 115 - 140% of rating remote on/off option ( refer to instruction manual ) isolation input-output - rc * 7 ac3 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) input-fg ac2 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) output - rc-fg * 7 ac500v 1minute , cutoff current = 100ma , dc500v 50m w min ( at room temperature ) output-output ( v1 - rc-v2 ) * 7 ac100v 1minute , cutoff current = 100ma , dc100v 10m w min ( at room temperature ) environment operating temp. , humid.and altitude -10 to +70 c , 20 - 90%rh ( non condensing )( refer to derating curve ), 3 , 000m ( 10 , 000feet ) max storage temp. , humid.and altitude -20 to +75 c , 20 - 90%rh ( non condensing ), 9 , 000m ( 30 , 000feet ) max vibration 10 - 55hz , 19.6m/s 2 ( 2g ), 3minutes period , 60minutes each along x , y and z axis impact 196.1m/s 2 ( 20g ), 11ms , once each x , y and z axis safety and noise regulations agency approvals ul60950-1 , c-ul , en60950-1 , en50178 complies with den-an and iec60950-1 ( at only ac input ) conducted noise complies with fcc-b , cispr22-b , en55022-b , vcci-b harmonic attenuator complies with iec61000-3-2 others case size/weight 85 x 40 x 222mm [3.35 x 1.57 x 8.74 inches] ( w x h x d ) /530g max ( without chassis and cover ) cooling method convection * 9 * 1 specification is changed at option, refer to instruction manual 5. * 2 peak loading for 10sec. and duty 35% max, refer to instruction manual 4. in detail. * 3 refer to instruction manual 2.2 in detail. * 4 this is the value that measured on measuring board with capacitor of 22 m f within 150mm from output terminal.measured by 20mhz oscilloscope or ripple-noise meter (equivalent to keisoku-giken: rm101). * 5 drift is the change in dc output for an eight hour period after a half-hour warm-up at 25 c , with the input voltage held constant at the rated input/output. * 6 acin 100v,lo=100% * 7 applicable when remote control (optional) is added. * 8 please contact us about safety approvals for the model with option. * 9 please contact us about class c. * series/parallel operation is not possible. * derating is required when operated with chassis and cover. * a sound may occur from power supply at peak loading. leb150f ac-dc power supplies open frame/ enclosed type leb 150 f -05 24 - o ordering information 1 series name 2 output wattage 3 universal input 4 v1 output voltage 5 v2 output voltage 6 optional * 1 * 8 g :low leakage current r :with remote on/off s :with chassis sn :with chassis & cover t :vertical terminal block y :with potentiometer z :with zt r 123456 leb leb-4 recommended emi/emc filter nac-06-472 high voltage pulse noise type : nap series low leakage current type : nam series * the emi/emc filter is recommended * to connect with several devices.
? input harmonic current ( leb150f-0524 ) ? efficiency ( leb150f-0524 ) ? input harmonic current ( leb150f-0524 ) ? rise time & fall time ( leb150f-0524 ) dc output +24v +5v ac input io=100% 20ms/div 100ms/div acin 100v 100 60 140 180 220 260 300 100% 50% load factor load factor efficiency input voltage v 010203040 0.01 0.001 0.1 1 10 load factor input voltage ac harmonic current standard class a (at odd number) 100% 100v harmonic order harmonic current a 010203040 0.01 0.001 0.1 1 10 load factor input voltage ac harmonic current standard class a (at odd number) 100% 230v harmonic order harmonic current a 84 78 76 74 82 80 72 leb leb-5 leb150f external view i / o connector mating connector terminal (mfr: j.s.t.) cn1 cn2 cn3 cn4 b3p5-vh b8p-vh b2b-xh-a b3b-xh-a vhr-5n vhr-8n xhp-2 xhp-3 chain : svh-21t-p1.1 loose: bvh-21t-p1.1 chain : svh-21t-p1.1 loose: bvh-21t-p1.1 chain : sxh-001t-p0.6 loose: bxh-001t-p0.6 chain : sxh-001t-p0.6 loose: bxh-001t-p0.6 ? keep drawing current per pin below 5a(7a at peak load)for cn2 ? weight: 530g max ? tolerance: 1 [ t 0.04] ? dimensions in mm, [ ]= inches ? pcb material : cem3 ? chassis and cover is optional. ? mounting torque: 1.5n m(16kgf cm)max pin connection pin no. 1 2 3 4 5 input ac(l) ac(n) fg cn1 pin no. output cn2 (option) pin no. remote on/off cn3 rc( + ) rc( - ) 1 , 2 3 , 4 5 , 6 7 , 8 1 2 (option) pin no. -z cn4 + com - 1 2 3 g 2 v 2 g 1 v 1 (without chassis and cover) (option) (option) 35 30 4.5 20 + - 0.5 235 8 8 + - 0.5 55 + - 0.5 cn1 2- o 4.5 o 4.5 2-m4 cn3 cn4 4.5 15 25 51 [2.01] [3.74] [1.18] [0.79] [2.17] [1.38] [0.94] [2.95] [3.35] [0.2] [0.12] [1.46] [1.85] [0.59] [0.98] [0.18] [0.18] [0.31] [0.31] [9.25] [0.18] [0.14] [4.13] [0.06] [0.2] [8.03] [8.35] [8.74] [0.18] [9.25] [9.92] 235 + - 0.5 47 95 mounting hole mounting hole 4-m4 252 name plate mounting hole voltage adjust ( v1 ) (lead) 37 5 (204) 5 (24) 5 1 4 5 8 3 1 85 105 4- o 3.5 + - 0.5 212 222 + - 0.5 75 + - 0.5 pcb t=1.6 cn2 cn3 cn4 c1 19 fg ac (n) ac (l) g2 +v2 g1 +v1 3 max cn1 rc( - ) rc( + ) + com - cn4 cn3 connector for remote on/off (option) connector for -z (option) cn2 t mounting hole o 3.5 - 4.0 [0.14 - 0.16] performance data
model leb225f-0512 leb225f-0324 leb225f-0524 leb225f-0530 leb225f-0536 dc output v1 +5v 5a +3.3v 5a +5v 5a +5v 5a +5v 5a v2 +12v 10 ( peak 20 ) a +24v 9 ( peak 14 ) a +24v 9 ( peak 14 ) a +30v 7.2 ( peak 11 ) a +36v 6 ( peak 9.3 ) a specifications model leb225f-0512 = leb225f-0324 leb225f-0524 leb225f-0530 = leb225f-0536 input voltage[v] ac85 - 264 1 f or dc 120 - 370 current[a] acin 100v 1.9typ ( io=100% ) 3.0typ ( io=100% ) acin 200v 1.0typ ( io=100% ) 1.5typ ( io=100% ) frequency[hz] 50/60 ( 47-63 ) or dc efficiency[%] acin 100v 77typ ( io=100% ) 81typ ( io=100% ) 81typ ( io=100% ) 81typ ( io=100% ) 81typ ( io=100% ) acin 200v 79typ ( io=100% ) 83typ ( io=100% ) 83typ ( io=100% ) 83typ ( io=100% ) 83typ ( io=100% ) power factor acin 100v 0.98typ 0.99typ acin 200v 0.93typ inrush current[a] acin 100v 15typ ( io=100% )( more than 3sec.to re-start ) acin 200v 30typ ( io=100% )( more than 3sec.to re-start ) leakage current[ma] 0.75max ( 60hz , according to iec60950 and den-an ) output voltage[v] +5 +12 +3.3 +24 +5 +24 +5 +30 +5 +36 current[a] * 2 0-5 0-10 ( peak 20 ) 0-5 0-9 ( peak 14 ) 0-5 0-9 ( peak 14 ) 0-5 0 - 7.2 ( peak 11 ) 0-5 0-6 ( peak 9.3 ) total output wattage[w] * 3 145 ( peak 265 ) 225 ( peak 345 ) 225 ( peak 345 ) 225 ( peak 345 ) 225 ( peak 345 ) line regulation[mv] 20max 48max 20max 96max 20max 96max 20max 120max 20max 144max load regulation[mv] 40max 100max 40max 150max 40max 150max 40max 180max 40max 180max ripple[mvp-p] 0to+40 c * 4 80max 120max 80max 120max 80max 120max 80max 200max 80max 200max -10-0 c * 4 140max 160max 140max 160max 140max 160max 140max 240max 140max 240max ripple noise[mvp-p] 0to+40 c * 4 120max 150max 120max 150max 120max 150max 120max 300max 120max 300max -10-0 c * 4 160max 180max 160max 180max 160max 180max 160max 360max 160max 360max temperature regulation[mv] 0to+40 c 50max 120max 50max 240max 50max 240max 50max 300max 50max 300max -10 to +40 c 60max 150max 60max 290max 60max 290max 60max 350max 60max 350max drift[mv] * 5 20max 48max 20max 96max 20max 96max 20max 120max 20max 144max start-up time[ms] * 6 250max 500max 250max 500max 250max 500max 250max 500max 250max 500max hold-up time[ms] * 6 40typ 20typ 40typ 20typ 40typ 20typ 40typ 20typ 40typ 20typ output voltage adjustment range[v] 4.5 - 5.5 fixed 2.85 - 3.60 fixed 4.5 - 5.5 fixed 4.5 - 5.5 fixed 4.5 - 5.5 fixed output voltage setting[v] xx 11.5 - 12.5 xx 23.0 - 25.0 xx 23.0 - 25.0 xx 28.7 - 31.5 xx 34.5 - 37.5 protection circuit and others overcurrent protection v1 works over 105% of rating current and recovers automatically v2 works over 101% of peak current and recovers automatically overvoltage protection v1 works over 115% of rating , by zener diode clamping v2 works at 115 - 140% of rating remote on/off option ( refer to instruction manual ) isolation input-output - rc * 7 ac3 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) input-fg ac2 , 000v 1minute , cutoff current = 10ma , dc500v 50m w min ( at room temperature ) output - rc-fg * 7 ac500v 1minute , cutoff current = 100ma , dc500v 50m w min ( at room temperature ) output-output ( v1 - rc-v2 ) * 7 ac100v 1minute , cutoff current = 100ma , dc100v 10m w min ( at room temperature ) environment operating temp. , humid.and altitude -10 to +70 c , 20 - 90%rh ( non condensing )( refer to derating curve ), 3 , 000m ( 10 , 000feet ) max storage temp. , humid.and altitude -20 to +75 c , 20 - 90%rh ( non condensing ), 9 , 000m ( 30 , 000feet ) max vibration 10 - 55hz , 19.6m/s 2 ( 2g ), 3minutes period , 60minutes each along x , y and z axis impact 196.1m/s 2 ( 20g ), 11ms , once each x , y and z axis safety and noise regulations agency approvals ul60950-1 , c-ul , en60950-1 , en50178 complies with den-an and iec60950-1 ( at only ac input ) conducted noise complies with fcc-b , cispr22-b , en55022-b , vcci-b harmonic attenuator complies with iec61000-3-2 others case size/weight 95 x 45 x 222mm [3.74 x 1.77 x 8.74 inches] ( w x h x d ) /700g max ( without chassis and cover ) cooling method convection * 9 * 1 specification is changed at option, refer to instruction manual 5. * 2 peak loading for 10sec. and duty 35% max, refer to instruction manual 4. in detail. * 3 refer to instruction manual 2.2 in detail. * 4 this is the value that measured on measuring board with capacitor of 22 m f within 150mm from output terminal.measured by 20mhz oscilloscope or ripple-noise meter (equivalent to keisoku-giken: rm101). * 5 drift is the change in dc output for an eight hour period after a half-hour warm-up at 25 c , with the input voltage held constant at the rated input/output. * 6 acin 100v,lo=100% * 7 applicable when remote control (optional) is added. * 8 please contact us about safety approvals for the model with option. * 9 please contact us about class c. * series/parallel operation is not possible. * derating is required when operated with chassis and cover. * a sound may occur from power supply at peak loading. = marked models are pending for safety approvals. consult with us for delivery. leb225f ac-dc power supplies open frame/ enclosed type leb 225 f -05 24 - o ordering information 1 series name 2 output wattage 3 universal input 4 v1 output voltage 5 v2 output voltage 6 optional * 1 * 8 g :low leakage current r :with remote on/off s :with chassis sn :with chassis & cover t :vertical terminal block y :with potentiometer z :with zt r 123456 leb leb-6 recommended emi/emc filter nac-06-472 high voltage pulse noise type : nap series low leakage current type : nam series * the emi/emc filter is recommended * to connect with several devices.
? input harmonic current ( leb225f-0524 ) ? efficiency ( leb225f-0524 ) ? input harmonic current ( leb225f-0524 ) ? rise time & fall time ( leb225f-0524 ) dc output +24v +5v ac input io=100% 20ms/div 100ms/div acin 100v 78 80 82 84 86 76 100 60 140 180 220 260 300 100% 50% load factor load factor efficiency input voltage v 010203040 0.01 0.001 0.1 1 10 load factor input voltage ac harmonic current standard class a (at odd number) 100% 100v harmonic order harmonic current a 010203040 0.01 0.001 0.1 1 10 load factor input voltage ac harmonic current standard class a (at odd number) 100% 230v harmonic order harmonic current a leb leb-7 leb225f external view i / o connector mating connector terminal (mfr: j.s.t.) cn1 cn2 cn3 cn4 b3p5-vh b10p-vh b2b-xh-a b3b-xh-a vhr-5n vhr-10n xhp-2 xhp-3 chain : svh-21t-p1.1 loose: bvh-21t-p1.1 chain : svh-21t-p1.1 loose: bvh-21t-p1.1 chain : sxh-001t-p0.6 loose: bxh-001t-p0.6 chain : sxh-001t-p0.6 loose: bxh-001t-p0.6 ? keep drawing current per pin below 5a (7a at peak load) for cn2 ? weight: 700g max ? tolerance: t ? dimensions in mm, [ ]= inches ? pcb material : cem3 ? chassis and cover is optional. ? mounting torque: 1.5n m(16kgf cm)max pin connection pin no. 1 2 3 4 5 input ac(l) ac(n) fg cn1 pin no. output cn2 (option) pin no. remote on/off cn3 rc( + ) rc( - ) rc( - ) rc( + ) 1 , 2, 3 4 , 5, 6 7 , 8 9 , 10 1 2 (option) pin no. -z cn4 + com - + com - 1 2 3 g 2 v 2 g 1 v 1 (without chassis and cover) (option) (option) cn4 cn3 mounting hole 4- o 3.5 name plate connector for remote on/off (option) connector for -z (option) voltage adjust ( v1 ) (lead) 42 5 222 5 (15.5) 5 1 6 7 10 3 1 95 (200) 124 + - 0.5 212 + - 0.5 85 + - pcb t=1.6 0.5 45 33 4.5 23 + - + - 0.5 235 8 8 + - 0.5 65 0.5 cn2 cn3 cn4 c1 19 fg ac (n) ac (l) 3 max cn1 g2 +v2 g1 +v1 cn1 2- o 4.5 o 4.5 2-m4 cn3 cn2 cn4 4.5 15 30 58 235 + - 0.5 52 108 mounting hole mounting hole 4-m4 252 [2.28] [4.25] [1.3] [0.91] [2.56] [0.61] [1.77] [3.35] [3.74] [0.2] [0.12] [1.65] [2.05] [0.59] [1.18] [0.18] [0.18] [9.25] [0.18] [0.14] [4.88] [0.06] [0.2] [7.87] [8.35] [8.74] [0.18] [9.25] [9.92] [0.31] [0.31] 1 [ t 0.04] mounting hole o 3.5 - 4.0 [0.14 - 0.16] performance data
|