Part Number Hot Search : 
N037T ADM690 TM9316 D2498 SP708R 050DZ01 AD7854 OMT250
Product Description
Full Text Search
 

To Download KBL005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  KBL005 thru kbl10 silicon bridge rectifiers reverse voltage - 50 to 1000 volts forward current - 4.0 amperes case : molded plastic body terminals : plated leads solderable per mil-std-750, method 2026 polarity : polarity symbols marked on case mounting position : any weight :0.22 ounce, 6.21 grams features mechanical data maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. notes: 1.measured at 1.0 mhz and applied reverse voltage of 4.0 volts. 2.unit mounted on 3.0 ? x 3.0 ? x 0.11? thick (7.5x7.5x0.3cm) al. plate. 3.p.c.board mounted with 0.5 ? x0.5 ? (12x12mm) copper pads,0.375 ? (9.5mm) lead length. the plastic package carries underwriters laboratory flammability classification 94v-0 ideal for printed circuit boards low reverse leakage high forward surge current capability high temperature soldering guaranteed: 260 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension 166 10 1.0 105 20 -65 to +150 -55 to +150 4.0 3.0 volts volts volts symbols units amps amps volts v rrm v rms v dc i (av) i fsm maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward t c =50 c(note 2) output rectified current at t a =50 c(note 3) peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) rating for fusing(t<8.3ms) maximum instantaneous forward voltage drop per birdge element at 4.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) typical thermal resistance (note 2) operating junction temperature range storage temperature range i t c j r q ja t j t stg i r a s 2 2 v f a m c c/w ma c pf 50 35 50 100 70 100 200 140 200 400 280 400 600 420 600 800 560 800 1000 700 1000 kbl 005 200 1.0 kbl 01 kbl 02 kbl 04 kbl 06 kbl 08 kbl 10 dimensions in inches and (millimeters) kbl 0.768(19.5) 0.728(18.5) 0.580(14.7) 0.540(13.7) 0.640(16.3) 0.600(15.2) 0.750 (19.0) min. 0.052(1.3) 0.048(1.2) 0.083 (2.1) 0.220(5.6) 0.180(4.6) 0.256(6.5) 0.236(6.0) + - ac mdd electronic mdd catalog number
ratings and characteristic curves KBL005 thru kbl10 4.0 3.2 2.4 1.6 0.8 0 0 25 50 75 100 125 150 175 200 160 120 80 40 0 0.6 0.8 1.0 1.2 1.4 1.5 0.1 1.0 10 100 0.01 0.1 1 10 100 100 10 1 0.1 reverse voltage,volts t,pulse duration,sec. fig. 5-typical junction capacitance fig. 6-typical transient thermal impedance fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes junction capacitance, pf peak forward surge current, amperes instantaneous forward voltage, volts single phase half wave 60hz resistive or inductive load 1 10 100 0.01 0.1 1 20 10 t j =25 c pulse width=300 m s 1%duty cycle t j =25 c 2 20 200 400 0 20 40 60 80 100 1,000 100 10 1 0.1 0.01 tj=100 c tj=25 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, microamperes transient thermal impedance, c/w ambient temperature, c 8.3ms single half sine-wave (jedec method) mdd electronic


▲Up To Search▲   

 
Price & Availability of KBL005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X