Part Number Hot Search : 
SMA592 XX1002 SMA592 HY5DV64 ENV50140 BU2506 1N6285A 30130
Product Description
Full Text Search
 

To Download HSMZ-A160-T00J1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  caution: hsmm and hsmn-a1xx-xxxxx leds are class 2 esd sensitive. please observe appropriate precautions during handling and processing. refer to agilent application note an-1142 for additional details. agilent hsmx-a16x-xxxxx plcc-2 surface mount led indicator black surface tinted data sheet description this family of smt leds is packaged in the industry standard plcc-2 package. these smt leds have high reliability performance and are designed to work under a wide range of environmental conditions. this high reliability feature makes them ideally suited to be used under harsh interior signs application conditions. this smt led package come with a black surface and tinted which is specially designed for signs application to minimize ambient reflection to improve contrast. to facilitate easy pick & place assembly, the leds are packed in eia- compliant tape and reel. every reel will be shipped in single intensity and color bin, except red color, to provide close uniformity. these leds are compatible with ir solder reflow process. due to the high reliability feature of these products, they can also be mounted using through-the-wave soldering process. the super wide vi ewing angle at 120 makes these leds ideally suited for panel, push button, or general backlighting in au tomotive interior, office equipment, industrial equipment, and home appliances. the flat top emitting surface makes it easy for these leds to mate with light pipes. with the built-in reflector pushing up the intensity of the light output, these leds are also suitable to be used as led pixels in interior electronic signs. features ? industry standard plcc-2 package  high reliability led package  high brightness using alingap and ingan dice technologies  available in full selection of colors ? super wide viewing angle at 120  available in 8 mm carrier tape on 7 inch reel (2000 pieces)  compatible with both ir and ttw soldering process  black surface tinted applications  electronic signs and signals  interior full color sign  variable message sign
2 package dimensions notes: all dimensions in mm device selection guide color part number min iv @ 20ma (mcd) ty p i c a l i v @ 2 0 m a (mcd) red hsmc-a160-q00j1 63.0 100.0 hsmc-a161-s00j1 160.0 220.0 HSMZ-A160-T00J1 250.0 350.0 yellow /amber hsma-a160-q00j1 63.0 100.0 hsma-a161-s00j1 160.0 220.0 hsmu-a160-r00j1 100.0 320.0 hsmu-a160-t00j1 250.0 320.0 green hsmm-a161-r00j1 100.0 200.0 hsmm-a160-s00j1 160.0 350.0 blue hsmn-a161-n00j1 25.0 50.0 hsmn-a160-p00j1 40.0 70.0 notes: the luminous intensity i v , is measured at the mechanical axis of the lamp package. the actual peak of the spatial radiation pattern may not be aligned with this axis.
3 absolute maximum ratings (t a = 25 c) parameters hsmc/a hsmv/z hsmm/n dc forward current [1] 30 ma [3,4] 30 ma [3,4] 30 ma peak forward current [2] 100ma 100ma 100ma power dissipation 63mw 72mw 114mw reverse voltage 5 5 5 junction temperature 110 c 110 c 110 c operating temperature -55 c to +100 c-55 c to +100 c-55 c to +100 c storage temperature -55 c to +100 c-55 c to +100 c-55 c to +100 c notes: 1. derate linearly as shown in figure 2. duty factor = 10%, frequency = 1khz. 3. drive current between 10ma and 30ma are re commended for best long term performance 4. operation at current below 5ma is not recommended. optical characteristic (t a = 25 c) color part number dice technology peak wavelength peak (nm) ty p. dominant wavelength d (nm) [1] ty p. viewing angle 2 1/2 [2] (degrees) typ . luminous efficacy v [3] (lm/w) typ luminous intensity/ total flux i v (mcd)/f v (mlm) typ. amber hsma-a16x alingap 592 590 120 480 0.45 amber hsmu-a160 alingap 594 592 120 500 0.45 red hsmc-a16x alingap 635 626 120 150 0.45 red hsmz-a160 alingap 639 630 120 155 0.45 green hsmm-a16x ingan 523 525 120 500 0.45 blue hsmn-a16x ingan 468 470 120 75 0.45 notes: 1. the dominant wavelength, d , is derived from the cie chromaticity diagram and represents the color of the device. 2. 1/2 is the off-axis angle where the lumino us intensity is 1/2 the peak intensity. 3. radiant intensity, i e in watts/steradian, may be ca lculated from the equation i e = i v / v , where i v is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt. electrical characteristic (t a = 25 c) dice technology forward voltage v f (volts) @ i f = 20ma reverse voltage v r @ 100 a reverse voltage v r @ 10 a thermal resistance r jp ( c/w) ty p max min min typ hsmc/a 1.9 2.4 5 - 280 hsmv/z 2.2 2.6 5 - 280 hsmm/n 3.4 4.05 - 5 280
4 figure 1. relative intensity vs. wavelength fi gure 2. forward current vs. forward voltage figure 3. relative intensity vs. forward current fi gure 4. dominant wavelength vs. forward current ? ingan figure 5. maximum forward cu rrent vs. ambient temperature. derated based on t j max = 110 c, r ja 500 c/w figure 6. forward voltage shift vs. temperature 0 0.2 0.4 0.6 0.8 1 380 430 480 530 580 630 680 730 780 wavelength - nm relative intensity blue green amber red 0 5 10 15 20 25 30 35 0 0.5 1 1.5 2 2.5 3 3.5 4 forward voltage -v forward current - ma hsma/c hsmu/z hsmm/n 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 5 10 15 20 25 30 35 dc forward current -ma relative luminous intensity (normalized at 20ma) ingan alingap 460 470 480 490 500 510 520 530 540 0 5 10 15 20 25 30 35 current - ma dominant wavelength - nm ingan green ingan blue
5 figure 7. radiation pattern figure 9. recommended wave soldering profile figure 8a. recommended snpb reflow soldering profile figure 8b. recommended pb-free reflow soldering profile temperature time 20 sec. max. 240?c max. 100-150?c 183?c 3?c/sec max. 120 sec. max. 3?c/sec max. -6?c/sec max. 60-150 sec. temperature time 10 to 20 sec. 255 ?c +5?c -0?c 125?c +/- 25?c 217?c 3?c/sec max. max. 120 sec. -6?c/sec max. 60-150 sec.
6 figure 10. recommended soldering pad pattern
7 figure 11. tape leader and trailer dimension figure 12. tape dimension
8 figure 13. reel dimension storage conditions: 5 to 30 c @ 60% rh max. recommended baking conditions: 60 +/- 5 c for 20 hours. baking is required under the following conditions: a) the humidity indicator card becomes pink in color b) the pack has been opened for more than 4 weeks this product is qualified as moisture sensitive jedec level 2a figure 14. reeling orientation cathode side user feed direction printed label
9 intensity bin select (x 5 x 6 ) individual reel will contain parts from 1 half bin only intensity bin limits color bin select (x 7 ) individual reel will contain parts from 1 full bin only color bin limits tolerance of each bin limit = 1nm packaging option (x 8 x 9 ) x 5 min iv bin x 6 0 full distribution 3 3 half bins starting from x 5 1 4 4 half bins starting from x 5 1 5 5 half bins starting from x 5 1 7 3 half bins starting from x 5 2 8 4 half bins starting from x 5 2 9 5 half bins starting from x 5 2 bin id min (mcd) max (mcd) j1 4.50 5.60 j2 5.60 7.20 k1 7.20 9.00 k2 9.00 11.20 l1 11.20 14.00 l2 14.00 18.00 m1 18.00 22.40 m2 22.40 28.50 n1 28.50 35.50 n2 35.50 45.00 p1 45.00 56.00 p2 56.00 71.50 q1 71.50 90.00 q2 90.00 112.50 r1 112.50 140.00 r2 140.00 180.00 s1 180.00 224.00 s2 224.00 285.00 t1 285.00 355.00 t2 355.00 450.00 u1 450.00 560.00 u2 560.00 715.00 tolerance of each bin limit = 12% x 7 0full distribution za and b only yb and c only w c and d only v d and e only u e and f only t f and g only sg and h only q a, b and c only p b, c and d only nc, d and e only m d, e and f only l e, f and g only k f, g and h only 1 a, b, c and d only 2 e, f g and h only blue min (nm) max (nm) a 460.0 465.0 b 465.0 470.0 c 470.0 475.0 d 475.0 480.0 green min (nm) max (nm) a 515.0 520.0 b 520.0 525.0 c 525.0 530.0 d 530.0 535.0 amber/ yellow min (nm) max (nm) a 582.0 584.5 b 584.5 587.0 c 587.0 589.5 d 589.5 592.0 e 592.0 594.5 f 594.5 597.0 red min (nm) max (nm) full distribution x 8 x 9 j1 20ma test current, top mount, 7 inch reel j2 10ma test current, top mount, 7 inch reel
www.agilent.com/semiconductors for product information and a complete list of distributors, please go to our web site. for technical assistance call: americas/canada: +1 (800) 235-0312 or (916) 788-6763 europe: +49 (0) 6441 92460 china: 10800 650 0017 hong kong: (+65) 6756 2394 india, australia, new ze aland: (+65) 6755 1939 japan: (+81 3) 3335-8152 (domestic/interna- tional), or 0120-61- 1280 (domestic only) korea: (+65) 6755 1989 singapore, malaysia, vietnam, thailand, philippines, indonesia: (+65) 6755 2044 taiwan: (+65) 6755 1843 data subject to change. copyright 2004 agilent technologies, inc. july 21, 2004 5989-0496en


▲Up To Search▲   

 
Price & Availability of HSMZ-A160-T00J1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X