Part Number Hot Search : 
1310A 23990 2800A ZXSC410 216X7 MC3303PT BR120 ST3232BN
Product Description
Full Text Search
 

To Download GSW-4876 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GSW-4876 version: 3 48 ge + 2 ge sfp web smart switch the levelone GSW-4876 is an intelligent 50 ports gigabit web smart switch, provides 48 x 1000base-t ports and 2 x gigabit sfp (small form factor pluggable) slots. the switch supports a flexible web-based management interface, snmp for both ipv4 and ipv6 as well as layer 2 management features. despite its affordable pricing, the GSW-4876 is equipped with many advanced features such as internet group management protocol (igmp) snooping v1/v2/v3 forwarding, vlans, spanning tree, link aggregation control protocol (lacp), qos with 8 priority queues, upnp for auto-discovery and configure devices, storm control for protects against broadcast/multicast/unknown unicast and else more. the GSW-4876 offers a complete web management solution for small-to-median businesses. key features - 48 gigabit ethernet ports and 2 gigabit sfp slots - mld, telnet, snmp v1, v2c & v3, rmon, web browser, and tftp management - ip multicast filtering through igmp snooping v1 / v2 / v3 - supports port-based vlan, ieee 802.1q 4k vlan tagging - ieee 802.1d/w/s spanning tree protocol (mstp) and port mirroring - supports access control list (acl) authentication of up to 512 entries and port-level security with ieee802.1x - supports ipv4/ipv6 network operation - ieee 802.1p qos with 8 priority queues - ieee 802.3ad lacp for auto port aggregation - supports universal plug and play (upnp) for auto-configure network devices - supports simple network time protocol (sntp) time server - 10k jumbo frames to increase data transfer rates www.level1.com page 1 of 6
highlight cost-effective solutions for ipv6 deployment featuring the most comprehensive set of ipv6 migration technologies, including stateless auto configuration which simplifies ip address assignment by creating a plug-and-play environment in the absence of a dhcp server and the implementation of dual ip stack that allows not only for running both ipv4 and ipv6 applications in parallel but also for facilitating gradual transition between these applications. related product gvt-0302 1.25g smf sfp transceiver, 80 km, 1550nm specifications system specifications memory: 16mb buffer memory (kb): 512kb connectors and cabling: 48 x rj-45 10/100/1000base-t ports 2 x 100/1000base-x sfp slots (shared) indicator: power, link/port activity transmission method: store-and-forward power: power consumption: 50 watts for system power voltage: 100 ~ 240 vac, 50-60 hz, 2.0a standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.3ab 1000base-t, gigabit ethernet ieee 802.1p quality of service (qos) ieee 802.1x port-based network access control (pnac) ieee 802.1q virtual lans (vlans) ieee 802.1d mac bridges ieee 802.1d standard spanning tree protocol (stp) ieee 802.1w rapid spanning tree protocol (rstp) ieee 802.1s multiple spanning tree (mstp) ieee 802.3ad link aggregation control protocol (lacp) ieee 802.1ab link layer discovery protocol (lldp) ieee 802.3x flow control (full-duplex flow control) universal plug and play (upnp) features general: quality of service (qos) 8 hardware queues per port traffic classification based on ieee 802.1p cos, dscp, www.level1.com page 2 of 6
supports wrr, strict scheduling, or hybrid mode rate limiting - ingress: resolution 16 kbps - egress: resolution 16 kbps spanning tree protocol: - ieee 802.1d spanning tree protocol (stp) - ieee 802.1w rapid spanning tree protocol (rstp) - stp auto edge auto-negotiation for port speed and duplex mode flow control: - ieee 802.3x for full-duplex mode - back-pressure for half-duplex mode vlans: - supports 4k ieee 802.1q vlans - port-based vlans - voice vlan - private vlan link aggregation: - static trunk - ieee 802.3ad link aggregation control protocol - trunk groups: 25 trunk links: up to 8 ports igmp snooping: - igmp v1/v2/v3 snooping - igmp immediate leave - supports jumbo frames up to 10 kb security: port security: static and dynamic eapol transparent mac authentication web authentication dhcp snooping storm control: prevents traffic on a lan from being disrupted by a broadcast, multicast, or unicast storm on a port access control: ssh v1/v2 supported; https/ssl; ieee 802.1x radius/tacacs+ authentication; dynamic vlan assignment acls: support for up to 512 entries filtering: port-/mac-/ip-based security management: switch management: - web management - snmp v1/v2/v3 firmware and configuration: upgrade via tftp/http supports dhcp client supports lldp (802.1ab) and lldp-med rmon (groups 1, 2, 3, and 9) port mirroring: one to one and many to one event log: local flash, syslog, remote server (rfc3164) and smtp www.level1.com page 3 of 6
(rfc821) sntp (ipv4/ipv6) loop detection and prevention upnp cable diagnostics ipv6 management: - ipv4/ipv6 dual protocol stack - ipv6 address types: unicast/multicast - ipv6 ping/tracert - icmpv6 and icmpv6 redirect - ipv6 neighbor discovery - ipv6 stateless auto config/manual config - ipv6 telnet/snmp/http/dhcp performance backplane (gbps): 100gbps mac address table: 8k data transfer rate: 10/100/1000mbps packet forwarding rate: 1000mbps port - 1,488,000pps 100mbps port - 148,000pps 10mbps port - 14,880pps environment temperature (c): operating: 0 ~ 50c storage: -40 ~ 70c humidity (non-condensing): operating: 10 ~ 90% storage: 5 ~ 90% physical specifications dimensions (w x d x h mm): 440 x 250 x 44 mm weight (g): 2980 g others approval and compliance: ce, fcc part 15 class a deployment: 19-inch rack-mountable www.level1.com page 4 of 6
diagram order information GSW-4876 package contents power cord 19" rackmount kit rubber feet quick installation guide resource cd (user manual) no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 5 of 6
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 6 of 6


▲Up To Search▲   

 
Price & Availability of GSW-4876

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X