Part Number Hot Search : 
40ST1 SL1122A SMZ255B RT5P230C THAT1420 40ST1 HFS21 ABD2T
Product Description
Full Text Search
 

To Download GBU1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) version: a06 GBU1001 - gbu1007 single phase 10.0 amps. glass passivated bridge rectifiers gbu .880(22.3) .860(21.8) 9 typ. .080(2.03) .065(1.65) .710(18.0) .690(17.5) .085(2.16) .075(1.90) .022(0.56) .018(0.46) .160(4.1) .140(3.5) .050(1.27) .040(1.02) 0.125(3.2)x45 chamfer .190(4.83) .210(5.33) .100(2.54) .085(2.16) .075 (1.9)r .020r(typ.) .310(7.90) .290(7.40) .085(2.16) .065(1.65) .740(18.8) .720(18.3) .080(2.03) .060(1.52) .140(3.56) .130(3.30) features  ul recognized file # e-96005  ideal for printed circuit board  reliable low cost construction  plastic material has underwriters laboratory flammability classification 94v-0  high case dielectric strength of 1500vrms  surge overload rating to 200 amperes peak  high temperature soldering guaranteed: 260 o c / 10 seconds / .375?, (9.5mm) lead lengths. mechanical data  case: molded plastic body.  terminals: plated leads solderable per mil-std-750, method 2026.  weight: 0. 3 ounce, 8.0 grams  mounting torque: 5 in. lb. max. maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol gbu 1001 gbu 1002 gbu 1003 gbu 1004 gbu 1005 gbu 1006 gbu 1007 units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current @t c = 100 o c i (av) 10.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 220 a maximum instantaneous forward voltage @ 5.0a @ 10a v f 1.0 1.1 v maximum dc reverse current @ t a =25 o c at rated dc blocking voltage @ t a =125 o c i r 5.0 500 ua ua typical junction capacitance (note 3) cj 211 94 pf typical thermal resistance per leg ( note 1 ) ( note 2 ) r ja r jc 21 2.0 o c/w operating temperature range t j -55 to +150 o c storage temperature range t stg -55 to + 150 o c notes 1: units mounted in free air no heat sink on pcb 0.5?x 0.5 ? (12mm x 12mm) copper pads, 0.375?(9.5mm) lead length. 2: device mounted on 4? x 6? x 0.25? plate heatsink. 3. measured at 1.0 mhz and applied reverse voltage of 4.0v.
ratings and characteristic curves (GBU1001 thru ) gbu1007 fig.3- maximum non-repetitive forward surge current per bridge element 1 5 100 case temperature. ( c) o fig.1-maximum forward current derating curve number of cycles at 60hz fig.2- typical reverse characteristics per bridge element instantaneous reverse current .( a)  peak for ward surge current . (a) average for ward current . (a) 50 20 10 2 0 2 6 10 0 100 50 150 0.01 0.1 10 100 500 1 02040 60 80 100 percent of rated peak reverse voltage. (%) tj=150 c 8.3ms single half sine wave fig.5- typical instantaneous forward characteristics per bridge element instantaneous for ward current . (a) 4 20 40 100 10 2 1 0.4 0.2 0.1 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 instantaneousforward voltage. (v) tj=25 c 0 pulse width=300 s 1% duty cycle  tj=25 c 0 tj=150 c 0 50-400v 600-1000v heat-sink mountg 100mm x 100mm x 1.6 mm cu. plate 8 4 225 200 175 150 125 100 75 50 120 version: a06 fig.4- typical junction capacitance 1 2 5 10 20 800 100 1000 600 500 400 300 200 100 0 reverse voltage. (v) 200 500 junction cap acitance.(pf) tj=25 c 0 50 0.1 0.5 g bu 1005- g bu 1007 g bu 1001- g bu 1004


▲Up To Search▲   

 
Price & Availability of GBU1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X