Part Number Hot Search : 
00000 L1LACW31 GKR24018 PR1004 CZ1W10 F540NS TA915EC CM800
Product Description
Full Text Search
 

To Download FDMS3660AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 1 july 2013 FDMS3660AS powertrench ? power stage asymmetric dual n-channel mosfet features q1: n-channel ? max r ds(on) = 8 m at v gs = 10 v, i d = 13 a ? max r ds(on) = 11 m at v gs = 4.5 v, i d = 11 a q2: n-channel ? max r ds(on) = 1.8 m at v gs = 10 v, i d = 30 a ? max r ds(on) = 2.2 m at v gs = 4.5 v, i d = 27 a ? low inductance packaging shortens rise/fall times, resulting in lower switching losses ? mosfet integration enables optimum layout for lower circuit inductance and reduced switch node ringing ? rohs compliant general description this device includes two specialized n-channel mosfets in a dual pqfn package. the switch node has been internally connected to enable easy placement and routing of synchronous buck converters. the control mosfet (q1) and synchronous syncfet tm (q2) have been designed to provide optimal power efficiency. applications ? computing ? communications ? general purpose point of load ? notebook vcore 4 3 2 1 5 6 7 8 q 1 q 2 g1 d1 d1 d1 g2 s2 s2 s2 d1 phase (s1/d2) s2 s2 s2 g2 d1 d1 d1 g1 top bottom phase pin 1 pin 1 mosfet maximum ratings t a = 25 c unless otherwise noted thermal characteristics package marking and ordering information symbol parameter q1 q2 units v ds drain to source voltage 30 30 v v gs gate to source voltage (note 3) 20 12 v i d drain current -continuous t c = 25 c 56 130 a -continuous t a = 25 c 13 1a 30 1b -pulsed (note 4) 70 140 e as single pulse avalanche energy 73 5 150 6 mj p d power dissipation for single operation t a = 25 c 2.2 1a 2.5 1b w power dissipation for single operation t a = 25 c 1.0 1c 1.0 1d t j , t stg operating and storage junction temperature range -55 to +150 c r ja thermal resistance, junction to ambient 57 1a 50 1b c/w r ja thermal resistance, junction to ambient 125 1c 120 1d r jc thermal resistance, junction to case 3.5 2.2 device marking device package reel size tape width quantity 27cf 32cd FDMS3660AS power 56 13 ? 12 mm 3000 units
FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 2 electrical characteristics t j = 25 c unless otherwise noted off characteristics on characteristics dynamic characteristics switching characteristics symbol parameter test conditions type min typ max units bv dss drain to source breakdown voltage i d = 250 a, v gs = 0 v i d = 1 ma, v gs = 0 v q1 q2 30 30 v bv dss t j breakdown voltage temperature coefficient i d = 250 a, referenced to 25 c i d = 10 ma, referenced to 25 c q1 q2 16 29 mv/c i dss zero gate voltage drain current v ds = 24 v, v gs = 0 v q1 q2 1 500 a a i gss gate to source leakage current v gs = 20 v, v ds = 0 v v gs = 12 v, v ds = 0 v q1 q2 100 100 na na v gs(th) gate to source threshold voltage v gs = v ds , i d = 250 a v gs = v ds , i d = 1 ma q1 q2 1.1 1.2 2.0 1.5 2.7 2.5 v v gs(th) t j gate to source threshold voltage temperature coefficient i d = 250 a, referenced to 25 c i d = 10 ma, referenced to 25 c q1 q2 -6 -3 mv/c r ds(on) drain to source on resistance v gs = 10 v, i d = 13 a v gs = 4.5 v, i d = 11 a v gs = 10 v, i d = 13 a , t j = 125 c q1 5.9 8.5 7.9 8 11 11 m v gs = 10 v, i d = 30 a v gs = 4.5 v, i d = 27 a v gs = 10 v, i d = 30 a , t j = 125 c q2 1.2 1.5 1.8 1.8 2.2 2.7 g fs forward transconductance v ds = 5 v, i d = 13 a v ds = 5 v, i d = 30 a q1 q2 173 240 s c iss input capacitance q1: v ds = 15 v, v gs = 0 v, f = 1 mhz q2: v ds = 15 v, v gs = 0 v, f = 1 mhz q1 q2 1485 4150 2230 6225 pf c oss output capacitance q1 q2 397 1195 595 1795 pf c rss reverse transfer capacitance q1 q2 37 117 70 245 pf r g gate resistance q1 q2 0.1 0.1 1.6 1.0 3.2 2.0 t d(on) turn-on delay time q1: v dd = 15 v, i d = 13 a, r gen = 6 q2: v dd = 15 v, i d = 30 a, r gen = 6 q1 q2 9 12 17 22 ns t r rise time q1 q2 3 5 10 10 ns t d(off) turn-off delay time q1 q2 21 38 33 60 ns t f fall time q1 q2 3 5 10 10 ns q g total gate charge v gs = 0 v to 10 v q1: v dd = 15 v, i d = 13 a q2: v dd = 15 v, i d = 30 a q1 q2 21 64 30 90 nc q g total gate charge v gs = 0 v to 4.5 v q1 q2 10 30 13 43 nc q gs gate to source gate charge q1 q2 4.5 9 nc q gd gate to drain ?miller? charge q1 q2 2.0 9 nc
FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 3 electrical characteristics t j = 25 c unless otherwise noted drain-source diod e characteristics symbol parameter test conditions type min typ max units v sd source to drain diode forward voltage v gs = 0 v, i s = 13 a (note 2) v gs = 0 v, i s = 2 a (note 2) v gs = 0 v, i s = 30 a (note 2) v gs = 0 v, i s = 2 a (note 2) q1 q1 q2 q2 0.84 0.74 0.77 0.48 1.2 1.2 1.2 1.2 v t rr reverse recovery time q1: i f = 13 a, di/dt = 100 a/ s q2: i f = 30 a, di/dt = 300 a/ s q1 q2 25 33 40 53 ns q rr reverse recovery charge q1 q2 9 41 18 66 nc notes: 1.r ja is determined with the device mounted on a 1 in 2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of fr-4 material. r jc is guaranteed by design while r ca is determined by the user's board design. 2. pulse test: pulse width < 300 s, duty cycle < 2.0%. 3. as an n-ch device, the negative vgs rating is for low duty cycle pulse ocurrence only. no continuous rating is implied with the negative vgs rating. 4. pulsed id limited by junction temperature, td<=100 s, please refer to soa curve for more details. 5. e as of 73 mj is based on starting t j = 25 o c; n-ch: l = 3 mh, i as = 7 a, v dd = 30 v, v gs = 10 v. 100% test at l= 0.1 mh, i as = 23 a. 6. e as of 150 mj is based on starting t j = 25 o c; n-ch: l = 3 mh, i as = 10 a, v dd = 30 v, v gs = 10 v. 100% test at l= 0.1 mh, i as = 31 a. a. 57 c/w when mounted on a 1 in 2 pad of 2 oz copper c. 125 c/w when mounted on a minimum pad of 2 oz copper b. 50 c/w when mounted on a 1 in 2 pad of 2 oz copper d. 120 c/w when mounted on a minimum pad of 2 oz copper g df ds sf ss g df ds sf ss g df ds sf ss g df ds sf ss
FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 4 typical characteristics (q1 n-channel) t j = 25 c unless otherwise noted figure 1. 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 14 28 42 56 70 v gs = 4.5 v v gs = 4 v v gs = 6 v pulse duration = 80 p s duty cycle = 0.5% max v gs = 3.5 v v gs = 10 v i d , drain current (a) v ds , drain to source voltage (v) on region characteristics f i g u r e 2 . 0 1428425670 0.0 1.5 3.0 4.5 6.0 v gs = 4 v pulse duration = 80 p s duty cycle = 0.5% max normalized drain to source on-resistance i d , drain current (a) v gs = 4.5 v v gs = 6 v v gs = 3.5 v v gs = 10 v n o r m a l i z e d o n - r e s i s t a n c e vs drain current and gate voltage f i g u r e 3 . n o r m a l i z e d o n r e s i s t a n c e -75 -50 -25 0 25 50 75 100 125 150 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 i d = 13 a v gs = 10 v normalized drain to source on-resistance t j , junction temperature ( o c ) vs junction temperature figure 4. 24681 0 0 6 12 18 24 30 t j = 125 o c i d = 13 a t j = 25 o c v gs , gate to source voltage (v) r ds(on) , drain to source on-resistance ( m : ) pulse duration = 80 p s duty cycle = 0.5% max o n - r e s i s t a n c e v s g a t e t o source voltage figure 5. transfer characteristics 12345 0 14 28 42 56 70 t j = 150 o c v ds = 5 v pulse duration = 80 p s duty cycle = 0.5% max t j = -55 o c t j = 25 o c i d , drain current (a) v gs , gate to source voltage (v) figure 6. 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.001 0.01 0.1 1 10 70 t j = -55 o c t j = 25 o c t j = 150 o c v gs = 0 v i s , reverse drain current (a) v sd , body diode forward voltage (v) s o u r c e t o d r a i n d i o d e forward voltage vs source current
FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 5 figure 7. 0 6 12 18 24 0 2 4 6 8 10 i d = 13 a v dd = 20 v v dd = 15 v v gs , gate to source voltage (v) q g , gate charge (nc) v dd = 10 v gate charge characteristics figure 8. 0.1 1 10 30 10 100 1000 5000 f = 1 mhz v gs = 0 v capacitance (pf) v ds , drain to source voltage (v) c rss c oss c iss c a p a c i t a n c e v s d r a i n to source voltage figure 9. 0.001 0.01 0.1 1 10 100 1 10 50 t j = 100 o c t j = 25 o c t j = 125 o c t av , time in avalanche (ms) i as , avalanche current (a) u n c l a m p e d i n d u c t i v e switching capability figure 10. 25 50 75 100 125 150 0 12 24 36 48 60 v gs = 4.5 v r t jc = 3.5 o c/w v gs = 10 v i d , drain current (a) t c , case temperature ( o c ) maximum continuous drain current vs case temperature fi g ure 11 . fo rw ard bi as safe op erating area f i g u r e 1 2 . s i n g l e p u l s e m a x i m u m power dissipa tion typical characteristics (q1 n-channel) t j = 25 c unless otherwise noted 0.01 0.1 1 10 100200 0.01 0.1 1 10 100 10 s curve bent to measured data 100 p s 10 ms dc 1 s 100 ms 1 ms i d , drain current (a) v ds , drain to source voltage (v) this area is limited by r ds(on) single pulse t j = max rated r t ja = 125 o c/w t a = 25 o c 10 -4 10 -3 10 -2 10 -1 10 0 10 1 100 1000 0.1 1 10 100 1000 single pulse r t ja = 125 o c/w t a = 25 o c p ( pk ) , peak transient power (w) t, pulse width (sec)
FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 6 figure 13. junction-to-ambient transient thermal response curve 10 -4 10 -3 10 -2 10 -1 10 0 10 1 100 1000 0.001 0.01 0.1 1 2 single pulse r t ja = 125 o c/w duty cycle-descending order normalized thermal impedance, z t ja t, rectangular pulse duration (sec) d = 0.5 0.2 0.1 0.05 0.02 0.01 p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z t ja x r t ja + t a typical characteristics (q1 n-channel) t j = 25 c unless otherwise noted
FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 7 typical characteristics (q2 n-channel) t j = 25 o c unlenss otherwise noted 0.00.20.40.60.81.0 0 35 70 105 140 v gs = 3.5 v v gs = 3 v v gs = 4.5 v pulse duration = 80 p s duty cycle = 0.5% max v gs = 2.5 v v gs = 10 v i d , drain current (a) v ds , drain to source voltage (v) figure 14. on-region characteristics 0 20 40 60 80 100 120 140 0.0 1.5 3.0 4.5 6.0 v gs = 3 v pulse duration = 80 p s duty cycle = 0.5% max normalized drain to source on-resistance i d , drain current (a) v gs = 3.5 v v gs = 4.5 v v gs = 2.5 v v gs = 10 v figure 15. normalized on-resistance vs drain current and gate voltage figure 16. normalized on-resistance vs junction temperature -75 -50 -25 0 25 50 75 100 125 150 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 i d = 30 a v gs = 10 v normalized drain to source on-resistance t j , junction temperature ( o c ) 24681 0 0 2 4 6 8 t j = 125 o c i d = 30 a t j = 25 o c v gs , gate to source voltage (v) r ds(on) , drain to source on-resistance ( m : ) pulse duration = 80 p s duty cycle = 0.5% max figure 17. on-resistance vs gate to source voltage figure 18. transfer characteristics 1234 0 35 70 105 140 t j = 125 o c v ds = 5 v pulse duration = 80 p s duty cycle = 0.5% max t j = -55 o c t j = 25 o c i d , drain current (a) v gs , gate to source voltage (v) figure 19. source to drain diode forward voltage vs source current 0.0 0.2 0.4 0.6 0.8 1.0 0.001 0.01 0.1 1 10 100 200 t j = -55 o c t j = 25 o c t j = 125 o c v gs = 0 v i s , reverse drain current (a) v sd , body diode forward voltage (v)
typical characteristics (q2 n-channel) t j = 25 o c unless otherwise noted figure 20. gate ch arge characteristics 0 1428425670 0 2 4 6 8 10 i d = 30 a v dd = 20 v v dd = 10 v v gs , gate to source voltage (v) q g , gate charge (nc) v dd = 15 v 0.1 1 10 30 10 100 1000 10000 f = 1 mhz v gs = 0 v capacitance (pf) v ds , drain to source voltage (v) c rss c oss c iss figure 21. capacitance vs drain to source voltage figure 22. unclamped inductive swit ching capability 0.001 0.01 0.1 1 10 100 1 10 50 t j = 100 o c t j = 25 o c t j = 125 o c t av , time in avalanche (ms) i as , avalanche current (a) 25 50 75 100 125 150 0 32 64 96 128 160 v gs = 4.5 v r t jc = 2.2 o c/w v gs = 10 v i d , drain current (a) t c , case temperature ( o c ) figure 23. maximun continuous drain current vs case temperature f i g u r e 2 4 . f o r w a r d b i a s s a f e op erating area figure 25. single pulse maximum po wer dissipation FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 8 0.01 0.1 1 10 100200 0.01 0.1 1 10 100 200 1 s curve bent to measured data 100 p s 10 ms dc 10 s 100 ms 1 ms i d , drain current (a) v ds , drain to source voltage (v) this area is limited by r ds(on) single pulse t j = max rated r t ja = 120 o c/w t a = 25 o c 10 -4 10 -3 10 -2 10 -1 10 0 10 1 100 1000 0.1 1 10 100 1000 10000 single pulse r t ja = 120 o c/w t a = 25 o c p ( pk ) , peak transient power (w) t, pulse width (sec)
FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 9 typical characteristics (q2 n-channel) t j = 25 o c unless otherwise noted 10 -4 10 -3 10 -2 10 -1 10 0 10 1 100 1000 0.0001 0.001 0.01 0.1 1 2 single pulse r ja = 120 o c/w duty cycle-descending order normalized thermal impedance, z ja t, rectangular pulse duration (sec) d = 0.5 0.2 0.1 0.05 0.02 0.01 figure 26. junction-to-ambient transient thermal response curve p dm t 1 t 2 notes: duty factor: d = t 1 /t 2 peak t j = p dm x z ja x r ja + t a
FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 10 syncfet tm schottky body diode characteristics fairchild?s syncfet tm process embeds a schottky diode in parallel with powertrench mosfet . this diode exhibits similar characteristics to a discrete exte rnal schottky diode in parallel with a mosfet. figure 27 shows the reverse recovery characteristic of the FDMS3660AS. schottky barrier diodes exhibit significant leakage at high tem- perature and high reverse voltage. this will increase the power in the device. 100 150 200 250 300 350 400 450 500 -5 0 5 10 15 20 25 30 35 current (a) time (ns) typical char acteristics (continued) figure 27. FDMS3660AS syncfet tm body diode reverse recovery characteristic figure 28. syncfet tm body diode reverse leakage versus drain-source voltage 0 5 10 15 20 25 30 10 -6 10 -5 10 -4 10 -3 10 -2 t j = 125 o c t j = 100 o c t j = 25 o c i dss , reverse leakage current (a) v ds , reverse voltage (v)
FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 11 dimensional outlin e and pad layout 3.16 2.80 c l l c pkg pk g 5. 10 4.90 6. 25 5. 90 c 3. 81 1. 02 0.82 top view side view bottom view option - a (sawn type) 14 85 123 4 876 0.1 0 cab 0.0 5 c 2.25 2.05 5 0.65 0.38 detail 'a' (scale: 2x) 0. 05 0. 00 0.35 0.15 0.08 c seating plane 0.10 c 1.10 0.90 recommended land pattern 0.65 typ 1 2 3 4 5 6 7 8 1.27 1.34 1.12 a 0.10 c (2x ) b 0.10 c (2 x) 0.00 0. 00 1. 60 2. 52 1. 21 2. 31 1. 18 1.27 typ 2.00 2.15 0. 63 0. 63 0.59 3. 18 4.00 c l c l 0.65 0.38 2.13 3. 15 0.35 0.30 0.70 0.36 4.08 3. 70 0.44 0.24 (6x) 0. 66? 05 4.16 0.61 0.31 ke ep out area 8x pin # 1 indicator 5.10 see detail a (8x) for sawn / punched type
FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 12 dimensional outlin e and pad layout detail 'b' (scale: 2x) 0.35 0.15 0.28 0.08 10? notes: unless otherwise spe cified a) package standard reference: jedec registration, mo-240, variation aa. b) all dimens ions a re in mil limeters. c) dimensions do not include burrs or mold fl ash. mold flash or burrs does not exceed 0.1 0mm. d) di men si oni ng an d to leran c in g pe r asme y14.5m-1994. e) it is re commended to have no traces or vias within the keep out area. f) drawing file name: pqn08erev5. c l l c pk g pkg 5. 10 4.90 6.25 5.90 c 3. 16 2. 80 3.81 1.02 0. 82 top view side view 14 85 1234 876 0.10 cab 0.05 c 5 0. 65 0. 38 see detail b 1.27 0.66? 05 1.34 1.12 (2x) (2x) 0. 65 0. 38 0. 35 0. 30 0. 70 0. 36 4.08 3. 70 0.44 0.24 (6x) 5.00 4. 80 5.90 5.70 0.41 0.21 (8x) 2. 25 2. 05 0.61 0.31 0.10 c 1.10 0.90 0.35 0.15 se ating pl ane 8x see detail c detail 'c' (scale: 2x) bottom view opti on - b (punched type) (8x) 0.10 c 0.10 c 0.08 c
FDMS3660AS powertrench ? power stage ?2013 fairchild semiconductor corporation FDMS3660AS rev.c www.fairchildsemi.com 13 trademarks the following includes registered and unregistered trademarks and service marks, owned by fairch ild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes with out further notice to any products herein to improve reliability, function, or design. fairchild does not assume an y liability arising out of th e application or use of any product or circuit described herein; neither does it convey an y license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized fo r use as critical components in life support devices or systems without the express written approval of fai rchild semiconductor corporation. as used here in: 1. life support devices or systems ar e devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? ax-cap ? * bitsic? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? fps? f-pfs? frfet ? global power resource sm green bridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? mwsaver? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? ? ? datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product t hat is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-counterfeiting policy . fairchild?s anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in th e industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems su ch as loss of brand reputation, substa ndard performance, failed application, and increased cost of production and manufacturing de lays. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above . products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fa irchild?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping th is practice by buying direct or from authorized distributors. rev. i64 tm ?


▲Up To Search▲   

 
Price & Availability of FDMS3660AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X