Part Number Hot Search : 
Z89136 SDU9435A SG3843G MAX1300 DS726 67000 KWDCTAAM W561S15
Product Description
Full Text Search
 

To Download DTC113ZCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digital transistors (built-in resistors) dtc113zm/dtc113ze/dtc113zua dtc113zka /DTC113ZCA/dtc113zsa equivalent circuit digital transistor (npn) features ? built-in bias resistors enable the co nfiguration of an inverter circuit without connecting external input re sistors(see equivalent circuit) ? the bias resistors consis t of thin-film resistors with complete isolation to allow negative biasing of the i nput.they also have the advantage of almost completely eliminating parasitic effects ? only the on/off conditions need to be se t for operation, making device design easy pin connenctions and marking dtc113zm sot-723 1. in 2. gnd 3. out marking:e21 dtc113ze sot-523 1. in 2. gnd 3. out marking: e21 dtc113zua sot-323 1. in 2. gnd 3. out marking: e21 dtc113zka sot-23-3l 1. in 2. gnd 3. out marking: e21 DTC113ZCA sot-23 1. in 2. gnd 3. out marking: e21 dtc113zsa to-92s 1. gnd 2. out 3. in 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013
maximum ratings(ta=25 unless otherwise noted) limits(dtc113z ) symbol parameter m e ua ca ka sa unit v cc supply voltage 50 v v in input voltage -5  +10 v i o output current 100 ma p d power dissipation 100 150 200 200 200 300 mw t j junction temperature 150 t stg storage temperature -55  +150 electrical characteristics (ta=25 unless otherwise specified) parameter symbol conditions min typ max unit v i(off) v cc =5v,i o =100a 0.3 v input voltage v i(on) v o =0.3v,i o =20ma 3 v output voltage v o(on) i o /i i =10ma/0.5ma 0.3 v input current i i v i =5v 7.2 ma output current i o(off) v cc =50v,v i =0 0.5 a dc current gain g i v o =5v,i o =5ma 33 input resistance r 1 0.7 1 1.3 k ? resistance ratio r 2 /r 1 8 10 12 transition frequency f t v o =10v ,i o =5ma,f=100mhz 250 mhz 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013
0.1 1 10 100 100 1000 10 100 10 100 1000 0481 21 62 0 0 2 4 6 0.1 1 10 100 1 10 100 1000 0 500 1000 1500 0.01 0.1 1 10 100 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 300 30 3 30 3 0.3 off characteristics on characteristics t a =25 100 v o =0.3v input voltage v i(on) (mv) output current i o (ma) 5000 v o(on) ?? i o t a =100 25 i o /i i =20 output voltage v o(on) (mv) output current i o (ma) 3 f=1mhz t a =25 c o ?? v r output capacitance c o (pf) reverse bias voltage v r (v) g i ?? i o t a =100 25 v o =5v dc current gain g i output current i o (ma) t a =100 25 v cc =5v output current i o (ma) input voltage v i(off) (mv) dtc113zxx p d ?? t a dtc113zsa dtc113zua/ka/ca dtc113ze dtc113zm power dissipation p d (mw) ambient temperature t a ( ) 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification e,jun,2013


▲Up To Search▲   

 
Price & Availability of DTC113ZCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X