Part Number Hot Search : 
A143Z EP2600TS EP2600TS RB520S KR100 0M25V DSPIC33 08226
Product Description
Full Text Search
 

To Download D501J12S215PQF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d series miniature snap-in power rocker switches features/benefits ? momentary and maintained models ? pc and quick connect terminals ? recessed bracket available prevents accidental actuation ? rohs compliant typical applications ? small appliances ? computers and peripherals ? medical instrumentation specifications contact rating: d101, d102, d103, d105, d108, d201, d202, d203 gp (general purpose) 4 amps 125 vac 50/60 hz t85 10,000 cycles 2 amps 250 vac 50/60 hz t85 10,000 cycles r (resistive) 4 amps 30 vdc t85 10,000 cycles d501, d502, d503, d508, d601, d602, d608 gp (general purpose) 10 amps 125 vac 50/60 hz t85 10,000 cycles 5 amps 250 v ac 50/60 hz t85 10,000 cycles r (r esistive) 10 amps 30 vdc t85 10,000 cycles electrical life: 10,000 make-and-break cycles at full load. insula tion resist ance: 10 9 min. dielectric strength: 1,000 v rms min. @ sea level. materials actuator & housing: 6/6 nylon (ul 94v-2), color black, finish: matte. movable contacts: d10x and d20x models: copper, silver plated. d50x and d60x models: coin silver, silver plated. stationary contacts and terminals: copper or brass, silver plated. contact spring: music wire or stainless steel. operating temperature: -30o to +65? note: specifications and materials listed above ar e for standar d switches. for information on specific and custom switches, consult customer service center. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages gC2 thr ough gC5. for additional options not shown in catalog, consult customer service center . switch function d101 spdt, on-none-on d102 spst, on-none-off d103 spdt, on-off-on d105 spdt , mom.-off-mom. d108 spdt, mom.-none-on d201 dpdt, on-none-on d202 dpst, on-none-off d203 dpdt, on-off-on d501 spdt, on-none-on d502 spst, on-none-off d503 spdt, on-off-on d508 spdt , mom.-none-on d601 dpdt, on-none-on d602 dpst , on-none-off d608 dpdt , mom.-none-on actuator j1 rocker j5 lever actuator color 2 black 1 white 3 red mounting style/color s2 snap-in, black b2 recessed snap-in actuator guard, black g2 actua tor guard, black s1 snap-in, white contact material qa silver (ul) t erminations 15 quick connect a right angle, pc thru-hole 02 pc thru-hole 05 twisted quick connect 06 extended pc thru-hole 17 wirable quick connect actuator markings none no marking d on-off h o | n large dot p o C r red rectangle on end u large dot on end g rocker gC 61 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com ul 61058-1
d series miniature snap-in power rocker switches switch function actuator shown in position 1 dpst dpdt open 1-1b, 2-2b n/a open n/a 1-1a, 2-2a off on none none off none on on mom. 4 10 4 10 4 10 d202 d602 d201 d601 d203 d608 dp spst spdt open 1-1b n/a open n/a 1-1a off on mom. on none none off off none on on mom. mom. 4 10 4 10 4 10 4 4 10 d102 d502 d101 d501 d103 d503 d105 d108 d508 sp schema tic connected terminals pos. 1 pos. 2 pos. 3 switch function pos. 1 pos. 2 pos. 3 amp ra ting* model no. no. poles dpdt spdt part number shown: d101j12s215qa part number shown: d201j12s215qa mom. = momentary *amp rating: see g-61 see contact materials, page g-65. 1 1a 1 1a 1b 1a 1b 1 2 1a 2a 1 2 1a 1b 2a 2 gC 62 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com g rocker
d series miniature snap-in power rocker switches actuator mounting style/color sp dp p ane l m ou nt i ng sp mo de l s ' s' & ' g2 ' m oun ti n g s t yl es dp mo d el s ' s' mo u nt ing s ty l e sp mo de l s ' b2' mo u nt ing s ty l e 2 black 1 white 3 red actua tor color option code note: actuator finish: matte. other colors available, consultcustomer service center . note: frame finish on housing: matte. other colors available, consult customerservice center . 2 (std.) black 1 white housing color option code j1 rocker s snap-in b2 recessed snap-in actua tor guard, black g2 actua tor guard, black j5 lever note: vertical mount, sp models only. note: vertical mount, sp models only. note : blank insert available for sp models only , see page g-65. 5?ctuator available only with dp models d201, d202, d601 and d602. actuator color actuator new! panel thickness .030C049 (0,76) (1,24) .049C079 (1,24) (2,01) .079C118 (2,01) (3,00) .756 (19,20) .764 (19,41) .780 (19,81) .764 (19,41) .780 (19,81) n/a 1.068 (27,13) 1.076 (27,33) 1.092 (27,74) dim sp & dp models ?ounting style dim with 2?ption sp models only dim sp models ?ounting style g rocker gC 63 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com
d series miniature snap-in power rocker switches terminations terminations actuators on off o i o i sp dp sp dp pc mounting (0 2 and 06) sp dp sp dp pc mounting a right angle, pc thru-hole 02 pc thru-hole 15 quick connect 06 extended pc thru-hole 05 twisted quick connect 17 wirable quick connect none no marking d on-off h o | n large dot u large dot on end p o C r red rectangle on end a vailable with d101, d102, d501, d502 sp models only. a vailable with dx01 and dx02 models only . available with dx01 and dx02 models only. , h, p & u?arking options: marking color white, standar d for all actuator colors except white. black marking color , standar d for white actuators. & n?arking option: red marking color, standard. consult customer service center for other available marking colors. note: terminals are twisted. available with dx01 and dx02 models only. note: orientation of actuator markings and terminals. a vailable with dx01 and dx02 models only . gC 64 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com g rocker
d series miniature snap-in power rocker switches contact material 1 mov able contact: d10x and d20x models: copper, silver plated. d50x and d60x models: coin silver, silver plated. st ationary contacts & terminals: copper or brass, silver plated. available hardware insert sp only p ar t no. 057190200 black material: nylon 6/6 finish: matte recessed actuator guard, sp only 599d02000 black material: 6/6 nylon finish: matte part no. 216c00000 ip65 splash proof rubber boot actuator guar d part no. 104c22000 material: pbt thermoplastic finish: matte option code qa cont act and terminal material silver 1 ra tings d101, d102, d103, d105, d108, d201, d202, d203 gp (general purpose) 4 amps 125 vac 50/60 hz t85 10,000 cycles 2 amps 250 vac 50/60 hz t85 10,000 cycles r (r esistive) 4 amps 30 vdc t85 10,000 cycles d501, d502, d503, d508, d601, d602, d608 gp (general purpose) 10 amps 125 vac 50/60 hz t85 10,000 cycles 5 amps 250 vac 50/60 hz t85 10,000 cycles r (resistive) 10 amps 30 vdc t85 10,000 cycles .551 (14,0) .748 (19,0) .787 (20,0) .957 (24,3) .142 (3,6) .295 (7,5) g rocker gC 65 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com


▲Up To Search▲   

 
Price & Availability of D501J12S215PQF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X