Part Number Hot Search : 
HV2901 HSOP28 H8NA60FI MB89F051 NSVS1106 74HC7 DB104G 2N1117
Product Description
Full Text Search
 

To Download BUZ10L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  u , o ne. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 buz 10 l sipmos ? power transistor ? n channel ? enhancement mode ? avalanche-rated ? logic level type buz 10 l vds 50v id 23 a rds(on) 0.07 q. package to-220 ab maximum ratings pin1 g pin 2 d pin 3 s parameter continuous drain current 7c = 26 c pulsed drain current tc = 25 c avalanche currentjimited by 7]max avalanche energy,periodic limited by tjmax avalanche energy, single pulse /d = 23 a, vdd = 25 v, rgs = 25 0 /.= 15.1 uh, 7] = 25c gate source voltage gate-source peak voltage, aperiodic power dissipation rc = 25 c operating temperature storage temperature thermal resistance, chip case thermal resistance, chip to ambient din humidity category, din 40 040 iec climatic category, din iec 68-1 symbol id /dpuls /ar ar as vgs ^gs ^tot tl tstg ^thjc ^thja values 23 92 23 1.3 8 14 20 75 -55... + 150 -55... + 150 <1.67 <75 e 55/150/56 unit a mj v w c k/w
buz 10 l electrical characteristics, at 7i = 25c, unless otherwise specified parameter symbol values min. typ. max. unit static characteristics drain- source breakdown voltage vgs = 0 v, /d = 0.25 ma, 7] = 25 c gate threshold voltage ^gs=vds, /d= 1 ma zero gate voltage drain current vds = 50 v, vgs = 0 v, 7] = 25 c l/ds = 50v, vgs = ov,7j = 1250c gate-source leakage current \/gs = 20 v, vbs = 0 v drain-source on-resistance vgs = 5v, /d=11.5a ^(br)dss ^gs(th) /dss igss rds(or\) 50 1.2 - - - - - 1.6 0.1 10 10 0.06 - 2 1 100 100 0.07 v ma na q
buz 10l electrical characteristics, at 7] = 25c, unless otherwise specified parameter symbol values min. typ. max. unit dynamic characteristics transconductance vds^ 2 * /d * /?ds(on)max, /d = 1 1 -5 a input capacitance vgs = 0 v, vds = 25 v, f= 1 mhz output capacitance vgs = 0 v- ^bs = 25 v- f= 1 mhz reverse transfer capacitance vgs = 0 v, vds = 25 v, f= 1 mhz turn-on delay time vdd = 30 v, vgs = 5 v, /o = 3 a rgs = 50 a rise time vdd = 30 v, vgs = 5 v, /d = 3 a rgs = 50 0 turn-off delay time vdd = 30 v, vgs = 5 v, /d = 3 a rgs = 5q& fall time vdd = 30 v, vgs = 5 v, /d = 3 a rgs = 50 q flfe qss ^oss qss ^d(on) fr fd(off) ^ 8 - - - - - - - 14.5 800 300 110 25 75 110 75 - 1100 450 170 40 120 160 95 s pf ns
buz 10 l electrical characteristics, at 7] = 25c, unless otherwise specified parameter symbol values min. typ. max. unit reverse diode inverse diode continuous forward current 7c = 25 c inverse diode direct current.pulsed 7c = 25 c inverse diode forward voltage vgs = 0 v, /f = 46 a reverse recovery time vr = 30 v, /f=/s, dip/dt = 1 00 a/us reverse recovery charge vr = 30 v, /f=/si d/f/df = 1 00 a/us 's ism vsd tfr qrr - - - - - - - 1.5 60 0.1 23 92 1.9 - - a v ns uc


▲Up To Search▲   

 
Price & Availability of BUZ10L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X