Part Number Hot Search : 
MHW930 FA102 371910 371910 382LP3E FR024 DF1510 MBRF20
Product Description
Full Text Search
 

To Download BUZ100SLE3045A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet 1 05.99 sipmos power transistor product summary drain source voltage 55 v ds v drain-source on-state resistance w 0.012 r ds(on) i d continuous drain current 70 a features n channel enhancement mode avalanche rated logic level d v /d t rated 175?c operating temperature pin 1 pin 2 pin 3 g d s packaging type package ordering code buz100sl tube p-to220-3-1 q67040-s4000-a2 buz100sl e3045a tape and reel q67040-s4000-a6 p-to263-3-2 tube buz100sl e3045 p-to263-3-2 q67040-s4000-a5 maximum ratings , at t j = 25 ?c, unless otherwise specified parameter symbol unit value continuous drain current t c = 25 ?c t c = 100 ?c 70 50 i d a pulsed drain current t c = 25 ?c i dpulse 280 avalanche energy, single pulse i d = 70 a, v dd = 25 v, r gs = 25 w mj e as 380 avalanche energy, periodic limited by t j max 17 e ar reverse diode d v /d t i s = 70 a, v ds = 40 v, d i /d t = 200 a/s, t jmax = 175 ?c d v /d t 6 kv/s gate source voltage v gs 20 v power dissipation t c = 25 ?c p tot 170 w operating and storage temperature t j , t st g ?c -55... +175 55/175/56 iec climatic category; din iec 68-1 buz 100sl
buz 100sl data sheet 2 05.99 thermal characteristics parameter values symbol unit typ. max. min. characteristics r thjc - - 0.88 k/w thermal resistance, junction - case - thermal resistance, junction - ambient, leded r thja - 62 - - - - 62 40 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 1) r thja electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol unit values min. max. typ. static characteristics drain- source breakdown voltage v gs = 0 v, i d = 0.25 ma, t j = 25 ?c - v (br)dss 55 - v gate threshold voltage, v gs = v ds i d = 130 a v gs(th) 2 1.6 1.2 zero gate voltage drain current v ds = 50 v, v gs = 0 v, t j = 25 ?c v ds = 50 v, v gs = 0 v, t j = 150 ?c - - i dss a 1 100 0.1 - gate-source leakage current v gs = 20 v, v ds = 0 v i gss - 10 na 100 drain-source on-state resistance v gs = 4.5 v, i d = 50 a v gs = 10 v, i d = 50 a r ds(on) - - 0.016 0.01 0.018 0.012 w 1 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. pcb is vertical without blown air.
buz 100sl data sheet 3 05.99 electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics transconductance v ds 3 2* i d * r ds(on)max , i d = 50 a g fs 25 58 - s input capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c iss - 2130 2660 pf output capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c oss - 600 750 reverse transfer capacitance v gs = 0 v, v ds = 25 v, f = 1 mhz c rss - 320 400 turn-on delay time v dd = 30 v, v gs = 4.5 v, i d = 70 a, r g = 2.2 w t d(on) - 15 25 ns rise time v dd = 30 v, v gs = 4.5 v, i d = 70 a, r g = 2.2 w t r - 70 105 turn-off delay time v dd = 30 v, v gs = 4.5 v, i d = 70 a, r g = 2.2 w t d(off) - 40 60 fall time v dd = 30 v, v gs = 4.5 v, i d = 70 a, r g = 2.2 w t f - 25 40
buz 100sl data sheet 4 05.99 electrical characteristics , at t j = 25 ?c, unless otherwise specified parameter symbol values unit min. typ. max. dynamic characteristics gate to source charge v dd = 40 v, i d = 70 a 15 nc 10 q gs - - 35 q gd gate to drain charge v dd = 40 v, i d = 70 a 52.5 gate charge total v dd = 40 v, i d = 70 a, v gs = 0 to 10 v - 85 130 q g gate plateau voltage v dd = 40 v, i d = 70 a v (plateau) 4.1 - v - reverse diode inverse diode continuous forward current t c = 25 ?c i s - - 70 a inverse diode direct current,pulsed t c = 25 ?c i sm - - 280 inverse diode forward voltage v gs = 0 v, i f = 140 a v sd - 1.25 v 1.8 reverse recovery time v r = 30 v, i f = i s , d i f /d t = 100 a/s t rr - 110 ns 165 reverse recovery charge v r = 30 v, i f = l s , d i f /d t = 100 a/s q rr - c 0.23 0.35
buz 100sl data sheet 5 05.99 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 140 160 ?c 190 t c 0 20 40 60 80 100 120 140 w 180 buz100sl p tot drain current i d = f ( t c ) parameter: v gs 3 10 v 0 20 40 60 80 100 120 140 160 ?c 190 t c 0 5 10 15 20 25 30 35 40 45 50 55 60 a 75 buz100sl i d transient thermal impedance z thjc = f ( t p ) parameter : d = t p / t 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 k/w buz100sl z thjc single pulse 0.01 0.02 0.05 0.10 0.20 d = 0.50 safe operating area i d = f ( v ds ) parameter : d = 0 , t c = 25 ?c 10 -1 10 0 10 1 10 2 v v ds 0 10 1 10 2 10 3 10 a buz100sl i d r ds(on) = v ds / i d dc 10 ms 1 ms 100 s t p = 34.0 s
buz 100sl data sheet 6 05.99 typ. output characteristics i d = f ( v ds ) parameter: t p = 80 s 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 v 5.0 v ds 0 20 40 60 80 100 120 140 a 170 buz100sl i d v gs [v] a a 2.5 b b 3.0 c c 3.5 d d 4.0 e e 4.5 f f 5.0 g g 5.5 h h 6.0 i i 6.5 j j 7.0 k k 8.0 l p tot = 170 w l 10.0 typ. drain-source-on-resistance r ds(on) = f ( i d ) parameter: v gs 0 20 40 60 80 100 120 a 150 i d 0.000 0.005 0.010 0.015 0.020 0.025 0.030 0.035 0.040 0.045 0.050 w 0.060 buz100sl r ds(on) v gs [v] = b b 3.0 c c 3.5 d d 4.0 e e 4.5 f f 5.0 g g 5.5 h h 6.0 i i 6.5 j j 7.0 k k 8.0 l l 10.0 typ. transfer characteristics i d = f ( v gs ) parameter: t p = 80 s v ds 3 2 x i d x r ds(on)max 1.0 1.5 2.0 2.5 3.0 v 4.0 v gs 0 10 20 30 40 50 a 70 i d typ. forward transconductance g fs = f ( i d ) ; t j = 25?c parameter: g fs 0 10 20 30 40 50 a 65 i d 0 5 10 15 20 25 30 35 40 45 50 s 60 g fs
buz 100sl data sheet 7 05.99 drain-source on-resistance r ds(on) = f ( t j ) parameter : i d = 50 a, v gs = 4.5 v -60 -20 20 60 100 140 ?c 200 t j 0.000 0.005 0.010 0.015 0.020 0.025 0.030 0.035 0.040 0.045 0.050 0.055 w 0.065 buz100sl r ds(on) typ 98% gate threshold voltage v gs(th) = f ( t j ) parameter : v gs = v ds , i d = 130 a -60 -20 20 60 100 140 ?c 200 t j 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 v 3.0 v gs(th) min typ max typ. capacitances c = f (v ds ) parameter: v gs = 0 v, f = 1 mhz 0 5 10 15 20 25 30 v 40 v ds 2 10 3 10 4 10 pf c ciss coss crss forward characteristics of reverse diode i f = f (v sd ) parameter: t j , t p = 80 s 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v 3.0 v sd 0 10 1 10 2 10 3 10 a buz100sl i f t j = 25 ?c typ t j = 25 ?c (98%) t j = 175 ?c typ t j = 175 ?c (98%)
buz 100sl data sheet 8 05.99 typ. gate charge v gs = f ( q gate ) parameter: i d puls = 70 a 0 20 40 60 80 100 nc 140 q gate 0 2 4 6 8 10 12 v 16 buz100sl v gs ds max v 0,8 ds max v 0,2 avalanche energy e as = f ( t j ) parameter: i d = 70 a, v dd = 25 v r gs = 25 w 20 40 60 80 100 120 140 ?c 180 t j 0 40 80 120 160 200 240 280 320 mj 400 e as drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 140 ?c 200 t j 50 52 54 56 58 60 62 64 v 66 buz100sl v (br)dss


▲Up To Search▲   

 
Price & Availability of BUZ100SLE3045A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X