Part Number Hot Search : 
CN240A24 76400003 ATMEGA88 C5005 S7805 4525GEM 03Z59Y C02TD
Product Description
Full Text Search
 

To Download BLX65E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ro ducts., 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212) 227-6005 fax: (973) 376-8960 BLX65E BLX65Es v.h.f./u.h.f. power transistors n-p-n silicon planar epitaxial transistors in to-39 envelope designed for use in portable and mobile radio transmitters in the v.h.f. and u.h.f. bands. quick reference data r.f. performance at tc = 25 c in a common-emitter class-b circuit. mode of operation c.w.; narrow band vce v 12,5 12,5 f mhz 175 470 pl w 2 2 gp db typ. 16 > 9 vc % typ. 68 > 55 mechanical data fig. 1 to-39/3. emitter connected to case. dimensions in mm 8,5 max [max .12,7. mln *max. 4,9forBLX65Es. nj semi-conductors reserves the right to change test conditions, parameters limits and package dimensions without notice information famished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however nj semi-conductors assumes no responsibility for any errors or omissions discovtfred in its use. ni semi-condiictors ?ncourages customers to verify rhat datasheets are current before plncing orders.
ratings limiting values in accordance with the absolute maximum system (iec 134). collector-base voltage (open emitter) peak value- vcbom collector emitter voltage (open base) vceo emitter-base voltage (open collector) vebq collector current d.c. or average iq (peak value); f > 1 mhz icivi total power dissipation at tmb < 90 c; f > 1 mhz storage temperature characteristics tj = 25 c unless otherwise specified collector-base breakdown voltage open emitter; iq = 10 ma collector-emitter breakdown voltage open base; iq = 25 ma emitter-base breakdown voltage open collector; + i g = 1,0 ma collector-emitter saturation voltage ic = 100ma; ib = 20 ma d.c, current gain ic= 100m/ transition frequency at f = 500 mhz -ie =200 ma;vcb = 5v collector capacitance at f - 1 mhz le = ie = 0;vcb=10v ktot rstg v(br)cbo) v(br)ceo v(br)ebo vcesat "fe t cc > > > typ. typ. typ. typ. max. 36 v max. 16 v max. 4 v max. 0,7 a max. 2,0 a max. 3,0 w -65to+ 175 c 36 v 16 v 4 v 0,1 v 10 40 1.4 ghz 6.5 pf application information r.f. performance in c.w. operation (common-emitter circuit; class b);tc = 25 c vce v 9,6 12,5 12,5 12,5 f mhz 175 175 470 470 pl w 2,0 2,0 2,0 2,0 3 (w) 2 1 db typ. 13 typ. 16 > 9 typ. 10,6 - / f- . / , / s* % fi ii typ. 68 typ. 68 > 55 typ. 68 7z80310 ^ 3 + j8 12-j17 0 100 200 300 400 soo ps (mw) fig. 2 load power vs. source power; vq = 12,5 v; f = 470 mhz; tm(j = 25 c; class-b operation; typical values. ruggedness the device is capable of withstanding a full load mismatch (vswr = 50; all phases) at rated load power up to a supply voltage of 15,0 v, ps + 20%, f = 470 mhz and tmb = 25 c.


▲Up To Search▲   

 
Price & Availability of BLX65E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X