Part Number Hot Search : 
N5339 UNSMF AOW15S65 2SK176 81100L ADUM2200 PM5316 BD233
Product Description
Full Text Search
 

To Download 3DC11LP-0345J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  36 3axes transponder inductor (3dcoils) 3dc11lp smd 3d coil 13x11.6x3.15 mm max (2.38 mh C 7.2 mh) low prole dimensions and recommended pad layout tolerances unless otherwise specied: 0.20mm all dimensions in mm pins coplanarity 0.15mm characteristics offers 3 coils, oriented in the 3 space axes, assembled in a single component with full functionality. suitable for automotive applications (keyless entry systems, rtpms), etc. very good electrical performance in the smallest dimensions. high stability in temperature (40oc to +85oc). high sensitivity values. the inductivity in each axis can be customized to achieve customer requirements. designs at lower frequencies, 20 khz or 40 khz, show a very good electrical performance as well. electrical specications this chart is a reference guide for the most common required values at working frequency of 125 khz. a ny other inductance value at lf or tighter tolerances can be provided. also c an be supplied different inductance values in the d ifferent winding axis. please contact our sales department for any inquiry. l and q factor measured at 125 khz, 1 vac. sensitivity measured with helmholtz coils h=8.36 ap p/m @125 khz. contact us for measurement specicati on. srf: self resonant frequency of the coil. p/n l x,y,z (mh) qx,y,z min freq (khz) cres (pf) srfx,y (khz) min srfz (khz) min dcrx,y (ohm) max dcrz (ohm) max sensitivity x,y,z (mv/app/m) min length (mm) width (mm) height (mm) 3dc11lp0238j 2.38 25 125 680 500 900 50 50 40 13 11,6 3,15 3dc11lp0247j 2.47 25 125 656 500 800 50 50 50 13 11,6 3,15 3dc11lp0345j 3.45 29 125 470 400 800 60 70 55 13 11,6 3,15 3dc11lp0405j 4.05 30 125 400 400 600 67 67 60 13 11,6 3,15 3dc11lp0477j 4.77 30 125 340 370 600 70 96 65 13 11,6 3,15 3dc11lp0491j 4.91 32 125 330 350 600 74 98 65 13 11,6 3,15 3dc11lp0720j 7.20 25 125 225 330 500 84 120 72 13 11,6 3,15


▲Up To Search▲   

 
Price & Availability of 3DC11LP-0345J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X