Part Number Hot Search : 
TSM3424C GBLC08CI T351514 00M35 ASJ12 E8801SEE E7500 STRRP
Product Description
Full Text Search
 

To Download 30KPA36CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  30000 watts axial leaded 1of4 features @ t a = 25  c unless otherwise specified        mechanical data      maximum ratings and electrical characteristics a a b c d r-6 dim min max a 25.4 ? b 8.60 9.10 c 1.20 1.30 d 8.60 9.10 all dimensions in mm high temperature soldering guaranteed: typical id less than 1a above 10v fast response time: typically less low incremental surge resistance repetition rate (duty cycle):0.05% excellent clamping capability 30000w peak pulse power glass passivated junction plastic package has underwriters laboratory flammability classification 94v-0 capability on 10/1000 s waveform than 1.0 ps from 0 volts to bv 265c/10 seconds/.375", (9.5mm) lead length, 5lbs., (2.3kg) tension   case:molded plastic over glass passivated junction mil-std-750, method 2026 polarity: color band denoted positive end (cathode) except bipola r mounting position: any weight: 0.07 ounce, 2.1 gram terminals: plated axial leads, solderable per rating symbol v alue units peak pulse power dissipation on 10/1000 s waveform (note 1) peak pulse current of on 10-1000 s waveform (note 1) steady state power dissipation at tl=75 c lead lengths.375", (9.5mm)(note 2) peak forward surge current, 8.3ms sine-wave superimposed on rated load, (jedec method) (note 3) operatings and storage temperature range t j , t stg -55 to +175 c notes: 1.non-repetitive current pulse, per fig.3 and derated above ta=25 c per fig.2. 2.mounted on copper pad area of 0.8x0.8" (20x20mm) per fig.5. 3.8.3ms single half sine-wave, or equivalent square wave, duty cycle=4 pulses per minutes maximum p ppm minimum 30000 watts i fsm 400.0 amps i ppm see table 1 amps p m (av) 8.0 watts 30kpa series transient voltage suppressor
30kpa28a 30kpa28ca 30kpa30a 30kpa30ca 30kpa33a 30kpa33ca 30kpa36a 30KPA36CA 30kpa39a 30kpa39ca 30kpa42a 30kpa42ca 30kpa43a 30kpa43ca 30kpa45a 30kpa45ca 30kpa48a 30kpa48ca 30kpa51a 30kpa51ca 30kpa54ca 30kpa58a 30kpa58ca 30kpa60a 30kpa60ca 30kpa64a 30kpa64ca 30kpa66a 30kpa66ca 30kpa70a 30kpa70ca 30kpa71a 30kpa71ca 30kpa72a 30kpa72ca 30kpa75a 30kpa75ca 30kpa78a 30kpa78ca reverse standoff voltage v rwm (v) breakdown voltage v br (v) min. @ i t test current (i t ) ma maximum clamping voltage @i pp vc (v) peak pulse current i pp (a) reverse leakage @ v rwm i r (a) 28.00 31.3 50 50.0 606.0 5000 30.00 33.5 50 55.2 548.9 5000 33.00 36.9 50 58.5 517.2 5000 36.00 40.2 50 61.8 490.3 5000 39.00 43.6 20 67.2 450.9 2000 42.00 46.9 10 72.0 420.8 1000 43.00 48.0 10 73.0 415.1 1000 45.00 50.3 5 77.4 391.5 250 48.00 53.6 5 81.6 371.3 150 51.00 57.0 5 86.4 350.7 50 54.00 60.3 5 91.4 331.5 20 58.00 64.8 5 92.4 327.9 20 60.00 67.0 5 102.0 297.1 15 64.00 71.5 5 104.0 291.3 10 66.00 73.7 5 107.0 283.2 10 70.00 78.2 5 109.0 278.0 10 71.00 79.3 5 111.5 271.7 10 72.00 80.4 5 114.0 265.8 10 75.00 83.8 5 119.4 253.8 10 78.00 87.1 5 129.0 234.0 10 for bidirectional type having vrwm of 40 volts and less, the ir limit is doubl e for parts without a , the v br is + 10% 78.00 87.1 5 129.0 234.0 10 75.00 83.8 5 119.4 253.8 10 72.00 80.4 5 114.0 265.8 10 71.00 79.3 5 111.5 271.7 10 70.00 78.2 5 109.0 278.0 10 66.00 73.7 5 107.0 283.2 10 64.00 71.5 5 104.0 291.3 10 60.00 67.0 5 102.0 297.1 15 58.00 64.8 5 92.4 327.9 20 30kpa54ca 54.00 60.3 5 91.4 331.5 20 51.00 57.0 5 86.4 350.7 50 48.00 53.6 5 81.6 371.3 150 45.00 50.3 5 77.4 391.5 250 43.00 48.0 10 73.0 415.1 1000 42.00 46.9 10 72.0 420.8 1000 39.00 43.6 20 67.2 450.9 2000 36.00 40.2 50 61.8 490.3 5000 33.00 36.9 50 58.5 517.2 5000 30.00 33.5 50 55.2 548.9 5000 28.00 31.3 50 50.0 606.0 5000 2of4 part number
30kpa288a 30kpa288ca 30kpa300a 30kpa300ca 30kpa350a 30kpa350ca 30kpa400a 30kpa280a 30kpa280ca 30kpa270a 30kpa270ca 30kpa260a 30kpa260ca 30kpa258a 30kpa258ca 30kpa240a 30kpa240ca 30kpa216ca 30kpa198a 30kpa198ca 30kpa180a 30kpa180ca 30kpa160a 30kpa160ca 30kpa156a 30kpa156ca 30kpa150a 30kpa150ca 30kpa144a 30kpa144ca 30kpa132a 30kpa132ca 30kpa120a 30kpa120ca 30kpa108a 30kpa108ca 30kpa102a 30kpa102ca 30kpa96a 30kpa96ca 30kpa90a 30kpa90ca 30kpa84a 30kpa84ca part number 84.00 93.8 5 139.2 217.7 10 90.00 100.5 5 146.4 207.0 10 96.00 107.2 5 156.0 194.2 10 102.00 113.9 5 165.6 183.0 10 108.00 120.6 5 175.2 172.9 10 120.00 134.0 5 194.4 155.9 10 132.00 147.4 5 213.0 142.3 10 150.00 167.6 5 233.4 129.8 10 156.00 174.3 5 245.0 123.7 10 160.00 178.7 5 252.6 120.0 10 30kpa168 a 30kpa168ca 168.00 187.7 5 272.4 111.2 10 30kpa170 a 30kpa170ca 170.00 189.9 5 275.0 110.2 10 180.00 201.1 5 290.4 104.3 10 198.00 221.2 5 319.8 94.7 10 216.00 241.3 5 348.6 86.9 10 240.00 268.1 5 387.0 78.3 10 258.00 288.2 5 416.4 72.8 10 260.00 290.4 5 416.0 72.8 10 270.00 301.6 5 436.2 69.5 10 280.00 312.8 5 464.0 65.3 10 288.00 321.7 5 469.9 64.5 10 300.00 333.0 5 483.0 62.0 10 350.00 389.0 5 564.0 53.0 10 400.00 444.0 5 644.0 46.0 10 for bidirectional type having vrwm of 40 volts and less, the ir limit is doubl e for parts without a , the v br is + 10% reverse standoff voltage v rwm (v) breakdown voltage v br (v) min. @ i t test current (i t ) ma maximum clamping voltage @i pp vc (v) peak pulse current i pp (a) reverse leakage @ v rwm i r (a) 84.00 93.8 5 139.2 217.7 10 90.00 100.5 5 146.4 207.0 10 96.00 107.2 5 156.0 194.2 10 102.00 113.9 5 165.6 183.0 10 108.00 120.6 5 175.2 172.9 10 120.00 134.0 5 194.4 155.9 10 132.00 147.4 5 213.0 142.3 10 144.00 160.8 5 223.2 135.8 10 144.00 160.8 5 223.2 135.8 10 150.00 167.6 5 233.4 129.8 10 156.00 174.3 5 245.0 123.7 10 160.00 178.7 5 252.6 120.0 10 168.00 187.7 5 272.4 111.2 10 170.00 189.9 5 275.0 110.2 10 180.00 201.1 5 290.4 104.3 10 198.00 221.2 5 319.8 94.7 10 216.00 241.3 5 348.6 86.9 10 240.00 268.1 5 387.0 78.3 10 400.00 444.0 5 644.0 46.0 10 350.00 389.0 5 564.0 53.0 10 300.00 333.0 5 483.0 62.0 10 258.00 288.2 5 416.4 72.8 10 260.00 290.4 5 416.0 72.8 10 270.00 301.6 5 436.2 69.5 10 280.00 312.8 5 464.0 65.3 10 288.00 321.7 5 469.9 64.5 10 30kpa216ca 30kpa400ca 3of4
3.0 4.0 150 0 1.0 2.0 tr = 10 sec . peak value i ppm tj = 25c pulse width(td)is defined as the point where the peak current decays to 50% of i ppm 10/1000sec.waveform as defined by r.e.a. td fig.3 - pulse waveform 4.0 50 half value- i ppm 2 100 i ppm - peak pulse current,% i rsm 3.0 0 t - time(ms) 0 12.5 25 37.5 50 62.5 75 87.5 100 0 25 50 75 100 125 150 175 200 fi g .2 - pulse deratin g curve peak pulse power (p pp ) or current (i pp ) derating in t a - ambient temperature (c) 10000 0.1 10 1 100 1000 1,000 10,000 td pulse width 1 sec fig. 1 peak pulse power rating 1 10 100 non-repetitive puls e waveform shown i n fig. 3t a = 25oc 100,000 pppm 1 peak pulse power 1 kw 4of4


▲Up To Search▲   

 
Price & Availability of 30KPA36CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X