Part Number Hot Search : 
3140MZ SACB30 TDA8932B EWS1212 PE53811 SM5131 BT868 03Z59Y
Product Description
Full Text Search
 

To Download 2SC2383 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC2383 1a , 160v npn plastic encapsulated transistor elektronische bauelemente 10-sep-2012 rev.a page 1 of 1 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 base 3 emitter collector 2 rohs compliant product a suffix of -c specifies halogen & lead-free features  small flat package  general purpose application classification of h fe product-rank 2SC2383-o 2SC2383-y range 100~200 160~320 package information absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol ratings unit collector-base voltage v cbo 160 v collector-emitter voltage v ceo 160 v emitter-base voltage v ebo 6 v collector current-continuous i c 1 a collector power dissipation p c 0.5 mw junction & storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a =25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector-base breakdown voltage v (br)cbo 160 - - v i c =0.1ma, i e =0 collector-emitter breakdown voltage v (br)ceo 160 - - v i c =10ma, i b =0 emitter-base breakdown voltage v (br)ebo 6 - - v i e =10 a, i c =0 collector cut-off current i cbo - - - 1 a v cb =150v, i e =0 emitter cut-off current i ebo - - 1 a v eb =6v, i c =0 dc current gain h fe 100 - 320 v ce =5v, i c =200ma collector-emitter saturation voltage v ce(sat) - - 1 v i c =500ma, i b =50ma base-emitter voltage v be 0.45 - 0.75 v i c =5ma, v ce =5v transition frequency f t 20 - - mhz v ce =5v,i c =200ma collector output capacitance c ob - - 20 pf v cb =10v, i e =0, f=1mhz package mpq leader size sot-89 1k 7 inch sot-89 a e c d b k h f g l j 1 2 3 4 b c e ref. millimeter ref. millimeter min. max. min. max. a 4.4 0 4.6 0 g 0.40 0.58 b 3 . 94 4.25 h 1.50 typ c 1.40 1.60 j 3.00 typ d 2.25 2.60 k 0.32 0.52 e 1.50 1.85 l 0.35 0.44 f 0.89 1.20


▲Up To Search▲   

 
Price & Availability of 2SC2383

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X