Part Number Hot Search : 
SC1302C RL805S AS8202N 2SDA1 2SJ539 74HCT138 6MBP75 PC0802L
Product Description
Full Text Search
 

To Download 1N4148-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t4 - lds -0 281, rev . 1 (1 2 1567 ) ?201 2 microsemi corporation page 1 of 4 1n414 8 - 1 available on commercial versions glass axial switching diode qualified per mil - prf - 19500/ 116 qualified levels : jan, jantx, and jantxv description th is popular 1n414 8 - 1 jedec re gistered switching/signal diode features internal metallurgical bonded construction for military grade products per mil - prf - 19500/116 . th is small low capacitance diode , with very fast switching speeds , is hermetically sealed and bonded into a double - plug do - 35 package. it may be used in a variety of very high speed applications including switchers, detectors, transient or'ing, logic arrays, blocking, as well as low - capacitance steering diodes, etc. microsemi also offers a variety of other switching/signal diodes. do - 35 (do - 204ah) package also available in : do - 213aa package (surface mount) 1n4148ur - 1 ub package ( surface mount) 1n4148ub ub2 package ( 2 - pin surface mount) 1n4148ub2 ubc package ( ceramic lid surface mount) 1n4148ubc important: for the latest information, visit our website http://www.microsemi.com . features ? popular jedec registered 1n4148 number . ? hermetically seale d glass construction . ? m etallurgical ly bond ed . ? double plug construction. ? very low capacitance . ? very fast switching speeds with minimal reverse recovery times . ? j an, jantx, and jantxv qualification s are available per mil - prf - 19500/ 116 . ? msp screening is also available in reference to mil - prf - 19500 (jans) . (see part nomenclature for all available options . ) ? rohs compliant version available (commercial grade only) . applications / benefits ? high frequency data lines. ? small size for high density mounting using flexible thru - hole leads (see package illustration). ? rs - 232 & rs ? 422 i nterface n etworks. ? ethernet 10 b ase t. ? low capacitance steering or blocking . ? lan. ? computers. maximum ratings @ 25 oc unless otherwise stated msc ? law rence 6 lake street, lawrence, ma 01841 tel: 1 -800- 446- 1158 or (978) 620 - 2600 fax: (978) 689 - 0803 msc ? ireland gort road business park , ennis, co. clare, ireland tel: +353 (0) 65 6840044 fax: +353 (0) 65 6822298 website: www.microsemi.com parameters/test conditions symbol value unit junction and storage temperature t j & t stg - 65 to +1 75 o c thermal resistance junction - to - lead (1) r ? jl 250 o c /w thermal resistance junction - to - ambient (2 ) r ? ja 325 o c /w maximum breakdown voltage v ( br) 100 v working peak reverse voltage v r w m 75 v average rectified current @ t a = 75 oc (3 ) i o 200 ma non - repetitive sinusoidal surge current ( tp = 8. 3 m s ) i fsm 2 a (pk) notes: 1. lead length = .375 inch (9.35 mm). see figure 2 for thermal impedance curves. 2. t a = +75c on printed circuit board (pcb), pcb = fr4 - .0625 inch (1.59 mm) 1 - layer 1 - oz cu, horizontal, in st ill air; pads for axial = .092 inch (2.34 mm) diameter, strip = .030 inch (0.76 mm) x 1 inch (25.4 mm) long, lead length l 0.187 inch ( 4.75 mm); r ? ja with a defined pcb thermal resistance condition included, is measured at i o = 200 ma . 3. see figure 1 for derating.
t4 - lds -0 281, rev . 1 (1 2 1567 ) ?201 2 microsemi corporation page 2 of 4 1n414 8 - 1 mechanical and packaging ? case: hermeticall y sealed glass package. ? terminals: t in / l ead plated or rohs compliant m atte -t in (on commercial grade only) over copper clad steel . s olderable per mil - std - 750, method 2026. ? polar ity: cathode indicated by band. ? marking: part number. ? tape & ree l option: standard per eia - 296. consult factory for quantities. ? weight: 0.2 grams. ? see p ackage di mensions on last page. part nomenclature jan 1n414 8 - 1 (e3) reliability level jan = jan level jantx = jantx level jantx v = jantxv level msp (reference jans) see 1n6642 for jans level blank = c ommercial grade jedec type number (s ee e lectrical characteristic s t able ) rohs compliance e3 = rohs c ompliant (on commercial grade only ) blank = non - rohs c ompliant metallurgical ly bond ed symbols & definitions symbol definition i r reverse current: the maximum reverse (leakage) current that will flow at the specified voltage and temperature. i o average rectified forward current: th e o utput c urrent averaged over a full cycle with a 50 hz or 60 hz sine - wave input and a 180 degree conduction angle. t rr reverse recovery time: the time interval between the instant the current passes through zero when changing from the forward directio n to the reverse direction and a specified decay point after a peak reverse current occurs. v f forward voltage: the forward voltage the device will exhibit at a specified current (typically shown as maximum value). v r reverse voltage: the reverse vo ltage dc value, no alternating component. v rwm working peak reverse voltage: the maximum peak voltage that can be applied over the operating temperature range excluding all transient voltages (ref jesd282 - b). also sometimes known as piv. electrical c haracteristics @ 25 oc unless otherwise noted forward voltage v f1 @ i f =10 ma forward voltage v f2 @ i f =100 ma reverse recovery time t rr (note 1) forward recovery time t fr (note 2) reverse current i r1 @ 20 v reverse current i r2 @ 75 v reverse current i r3 @ 20 v t a =150 o c reverse current i r4 @ 75 v t a =150 o c capaci - tance c (note 3) capaci - tance c (note 4) v v ns ns na a a a pf pf 0.8 1.2 5 20 25 0.5 35 75 4.0 2.8 note 1: i f = i r = 10 ma, r l = 100 ohms . note 3: v r = 0 v, f = 1 mhz, v sig = 50 mv (pk to pk). note 2: i f = 50 ma . note 4: v r = 1.5v, f = 1 mhz, v sig = 50 mv (pk to pk).
t4 - lds -0 281, rev . 1 (1 2 1567 ) ?201 2 microsemi corporation page 3 of 4 1n414 8 - 1 graphs t a (oc) (a mbient ) figure 1 ? temperature ? c urrent d erating time (s) figure 2 ? t hermal i mpedance dc operation maximum io rating (ma) theta ( c/w)
t4 - lds -0 281, rev . 1 (1 2 1567 ) ?201 2 microsemi corporation page 4 of 4 1n414 8 - 1 package dimensions ltr d imensions n otes inch m illimeters m i n m a x m i n m a x bd .05 6 .075 1.42 1.91 3 bl .140 .180 3.56 4.57 3 ld .018 .022 0.46 0.56 ll 1.000 1.500 25.40 38.10 ll 1 .050 1.27 4 no t es: 1 . d imension s ar e i n inch. 2 . m illimeter s ar e gi v e n fo r genera l informat io n onl y . 3 . packag e contou r optiona l w ithi n bd and lengt h bl . h ea t slugs , i f any , shal l b e include d w ithi n thi s c y linde r but shal l not b e subjec t t o minimum limi t o f bd. t h e bl dimensio n shal l includ e th e entir e bod y including slugs. 4 . w ithi n thi s z one lead , diamete r m a y v ar y t o allo w fo r lea d finishe s and irregularitie s othe r tha n heat slugs. 5 . i n accordanc e w it h as m e y 14.5 m , diameter s ar e equi v alen t t o x s y mbolog y .


▲Up To Search▲   

 
Price & Availability of 1N4148-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X