storage temperature - 50c to 100c aging 3 ppm per year (max.) frequency stability rise time ( tr ) / fall time ( tf ) 10 n sec. (max.) output format dc block, ac coupled. current consumption ( max. ) output load 10 k ? // 10 pf 10% output format dc block , ac coupled 9.6 ~ 15 mhz 26.01 ~ 40.0 mhz 1.5 ma 2.5 ma start - up time ( ts ) 2.0 m sec. ( typ.) , 5.0 m sec. ( max.) modulation bandwidth 3 khz min. measured at -3 db , vcontrol = +1.5 vdc standard: +1.5 v 1.0 v for all input voltages. 5.0 ppm ( min. ) , vcontrol = +1.5 v1.0 v x 1 ppm / year max. at 25c 15.01 ~ 26.0 mhz 2.0 ma vs aging vs voltage change vs load change vs reflow ( smd type ) 0.2 ppm max. , for a 5% input voltage change . 0.2 ppm max. , for a 10% load condition change . 1.0 ppm max. , 1 reflow and measured 24 hours afterwards . x : not available -40c to 85c : please contact us -30c to 75c x -10c to 60c general specifications paramenters electrical spec. input voltage ( v dd ) 2.8 v 5 % x 0.5 ppm 1.0 ppm 1.5 ppm 2.0 ppm 2.5 ppm 3.0 ppm 5.0 ppm features ultra small smd seam sealed temperature compensated crystal oscillator units. smd cli pp ed sine wave 2.2 x 2.0 x 0.8 mm 2.8 v VM22S series vctcxo [ temperature compensated crystal oscillators ] frequency range 10.0 mhz ~ 40.0 mhz mercury www .mercury-crystal.com taiwan : (886)-2-2406-2779 / sales-tw@mercury-crystal.com u.s.a: (1)-909-466-0427 / sales-us@mercury-crystal.com china : (86)-512-5763-8100 / sales-cn@mecxtal.com general specifications ( unit : mm ) output wave form clipped sine wave output output voltage level ( peak to peak ) 0.8 v p-p ( min. ) phase noise ( typical ) [ 10.000 mhz ] offset 10 hz frequency stability ( ppm ) frequency stability vs temperature 0c to 50c : available -20c to 70c 100 hz 1k hz 10 khz 100khz 1 mhz 10 mhz dbc / hz -80 -115 -135 -138 -142 -148 -150 10 % max. 1.0 m ? min. electronical freq. tuning ( efc ) by external control voltage control voltage center frequency deviation range linearity input impedance
|