Part Number Hot Search : 
SMBJ30A EPC1007P FB4410 4S100 SS22B SMBJ30A SG6846G EKLDL072
Product Description
Full Text Search
 

To Download USA49WG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a new hardware version (v2) of the usa-49wg was released in 2015, and it requires a different windows driver than was used in the previous version (v1). the mac drivers are the same for both the v1 and v2 models. in the support tab on this web page you will find zip folders for both the v1 and v2 usa-49wg windows drivers. in addition to including the applicable driver, it contains a file that will tell you how to determine which hardware version you have, and therefore, which driver you need to use. keyspan high-speed 4-port db9 serial to usb adapter hub model number: usa-49wg description keyspan by tripp lites usa-49wg usb 4-port serial adapter is a simple, reliable, inexpensive solution for connecting serial devices to your usb computer. its the easy way to add serial ports to a computer without the hassle of installing a serial card, turning off the pc, or connecting an external power adapter. the usa-49wg draws power directly from your computer through the usb connection. simply plug it into the usb port of your computer using the included cable, install the software and youre ready to connect up to four serial devices. five leds (one red, four green) display the usb and db9 port status at a glance. featuring data transfer rates up to 460 kbps, the usa-49wg can be used with any rs-232 serial devicenetworking equipment, modems, gps devices, cell phones, hand-held scanners, point-of-sale systems, touch screens, medical and scientific instruments, industrial process control devices, ups systems and more. features high-speed: supports 460 kbps - four times the speed of a built-in serial port detachable cable: use adapter with any usb cable (up to 5 meters long) leds: show adapter status and data activity appear as standard com ports bus powered: no external power adapter required analytic tools: includes windows line monitor and data trace software easy expansion: supports use of multiple adapters on one pc highlights quickly connect and disconnect adapter without powering down adds four rs-232 db9 serial ports detachable 6-ft. usb cable included no external power adapter required mac os x (up to 10.10) and windows (up to 8.1) compatible applications this adapter is ideal for industrial and enterprise markets where there is a need to connect serial devices to a pc for process control, data collection, or point of sale applications. it is also ideal for connecting modems, fax modems, or terminals to a server. system requirements windows: an available usb port compatible with windows 98, 98 se, me, 2000, xp, 2003 server, vista, 7, 2008 server r2, 8, 2012 server, 2012 server r2, and 8.1. compatible with 32- and 64-bit versions. macintosh: an available usb port compatible with mac os 8.6 through 9.x and mac os x 10.2.8 through 10.10. compatible with 32- and 64-bit versions for use with all rs-232 serial devices including modems, gps devices, cell phones, hand held scanners, networking equipment (console port), graphics tablets, point of sale devices, 1 / 2
specifications overview cable type usb product overview product overview keyspan-by-tripp lite 4-port usb serial adapter physical unit dimensions (hwd / in.) 1.8 x 6 x 3 unit dimensions (hwd / cm) 4.57 x 15.24 x 7.62 unit weight (lbs.) 0.35 unit weight (kg) 0.16 color black connections connector a usb a (male) connector b db9 (female) (x4) special features chromebook compatible no warranty product warranty period (worldwide) 2-year limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. touch screens, ups devices, medical and scientific instruments, industrial process control devices, building automation instrumentation and other serial devices. hardware versions a new hardware version (v2) of the usa-49wg was released in 2015, and it requires a different windows driver than was used in the previous version (v1). the mac drivers are the same for both the v1 and v2 models. in the support tab on this web page you will find zip folders for both the v1 and v2 usa-49wg windows drivers. in addition to including the applicable driver, it contains a file that will tell you how to determine which hardware version you have, and therefore, which driver you need to use. package includes adapter (usa-49wg) 6-ft. usb device cable cd with driver software and user guide 2 / 2


▲Up To Search▲   

 
Price & Availability of USA49WG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X