Part Number Hot Search : 
SFP840 M24C64 1N6612 ES1ELEE X9312WPI ES51971 L15PF SBL4060
Product Description
Full Text Search
 

To Download TCMT1111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  alternative device available tcmt111. series www.vishay.com vishay semiconductors rev. 1.6, 23-may-13 1 document number: 81862 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optocoupler, phototransistor output, single channel, half pitch mini-flat package description the tcmt111x series consist of a phototransistor optically coupled to a gallium arsenide infrared-emitting diode in a 4 pin package. the elements are mounted on one leadframe providing a fixed distance between input an d output for highest safety requirements. features ? low profile package (half pitch) ? ac isolation test voltage 3750 v rms ? low coupling capacita nce of typical 0.3 pf ? current transfer ratio (ctr) selected into groups ? low temperature coefficient of ctr ? wide ambient temperature range ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 agency approvals ? ul1577, file no. e7 6222 system code m ? cul csa22.2 bulletin 5a ? din en 60747-5-2 (vde 0884) ? bsi en 60065:2002, en 60950:2000 certificate 8986/8987 applications ? programmable logic controllers ?modems ? answering machines ? general applications ce ac 12 43 16467-5 v de 16467-4 ordering information tcmt111# part number agency certified/ ? package ctr (%) 5 ma 10 ma 5 ma ul, cul, bsi, vde 50 to 600 40 to80 63 to 125 100 to 200 160 to 320 50 to 150 100 to 300 80 to 160 130 to 260 200 to 400 sop-4 tcmt1110 TCMT1111 tcmt1112 tcmt1113 tcmt1114 tcmt1115 tcmt1116 tcmt1117 tcmt1118 tcmt1119 absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input reverse voltage v r 6v forward current i f 50 ma forward surge current t p ? 10 s i fsm 1.5 a power dissi pation p diss 80 mw junction temperature t j 125 c 7 mm s md-#
alternative device available tcmt111. series www.vishay.com vishay semiconductors rev. 1.6, 23-may-13 2 document number: 81862 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? stresses in excess of the absolu te maximum ratings can ca use permanent damage to the device. functional operation of the devic e is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of th e time can adversely affect reliability. (1) wave soldering three cycles are allowed. also refer to assembly instructions ( www.vishay.com/doc?80054 ). note ? minimum and maximum values are testing requirements. typical values are characteristics of the device and are the result of en gineering evaluation. typical values are for information only and are not part of the testing requirements. output collector emitter voltage v ceo 70 v emitter collector voltage v eco 7v collector current i c 50 ma collector peak current t p /t = 0.5, t p ? 10 ms i cm 100 ma power dissi pation p diss 150 mw junction temperature t j 125 c coupler ac isolation test voltage (rms) related to standard climate 23/50 din 50014 v iso 3750 v rms total power dissipation p tot 230 mw operating ambient temperature range t amb - 40 to + 110 c storage temperature range t stg - 40 to + 125 c soldering temperature (1) t sld 260 c electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input forward voltage i f = 5 ma v f 1.15 1.4 v junction capacitance v r = 0, f = 1 mhz c j 50 pf output collector emitter voltage i c = 100 a v ceo 70 v emitter collector voltage i e = 100 a v eco 7v collector dark current v ce = 20 v, i f = 0 i ceo 100 na coupler collector emitter sa turation voltage i f = 10 ma, i c = 1 ma v cesat 0.1 0.3 v cut-off frequency v ce = 5 v, i f = 10 ma, r l = 100 ? f c 100 khz coupling capaci tance f = 1 mhz c k 0.3 pf current transfer ratio (t amb = 25 c, unless otherwise specified) parameter test condition part symbol min. typ. max. unit i c /i f v ce = 5 v, i f = 5 ma tcmt1110 ctr 50 600 % v ce = 5 v, i f = 10 ma TCMT1111 ctr 40 80 % tcmt1112 ctr 63 125 % tcmt1113 ctr 100 200 % tcmt1114 ctr 160 320 % v ce = 5 v, i f = 5 ma tcmt1115 ctr 50 150 % tcmt1116 ctr 100 300 % tcmt1117 ctr 80 160 % tcmt1118 ctr 130 260 % tcmt1119 ctr 200 400 % absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit
alternative device available tcmt111. series www.vishay.com vishay semiconductors rev. 1.6, 23-may-13 3 document number: 81862 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - test circuit, non-saturated operation fig. 2 - test circui t, saturated operation fig. 3 - switching times switching characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit delay time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 1) t d 3s rise time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 1) t r 3s fall time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 1) t f 4s storage time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 1) t s 0s turn-on time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 1) t on 5s turn-off time v s = 5 v, i c = 2 ma, r l = 100 ? , (see figure 1) t off 3s turn-on time v s = 5 v, i f = 10 ma, r l = 1 k ? , (see figure 2) t on 9s turn-off time v s = 5 v, i f = 10 ma, r l = 1 k ? , (see figure 2) t off 18 s channel i channel ii 95 10804 r g = 50 t p t p = 50 s t = 0.01 + 5 v i f 0 50 100 i f i c = 2 ma; adjusted through input amplitude oscilloscope r l = 1 m c l = 20 pf channel i channel ii 95 10843 r g = 50 t p t p = 50 s t = 0.01 + 5 v i c i f 0 50 1 k i f = 10 ma oscilloscope r l c l 20 pf 1 m t p t t 0 0 10 % 90 % 100 % t r t d t on t s t f t off i f i c t p pulse duration t d delay time t r rise time t on (= t d + t r ) turn-on time t s storage time t f fall time t off (= t s + t f ) turn-off time 96 11698
alternative device available tcmt111. series www.vishay.com vishay semiconductors rev. 1.6, 23-may-13 4 document number: 81862 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? as per iec 60747-5-2, 7.4.3.8.1, this optoco upler is suitable for safe electrical in sulation only within the safety ratings . compliance with the safety ratings shall be ensured by means of protective circuits. typical characteristics (t amb = 25 c, unless otherwise specified) fig. 4 - total power dissip ation vs. ambient temperature fig. 5 - forward current vs. forward voltage fig. 6 - relative current transfer ratio vs. ambient temperature fig. 7 - collector dark current vs. ambient temperature safety and insulation ratings parameter test condition symbol min. typ. max. unit climatic classificati on iec 68 part 1 40/110/21 comparative tracking index cti 175 399 peak transient overvoltage v iotm 6000 v peak insulation voltage v iorm 707 v safety rating - power output p so 265 mw safety rating - input current i si 130 ma safety rating - temperature t si 150 c creepage distance 5mm clearance distance 5mm insulation thickness, reinforced rated per iec 60950 2.10.5.1 0.4 mm 0 50 100 150 200 250 300 0 40 80 120 p tot - total power dissipation (mw) t amb - ambient temperature (c) 96 11700 coupled device phototransistor ir-diode 0.1 1 10 100 1000 0 v f - forward voltage (v) 96 11862 i f - forward current (ma) 1.6 1.2 0.8 0.4 2.0 - 25 0 25 50 0 0.5 1.0 1.5 2.0 ctr rel - relative current transfer ratio 95 11025 75 t amb - ambient temperature (c) v ce = 5 v i f = 5 ma 0255075 1 10 100 1000 10 000 i ceo - collector dark current, 100 95 11026 with open base (na) v ce = 20 v i f = 0 t amb - ambient temperature (c)
alternative device available tcmt111. series www.vishay.com vishay semiconductors rev. 1.6, 23-may-13 5 document number: 81862 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 8 - collector current vs. forward current fig. 9 - collector current vs. collector emitter voltage fig. 10 - collector emitte r saturation voltage vs. collector current fig. 11 - current transfer ratio vs. forward current fig. 12 - turm-on/off time vs. forward current fig. 13 - turn-on/off time vs. collector current 0.1 1 10 0.01 0.1 1 100 i c - collector current (ma) i f - forward current (ma) 100 95 11027 10 v ce = 5 v 0.1 1 10 0.1 1 10 100 v ce - collector emitter voltage (v) 100 95 10985 i c - collector current (ma) i f = 50 ma 5 ma 2 ma 1 ma 20 ma 10 ma 110 0 0.2 0.4 0.6 0.8 1.0 v cesat - collector emitter saturation voltage (v) i c - collector current (ma) 100 ctr = 50 % used 20 % used 95 11028 10 % used 0.1 1 10 1 10 100 1000 ctr - current transfer ratio (%) i f - forward current (ma) 100 95 11029 v ce = 5 v 01015 0 10 20 30 40 50 i f - forward current (ma) 20 95 11031 t on /t off - turn-on/turn-off time (s) saturated operation v s = 5 v r l = 1 k t off t on 5 04 0 2 4 6 8 10 i c - collector current (ma) 8 95 11030 t on /t off - turn-on/turn-off time (s) non-saturated operation v s = 5 v r l = 100 t off t on 6 2
alternative device available tcmt111. series www.vishay.com vishay semiconductors rev. 1.6, 23-may-13 6 document number: 81862 for technical questions, contact: optocoupleranswe rs@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters package marking (example of tcmt1110) 16283 possible footprint technical drawings according to din specifications 0.15 + 0.10 - 0.05 0.7 + 0.3 - 0.4 7 + 0.3 - 0.4 0.1 0.1 1 2 4 3 pin no. 1 identification 2.1 max. 1.9 2.8 max. 1.27 nom. 0.45 0.1 0.9 1.27 4.4 0.2 2.5 5 7.6 mt1110 v yww m 68
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of TCMT1111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X