Part Number Hot Search : 
PD104 C74LV E2UEA 1M250 SS8012G KP8LU07 09012 10C12A
Product Description
Full Text Search
 

To Download SU1000RTXLCD2U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartonline 100-127v 1kva 900w on-line double-conversion ups, extended run, snmp, webcard, 2u rack/tower, lcd display, usb, db9 serial model number: SU1000RTXLCD2U description tripp lite smart online ups systems offer high performance power protection ideal for critical server and network equipment in datacenters, computer rooms and network closets. online, double-conversion uninterruptible power supply (ups) maintains perfectly regulated output power by continuously converting raw ac input to dc, then re-converting output back to ac. fully regulated sine wave ac output with +/-2% voltage regulation powers network equipment continuously, even during severe brownouts and overvoltages, all without depleting ups battery reserves. maintains battery-derived ac output during power failures with zero transfer time. extended runtime options available. interactive lcd interface reports ups operating mode, detailed ups and site-power data, plus enables a variety of ups setup and configuration options. highly efficient operation in optional economy mode saves btu heat output and energy costs. network management interfaces support communications via usb, rs-232, contact-closure and optional snmpwebcard network interface. built-in db9 port offers both enhanced rs-232 data and basic contact closure monitoring ability. hid-compliant usb interface enables integration with built-in power management and auto shutdown features of windows and mac os x. includes poweralert monitoring software and complete cabling. emergency power off (epo) interface. led display reports ups operating mode, line power availability, battery mode operation, inverter operation, eco mode status and output power availability. led/lcd display panel easily rotates for viewing in rackmount or tower configurations. audible alarm with push-button momentary alarm-cancel and silent-mode lcd configuration options. programmable self-test. fault-tolerant auto-bypass mode. battery independent restart. field-replaceable, hot-swappable internal batteries and external battery packs. features tripp lite SU1000RTXLCD2U 1000va / 1kva / 900w on-line, double-conversion 2u rack / tower ups selectable 100/110/120/127v output (120v factory preset) nema 5-15p input, 6 nema 5-15r outlets highlights 1000va / 1kva / 900w on-line double-conversion 2u rack / tower ups 100/110/120/127v 50/60hz output; high efficiency economy mode option interactive lcd with 9 selectable screens of ups and site power data expandable runtime, hot-swap batteries, 12.5 in / 31.8cm depth usb, rs232 & epo ports, support for snmp/web card option 2 independently switched load banks nema 5-15p input; 6 nema 5-15r outlets this product is energy star qualified for its ability to save customers money while helping to protect the environment applications distributed server rooms network closets small business networks voice over ip (voip) phone systems package includes SU1000RTXLCD2U ups system poweralert software with usb, serial & epo cabling 4 post rackmount installation kit instruction manual 1 / 6
two switched outlets support remote reboot or programmable load shedding options supports 2% output voltage regulation and zero transfer time in double conversion mode economy mode option offers enhanced efficiency, reduced power consumption and lower btu emissions 14 minutes runtime at 50% load (450w) and 4.8 minutes at 100% load (900w) with internal batteries bp24v15rt2u (limit 1), bp24v28-2u (limit 1), bp24v70-3u (multi-pack compatible) and bp24v36-2us (multi-pack compatible) external battery packs available (some configurations require tripp lite's external battery configuration software) lcd interface reports operating mode plus 9 selectable screens of ups data (load % & kw, load % & kva, power factor, input volts & hz, output volts & hz, battery volts and charge %, minutes runtime, capacity remaining, kw/hr. consumption) lcd interface also supports 16 screens of ups configuration and setup options 4 post installation hardware included, optional 2postrmkitwm enables 2 post rack / wallmount installation, optional 2-9ustand enables tower placement single line tel / network surge suppression electronic bypass maintains utility output during a variety of ups fault conditions battery independent restart ensures automatic ups power-up without user interaction after lengthy power outages, even when batteries are expired and require replacement frequency regulation / conversion mode offers generator-compatible frequency correction or conversion of frequency from 50 to 60hz or 60 to 50hz built-in usb, rs-232, contact-closure and optional snmpwebcard accessory monitoring options hid-compliant usb interface enables integration with built-in power management and auto shutdown features of windows and mac os x included poweralert ups monitoring software specifications output output capacity details on line mode: maximum output capacity ratings are reduced for some nominal voltage settings (127/120/115/110v 900 watts, 100v 810 watts). frequency regulation / conversion mode: maximum output ratings are reduced in frequency regulation / conversion mode (127/120/115/110v 630 watts / 100v 567 watts). output volt amp capacity (va) 1000 output kva capacity (kva) 1 output watt capacity (watts) 900 power factor 0.9 crest factor 3:1 nominal output voltage(s) supported 100v; 110v; 115v; 120v; 127v nominal voltage details 120v factory-default nominal voltage frequency compatibility 50 / 60 hz; supports 50 to 60 hz and 60 to 50 hz conversion frequency compatibility details on line mode: output frequency is automatically configured to match nominal input frequency on startup; output matches input frequency when +/-5hz of nominal; output is regulated to +/-0.05hz when input frequency exceeds +/-5hz of nominal. ups switches to battery mode when input frequency is below 40hz or above 70hz. frequency regulation / conversion mode: output is regulated to +/-0.05hz of selected output frequency input is 40 to 70hz; ups switches to battery mode when input frequency is below 40hz or above 70hz. battery mode: output is regulated to +/-0.05hz. output voltage regulation (line mode) +/- 2% 2 / 6
output voltage regulation (economy line mode) +/- 10% output voltage regulation (battery mode) +/- 3% output receptacles (6) 5-15r load management receptacles two switchable single-outlet 5-15r load banks output ac waveform (ac mode) pure sine wave output ac waveform (battery mode) pure sine wave input rated input current (maximum load) 8.6a nominal input voltage(s) supported 100v ac; 110v ac; 115v ac; 120v ac; 127v ac nominal input voltage description 120v factory default ups input connection type 5-15p input circuit breakers 15a ups input cord length (ft.) 10 ups input cord length (m) 3 recommended electrical service 15a 120v input phase single-phase battery full load runtime (min.) 4.8 min. (900w) half load runtime (min.) 14 min. (450w) expandable battery runtime extended runtime supported via optional external battery packs external battery pack compatibility bp24v15rt2u (limit 1); bp24v28-2u (limit 1); bp24v70-3u (multi-pack compatible); bp24v36-2us (multi-pack compatible) expandable runtime description some external battery configurations require the use of tripp lite's external battery configuration software, see manual for details dc system voltage (vdc) 24 battery recharge rate (included batteries) less than 3 hours recharge to 90% (typical, full load discharge) internal ups replacement battery cartridge rbc24v-lcd battery access front panel battery access battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description online, double-conversion power conditioning maintains 2% output voltage regulation during brownouts and overvoltages 3 / 6
overvoltage correction corrects overvoltages to 150v (0-100% load) undervoltage correction corrects undervoltages to 100v at full load (90v at 100v nominal) severe undervoltage correction corrects brownouts to 70v (70% load) & 55v (33% load) user interface, alerts & controls front panel lcd display front panel lcd information and configuration screen offers detailed ups and site power status and operating data, plus configuration of voltage, frequency, operating mode, alarm function and a variety of additional options switches 2 switches control off/on power status and alarm-cancel operation; 2 additional scroll-down and scroll-up / select options enable lcd status viewing and configuration options alarm cancel operation power-fail alarm can be temporarily silenced using alarm-cancel switch; silent mode alarm configuration option available audible alarm audible alarm indicates ups startup, power-failure, low-battery, overload, ups fault and remote shutdown conditions led indicators 7 front panel leds indicate line power availability, ac to dc conversion, battery mode operation, inverter mode, eco mode operation, bypass mode operation and ac output status surge / noise suppression ups ac suppression joule rating 570 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out); 10/100base t ethernet emi / rfi ac noise suppression yes physical included mounting accessory description adjustable 4 post rack rails included installation form factors supported with optional accessories 2 post rackmount (2postrmkitwm); wallmount (2postrmkitwm); tower (2-9ustand) primary form factor rackmount ups power module dimensions (hwd, in.) 3.5 x 17.5 x 12.5 ups power module dimensions (hwd, cm) 8.9 x 44.4 x 31.8 rack height (u spaces) 2 ups power module weight (lbs.) 29 ups power module weight (kg) 13.2 ups shipping dimensions (hwd / in.) 9.5 x 20 x 24 ups shipping dimensions (hwd / cm) 24.1 x 50.8 x 61 shipping weight (lbs.) 41.5 shipping weight (kg) 18.8 cooling method fan 4 / 6
ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 341 ac economy mode btu / hr. (full load) 230 battery mode btu / hr. (full load) 585 ac economy mode efficiency rating (100% load) 93% operating elevation (ft.) 0-3000m / 0-10,000 ft. audible noise 45 dba at 1m front side communications communications interface usb (hid enabled); db9 serial; contact closure; epo (emergency power off); slot for snmp/web interface network monitoring port description supports detailed monitoring of ups and site power conditions; db9 port supports rs232 and contact closure communications poweralert software included communications cable usb and db9 cabling included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time zero (0 milliseconds) in double-conversion mode; 4 milliseconds economy mode low voltage transfer to battery power (setpoint) 100v at full load (90v full load at 100v nominal setting); 70v at 70% load; 55v at 33% load high voltage transfer to battery power (setpoint) 150 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features automatic inverter bypass; hot swappable batteries green energy-saving features high efficiency economy mode operation; individually controllable load banks; schedulable daily hours of economy mode operation certifications ups certifications tested to ul1778 (usa); tested to csa (canada); meets fcc part 15 category b (emi); rohs (restriction of hazardous substances); energy star qualified 5 / 6
warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 6 / 6


▲Up To Search▲   

 
Price & Availability of SU1000RTXLCD2U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X