Part Number Hot Search : 
QH1N1R2 DUG12C SB840FCT 73600 TEA2021 TMR4810 ZMY160 2SD866AP
Product Description
Full Text Search
 

To Download SSTPAD5-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low leakage pico amp diodes jpad5 / jpad10 / jpad20 / jpad50 / jpad100 / jpad200 sstpad5 / sstpad10 / sstpad20 / sstpad50 / sstpad100 / sstpad200 features low leakage . . . . . . . . . . . . . . . . . . . . . . . . 5 pa (jpad5) high breakdown voltage . . . . . . . . . . . . . . . -60 v typical low capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5 pf applications high impedance diode switching high dynamic range log amps high isolation protection circuits description the jpad series is a low leakage, high speed diode used for input protection circuitry and fast switching. these devices are housed in a plastic to-92 package for automated high speed assembly. the design and processing of this series results in very low leakage and low capacitance making it an excellennt choice vs conventional diodes. ordering information part package temperature range jpad5-200 plastic to-92 -55 o c to +135 o c sstpad5-200 plastic sot-23 -55 o c to +135 o c xpad5-200 sorted chips in carriers -55 o c to +135 o c llc pin configuration schematic diagram a c to-92 (modified) plastic bottom view a c a c product marking (sot-23) sstpad5 t05 sstpad10 t10 sstpad20 t20 sstpad50 t50 sstpad100 t11 sstpad200 t21 sot-23 a c 5007, 5010 note: use only cathode "c" pin.
jpad5 / jpad10 / jpad20 / jpad50 / jpad100 / jpad200 sstpad5 / sstpad10 / sstpad20 / sstpad50 / sstpad100 / sstpad200 llc absolute maximum ratings (25 o c) forward current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 ma total device dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 360 mw storage temperature range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 o c to 125 o c lead temperature (1/16" from case for 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 o c electrical characteristics (25 o c unless otherwise noted) symbol characteristics min typ max unit test conditions static i r reverse current pad5 -5 pa v r = -20 v pad10 -10 pad20 -20 pad50 -50 pad100 -100 pad200 -200 b vr breakdown voltage (reverse) -35 -60 v i r = -1ma v f forward voltage drop 0.8 1.5 v if = 5 ma dynamic c r capacitance 1.5 2.0 pf v r = -5 v, f = 1 mhz note: product available in surface mount sot-23 upon request. contact factory for further information.


▲Up To Search▲   

 
Price & Availability of SSTPAD5-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X