Part Number Hot Search : 
LTC24 XP131 1200F LVTH16 03100 DD98N 30DB40 TS27M2M
Product Description
Full Text Search
 

To Download SP2106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  suface mount package. s mhop microelectronics c orp. a SP2106 symbol v ds v gs i dm 50 w a p d c 0.25 -55 to 150 i d units parameter 100 1 4.1 c/w v v 20 t a =25 c gate-source voltage drain-source voltage thermal characteristics product summary v dss i d r ds(on) ( ) max 100v 1a 2.4 @ vgs=4.5v 2.0 @ vgs=10v features super high dense cell design for low r ds(on) . rugged and reliable. absolute maximum ratings ( t a =25 c unless otherwise noted ) limit drain current-continuous a -pulsed b a maximum power dissipation a operating junction and storage temperature range t j , t stg thermal resistance, junction-to-ambient r ja ver 1.1 www.samhop.com.tw jul,18,2013 1 details are subject to change without notice. t a =25 c t a =70 c a t a =70 c w dual n-channel enhancement mode field effect transistor green product 0.8 1.6 pin1 e as single pulse avalanche energy d mj 2.5 pdfn 5x6 esd protected. 4 3 2 1 d 2 d 2 d 1 d 1 g 2 s 2 g 1 s 1 5 6 7 8
symbol min typ max units bv dss 100 v 1 i gss 10 ua v gs(th) v 1.6 g fs s c iss 64 pf c oss 14 pf c rss 7 pf q g 7.6 nc 7.2 54 16 t d(on) 2 ns t r ns t d(off) ns t f ns v ds =25v,v gs =0v switching characteristics v dd =50v i d =0.5a v gs =10v r gen = 6 ohm total gate charge rise time turn-off delay time fall time turn-on delay time ohm v gs =10v , i d =0.5a v ds =10v , i d =0.5a input capacitance output capacitance dynamic characteristics r ds(on) drain-source on-state resistance forward transconductance i dss ua gate threshold voltage v ds =v gs , i d =250ua v ds =80v , v gs =0v v gs = 20v , v ds =0v zero gate voltage drain current gate-body leakage current electrical characteristics ( t a =25 c unless otherwise noted ) off characteristics parameter conditions drain-source breakdown voltage v gs =0v , i d =10ma reverse transfer capacitance on characteristics v gs =4.5v , i d =0.5a 2.0 1.9 2.4 ohm c f=1.0mhz c SP2106 ver 1.1 www.samhop.com.tw jul,18,2013 2 nc q gs nc q gd 0.5 0.7 gate-drain charge gate-source charge v ds =50v,i d =0.5a, v gs =10v drain-source diode characteristics and maximum ratings nc 1.4 v ds =50v,i d =0.5a,v gs =10v v ds =50v,i d =0.5a,v gs =4.5v v sd diode forward voltage v gs =0v,i s =0.5a 0.86 1.2 v notes a.surface mounted on fr4 board,t < 10sec. b.pulse test:pulse width < 10us, duty cycle < 1%. c.guaranteed by design, not subject to production testing. d.starting t j =25 c,l=0.5mh,v dd = 50v.(see figure13) _ _ _ 1 1.8 3 1
SP2106 ver 1.1 www.samhop.com.tw jul,18,2013 3 tj( c ) i d , drain current(a) v ds , drain-to-source voltage(v) figure 1. output characteristics v gs , gate-to-source voltage(v) figure 2. transfer characteristics i d , drain current(a) r ds(on) ( ) r ds(on) , on-resistance normalized i d , drain current(a) tj, junction temperature( c ) figure 3. on-resistance vs. drain current and gate voltage figure 4. on-resistance variation with drain current and temperature vth, normalized gate-source threshold voltage bvdss, normalized drain-source breakdown voltage tj, junction temperature( c ) figure 5. gate threshold variation with temperature tj, junction temperature( c ) figure 6. breakdown voltage variation with temperature 0.6 0.4 0 0 0.5 1.0 1.5 2.0 2.5 3.0 1.0 0.8 0.6 0.4 0.2 0 0 0.8 4.8 4.0 3.2 2.4 1.6 -55 c 3.6 3.0 2.4 1.8 1.2 0.6 0.1 2.2 1.8 1.6 1.4 1.2 1.0 0 0 100 75 25 50 125 150 0.7 0.6 1.3 1.2 1.1 1.0 0.9 0.8 125 150 100 75 50 25 0 -25 -50 1.15 1.10 1.05 1.00 0.95 0.90 0.85 125 150 100 75 50 25 0 -25 -50 i d =10ma 0.2 v gs =10v v gs =4.5v 2.0 v gs =4.5v i d =0.5a v gs =10v i d =0.5a v gs =10v 1.0 0.8 0.6 0.4 0.2 0.01 v ds =v gs i d =250ua v gs =4.5v 25 c tj=125 c v gs =3v v gs =3.5v 0.8 1.0
SP2106 ver 1.1 www.samhop.com.tw jul,18,2013 4 r ds(on) ( ) v gs , gate-to-source voltage(v) figure 7. on-resistance vs. gate-source voltage is, source-drain current(a) v sd , body diode forward voltage(v) figure 8. body diode forward voltage variation with source current c, capacitance(pf) v ds , drain-to-source voltage(v) figure 9. capacitance v gs , gate to source voltage(v) qg, total gate charge(nc) figure 10. gate charge switching time(ns) rg, gate resistance( ) figure 11. switching characteristics i d , drain current(a) v ds , drain-source voltage(v) figure 12. maximum safe operating area 4.8 4.0 3.2 2.4 1.6 0.8 0 2468 10 0 10 1 00.7 20 3.5 1.4 2.1 2.8 90 75 60 45 30 15 0 10 15 20 25 30 10 8 6 4 2 0 0 0.8 1.6 0.4 1.2 2.0 2.4 125 c i d =0.5a 0 5 vds=50v,id=0.5a vgs=10v 25 c 125 c 0.1 1 10 1 0.1 v gs =10v t a =25 c single pulse 10 0us 1m s 10m s 1 0 0 ms d c 100 25 c 75 c 0.01 r d s (on) limit 10 75 c
SP2106 www.samhop.com.tw 5 normalized transient thermal resistance square wave pulse duration(sec) figure 14. normalized thermal transient impedance curve t p i as figure 13a. uncamped inductive test circuit unclamped inductive waveforms r g i as 0.01 t p d.u.t l v ds + - 20v v dd figure 13b. v (br)dss 0.001 0.01 0.1 1 single pulse 0.00001 1000 100 10 1 0.1 0.01 0.001 0.0001 p dm 1. r thj a (t)=r (t) * r ja 2. r ja =s ee datas heet 3. t jm- t a =p dm *r ja (t) 4. duty cycle, d=t 1 /t 2 th th th t 1 t 2 0.5 0.2 0.1 0.05 0.02 0.01 ver 1.1 jul,18,2013
SP2106 www.samhop.com.tw jul,18,2013 6 package outline dimensions ver 1.1 top view pdfn 5x6-8l bottom view side view symbols millimeters a a1 b c d e e1 min max 0.85 1.00 0.00 0.05 0.30 0.50 0.15 0.25 e l l1 3.82 bsc 0.45 0.00 0 o nom 0.95 0.40 0.20 1.27 bsc 0.15 0 10 o 5.20 bsc 0.50 0.60 0.75 e e1 l1 d e e2 d1 d2 l2 l b a a1 c d2 e2 l2 4.35 bsc 5.55 bsc 6.05 bsc 0.55 0.65 d1 0.68 ref
www.samhop.com.tw 7 top marking definition pdfn 5x6-8l 2106 xxxxxx product no. samhop logo pin 1 wafer lot no. production date (1,2 ~ 9, a,b.....) production month (1,2 ~ 9, a,b,c) production year (2009 = 9, 2010 = a.....) smc internal code no.(a,b,c...z) SP2106 jul,18,2013 ver 1.1


▲Up To Search▲   

 
Price & Availability of SP2106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X