Part Number Hot Search : 
70004 12007 CS5525 2SC4177W CMF60 LTM8050 68801 2SC4177W
Product Description
Full Text Search
 

To Download SMARTINT1500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smartpro 230v 1.5kva 940w line-interactive ups, tower, db9 serial model number: SMARTINT1500 description tripp lite's SMARTINT1500 intelligent, line interactive ups system protects servers, networking accessories and telecommunications equipment from blackouts, voltage fluctuations and transient surges. large internal batteries offer 20 minutes half load runtime and 7 minutes at full load during power failures. 1500va/940 watt power handling capability supports a variety of networking, telecom and various other application types, including the support of multiple network workstations. includes a total of 6 iec320-c13 outlets. supports remote monitoring of ups and site power conditions via built-in db9 serial and db9 contact closure ports. includes poweralert ups monitoring and unattended shutdown software with complete cabling. built-in audible alarm and 5 front panel leds indicate status of line power, battery power, battery low/replace, voltage regulation and load level. wall mountable with optional upswm wallmount bracket. network-grade ac surge suppression protects equipment from damage and performance problems resulting from transient surges. attractive, small-footprint tower. features 1500va/940 watt power handling capability supports a variety of networking, telecom and various other application types built-in voltage regulation and battery support, plus complete ac suppression prevents equipment damage, data loss and downtime large internal batteries offer 20 minutes half load runtime and 7 minutes at full load during power failures automatic voltage regulation (avr) circuits with two boost and one voltage reduction level maintains usable 230v nominal output over an input voltage range of 165-277v includes 1 db9 serial and 1 db9 contact closure monitoring port for remote monitoring of ups status and site power conditions communications ports support messaging of ups and line power status, including on-battery, low-battery, power-restored, ac line voltage, dc battery voltage and battery capacity poweralert ups monitoring and unattended shutdown software with complete cabling included includes 6 ups-supported outlets notification of system status via 5 leds and multi-function audible alarms wall mountable with upswm wallmount bracket attractive small footprint beige tower housing hot-swappable/user replaceable batteries allow on-site battery replacement highlights 1.5kva / 1500va line interactive tower ups system 230v nominal output during brownouts to 165v and overvoltages to 277v front panel status leds with load and battery capacity level display 2 db9 ports; 2 c13 to c14 cables; hot-swap batteries c14 inlet; 6 c13 outlets package includes SMARTINT1500 ups system 2 iec-320 c13 to c14 power cables 2 db9 monitoring cables poweralert unattended shutdown and ups/power monitoring software instruction manual with warranty information 1 / 5
network-grade ac surge suppression ups battery set ships fully assembled, no time consuming connection of internal batteries by user is necessary optional pdubhv10 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment specifications output output volt amp capacity (va) 1500 output kva capacity (kva) 1.5 output watt capacity (watts) 940 power factor 0.6 nominal output voltage(s) supported 220v; 230v; 240v nominal voltage details 230v inverter nominal output voltage frequency compatibility 50 / 60 hz output voltage regulation (line mode) -15%, +8% output voltage regulation (battery mode) +/- 5% output receptacles (6) c13 included output power cables includes 2 c13 to c14 output power cables hot-swap pdu options pdubhv10 (2u / 8 c13 outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 6.5a nominal input voltage(s) supported 230v ac ups input connection type c14 inlet input circuit breakers 10a input phase single-phase battery full load runtime (min.) 7 min. (940w) half load runtime (min.) 20 min. (470w) dc system voltage (vdc) 36 battery recharge rate (included batteries) less than 4 hours from 10% to 90% (typical, full load discharge) 2 / 5
internal ups replacement battery cartridge rbc53 battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 166 to 277 overvoltage correction input voltages between 243 and 277 are reduced by 12% undervoltage correction input voltages between 191 and 215 are boosted by 10% severe undervoltage correction input voltages between 165 and 190 are boosted by 22% user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure and low-battery conditions led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups power module dimensions (hwd, in.) 12.8 x 7.5 x 9.2 ups power module dimensions (hwd, cm) 32.4 x 19 x 23.5 ups power module weight (lbs.) 38.6 ups power module weight (kg) 17.5 ups shipping dimensions (hwd / in.) 18.2 x 12 x 13.8 ups shipping dimensions (hwd / cm) 46.4 x 30.5 x 34.9 shipping weight (lbs.) 43.2 shipping weight (kg) 19.6 ups housing material polycarbonate 3 / 5
environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 204 battery mode btu / hr. (full load) 435.8 ac mode efficiency rating (100% load) 94% communications communications interface db9 serial; contact closure network monitoring port description supports detailed monitoring of ups and site power conditions; contact closure communications via 2nd db9 port (2 total) poweralert software included communications cable 2 db9 cables included line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 165 high voltage transfer to battery power (setpoint) 277 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries certifications ups certifications tested to ul1778 (usa); tested to csa (canada); ce; tested to gost (russia); tested to saso (saudi arabia); tested to iram (argentina) ups certification details emi approvals 62040 warranty product warranty period (international) 2-year limited warranty product warranty period (mexico) 2-year limited warranty 4 / 5
product warranty period (puerto rico) 2-year limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of SMARTINT1500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X