Part Number Hot Search : 
MPSA42 C1410 LTC290 PL100 74LS15 NTX2N67 ENA2130A RT9819
Product Description
Full Text Search
 

To Download SM5000RT3UTAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  taa-compliant smartpro 208/120v 5kva 4kw line-interactive sine wave ups, extended run, snmp, webcard, 6u rack/tower, usb, db9 serial model number: SM5000RT3UTAA description tripp lite's line-interactive SM5000RT3UTAA ups system is compliant with the federal trade agreements act (taa) for gsa schedule purchases. this ups protects server, networking or telecommunications equipment from blackouts, voltage fluctuations and surges in a compact tower/rackmount housing. in rack configuration, the power module and battery pack occupy only 3 rack spaces (3u) each. large capacity 5000va/4000w power module converts raw 208v ac input to fully regulated dual output 208/120 voltage for simultaneous protection of both high- and low-voltage equipment loads. true sine wave output at all times offers guaranteed compatibility with all equipment types. includes 14 outlets, 8 of which can be individually reset via software interface to selectively reboot remote equipment or shed less critical loads to extend battery runtime for more critical equipment. battery support can be extended indefinitely with additional external 3u rackmount battery packs. includes slot for internal snmp/web card, plus two db9 and two usb enhanced monitoring ports for unattended shutdown, remote control and monitoring of ups system and power data. features compliant with the federal trade agreements act (taa) for gsa schedule purchases large 5000va/4000w output capacity with full-time sine wave output offers guaranteed compatibility with all equipment types high power density 5kva power module and battery pack occupy only 3 rack spaces (3u) each (ups and battery pack require 6u total installed) 38 min. half load runtime, expandable with multiple external battery packs (part# bp48v60rt3u) line-interactive voltage regulation corrects severe brownouts and overvoltages without using battery power dual voltage output is simultaneously compatible with both 208v and 120v equipment 14 total outlets (120v: 10 x 5-15r, 2 x 5-20r/208v: 1 x l6-30r, 1 x l14-30r) diagnostic leds provide visual indication of 17 separate performance conditions included poweralert software provides e-mail notification of power problems and simultaneous automatic unattended shutdown of multiple servers 4 built-in communications ports (2 x db9, 2 x usb) for remote monitoring and unattended shutdown slot for snmp/web card (part# snmpwebcard) and environmental sensor (part# envirosense) for remote communications in large ip environments 8 customized load management receptacles can be individually powered off and back on again via software interface to reboot remote equipment or highlights federal trade agreements act / taa compliant for gsa schedule purchases 5kva / 5000va / 4000w line interactive 6u rack/tower ups, sine wave output 208 & 120v output during brownouts to 151v and overvoltages to 260v usb, serial, epo & optional snmp/web card monitoring options expandable runtime, 8 single-outlet switched output load banks nema l6-30p input, 10 5-15r, 2 5-15/20r, 1 l6-30r & 1 l14-30r outlets package includes SM5000RT3UTAA ups system bp48v60rt3u battery pack poweralert software and cabling mounting hardware instruction manual with warranty information 1 / 5
perform "load shedding" of less critical loads to extend battery runtime for the most critical equipment emergency power off (epo) interface for emergency shutoff in large facilities hot-swappable/user replaceable batteries allow on-site battery replacement through the front panel without powering off connected equipment or removing the ups from the rack ups battery set ships fully assembled and ready for connection to the power module, no time consuming, connection of individual internal batteries by user is necessary $250,000 ultimate lifetime insurance (u.s., canada, and puerto rico only) nafta compliant specifications output output volt amp capacity (va) 5000 output kva capacity (kva) 5 output watt capacity (watts) 4000 output kw capacity (kw) 4 power factor 0.8 nominal output voltage(s) supported 120v; 208v frequency compatibility 60 hz output voltage regulation (line mode) 208 & 120v (-10%, +20%) output voltage regulation (battery mode) +/- 5% output receptacles (10) 5-15r; (2) 5-15/20r; (1) l14-30r; (1) l6-30r load management receptacles eight switchable single-outlet 5-15r load banks output circuit breakers 15a branch rated (x3) - 2 breakers support 5 5-15r outlets each, one breaker supports 2 5-20r outlets, l6-30r and l14-30r outlets are unbreakered output ac waveform (ac mode) sine wave output ac waveform (battery mode) pure sine wave input nominal input voltage(s) supported 208v ac ups input connection type l6-30p input circuit breakers 30a double-pole ups input cord length (ft.) 10 ups input cord length (m) 3 recommended electrical service 30a 208v input cord length (ft.) 10 2 / 5
input cord length (m) 3 input phase single-phase battery full load runtime (min.) 16 min. (4000w) half load runtime (min.) 38 min. (2000w) expandable battery runtime extended runtime supported via optional external battery packs external battery pack compatibility bp48v24-2u (limit 1); bp48v60rt-3u (multi-pack compatible); bp48v27-2us (multi-pack compatible) dc system voltage (vdc) 48 battery recharge rate (included batteries) 3 hours battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 151 to 282 overvoltage correction input voltages between 240v and 282 are reduced by 12% undervoltage correction input voltages between 180v and 199 are boosted by 12% severe undervoltage correction input voltages between 151v and 179 are boosted by 24% user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure, overload and low-battery conditions led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status surge / noise suppression ups ac suppression joule rating 1020 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes physical installation form factors supported with included accessories 4 post 19 inch rackmount installation form factors supported with optional accessories 2 post rackmount (2postrmkitwm); tower (2-9ustand) optional mounting accessory notes 2 sets of 2postrmkitwm required for 2 post rackmount installation of separate power module and battery pack primary form factor rackmount 3 / 5
ups power module dimensions (hwd, in.) 5.2 x 17.5 x 22.5 ups power module dimensions (hwd, cm) 13.3 x 44.4 x 57.2 installed whole system maximum rack depth (in.) 22.8 installed whole system maximum rack depth (cm) 57.8 rack height (u spaces) 6 ups power module weight (kg) 0 ups dimensions details includes 3u power module and 3u external battery pack included battery pack dimensions (hwd / in.) 5.2 x 17.5 x 22.8 included battery pack dimensions (hwd / cm) 13.3 x 44.4 x 57.8 included battery pack weight (lbs.) 135 included battery pack weight (kg) 61.3 ups shipping dimensions (hwd / cm) 22.8 x 23 x 31.5 shipping weight (lbs.) 320 shipping weight (kg) 145.3 cooling method fans ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 868.1 battery mode btu / hr. (full load) 1511.1 ac mode efficiency rating (100% load) 94% communications communications interface usb; db9 serial; contact closure network monitoring port description supports detailed monitoring of ups and site power conditions; 2 usb ports, 1 db9 serial and 1 db9 contact closure port (4 total) poweralert software included communications cable usb and db9 cabling included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications 4 / 5
line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 151 high voltage transfer to battery power (setpoint) 282 special features grounding lug back panel grounding lug cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green energy-saving features individually controllable load banks certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category a (emi); taa compliant warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of SM5000RT3UTAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X