Part Number Hot Search : 
2SD25 CYHME301 UF2001 TMG1C80A 14051 EH390 EM78M612 H2920
Product Description
Full Text Search
 

To Download SM10100DS1-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente sm10100ds1 voltage 100 v 10a schottky barrier rectifiers 20-nov-2014 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. rohs compliant product a suffix of -c specifies halogen & lead-free features  low forward voltage drop  high current capability  high reliability  high surge current capability  epitaxial construction mechanical data  case: molded plastic  epoxy: ul94v-0 rate flame retardant  lead: lead solderable per mil-std-202 method 208 guaranteed  polarity: as marked  mounting position: any package information package mpq leader size to-252 2.5k 13 inch maximum ratings (rating 25 c ambient temperature unless otherwise specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, de-rate current by 20%.) parameter symbol rating unit maximum repetitive peak reverse voltage v rrm 100 v maximum rms voltage v rms 70 v maximum dc blocking voltage v dc 100 v maximum average forward rectified current i f 10 a peak forward surge current, 8.3 ms single half sine-w ave superimposed on rated load i fsm 150 a t a =25c 0.85 maximum instantaneous forward voltage @10a t a =100c v f 0.72 v t a =25c 0.1 maximum reverse current at rated vrrm per diode 2 t a =100c i r 5 ma typical junction capacitance 1 c j 580 pf voltage rate of change dv/dt 10000 v/us typical thermal resistance 3 r jc 10 c/w operating & storage temperature t j ,t stg -55~150 c notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c.. 2. plus test: 300us pulse width, 2% duty cycle. 3. thermal resistance junction to case. fr4 board heat sink size: 10*10*0.2mm. pin3 pin1 pin2 configuration to-252(d-pack) a c d n o p g e f h k j m b millimeter millimeter ref. min. max. ref. min. max. a 6. 35 6.90 j 2.30 ref. b 4.95 5.50 k 0.64 1.14 c 2.10 2.50 m 0.50 1.14 d 0.43 0.9 n 1.3 1.8 e 6.0 7.5 o 0 0.13 f 2.80 ref p 0.58ref. g 5.40 6.40 h 0.60 1.20
elektronische bauelemente sm10100ds1 voltage 100 v 10a schottky barrier rectifiers 20-nov-2014 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of SM10100DS1-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X