Part Number Hot Search : 
NTE159 GL34D MC68HC11 SN74LS24 003775 AMP04EP 2N305 MC68HC11
Product Description
Full Text Search
 

To Download SM1000RM1UTAA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  taa-compliant smartpro 120v 1kva .8kw line-interactive sine wave ups, snmp, webcard, 1u rack, usb, db9 serial model number: SM1000RM1UTAA description tripp lite SM1000RM1UTAA 1000va / 1kva / 800 watt line interactive, sine wave ups system offers complete power protection for critical network applications in a highly efficient 1u total rack/tower configuration. simultaneous-use network management interfaces include usb, rs-232 and optional snmp/web accessory card. line interactive voltage regulation, network-grade surge suppression and long-lasting sine wave ac output during blackouts make this ups ideal for advanced networking applications in datacenters, computer rooms and network closets. features federal trade agreements act / taa compliant for gsa schedule purchases tripp lite SM1000RM1UTAA 1kva / 1000va / 800 watt line interactive ups 1u rack/tower compatible form factor included mounting brackets support 2 and 4 post rackmount installation; optional 4postrailkit1u is available for additional support nema 5-15p input; 6 5-15r output receptacles installed depth of only 16.75 in. / 42.5cm sine wave output in both ac and battery backup modes line interactive ups provides automatic voltage regulation / avr to maintain 120v nominal output during brownouts to 83v and overvoltages to 147v without using battery power full load efficiency rating of 99% saves energy and ensures cool operating temperatures integrated 2 bank switched pdu enables remote outlet management for load shedding or remote reboot of individual devices poweralert monitoring software offers detailed site power and ups updates with support for safe auto-shutdown of connected systems as ups batteries become depleted includes free poweralert monitoring software packages; poweralert local for desktops and small business networks, poweralert nsa (network shutdown agent) for larger networks and poweralert nms (network management system) for monitoring up to 250 snmp-enabled ups, pdu and other highlights federal trade agreements act / taa compliant for gsa schedule purchases 1kva / 1000va / 800w line interactive 1u rackmount ups, sine wave 120v output, corrects brownouts and overvoltages from 83v to 147v 0.8 power factor, front panel status leds 99% line-mode efficiency, 2 switched load banks usb, rs232, epo and slot for snmpwebcard option 120v nema 5-15p input, 6 nema 5-15r outlets this product is energy star qualified for its ability to save customers money while helping to protect the environment package includes SM1000RM1UTAA ups system mounting hardware cabling for usb & db9 monitoring and epo switching poweralert unattended shutdown and ups/power monitoring software instruction manual 1 / 5
networking devices supports detailed monitoring of equipment load levels, self-test data and utility power conditions via built-in rs-232 and usb interfaces optional snmpwebcard offers communications and control via secure remote web and network interfaces 3 stage metered leds offer current monitoring and battery charge level mains power and voltage regulation leds offer at-a-glance power status information front panel switches support self-test and alarm cancel functions field replaceable, hot-swappable internal ups batteries specifications output output volt amp capacity (va) 1000 output kva capacity (kva) 1 output watt capacity (watts) 800 power factor 0.8 nominal output voltage(s) supported 120v frequency compatibility 60 hz output voltage regulation (line mode) -21%, +8% output voltage regulation (battery mode) +/- 5% output receptacles (6) 5-15r load management receptacles two switchable single-outlet 5-15r load banks output ac waveform (ac mode) sine wave output ac waveform (battery mode) pure sine wave input rated input current (maximum load) 9.0a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breakers 15a recommended electrical service 15a 120v input cord length (ft.) 10 input cord length (m) 3 input phase single-phase battery 2 / 5
full load runtime (min.) 4 min. (800w) half load runtime (min.) 14 min. (400w) dc system voltage (vdc) 24 battery recharge rate (included batteries) less than 4.5 hours from 10% to 90% internal ups replacement battery cartridge rbc69-1u battery access front panel battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 83 to 147 overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 83 and 107 are boosted by 14% user interface, alerts & controls switches 2 switches control off/on power status and alarm-cancel/self-test operation alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status audible alarm audible alarm indicates power-failure, overload and low-battery conditions led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status surge / noise suppression ups ac suppression joule rating 450 joules ups dataline suppression 1 line tel/dsl or ethernet emi / rfi ac noise suppression yes ac suppression response time instantaneous physical installation form factors supported with included accessories 4 post 19 inch rackmount; 2 post 19 inch rackmount included mounting accessory description included mounting brackets support 2 and 4 post rackmount installation; optional 4postrailkit1u is available for additional support primary form factor rackmount ups power module dimensions (hwd, in.) 1.7 x 17.5 x 16.8 ups power module dimensions (hwd, cm) 4.4 x 44.4 x 42.5 rack height (u spaces) 1 ups power module weight (lbs.) 32 3 / 5
ups power module weight (kg) 14.5 ups shipping dimensions (hwd / in.) 6.2 x 23.5 x 22.5 ups shipping dimensions (hwd / cm) 15.9 x 59.7 x 57.2 shipping weight (lbs.) 36 shipping weight (kg) 16.3 cooling method fan ups housing material steel environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 39 ac mode efficiency rating (100% load) 94% communications communications interface usb; db9 serial; epo (emergency power off); slot for snmp/web interface network monitoring port description supports detailed monitoring of ups and site power conditions poweralert software included communications cable usb and db9 cabling included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 5 milliseconds ac to dc; 1 millisecond dc to ac low voltage transfer to battery power (setpoint) 83 high voltage transfer to battery power (setpoint) 147 special features grounding lug back panel grounding lug cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green energy-saving features greater than 95% efficiency - green ups; individually controllable load banks certifications 4 / 5
ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category a (emi); taa compliant; energy star qualified warranty product warranty period (worldwide) 2-year warranty, 3 year with registration. note: registration is required for 3-year warranty. connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of SM1000RM1UTAA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X