Part Number Hot Search : 
MX566AKQ FRK9260R 47C201P BIM212 LB101 QOU110 B32332 SDR6TTXV
Product Description
Full Text Search
 

To Download MSP-200-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification msp-200-3.3 msp-200-5 msp-200-7.5 msp-200-12 MSP-200-15 msp-200-24 msp-200-36 msp-200-48 model dc voltage rated current current range rated power ripple & noise (max.) note.2 output voltage adj. range voltage tolerance note.3 line regulation load regulation setup, rise time hold up time (typ.) voltage range note.5 frequency range power factor (typ.) efficiency (typ.) input environment inrush current (typ.) leakage current note.7 over temperature safety standards safety & emc (note 4) withstand voltage isolation resistance working temp. remote control working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage protection ac current (typ.) 3.3v 5v 7.5v 12v 15v 24v 36v 48v 40a 35a 26.7a 16.7a 13.4a 8.4a 5.7a 4.3a 0 ~ 40a 0 ~ 35a 0 ~ 26.7a 0 ~ 16.7a 0 ~ 13.4a 0 ~ 8.4a 0 ~ 5.7a 0 ~ 4.3a 132w 175w 200.3w 200.4w 201w 201.6w 205.2w 206.4w 80mvp-p 90mvp-p 100mvp-p 120mvp-p 150mvp-p 150mvp-p 250mvp-p 250mvp-p 2.8 ~ 3.8v 4.3 ~ 5.8v 6.8 ~ 9v 10.2 ~ 13.8v 13.5 ~ 18v 21.6 ~ 28.8v 28.8 ~ 39.6v 40.8 ~ 55.2v 2.0% 2.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% 0.3% 0.3% 0.2% 0.2% 0.2% 1.5% 1.0% 1.0% 0.5% 0.5% 0.5% 0.5% 0.5% 1000ms, 50ms/230vac 2500ms, 50ms/115vac at full load 16ms/230vac 16ms/115vac at full load 85 ~ 264vac 120 ~ 370vdc 47 ~ 63hz pf>0.95/230vac pf>0.99/115vac at full load 80% 84% 6 ~ 7v 9.4 ~ 10.9v 14.4 ~ 16.8v 18.8 ~ 21.8v 30 ~ 34.8v 41.4 ~ 48.6v 57.6 ~ 67.2v 86% 88% 88% 88% 89% 89% 2.2a/115vac 1.1a/230vac 35a/115vac 70a/230vac 105 ~ 135% rated output power 3.96 ~ 4.62v protection type : constant current limiting, recovers automatically after fault condition is remove d protection type : shut down o/p voltage, re-power on to recover shut down o/p voltage, recovers automatically after temperature goes down -40 ~ +70 (refer to "derating curve") rc+/rc- : 4 ~10v or open = power on ; 0 ~ 0.8v or short = power off 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) 10 ~ 500hz, 5g 10min./1cycle, 60min. each along x, y, z axes 209.4k hrs min. mil-hdbk-217f (25 ) 199*98*38mm (l*w*h) 1. all parameters not specially mentioned are measured at 230vac input, rated load and 25 of ambien t temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair-wire terminated wi th a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regulation. 4. the power supply is considered a component which will be installed into a final equipment. the f inal equipment must be re-confirmed that it still meets emc directives. for guidance on how to perform these emc tests, please refer to emi testing of component power supp lies. (as available on http://www.meanwell.com) 5. derating may be needed under low input voltages. please check the derating curve for more detail s. 6. no load power consumption<0.5w when rc+ & rc- (cn100 pin1,2) 0 ~ 8v or short. 7. . touch current was measured from primary input to dc output m s p - 2 0 0 s e r i e s 200w single output medical type ? universal ac input / full range ? built-in active pfc function, pf>0.95 ? high efficiency up to 89% ? withstand 300vac surge input for 5 seconds ? protections: short circuit / overload / over voltage / over temperature ? cooling by free air convection ? built-in constant current limiting circuit ? 1u low profile 38mm ? medical safety approved (moop level) ? built-in remote on-off control ? standby 5v@0.3a ? built-in remote sense function ? no load power consumption<0.5w (note.6) ? 5 years warranty features : file name:msp-200-spec 2014-02-12 5v standby 5vsb : 5v@0.3a ; tolerance 5%, ripple : 50mvp-p(max.) function 0.77kg; 18pcs/14.9kg/0.9cuft emc immunity emc emission ansi/aami es60601-1, iec60601-1 approved i/p-o/p:4kvac i/p-fg:2kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh compliance to en55011 (cispr11) class b, en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11, en60601-1-2 earth leakage current < 300 a/264vac , touch leakage current < 100 a/264vac
mechanical specification case no.902e unit:mm 4.5 120 199 57.5 197 1 2 3 4 5 6 7 (horizontal) ambient temperature ( ) -40 0 10 20 30 40 50 60 70 125 (horizontal) 80 100 60 20 40 +v +s aux -v -s auxg rc+ rc- file name:msp-200-spec 2014-02-12 derating curve output derating vs input voltage input voltage (v) 60hz 85 100 125 135 155 264 100 90 80 70 60 50 40 block diagram m s p - 2 0 0 s e r i e s 200w single output medical type detection circuit o.l.p. o.t.p. emi inrush active filter current limiting rectifiers & pfc i/p fg pwm pfc power aux switching power filter filter & & rectifiers rectifiers control control o.v.p. remote control fosc :70khz terminal pin no. assignment pin no. pin no. 1 2 4,5 3 6,7 assignment assignment dc output -v dc output +v fg ac/l ac/n connector pin no. assignment (cn100) : pin no. 1 2 3 4 5 6 assignment -s +s auxg aux rc- rc+ mating housing or equivalent terminal or equivalent hrs df11-6dp-2ds or equivalent hrs df11-6ds hrs df11-**sc led cn100 svr1 13max. 6.5 28 150.75 190
f ig 1. 1 loa d - + the remote sensing compensates voltage drop on the load wiring up to 0.5v. 2.remote sense f ig 2. 1 - + load +s (pin5) sense lines should be twi sted in pairs -s (pin6) 5 1 2 +s rc+ rc- remote control ground. turns the output on and off by electrical or dry contact between pin 2 (rc-). short: power off, ope n: power on. positive sensing. the +s signal should be connected to the positive terminal of the load. the +s an d -s leads should be twisted in pair to minimize noise pick-up effect. the maximum line drop compensation is 0.5v. 3 4 aux auxg auxiliary voltage output, 4.75~5.25v, reference to pin 4(auxg). the maximum load current is 0.3a. t his output has the built-in oring diodes and is not controlled by the "remote on/off control". auxiliary voltage output ground. the signal return is isolated from the output terminals (+v & -v). cn100 cn100 1 3 5 2 4 6 1 3 5 2 4 6 +v +v - v - v function description of cn100 function manual pin no. function description +v +v - v - v rc+ rc+ 1 1 5 5 2 2 6 6 rc- rc- aux aux auxg auxg +s +s cn100 cn100 -s -s between rc-(pin2) and rc+(pin1) sw on (short) sw off (open) output status off on 1.remote control sw the psu can be turned on/off by using the "remote on/off" function 6 -s negative sensing. the -s signal should be connected to the negative terminal of the load. the -s an d +s leads should be twisted in pair to minimize noise pick-up effect. the maximum line drop compensation is 0.5v. 200w single output medical type m s p - 2 0 0 s e r i e s file name:msp-200-spec 2014-02-12
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: mean well: ? msp-200-12? MSP-200-15? msp-200-24? msp-200-3.3? msp-200-36? msp-200-48? msp-200-5? msp-200-7.5


▲Up To Search▲   

 
Price & Availability of MSP-200-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X