Part Number Hot Search : 
FT2000KC BOURNS LFZ28V12 MA4P74 5ZSXI 04102 AO4425L SP302CT
Product Description
Full Text Search
 

To Download MBC13720NT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? freescale semiconductor, inc., 2005?2011. all rights reserved. freescale semiconductor data sheet: technical data freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its products. document number: mbc13720 rev. 4, 09/2011 mbc13720 package information plastic package case 419b (sot-363) ordering information device device marking or operating temperature range package MBC13720NT1 1 1 refer to ta b l e 1 . 20n sot-363 1 introduction the mbc13720 is a high ip3, low noise amplifier designed for 400 mhz to 2.4 ghz multi-standard wireless applications. the input and output match is external to allow maximum design flexibility. the lna has two selectable current settings as well as a standby mode. the lna operates from a 2.5 to 3.0 v supply. the mbc13720 is fabricated using an advanced rf bicmos process with the sige:c option and is housed in an ultra small sot-363 surface mount package. 1.1 features ? selectable current, 5.0 ma or 11 ma ? standby mode to turn off device completely ? high input ip3: 10 dbm @ 1.9 ghz 13 dbm @ 2.4 ghz ? low noise figure: 1.38 db @ 1.9 ghz 1.55 db @ 2.4 ghz mbc13720 sige:c low noise amplifier with bypass switch contents 1 introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1 2 ordering information . . . . . . . . . . . . . . . . . . . 2 3 electrical specifications . . . . . . . . . . . . . . . . 3 4 parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 5 application information . . . . . . . . . . . . . . . . . 9 6 packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 7 product documentation . . . . . . . . . . . . . . . . 15
ordering information mbc13720 technical data, rev. 4 2 freescale semiconductor ? gain @ 9.0 ma, 2.75 v: 14.5 db @ 1.9 ghz 12 db @ 2.4 ghz ? suitable for use from 400 mhz to 2.4 ghz ? bias stabilized for device and temperature variations ? ultra small sot-363 surface mount package ? available only in tape and reel packaging ? available only in a lead free versi on (device number MBC13720NT1) (refer to table 1 .) figure 1. pin connections 2 ordering information table 1 provides additional detail s on mbc13720 orderable parts. table 1. orderable parts details device operating temp range (ta.) package lead frame rohs compliant pb-free msl level solder temp MBC13720NT1 -40 to 85 c tape and reel pb free yes yes 1 260 c 2 1 3 4 5 6 bias control rf in rf out bias enable 2 enable 1 gnd
electrical specifications mbc13720 technical data, rev. 4 freescale semiconductor 3 3 electrical specifications note 1. maximum ratings are those values beyond which damage to the device may occur. functional operation should be restricted to the limits in the recommended operating conditions a nd electrical char acteristics tables. 2. esd (electrostatic discharge) immunity meets human body model (hbm) 550v all pins. charge device model (cdm) 50v all pins. table 2. maximum ratings ratings symbol value unit supply voltage v cc 3.3 v storage temperature range t stg -65 to 150 c operating ambient temperature range t a -40 to 85 c rf input power prf 10 dbm power dissipation pdis 100 mw table 3. recommended operating conditions characteristic symbol min typ max unit rf frequency range f rf 400 ? 2400 mhz supply voltage vcc 2.3 2.7 3 v logic voltage input high voltage, enable 1 and enable 2 ? 1.5 ? vcc v input low voltage, enable 1 and enable 2 ? 0 ? 0.95 v table 4. electrical characteristics measured in frequency specific tuned circuits (v cc = 2.75, t a = 25 c) characteristic symbol min typ max unit current consumption low ip3 high ip3 bypass i cc ? 5.0 11 0 ? ma ma a input/output return loss low ip3 high ip3 bypass rl ? 10 10 12 ?db rf gain (900 mhz) low ip3 high ip3 bypass g? 19 20 -2.9 ?db
electrical specifications mbc13720 technical data, rev. 4 4 freescale semiconductor rf gain (1.9 ghz) low ip3 high ip3 bypass g? 13 14 -2.5 ?db rf gain (2.4 ghz) low ip3 high ip3 bypass g? 11 12 -2.8 ?db noise figure 900 mhz 1.9 ghz 2.4 ghz nf ? 1.2 1.38 1.55 ?db input ip3 (900 mhz) low ip3 high ip3 bypass iip3 ? -3 2 27 ?dbm input ip3 (1.9 ghz) low ip3 high ip3 bypass iip3 ? 4.0 10 29 ?dbm input ip3 (2.4 ghz) low ip3 high ip3 bypass iip3 ? 6.0 13 25 ?dbm output 1 db compression (900 mhz) low ip3 high ip3 bypass p 1db ? 12 11.5 5.0 ?dbm output 1 db compression (1.9 ghz) low ip3 high ip3 bypass p 1db ? 11 11.5 5.0 ?dbm output 1 db compression (2.4 ghz) low ip3 high ip3 bypass p 1db ? 14 14 5.0 ?dbm reverse isolation low ip3 high ip3 |s 12 |?25 20 ?db table 4. electrical characteristics measured in frequency specific tuned circuits (continued) (v cc = 2.75, t a = 25 c) characteristic symbol min typ max unit
electrical specifications mbc13720 technical data, rev. 4 freescale semiconductor 5 table 5. truth table en1 en2 state current consumption low low standby < 20 a low high bypass 0 a high low high ip3 11 ma (approx.) high high low ip3 5.0 ma (approx.) note: logic state of ?high? equals v cc voltage. logic state of ?low? equals ground potential.
parameters mbc13720 technical data, rev. 4 6 freescale semiconductor 4 parameters table 6. high ip3 mode 25 c scattering parameters (v cc = 2.7 v, en1 = high, en2 = low) f (mhz) s 11 s 21 s 12 s 22 |s 11 | |s 11 | |s 11 | |s 11 | 300 0.615 -85 15.495 57 0.017 51 0.620 -87 400 0.565 -49 13.968 -30 0.022 63 0.631 -84 500 0.520 81 12.575 -70 0.029 -67 0.649 67 600 0.498 85 10.962 74 0.033 -50 0.646 86 700 0.476 -85 9.675 56 0.039 4 0.646 -87 800 0.462 -78 8.657 -35 0.045 56 0.644 -85 900 0.447 33 7.819 -72 0.050 72 0.641 -39 1000 0.438 80 7.106 79 0.055 -69 0.626 84 1100 0.433 85 6.388 70 0.060 -52 0.628 87 1200 0.419 -83 5.961 16 0.063 10 0.622 -86 1300 0.406 -72 5.666 -67 0.071 62 0.610 -81 1400 0.379 64 5.306 -79 0.080 75 0.591 71 1500 0.373 82 4.962 78 0.086 -71 0.588 85 1600 0.382 -84 4.569 61 0.093 -48 0.582 -87 1700 0.396 -79 4.312 -52 0.097 31 0.583 -85 1800 0.399 -40 4.092 -77 0.103 69 0.586 -71 1900 0.393 75 3.942 82 0.110 78 0.585 79 2000 0.398 84 3.715 77 0.118 -72 0.580 86 2100 0.405 -83 3.513 42 0.124 -44 0.575 -86 2200 0.403 -76 3.402 -70 0.130 49 0.565 -83 2300 0.399 50 3.401 -81 0.141 74 0.559 4 2400 0.363 80 3.256 82 0.146 -79 0.548 83 2500 0.363 -84 3.165 74 0.159 -72 0.510 86 2600 0.381 -78 3.050 -42 0.170 -37 0.499 -84 2700 0.393 15 2.909 -79 0.179 65 0.490 -73 2800 0.426 80 2.770 -84 0.183 78 0.513 69 2900 0.431 85 2.574 82 0.185 -79 0.517 84 3000 0.462 -84 2.451 66 0.194 -68 0.527 86
parameters mbc13720 technical data, rev. 4 freescale semiconductor 7 table 7. high ip3 mode 85 c scattering parameters (v cc = 2.7 v, en1 = high, en2 = low) f (mhz) s 11 s 21 s 12 s 22 |s 11 | |s 11 | |s 11 | |s 11 | 300 0.550 -84 16.159 50 0.017 53 0.595 -87 400 0.516 -47 14.168 -39 0.023 67 0.595 -83 500 0.479 80 12.719 -71 0.029 -66 0.632 67 600 0.458 85 11.035 73 0.034 -49 0.622 86 700 0.438 -84 9.665 52 0.040 4 0.626 -87 800 0.429 -77 8.600 -42 0.044 54 0.627 -85 900 0.413 32 7.669 -73 0.050 71 0.623 -31 1000 0.402 79 6.984 78 0.055 -70 0.613 84 1100 0.401 84 6.322 69 0.063 -52 0.612 87 1200 0.384 -82 5.800 5 0.069 18 0.606 -86 1300 0.366 -70 5.467 -69 0.074 62 0.596 -80 1400 0.350 61 5.158 -80 0.081 75 0.578 72 1500 0.338 81 4.803 78 0.087 -71 0.572 85 1600 0.340 -83 4.418 59 0.091 -48 0.560 -87 1700 0.357 -78 4.195 -56 0.096 37 0.562 -84 1800 0.358 -41 3.969 -78 0.103 69 0.562 -68 1900 0.356 74 3.768 82 0.108 78 0.564 80 2000 0.362 83 3.550 77 0.113 -71 0.543 85 2100 0.364 -83 3.412 37 0.122 -43 0.551 -86 2200 0.349 -75 3.256 -72 0.130 50 0.548 -82 2300 0.357 27 3.213 -82 0.134 73 0.549 22 2400 0.322 77 3.140 82 0.139 -79 0.535 83 2500 0.300 -83 3.018 73 0.152 -71 0.500 86 2600 0.286 -76 2.868 -47 0.160 -28 0.482 -84 2700 0.296 -29 2.775 -80 0.170 64 0.488 -73 2800 0.348 76 2.669 -84 0.169 77 0.504 70 2900 0.359 83 2.485 82 0.178 -79 0.509 84 3000 0.386 -83 2.385 67 0.179 -69 0.501 86
parameters mbc13720 technical data, rev. 4 8 freescale semiconductor table 8. high ip3 mode -40 c scattering parameters (v cc = 2.7 v, en1 = high, en2 = low) f (mhz) s 11 s 21 s 12 s 22 |s 11 | |s 11 | |s 11 | |s 11 | 300 0.614 -85 15.322 55 0.017 49 0.609 -87 400 0.574 -58 13.796 -30 0.021 65 0.611 -83 500 0.534 81 12.602 -70 0.028 -65 0.655 67 600 0.509 85 11.063 74 0.031 -47 0.646 86 700 0.488 -85 9.813 57 0.039 8 0.649 -87 800 0.480 -79 8.774 -32 0.044 57 0.648 -85 900 0.464 24 7.871 -71 0.048 71 0.645 -47 1000 0.454 80 7.219 79 0.054 -69 0.628 84 1100 0.452 85 6.568 71 0.057 -50 0.627 87 1200 0.441 -84 6.082 20 0.064 14 0.627 -86 1300 0.424 -74 5.759 -66 0.071 62 0.623 -81 1400 0.409 61 5.454 -79 0.077 74 0.608 71 1500 0.400 82 5.094 78 0.081 -70 0.604 85 1600 0.407 -85 4.668 62 0.086 -47 0.598 -87 1700 0.428 -81 4.457 -47 0.090 31 0.602 -85 1800 0.426 -53 4.235 -77 0.096 68 0.603 -73 1900 0.427 76 4.036 82 0.103 77 0.607 80 2000 0.430 84 3.808 77 0.108 -72 0.587 86 2100 0.438 -84 3.675 46 0.117 -46 0.602 -87 2200 0.433 -78 3.524 -69 0.121 44 0.594 -83 2300 0.429 37 3.483 -81 0.130 72 0.585 16 2400 0.403 80 3.407 82 0.137 79 0.566 83 2500 0.399 85 3.280 74 0.154 -73 0.541 86 2600 0.409 -80 3.147 -36 0.170 -36 0.521 -84 2700 0.444 -14 3.029 -78 0.176 61 0.523 -74 2800 0.468 81 2.897 -84 0.189 78 0.526 72 2900 0.466 85 2.647 82 0.178 -78 0.544 84 3000 0.507 -85 2.538 67 0.181 -69 0.561 87
parameters mbc13720 technical data, rev. 4 freescale semiconductor 9 table 9. low ip3 mode 25 c scattering parameters (v cc = 2.7 v, en1 = high, en2 = high) f (mhz) s 11 s 21 s 12 s 22 |s 11 | |s 11 | |s 11 | |s 11 | 300 0.737 -87 10.452 66 0.018 54 0.669 -87 400 0.698 -53 9.990 -5 0.024 67 0.682 -85 500 0.655 85 9.594 -68 0.031 -66 0.727 75 600 0.619 87 8.654 78 0.033 -42 0.714 87 700 0.583 -86 7.880 66 0.041 15 0.710 -88 800 0.550 -77 7.200 -9 0.045 58 0.699 -86 900 0.523 69 6.600 -70 0.049 72 0.683 -6 1000 0.497 84 6.094 -80 0.054 -68 0.672 85 1100 0.479 -86 5.622 74 0.059 -48 0.661 87 1200 0.451 -82 5.231 40 0.068 24 0.648 -87 1300 0.426 -57 4.960 -64 0.069 63 0.632 -80 1400 0.404 74 4.757 -79 0.075 75 0.622 76 1500 0.402 83 4.417 80 0.082 -70 0.615 86 1600 0.397 -83 4.105 68 0.084 -44 0.594 -87 1700 0.400 -76 3.925 -42 0.089 38 0.601 -85 1800 0.395 27 3.755 -77 0.098 68 0.592 -65 1900 0.390 79 3.560 -83 0.101 77 0.602 81 2000 0.389 84 3.350 79 0.108 -70 0.581 86 2100 0.384 -82 3.200 53 0.117 -40 0.577 -86 2200 0.382 -69 3.117 -69 0.121 47 0.573 -82 2300 0.374 63 3.036 -81 0.133 73 0.568 33 2400 0.344 81 2.954 83 0.137 -79 0.547 83 2500 0.338 -83 2.811 76 0.153 -72 0.535 86 2600 0.362 -74 2.743 -36 0.164 -30 0.514 -84 2700 0.371 54 2.623 -80 0.170 65 0.499 -73 2800 0.414 81 2.490 -85 0.172 77 0.520 69 2900 0.410 -85 2.265 83 0.169 -78 0.529 84 3000 0.402 -81 2.145 70 0.174 -67 0.540 87
parameters mbc13720 technical data, rev. 4 10 freescale semiconductor table 10. low ip3 mode 85 c scattering parameters (v cc = 2.7 v, en1 = high, en2 = high) f (mhz) s 11 s 21 s 12 s 22 |s 11 | |s 11 | |s 11 | |s 11 | 300 0.722 -87 10.245 64 0.016 53 0.584 -86 400 0.681 -45 10.107 -8 0.025 66 0.650 -84 500 0.631 84 9.758 -69 0.030 -66 0.718 76 600 0.601 87 8.730 77 0.036 -47 0.709 87 700 0.564 -85 7.901 65 0.040 11 0.708 -88 800 0.534 -76 7.185 -15 0.046 60 0.690 -85 900 0.512 70 6.564 -71 0.051 72 0.680 1 1000 0.484 83 6.062 -80 0.056 -69 0.670 85 1100 0.467 -86 5.559 74 0.061 -45 0.657 87 1200 0.440 -82 5.165 36 0.066 18 0.646 -86 1300 0.415 -57 4.925 -65 0.072 62 0.628 -80 1400 0.394 74 4.700 -79 0.077 75 0.616 76 1500 0.391 83 4.348 80 0.084 -70 0.606 86 1600 0.389 -83 4.051 67 0.091 -46 0.586 -87 1700 0.388 -76 3.857 -45 0.097 37 0.594 -84 1800 0.381 16 3.689 -77 0.100 69 0.580 -62 1900 0.384 78 3.489 -83 0.107 77 0.589 81 2000 0.380 84 3.291 79 0.114 -71 0.571 86 2100 0.377 -82 3.139 52 0.122 -46 0.574 -86 2200 0.371 -72 3.049 -70 0.131 50 0.567 -82 2300 0.369 50 2.974 -82 0.139 74 0.562 41 2400 0.343 80 2.941 83 0.143 -79 0.540 83 2500 0.315 -83 2.771 76 0.157 -72 0.525 86 2600 0.323 -76 2.711 -30 0.167 -29 0.511 -84 2700 0.340 8 2.636 -79 0.174 63 0.519 -73 2800 0.382 77 2.521 -84 0.179 77 0.533 72 2900 0.410 -85 2.265 83 0.169 -78 0.529 84 3000 0.402 -81 2.145 70 0.174 -67 0.540 87
parameters mbc13720 technical data, rev. 4 freescale semiconductor 11 table 11. low ip3 mode -40 c scattering parameters (v cc = 2.7 v, en1 = high, en2 = high) f (mhz) s 11 s 21 s 12 s 22 |s 11 | |s 11 | |s 11 | |s 11 | 300 0.756 -87 9.834 67 0.019 57 0.676 -88 400 0.727 -64 9.449 5 0.025 67 0.686 -85 500 0.678 85 9.174 -67 0.031 -66 0.745 76 600 0.645 87 8.335 78 0.035 -46 0.736 87 700 0.607 -86 7.647 68 0.040 20 0.731 -88 800 0.575 -79 7.025 0 0.046 60 0.715 -86 900 0.549 70 6.485 -69 0.050 72 0.703 -15 1000 0.525 84 6.047 -79 0.055 -68 0.693 85 1100 0.505 -86 5.547 75 0.056 -43 0.681 88 1200 0.475 -83 5.196 45 0.064 29 0.672 -87 1300 0.451 -63 4.976 -62 0.066 64 0.653 -81 1400 0.431 75 4.763 -78 0.071 75 0.642 77 1500 0.426 84 4.415 80 0.075 -69 0.640 86 1600 0.422 -84 4.138 69 0.083 -42 0.623 -87 1700 0.422 -77 3.944 -36 0.085 39 0.625 -85 1800 0.419 22 3.787 -76 0.091 68 0.610 -67 1900 0.417 79 3.597 -83 0.094 77 0.626 82 2000 0.417 85 3.395 79 0.100 -71 0.602 86 2100 0.411 -83 3.236 56 0.113 -46 0.605 -87 2200 0.406 -70 3.141 -68 0.122 46 0.584 -82 2300 0.390 65 3.048 -81 0.132 73 0.573 35 2400 0.351 81 2.976 83 0.136 -79 0.557 83 2500 0.339 -83 2.836 77 0.145 -72 0.547 86 2600 0.371 -76 2.806 -23 0.155 -31 0.533 -85 2700 0.405 47 2.698 -79 0.157 61 0.539 -75 2800 0.439 81 2.556 -84 0.163 77 0.552 72 2900 0.464 86 2.336 83 0.167 -79 0.567 85 3000 0.469 -83 2.213 70 0.178 -69 0.568 -87
parameters mbc13720 technical data, rev. 4 12 freescale semiconductor table 12. bypass mode 25 c scattering parameters (v cc = 2.7 v, en1 = low, en2 = high) f (mhz) s 11 s 21 s 12 s 22 |s 11 | |s 11 | |s 11 | |s 11 | 300 0.866 -88 0.293 76 0.295 76 0.706 -87 400 0.811 79 0.386 85 0.384 85 0.702 -81 500 0.753 87 0.468 -82 0.470 -82 0.736 85 600 0.717 -88 0.514 -2 0.506 6 0.710 88 700 0.671 -85 0.549 83 0.546 83 0.687 -87 800 0.629 29 0.575 87 0.575 87 0.653 -75 900 0.593 84 0.600 -85 0.604 -85 0.618 82 1000 0.556 87 0.615 -64 0.618 -64 0.585 86 1100 0.527 -84 0.624 83 0.626 83 0.555 -86 1200 0.492 -57 0.636 87 0.632 87 0.528 -79 1300 0.456 78 0.647 -87 0.641 -87 0.493 63 1400 0.435 85 0.655 -81 0.649 -81 0.474 83 1500 0.439 -83 0.648 76 0.652 77 0.470 -86 1600 0.440 -70 0.637 86 0.634 86 0.456 -81 1700 0.428 70 0.631 -87 0.628 -87 0.451 -40 1800 0.412 83 0.642 -85 0.626 -85 0.417 78 1900 0.395 -84 0.649 -54 0.641 -59 0.397 84 2000 0.396 -78 0.636 83 0.644 84 0.379 -82 2100 0.384 30 0.626 87 0.633 87 0.344 -68 2200 0.362 79 0.619 -86 0.623 -86 0.322 65 2300 0.346 84 0.622 -81 0.620 -81 0.294 80 2400 0.335 -78 0.615 72 0.610 72 0.274 -81 2500 0.368 -20 0.576 85 0.592 85 0.271 -69 2600 0.398 78 0.546 -87 0.554 -87 0.262 51 2700 0.415 84 0.535 -84 0.530 -84 0.231 76 2800 0.421 -84 0.532 -66 0.510 -66 0.199 -81 2900 0.415 -75 0.533 78 0.532 77 0.173 -73 3000 0.413 60 0.510 85 0.523 85 0.141 20
parameters mbc13720 technical data, rev. 4 freescale semiconductor 13 table 13. standby mode 25 c scattering parameters (v cc = 2.7 v, en1 = low, en2 = low) f (mhz) s 11 s 21 s 12 s 22 |s 11 | |s 11 | |s 11 | |s 11 | 300 0.938 -89 0.017 50 0.020 49 0.765 -88 400 0.935 -88 0.026 67 0.027 66 0.795 -87 500 0.927 88 0.035 -68 0.034 -69 0.883 68 600 0.922 89 0.042 -53 0.042 -53 0.893 89 700 0.917 -89 0.049 5 0.049 7 0.909 -89 800 0.918 -89 0.054 59 0.055 58 0.909 -89 900 0.911 79 0.064 73 0.063 73 0.907 -82 1000 0.899 89 0.071 -69 0.068 -69 0.894 88 1100 0.891 89 0.075 -48 0.077 -47 0.887 89 1200 0.875 -89 0.080 36 0.081 35 0.884 -89 1300 0.869 -86 0.091 69 0.088 67 0.869 -87 1400 0.852 87 0.099 -77 0.095 -77 0.868 85 1500 0.843 89 0.098 -68 0.102 -69 0.859 89 1600 0.839 -89 0.099 -27 0.103 -25 0.836 -89 1700 0.830 -87 0.106 55 0.107 55 0.838 -88 1800 0.825 80 0.115 73 0.114 73 0.810 -75 1900 0.812 88 0.118 -77 0.120 -77 0.819 87 2000 0.803 -89 0.116 -67 0.121 -67 0.791 88 2100 0.783 -87 0.122 -20 0.125 -24 0.775 -88 2200 0.776 -76 0.131 59 0.124 59 0.769 -86 2300 0.759 86 0.134 76 0.131 75 0.752 76 2400 0.717 88 0.142 -78 0.140 -78 0.733 87 2500 0.710 -87 0.150 -69 0.152 -70 0.710 -88 2600 0.719 -81 0.165 -7 0.168 -13 0.665 -85 2700 0.722 83 0.180 70 0.174 70 0.643 -69 2800 0.713 87 0.182 79 0.177 79 0.607 81 2900 0.707 -88 0.175 -77 0.167 -77 0.624 86 3000 0.667 -84 0.166 -63 0.171 -66 0.598 -87
parameters mbc13720 technical data, rev. 4 14 freescale semiconductor table 14. low ip3 noise parameters (v cc = 2.7 v, en1 = high, en2 = high) f (mhz) fmin (db) mag ang rn ga (db) 400 0.57 0.26 15.5 0.19 25.3 410 0.57 0.26 15.7 0.19 24.93 420 0.58 0.26 16 0.19 24.8 430 0.58 0.26 16.2 0.19 24.68 440 0.59 0.26 16.5 0.19 24.56 450 0.59 0.26 16.7 0.19 24.44 460 0.59 0.26 16.9 0.19 24.32 470 0.6 0.26 17.2 0.19 24.2 480 0.6 0.26 17.4 0.19 24.09 490 0.6 0.26 17.7 0.19 23.97 500 0.61 0.26 17.9 0.19 23.85 550 0.63 0.26 19.1 0.19 23.01 600 0.64 0.26 20.3 0.19 22.59 650 0.66 0.25 21.5 0.19 22.16 700 0.67 0.25 22.7 0.19 21.74 750 0.69 0.25 23.9 0.19 21.32 800 0.7 0.25 25.1 0.19 20.89 850 0.72 0.24 26.4 0.19 20.47 900 0.73 0.24 27.6 0.19 20.05 1000 0.76 0.24 30 0.19 19.2 table 15. high ip3 noise parameters (v cc = 2.7 v, en1 = high, en2 = low) f (mhz) fmin (db) mag ang rn ga (db) 400 0.65 0.2 5.5 0.22 26.21 410 0.65 0.2 6.1 0.22 26.06 420 0.65 0.2 6.7 0.22 25.91 430 0.66 0.19 7.3 0.21 25.76 440 0.66 0.19 7.9 0.21 25.61 450 0.66 0.19 8.5 0.21 25.46 460 0.66 0.19 9.1 0.21 25.31 470 0.66 0.19 9.7 0.21 25.16
parameters mbc13720 technical data, rev. 4 freescale semiconductor 15 figure 2. noise figure vs temperature (low ip3 mode) 480 0.67 0.18 10.3 0.2 25.01 490 0.67 0.18 10.9 0.2 24.87 500 0.67 0.18 11.5 0.2 24.54 550 0.68 0.17 14.5 0.19 24.06 600 0.69 0.16 17.5 0.19 23.59 650 0.7 0.15 20.5 0.18 23.12 700 0.71 0.14 23.5 0.18 22.65 750 0.72 0.13 26.5 0.17 22.17 800 0.73 0.12 29.4 0.17 21.7 850 0.74 0.11 32.4 0.16 21.23 900 0.75 0.1 35.4 0.16 20.76 1000 0.77 0.09 41.4 0.15 19.81 table 15. high ip3 noise parameters (continued) (v cc = 2.7 v, en1 = high, en2 = low) f (mhz) fmin (db) mag ang rn ga (db)
parameters mbc13720 technical data, rev. 4 16 freescale semiconductor figure 3. noise figure vs temperature (high ip3 mode) figure 4. icc vs vcc over temperature (low ip3 mode) figure 5. icc vs vcc over temperature (high ip3 mode)
application information mbc13720 technical data, rev. 4 freescale semiconductor 17 5 application information the mbc13720 sige:c lna is designed for applications in the 400 mhz to 2.4 ghz range. it has four different modes: low ip3, high ip3, bypass, and standby. the ic is programmable th rough the enable 1 and enable 2 pins. in low ip3 mode , current consumption is optimized. current consumption is higher in high ip3 mode to boost the intercep t point performance. the gain di fference between low ip3 and high ip3 modes is typically 1.0 db; and typically the low ip3 mode has a sli ghtly better noise figure performance. the internal bypass switch is designed for broadband applications . one of the advantages of the mbc13720 is the simplification of the matching networ k in both bypass and amplifier modes. the bypass switch is designed so that changes of input and out put return losses between bypass mode and amplifier mode are minimized. as a result, th e mismatch at the lna input and out put is minimized and the matching network design is simplified. in the design of the external matching network, conj ugate matching does not nec essarily provide the best noise figure performance. balancing between noise figure, gain, and inte rcept point is the major design consideration. figure 6 shows the typical application circuit at 1.9 and 2.4 ghz. the noise figure, input intercept point, gain, and return losses are optimized. l1 and c2 act as a low frequency tr ap to improve the input intercept point. in figure 7 , the typical application circui t for 900 mhz is shown. the input low frequency trap again is used to maximize the input inte rcept point. it has moderate ip3 performance and high gain. figure 8 shows the 900 mhz application circuit with feedback network for higher ip3. ca pacitive feedback is used to increase the third order input intercept point while decreasing gain and prov ides unconditional stability. the corresponding pcbs are shown in figure 9 through figure 11 . table 16 lists the bill of materials for the 1900 mhz, 900 mhz, and high ip3 900 mhz applic ation circuits. typical characteristics of the application boards are shown in table 17 . figure 6. typical 1.9 and 2.4 ghz lna application schematic 2 1 3 4 5 6 rf in rf out enable 2 vcc r1 330 l2 2.7 nh c5 27 pf c1 27pf l1 8.2 nh c2 0.1 uf c4 33 pf enable 1 c6 0.1uf logic c7 33 pf c3 1 pf
application information mbc13720 technical data, rev. 4 18 freescale semiconductor figure 7. typical 900 mhz l na application schematic figure 8. high ip3 900 mhz ln a application schematic table 16. bill of materials for the application circuits 1 component value case manufacturer comments 1900 mhz figure 6 application circuit c1 27 pf 0402 murata dc block, input match c2 0.1 uf 0603 murata low freq bypass c3 1.0 pf 0402 murata output match c4 33 pf 0402 murata low freq bypass c5 27 pf 0402 murata dc block, output match c6 0.1 uf 0603 murata low freq bypass c7 33 pf 0402 murata rf bypass l1 8.2 nh 0402 toko low freq bypass l2 2.7 nh 0402 toko dc feed, output match r1 330 ohm 0402 koa bias 2 1 3 4 5 6 rf in r2 5 rf out enable 2 vcc r1 330 l3 8.2 nh c3 3 pf c1 47pf l2 27 nh c2 0.1 uf c4 47 pf enable 1 c5 0.1 uf l1 2.2 nh logic 2 1 3 4 5 6 rf in r2 10 rf out enable 2 vcc r1 330 l2 6.8 nh c6 3.3 pf c1 150pf l1 22 nh p p c2 0.1 uf c7 0.1 uf p enable 1 c8 47 pf logic
application information mbc13720 technical data, rev. 4 freescale semiconductor 19 q1 mbc13720 sot363 freescale freescale sige lna 900 mhz figure 7 application circuit c1 47 pf 0402 murata dc block, input match c2 0.1 uf 0603 murata low freq bypass c3 3.0 pf 0402 murata dc block, output match c4 47 pf 0402 murata 900 mhz short c5 0.1 uf 0603 murata low freq bypass l1 2.2 nh 0402 toko input match l2 27 nh 0402 toko input match l3 8.2 nh 0402 toko output match, bias decouple r1 330 ohm 0402 koa bias r2 5 ohm 0402 koa stability q1 mbc13720 sot363 freescale freescale sige lna high ip3 900 mhz figure 8 application circuit c1 150 pf 402 murata dc block, input match c2 0.1 uf 0603 murata low freq bypass c3 0.5 pf 402 murata ip3 improvement c4 0.5 pf 402 murata ip3 improvement c5 1.0 pf 402 murata rf bypass c6 3.3 pf 402 murata output match c7 0.1 uf 0603 murata low freq bypass c8 47 pf 0402 murata rf bypass l1 22 nh 402 toko input match l2 6.8 nh 402 toko dc feed, output match r1 330 ohm 402 koa bias r2 10 ohm 402 koa stability q1 mbc13720 sot363 freescale freescale sige lna 1 all components are rohs compliant. table 16. bill of materials for the application circuits 1 (continued) component value case manufacturer comments
application information mbc13720 technical data, rev. 4 20 freescale semiconductor figure 9. 1.9/2.4 ghz assembly diagram figure 10. 900 mhz assembly diagram l1 c2 c3 l2 c1 c4 r1 c5 c6 c7 rf i n rf out v8r1 gn d vcc mbc13720 g n d e1 e2 e1 e2 v c c q1 c1 c2 c3 r1 l1 l2 r1 r2 c4 c5 l3
application information mbc13720 technical data, rev. 4 freescale semiconductor 21 figure 11. 900 mhz capacitive feedback assembly diagram table 17. typical electrical characteristics of the application circuits mode symbol high ip3 low ip3 bypass standby unit 900 mhz typical (see figure 7 ) gain g 20 19 -2.9 -22 db noise figure nf 1.3 1.2 2.9 ? db input intermodulation intercept point iip3 2.0 -3.0 29 ? dbm output intermodulation intercept point oip3 23 17 26 ? dbm output 1db compression point p 1db 11.5 10.5 5.0 ? dbm input return loss |s 11 | 2 11 10 12 ? db output return loss |s 22| 2 11 10 15 ? db reverse isolation |s 12 | 2 25 24 2.9 22 db 900 mhz high ip3 (see figure 8 ) gain g 16 15 -4.0 -14.5 db noise figure nf 1.4 1.3 4.0 ? db input intermodulation intercept point iip3 10 2.0 27 ? dbm output intermodulation intercept point oip3 26 18.5 23 ? dbm output 1 db compression point p 1db 11.5 12 5.0 ? dbm input return loss |s 11 | 2 12 11 8.0 ? db output return loss |s 22 | 2 12 12 14 ? db reverse isolation |s 12 | 2 22 20 4.0 14.5 db c1 c2 c3 c4 c5 c6 c7 l1 l2 r1 r2
application information mbc13720 technical data, rev. 4 22 freescale semiconductor 1.9 ghz (see figure 6 ) gain g 14 13 -2.5 -16 db noise figure nf 1.5 1.4 2.5 ? db input intermodulation intercept point iip3 10 4.0 29 ? dbm output intermodulation intercept point oip3 24.4 17 26.5 ? dbm output 1db compression point p 1db 11.5 11 5.0 ? dbm input return loss |s 11 | 2 10 8.0 20 ? db output return loss |s 22 | 2 8.0 7.0 30 ? db reverse isolation |s 12 | 2 19 19 2.5 16 db 2.4 ghz (see figure 6 ) gain g 12 11 -2.8 -15 db noise figure nf 1.7 1.55 2.8 ? db input intermodulation intercept point iip3 13 6.0 25 ? dbm output intermodulation intercept point oip3 25 17.5 22 ? dbm output 1db compression point p 1db 14 14 5.0 ? dbm input return loss |s 11 | 2 12 10 12 ? db output return loss |s 22 | 2 8.0 7.0 14 ? db reverse isolation |s 12 | 2 17 17 2.8 15 db table 17. typical electrical characteristi cs of the application circuits (continued) mode symbol high ip3 low ip3 bypass standby unit
notes mbc13720 technical data, rev. 4 freescale semiconductor 23 6 packaging figure 12. outline dimensions for sot-363 (case outline 419b-01, issue g) 7 product documentation this data sheet is labele d as a particular type: product preview, advance information, or technical data. definitions of these types are available at: ht tp://www.freescale.com on the documentation page. table 18 summarizes revisions to this documen t since the previous release (rev. 3.5). table 18. revision history location revision section 3, ?electrical specifications added note about maximum ratings and esd specifications. figure 6 through figure 8 updated figure content m 0.2 (0.008) b m 123 a g v s 654 -b- d 6 pl notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. dim min max min max millimeters inches a 1.80 2.20 0.071 0.087 b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h --- 0.10 --- 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 v 0.30 0.40 0.012 0.016 h c n j k
document number: mbc13720 rev. 4 09/2011 how to reach us: home page: www.freescale.com e-mail: support@freescale.com usa/europe or locations not listed: freescale semiconductor technical information center, ch370 1300 n. alma school road chandler, arizona 85224 +1-800-521-6274 or +1-480-768-2130 support@freescale.com europe, middle east, and africa: freescale halbleiter deutschland gmbh technical information center schatzbogen 7 81829 muenchen, germany +44 1296 380 456 (english) +46 8 52200080 (english) +49 89 92103 559 (german) +33 1 69 35 48 48 (french) support@freescale.com japan: freescale semiconductor japan ltd. headquarters arco tower 15f 1-8-1, shimo-meguro, meguro-ku, tokyo 153-0064, japan 0120 191014 or +81 3 5437 9125 support.japan@freescale.com asia/pacific: freescale semiconductor hong kong ltd. technical information center 2 dai king street tai po industrial estate tai po, n.t., hong kong +800 2666 8080 support.asia@freescale.com for literature requests only : freescale semiconductor literature distribution center p.o. box 5405 denver, colorado 80217 1-800-521-6274 or 303-675-2140 fax: 303-675-2150 ldcforfreescalesemiconductor@hibbertgroup.com information in this document is provided solely to enable system and software implementers to use freescale semiconductor products. there are no express or implied copyright licenses granted hereunder to design or fabricate any integrated circui ts or integrated circuits based on the information in this document. freescale semiconductor reserves the right to make changes without further notice to any products herein. freescale semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpos e, nor does freescale semiconductor assume any liability arising out of the application or use of any product or ci rcuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. ?typical? parameters that may be provided in freescale semiconductor dat a sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typicals?, must be validated for each customer application by customer?s technical experts. freescale semiconductor does not convey any license under its patent rights nor the rights of others. freescale semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the freescale semiconductor product could create a situation where personal injury or death may occur. should buyer purchase or use freescale semiconductor products for any such unintended or unauthorized application, buyer shall indemnify and hold freescale semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that freescale semiconductor was negligent regarding the design or manufacture of the part. freescale? and the freescale logo are trademarks of freescale semiconductor, inc. all other product or service names are the property of their respective owners. ? freescale semiconductor, inc. 2005?2011. all rights reserved. rohs-compliant and/or pb-free versions of freesc ale products have the functionality and electrical characteristics of their non-rohs-compliant and/or non-pb-free counterparts. for further information, see http://www.freescale.com or contact your freescale sales representative. for information on freescale?s environmental products program, go to http://www.freescale.com/epp.


▲Up To Search▲   

 
Price & Availability of MBC13720NT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X