Part Number Hot Search : 
BA2903KN 2N1651 EF100 GV860 13003A CXXXE TC2000 AD10201
Product Description
Full Text Search
 

To Download LTC2255IUH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ltc2255/ltc2254 1 22554f features descriptio u applicatio s u typical applicatio u sample rate: 125msps/105msps single 3v supply (2.85v to 3.4v) low power: 395mw/320mw 72.4db snr 88db sfdr no missing codes flexible input: 1v p-p to 2v p-p range 640mhz full power bandwidth s/h clock duty cycle stabilizer shutdown and nap modes pin compatible family 125msps: ltc2253 (12-bit), ltc2255 (14-bit) 105msps: ltc2252 (12-bit), ltc2254 (14-bit) 80msps: ltc2229 (12-bit), ltc2249 (14-bit) 65msps: ltc2228 (12-bit), ltc2248 (14-bit) 40msps: ltc2227 (12-bit), ltc2247 (14-bit) 25msps: ltc2226 (12-bit), ltc2246 (14-bit) 10msps: ltc2225 (12-bit), ltc2245 (14-bit) 32-pin (5mm 5mm) qfn package 14-bit, 125/105msps low power 3v adcs the ltc 2255/ltc2254 are 14-bit 125msps/105msps, low power 3v a/d converters designed for digitizing high frequency, wide dynamic range signals. the ltc2255/ ltc2254 are perfect for demanding imaging and commu- nications applications with ac performance that includes 72.3db snr and 85db sfdr for signals at the nyquist frequency. dc specs include 1lsb inl (typ), 0.5lsb dnl (typ) and no missing codes over temperature. the transition noise is a low 1.3 lsb rms . a single 3v supply allows low power operation. a separate output supply allows the outputs to drive 0.5v to 3.3v logic. a single-ended clk input controls converter operation. an optional clock duty cycle stabilizer allows high perfor- mance at full speed for a wide range of clock duty cycles. ltc2255: snr vs input frequency, ?db, 2v range, 125msps wireless and wired broadband communication imaging systems ultrasound spectral analysis portable instrumentation + input s/h correction logic output drivers 14-bit pipelined adc core clock/duty cycle control flexible reference d13 d0 clk refh refl analog input 22554 ta01a ov dd ognd , ltc and lt are registered trademarks of linear technology corporation. all other trademarks are the property of their respective owners. input frequency (mhz) 0 65 snr (dbfs) 66 68 69 70 75 72 100 200 250 33554 g09 67 73 74 71 50 150 300 350
ltc2255/ltc2254 2 22554f absolute axi u rati gs w ww u package/order i for atio uu w ov dd = v dd (notes 1, 2) supply voltage (v dd ) ................................................. 4v digital output ground voltage (ognd) ....... 0.3v to 1v analog input voltage (note 3) ..... 0.3v to (v dd + 0.3v) digital input voltage .................... 0.3v to (v dd + 0.3v) digital output voltage ................ 0.3v to (ov dd + 0.3v) power dissipation ............................................ 1500mw operating temperature range ltc2255c, ltc2254c ............................. 0 c to 70 c ltc2255i, ltc2254i ...........................40 c to 85 c storage temperature range ..................65 c to 125 c lead temperature (soldering, 10 sec).................. 300 c order part number qfn part* marking t jmax = 125 c, ja = 34 c/w exposed pad (pin 33) is gnd must be soldered to pcb 2255 2254 ltc2255cuh LTC2255IUH ltc2254cuh ltc2254iuh consult ltc marketing for parts specified with wider operating temperature ranges. *the temperature grade is identified by a label on the shipping container. 32 31 30 29 28 27 26 25 9 10 11 12 top view uh package 32-lead (5mm 5mm) plastic qfn 13 14 15 16 17 18 19 20 21 22 23 24 8 7 6 5 4 3 2 1 ain + ain refh refh refl refl v dd gnd d10 d9 d8 ov dd ognd d7 d6 d5 v dd v cm sense mode of d13 d12 d11 clk shdn oe d0 d1 d2 d3 d4 33 the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. (note 4) ltc2255 ltc2254 parameter conditions min typ max min typ max units resolution (no missing codes) 14 14 bits integral linearity error differential analog input (note 5) ? 1 5 5.5 1 5.5 lsb differential linearity error differential analog input ? 0.5 1 1 0.5 1 lsb offset error (note 6) ?2 21212 212 mv gain error external reference 2.5 0.5 2.5 2.5 0.5 2.5 %fs offset drift 10 10 v/ c full-scale drift internal reference 30 30 ppm/ c external reference 5 5 ppm/ c transition noise sense = 1v 1.3 1.3 lsb rms co verter characteristics u order options tape and reel: add #tr lead free: add #pbf lead free tape and reel: add #trpbf lead free part marking: http://www.linear.com/leadfree/
ltc2255/ltc2254 3 22554f ltc2255 ltc2254 symbol parameter conditions min typ max min typ max units snr signal-to-noise ratio 5mhz input 72.4 72.5 db 30mhz input 72.3 72.4 db 70mhz input 68.9 72.1 69.4 72.3 db 140mhz input 71.7 71.7 db sfdr 5mhz input 88 88 db 30mhz input 85 88 db 70mhz input 73 82 71 84 db 140mhz input 78 80 db sfdr 5mhz input 90 90 db 30mhz input 90 90 db 70mhz input 77 90 79 90 db 140mhz input 90 90 db s/(n+d) 5mhz input 72.2 72.4 db 30mhz input 72 72.2 db 70mhz input 68 71.9 68.5 72 db 140mhz input 70.2 70.6 db imd intermodulation f in1 = 28.2mhz 85 85 db distortion f in2 = 26.8mhz symbol parameter conditions min typ max units v in analog input range (a in + ? in ) 2.85v < v dd < 3.4v (note 7) 0.5v to 1v v v in,cm analog input common mode differential input (note 7) 1 1.5 1.9 v i in analog input leakage current 0v < a in + , a in < v dd ? 1 a i sense sense input leakage 0v < sense < 1v ? 3 a i mode mode pin leakage ? 3 a t ap sample-and-hold acquisition delay time 0 ns t jitter sample-and-hold acquisition delay time jitter 0.2 ps rms cmrr analog input common mode rejection ratio 80 db full power bandwidth figure 8 test circuit 640 mhz the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. a in = ?dbfs. (note 4) a alog i put u u dy a ic accuracy u w the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. (note 4) signal-to-noise plus distortion ratio spurious free dynamic range 4th harmonic or higher spurious free dynamic range 2nd or 3rd harmonic
ltc2255/ltc2254 4 22554f digital i puts a d digital outputs u u the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. (note 4) i ter al refere ce characteristics uu u (note 4) power require e ts w u the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. (note 8) ltc2255 ltc2254 symbol parameter conditions min typ max min typ max units v dd analog supply voltage (note 9) 2.85 3 3.4 2.85 3 3.4 v ov dd output supply voltage (note 9) 0.5 3 3.6 0.5 3 3.6 v iv dd supply current 132 156 107 126 ma p diss power dissipation 395 468 320 378 mw p shdn shutdown power shdn = h, 2 2 mw oe = h, no clk p nap nap mode power shdn = h, 15 15 mw oe = l, no clk parameter conditions min typ max units v cm output voltage i out = 0 1.475 1.500 1.525 v v cm output tempco 25 ppm/ c v cm line regulation 2.85v < v dd < 3.4v 3 mv/v v cm output resistance ?ma < i out < 1ma 4 ? symbol parameter conditions min typ max units logic inputs (clk, oe, shdn) v ih high level input voltage v dd = 3v 2v v il low level input voltage v dd = 3v 0.8 v i in input current v in = 0v to v dd ?0 10 a c in input capacitance (note 7) 3 pf logic outputs ov dd = 3v c oz hi-z output capacitance oe = high (note 7) 3 pf i source output source current v out = 0v 50 ma i sink output sink current v out = 3v 50 ma v oh high level output voltage i o = ?0 a 2.995 v i o = ?00 a 2.7 2.99 v v ol low level output voltage i o = 10 a 0.005 v i o = 1.6ma 0.09 0.4 v ov dd = 2.5v v oh high level output voltage i o = ?00 a 2.49 v v ol low level output voltage i o = 1.6ma 0.09 v ov dd = 1.8v v oh high level output voltage i o = ?00 a 1.79 v v ol low level output voltage i o = 1.6ma 0.09 v
ltc2255/ltc2254 5 22554f ti i g characteristics u w the denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25 c. (note 4) note 1: absolute maximum ratings are those values beyond which the life of a device may be impaired. note 2: all voltage values are with respect to ground with gnd and ognd wired together (unless otherwise noted). note 3: when these pin voltages are taken below gnd or above v dd , they will be clamped by internal diodes. this product can handle input currents of greater than 100ma below gnd or above v dd without latchup. note 4: v dd = 3v, f sample = 125mhz (ltc2255) or 105mhz (ltc2254), input range = 2v p-p with differential drive, clock duty cycle stabilizer on, unless otherwise noted. note 5: integral nonlinearity is defined as the deviation of a code from a straight line passing through the actual endpoints of the transfer curve. the deviation is measured from the center of the quantization band. note 6: offset error is the offset voltage measured from 0.5 lsb when the output code flickers between 00 0000 0000 0000 and 11 1111 1111 1111. note 7: guaranteed by design, not subject to test. note 8: v dd = 3v, f sample = 125mhz (ltc2255) or 105mhz (ltc2254), input range = 1v p-p with differential drive. note 9: recommended operating conditions. ltc2255 ltc2254 symbol parameter conditions min typ max min typ max units f s sampling frequency (note 9) 1 125 1 105 mhz t l clk low time duty cycle stabilizer off 3.8 4 500 4.5 4.76 500 ns duty cycle stabilizer on 3 4 500 3 4.76 500 ns (note 7) t h clk high time duty cycle stabilizer off 3.8 4 500 4.5 4.76 500 ns duty cycle stabilizer on 3 4 500 3 4.76 500 ns (note 7) t ap sample-and-hold 0 0 ns aperture delay t d clk to data delay c l = 5pf (note 7) 1.4 2.7 5.4 1.4 2.7 5.4 ns data access time c l = 5pf (note 7) 4.3 10 4.3 10 ns after oe bus relinquish time (note 7) 3.3 8.5 3.3 8.5 ns pipeline latency 6 6 cycles
ltc2255/ltc2254 6 22554f typical perfor a ce characteristics uw ltc2255: 8192 point fft, f in = 5mhz, ?db, 2v range, 125msps ltc2255: 8192 point fft, f in = 30mhz, ?db, 2v range, 125msps ltc2255: 8192 point fft, f in = 70mhz, ?db, 2v range, 125msps ltc2255: 8192 point fft, f in = 140mhz, ?db, 2v range, 125msps ltc2255: grounded input histogram, 125msps ltc2255: snr vs input frequency, ?db, 2v range, 125msps ltc2255: 8192 point 2-tone fft, f in = 28.2mhz and 26.8mhz, ?db, 2v range, 125msps ltc2255: typical dnl, 2v range, 125msps ltc2255: typical inl, 2v range, 125msps code 0 inl error (lsb) 12288 22554 g01 4096 8192 16384 2.0 1.5 1.0 0.5 0 0.5 ?.0 ?.5 ?.0 frequency (mhz) 0 amplitude (db) 22554 g03 10 20 30 40 50 60 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?00 ?10 ?20 frequency (mhz) 0 amplitude (db) 22554 g04 10 20 30 40 50 60 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?00 ?10 ?20 code 0 dnl error (lsb) 12288 22554 g02 4096 8192 16384 1.0 0.8 0.6 0.4 0.2 0 0.2 0.4 0.6 ?.8 1.0 frequency (mhz) 0 amplitude (db) 22554 g05 10 20 30 40 50 60 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?00 ?10 ?20 frequency (mhz) 0 amplitude (db) 22554 g06 10 20 30 40 50 60 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?00 ?10 ?20 frequency (mhz) 0 amplitude (db) 22554 g07 10 20 30 40 50 60 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?00 ?10 ?20 code 8181 3 79 26 1 704 419 0 count 5000 10000 15000 20000 25000 8183 8185 8187 8189 22554 g08 8191 3684 11975 20331 18639 6939 2727 input frequency (mhz) 0 65 snr (dbfs) 66 68 69 70 75 72 100 200 250 33554 g09 67 73 74 71 50 150 300 350
ltc2255/ltc2254 7 22554f typical perfor a ce characteristics uw ltc2255: snr and sfdr vs sample rate, 2v range, f in = 5mhz, ?db ltc2255: snr vs input level, f in = 70mhz, 2v range, 125msps ltc2255: i ovdd vs sample rate, 5mhz sine wave input, ?db, o vdd = 1.8v ltc2255: i vdd vs sample rate, 5mhz sine wave input, ?db ltc2255: sfdr vs input level, f in = 70mhz, 2v range, 125msps ltc2255: sfdr vs input frequency, ?db, 2v range, 125msps input frequency (mhz) 0 85 90 100 150 250 22554 g10 80 75 50 100 200 300 350 70 65 95 sfdr (dbrs) sample rate (msps) 0 50 snr and sfdr (dbfs) 60 70 80 90 20 40 60 80 22554 g11 100 120 140 160 sfdr snr input level (dbfs) ?0 snr (dbc and dbfs) 70 ?0 22554 g13 40 20 ?0 ?0 ?0 10 0 80 dbfs dbc 60 50 30 ?0 ?0 0 input level (dbfs) ?0 sfdr (dbc and dbfs) 60 90 100 0 22554 g14 50 40 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 20 110 dbfs dbc 80 70 30 10 sample rate (msps) 0 i vdd (ma) 130 140 80 22554 g15 120 110 125 135 145 115 105 100 95 20 40 60 100 120 140 2v range 1v range sample rate (msps) 0 i ovdd (ma) 7 60 22554 g16 4 2 20 40 80 1 0 8 6 5 3 100 120 140 ltc2255: snr vs sense, f in = 5mhz, 1db sense pin (v) 0.4 64 snr (dbfs) 65 67 68 69 74 71 0.6 0.8 0.9 22554 g32 66 72 73 70 0.5 0.7 1.0 1.1
ltc2255/ltc2254 8 22554f typical perfor a ce characteristics uw ltc2254: 8192 point fft, f in = 30mhz, ?db, 2v range, 105msps ltc2254: 8192 point fft, f in = 70mhz, ?db, 2v range, 105msps ltc2254: 8192 point fft, f in = 140mhz, ?db, 2v range, 105msps ltc2254: 8192 point 2-tone fft, f in = 28.2mhz and 26.8mhz, ?db, 2v range, 105msps ltc2254: grounded input histogram, 105msps ltc2254: snr vs input frequency, ?db, 2v range, 105msps ltc2254: 8192 point fft, f in = 5mhz, ?db, 2v range, 105msps frequency (mhz) amplitude (db) 22554 g19 0 10 20 30 40 50 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?00 ?10 ?20 frequency (mhz) amplitude (db) 22554 g20 0 10 20 30 40 50 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?00 ?10 ?20 frequency (mhz) amplitude (db) 22554 g21 0 10 20 30 40 50 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?00 ?10 ?20 frequency (mhz) amplitude (db) 22554 g22 0 10 20 30 40 50 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?00 ?10 ?20 frequency (mhz) amplitude (db) 22554 g23 0 10 20 30 40 50 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 ?00 ?10 ?20 code 8183 8185 8187 8189 8191 8193 31 54 68 581 637 count 12000 16000 20000 22554 g24 8000 4000 10000 14000 18000 6000 2000 0 3380 3316 11299 10516 17646 18027 input frequency (mhz) 0 65 snr (dbfs) 66 68 69 70 75 72 100 200 250 33554 g25 67 73 74 71 50 150 300 350 ltc2254: typical inl, 2v range, 105msps ltc2254: typical dnl, 2v range, 105msps code 0 dnl error (lsb) 12288 22554 g018 4096 8192 16384 1.0 0.8 0.6 0.4 0.2 0 0.2 0.4 0.6 ?.8 1.0 code 0 inl error (lsb) 12288 22554 g17 4096 8192 16384 2.0 1.5 1.0 0.5 0 0.5 ?.0 ?.5 ?.0
ltc2255/ltc2254 9 22554f ltc2254: i ovdd vs sample rate, 5mhz sine wave input, ?db, o vdd = 1.8v ltc2254: i vdd vs sample rate, 5mhz sine wave input, ?db typical perfor a ce characteristics uw ltc2254: sfdr vs input level, f in = 70mhz, 2v range, 105msps ltc2254: snr vs input level, f in = 70mhz, 2v range, 105msps input level (dbfs) ?0 snr (dbc and dbfs) 70 ?0 22554 g28 40 20 ?0 ?0 ?0 10 0 80 dbfs dbc 60 50 30 ?0 ?0 0 input level (dbfs) ?0 sfdr (dbc and dbfs) 60 90 100 0 22554 g29 50 40 0 ?0 ?0 ?0 ?0 ?0 ?0 ?0 20 110 dbfs dbc 80 70 30 10 sample rate (msps) 0 i vdd (ma) 80 75 90 95 100 105 80 22554 g30 85 40 20 100 60 120 110 115 120 2v range 1v range sample rate (msps) 0 0 i ovdd (ma) 1 3 4 5 7 22554 g31 2 6 40 120 100 20 60 80 ltc2254: snr vs sense, f in = 5mhz, ?db sense pin (v) 0.4 64 snr (dbfs) 65 67 68 69 74 71 0.6 0.8 0.9 22554 g33 66 72 73 70 0.5 0.7 1.0 1.1 ltc2254: sfdr vs input frequency, ?db, 2v range, 105msps ltc2254: snr and sfdr vs sample rate, 2v range, f in = 5mhz, ?db input frequency (mhz) 0 85 90 100 150 250 22554 g26 80 75 50 100 200 300 350 70 65 95 sfdr (dbrs) sample rate (msps) 0 50 snr and sfdr (dbfs) 60 70 80 90 20 40 60 80 22554 g27 100 120 140 sfdr snr
ltc2255/ltc2254 10 22554f uu u pi fu ctio s a in + (pin 1): positive differential analog input. a in - (pin 2): negative differential analog input. refh (pins 3, 4): adc high reference. short together and bypass to pins 5, 6 with a 0.1 f ceramic chip capacitor as close to the pin as possible. also bypass to pins 5, 6 with an additional 2.2 f ceramic chip capacitor and to ground with a 1 f ceramic chip capacitor. refl (pins 5, 6): adc low reference. short together and bypass to pins 3, 4 with a 0.1 f ceramic chip capacitor as close to the pin as possible. also bypass to pins 3, 4 with an additional 2.2 f ceramic chip capacitor and to ground with a 1 f ceramic chip capacitor. v dd (pins 7, 32): 3v supply. bypass to gnd with 0.1 f ceramic chip capacitors. gnd (pin 8): adc power ground. clk (pin 9): clock input. the input sample starts on the positive edge. shdn (pin 10): shutdown mode selection pin. connect- ing shdn to gnd and oe to gnd results in normal operation with the outputs enabled. connecting shdn to gnd and oe to v dd results in normal operation with the outputs at high impedance. connecting shdn to v dd and oe to gnd results in nap mode with the outputs at high impedance. connecting shdn to v dd and oe to v dd results in sleep mode with the outputs at high impedance. oe (pin 11): output enable pin. refer to shdn pin function. d0 ?d13 (pins 12, 13, 14, 15, 16, 17, 18, 19, 22, 23, 24, 25, 26, 27): digital outputs. d13 is the msb. ognd (pin 20): output driver ground. ov dd (pin 21): positive supply for the output drivers. bypass to ground with 0.1 f ceramic chip capacitor. ov dd can be 0.5v to 3.6v. of (pin 28): over/under flow output. high when an over or under flow has occurred. mode (pin 29): output format and clock duty cycle stabilizer selection pin. connecting mode to gnd selects offset binary output format and turns the clock duty cycle stabilizer off. 1/3 v dd selects offset binary output format and turns the clock duty cycle stabilizer on. 2/3 v dd selects 2? complement output format and turns the clock duty cycle stabilizer on. v dd selects 2? complement output format and turns the clock duty cycle stabilizer off. sense (pin 30): reference programming pin. connecting sense to v cm selects the internal reference and a 0.5v input range. v dd selects the internal reference and a 1v input range. an external reference greater than 0.5v and less than 1v applied to sense selects an input range of v sense . 1v is the largest valid input range. v cm (pin 31): 1.5v output and input common mode bias. bypass to ground with 2.2 f ceramic chip capacitor. gnd (exposed pad) (pin 33): adc power ground. the exposed pad on the bottom of the package needs to be soldered to ground.
ltc2255/ltc2254 11 22554f fu n ctio n al block diagra uu w figure 1. functional block diagram timing diagram ti i g diagra u ww t ap n + 1 n + 2 n + 4 n + 3 n + 5 n analog input t h t d t l n ?5 n ?4 n ?3 n ?2 clk d0-d13, of 22554 td01 n ?6 n ?1 shift register and correction diff ref amp ref buf 2.2 f 1 f1 f 0.1 f internal clock signals refh refl clock/duty cycle control range select 1.5v reference first pipelined adc stage fifth pipelined adc stage sixth pipelined adc stage fourth pipelined adc stage second pipelined adc stage refh refl clk oe m0de ognd ov dd 22554 bd01 input s/h sense v cm a in a in + 2.2 f third pipelined adc stage output drivers control logic shdn of d13 d0
ltc2255/ltc2254 12 22554f dynamic performance signal-to-noise plus distortion ratio the signal-to-noise plus distortion ratio [s/(n + d)] is the ratio between the rms amplitude of the fundamental input frequency and the rms amplitude of all other frequency components at the adc output. the output is band limited to frequencies above dc to below half the sampling frequency. signal-to-noise ratio the signal-to-noise ratio (snr) is the ratio between the rms amplitude of the fundamental input frequency and the rms amplitude of all other frequency components except the first five harmonics and dc. total harmonic distortion total harmonic distortion is the ratio of the rms sum of all harmonics of the input signal to the fundamental itself. the out-of-band harmonics alias into the frequency band between dc and half the sampling frequency. thd is expressed as: thd = 20log (v2 2 + v3 2 + v4 2 + . . . vn 2 )/v1 where v1 is the rms amplitude of the fundamental fre- quency and v2 through vn are the amplitudes of the second through nth harmonics. the thd calculated in this data sheet uses all the harmonics up to the fifth. intermodulation distortion if the adc input signal consists of more than one spectral component, the adc transfer function nonlinearity can produce intermodulation distortion (imd) in addition to thd. imd is the change in one sinusoidal input caused by the presence of another sinusoidal input at a different frequency. if two pure sine waves of frequencies fa and fb are applied to the adc input, nonlinearities in the adc transfer func- tion can create distortion products at the sum and differ- ence frequencies of mfa nfb, where m and n = 0, 1, 2, 3, etc. the 3rd order intermodulation products are 2fa + fb, 2fb + fa, 2fa ?fb and 2fb ?fa. the intermodulation distortion is defined as the ratio of the rms value of either applicatio s i for atio wu uu input tone to the rms value of the largest 3rd order intermodulation product. spurious free dynamic range (sfdr) spurious free dynamic range is the peak harmonic or spurious noise that is the largest spectral component excluding the input signal and dc. this value is expressed in decibels relative to the rms value of a full scale input signal. input bandwidth the input bandwidth is that input frequency at which the amplitude of the reconstructed fundamental is reduced by 3db for a full scale input signal. aperture delay time the time from when clk reaches mid-supply to the instant that the input signal is held by the sample and hold circuit. aperture delay jitter the variation in the aperture delay time from conversion to conversion. this random variation will result in noise when sampling an ac input. the signal to noise ratio due to the jitter alone will be: snr jitter = ?0log (2 ) ?f in ?t jitter converter operation as shown in figure 1, the ltc2255/ltc2254 is a cmos pipelined multistep converter. the converter has six pipelined adc stages; a sampled analog input will result in a digitized value six cycles later (see the timing diagram section). for optimal ac performance the analog inputs should be driven differentially. for cost sensitive applica- tions, the analog inputs can be driven single-ended with slightly worse harmonic distortion. the clk input is single-ended. the ltc2255/ltc2254 has two phases of operation, determined by the state of the clk input pin. each pipelined stage shown in figure 1 contains an adc, a reconstruction dac and an interstage residue amplifier. in operation, the adc quantizes the input to the stage and the quantized value is subtracted from the input by the dac to produce a residue. the residue is amplified and
ltc2255/ltc2254 13 22554f output by the residue amplifier. successive stages operate out of phase so that when the odd stages are outputting their residue, the even stages are acquiring that residue and vice versa. when clk is low, the analog input is sampled differentially directly onto the input sample-and-hold capacitors, inside the ?nput s/h?shown in the block diagram. at the instant that clk transitions from low to high, the sampled input is held. while clk is high, the held input voltage is buffered by the s/h amplifier which drives the first pipelined adc stage. the first stage acquires the output of the s/h during this high phase of clk. when clk goes back low, the first stage produces its residue which is acquired by the second stage. at the same time, the input s/h goes back to acquiring the analog input. when clk goes back high, the second stage produces its residue which is acquired by the third stage. an identical process is repeated for the third, fourth and fifth stages, resulting in a fifth stage residue that is sent to the sixth stage adc for final evaluation. each adc stage following the first has additional range to accommodate flash and amplifier offset errors. results from all of the adc stages are digitally synchronized such that the results can be properly combined in the correction logic before being sent to the output buffer. sample/hold operation and input drive sample/hold operation figure 2 shows an equivalent circuit for the ltc2255/ ltc2254 cmos differential sample-and-hold. the analog inputs are connected to the sampling capacitors (c sample ) through nmos transistors. the capacitors shown at- tached to each input (c parasitic ) are the summation of all other capacitance associated with each input. during the sample phase when clk is low, the transistors connect the analog inputs to the sampling capacitors and they charge to and track the differential input voltage. when clk transitions from low to high, the sampled input voltage is held on the sampling capacitors. during the hold phase when clk is high, the sampling capacitors are disconnected from the input and the held voltage is passed applicatio s i for atio wu u u to the adc core for processing. as clk transitions from high to low, the inputs are reconnected to the sampling capacitors to acquire a new sample. since the sampling capacitors still hold the previous sample, a charging glitch proportional to the change in voltage between samples will be seen at this time. if the change between the last sample and the new sample is small, the charging glitch seen at the input will be small. if the input change is large, such as the change seen with input frequencies near nyquist, then a larger charging glitch will be seen. figure 2. equivalent input circuit single-ended input for cost sensitive applications, the analog inputs can be driven single-ended. with a single-ended input the har- monic distortion and inl will degrade, but the snr and dnl will remain unchanged. for a single-ended input, a in + should be driven with the input signal and a in should be connected to 1.5v or v cm . common mode bias for optimal performance the analog inputs should be driven differentially. each input should swing 0.5v for the 2v range or 0.25v for the 1v range, around a common mode voltage of 1.5v. the v cm output pin (pin 31) may be used to provide the common mode bias level. v cm can be tied directly to the center tap of a transformer to set the dc input level or as a reference level to an op amp differential driver circuit. the v cm pin must be bypassed to ground close to the adc with a 2.2 f or greater capacitor. v dd v dd v dd 15 ? 15 ? c parasitic 1pf c parasitic 1pf c sample 3.5pf c sample 3.5pf ltc2255/ltc2254 a in + a in clk 22554 f02
ltc2255/ltc2254 14 22554f input drive impedance as with all high performance, high speed adcs, the dynamic performance of the ltc2255/ltc2254 can be influenced by the input drive circuitry, particularly the second and third harmonics. source impedance and reac- tance can influence sfdr. at the falling edge of clk, the sample-and-hold circuit will connect the 3.5pf sampling capacitor to the input pin and start the sampling period. the sampling period ends when clk rises, holding the sampled input on the sampling capacitor. ideally the input circuitry should be fast enough to fully charge the sampling capacitor during the sampling period 1/(2f encode ); however, this is not always possible and the incomplete settling may degrade the sfdr. the sampling glitch has been designed to be as linear as possible to minimize the effects of incomplete settling. for the best performance, it is recommended to have a source impedance of 100 ? or less for each input. the source impedance should be matched for the differential inputs. poor matching will result in higher even order harmonics, especially the second. input drive circuits figure 3 shows the ltc2255/ltc2254 being driven by an rf transformer with a center tapped secondary. the secondary center tap is dc biased with v cm , setting the adc input signal at its optimum dc level. terminating on the transformer secondary is desirable, as this provides a common mode path for charging glitches caused by the sample and hold. figure 3 shows a 1:1 turns ratio trans- former. other turns ratios can be used if the source impedance seen by the adc does not exceed 100 ? for each adc input. a disadvantage of using a transformer is the loss of low frequency response. most small rf trans- formers have poor performance at frequencies below 1mhz. figure 4 demonstrates the use of a differential amplifier to convert a single ended input signal into a differential input signal. the advantage of this method is that it provides low frequency input response; however, the limited gain band- width of most op amps will limit the sfdr at high input frequencies. applicatio s i for atio wu uu figure 5. single-ended drive figure 5 shows a single-ended input circuit. the imped- ance seen by the analog inputs should be matched. this circuit is not recommended if low distortion is required. the 25 ? resistors and 12pf capacitor on the analog inputs serve two purposes: isolating the drive circuitry from the sample-and-hold charging glitches and limiting the wideband noise at the converter input. figure 3. single-ended to differential conversion using a transformer figure 4. differential drive with an amplifier 25 ? 25 ? 25 ? 25 ? 0.1 f a in + a in 12pf 2.2 f v cm ltc2255/ ltc2254 analog input 0.1 ft1 1:1 t1 = ma/com etc1-1t resistors, capacitors are 0402 package size 22554 f03 25 ? 25 ? 12pf 2.2 f v cm ltc2255/ ltc2254 22554 f04 + + cm analog input high speed differential amplifier a in + a in 25 ? 0.1 f analog input v cm a in + a in 1k 12pf 224876 f05 2.2 f 1k 25 ? 0.1 f ltc2255/ ltc2254
ltc2255/ltc2254 15 22554f for input frequencies above 70mhz, the input circuits of figure 6, 7 and 8 are recommended. the balun trans- former gives better high frequency response than a flux coupled center tapped transformer. the coupling capaci- tors allow the analog inputs to be dc biased at 1.5v. in figure 8, the series inductors are impedance matching elements that maximize the adc bandwidth. applicatio s i for atio wu uu figure 6. recommended front end circuit for input frequencies between 70mhz and 170mhz figure 8. recommended front end circuit for input frequencies above 300mhz figure 7. recommended front end circuit for input frequencies between 170mhz and 300mhz figure 9. equivalent reference circuit reference operation figure 9 shows the ltc2255/ltc2254 reference circuitry consisting of a 1.5v bandgap reference, a difference amplifier and switching and control circuit. the internal voltage reference can be configured for two pin selectable input ranges of 2v ( 1v differential) or 1v ( 0.5v differ- ential). tying the sense pin to v dd selects the 2v range; tying the sense pin to v cm selects the 1v range. the 1.5v bandgap reference serves two functions: its output provides a dc bias point for setting the common mode voltage of any external input circuitry; additionally, the reference is used with a difference amplifier to gener- ate the differential reference levels needed by the internal adc circuitry. an external bypass capacitor is required for the 1.5v reference output, v cm . this provides a high frequency low impedance path to ground for internal and external circuitry. the difference amplifier generates the high and low refer- ence for the adc. high speed switching circuits are connected to these outputs and they must be externally bypassed. each output has two pins. the multiple output 25 ? 25 ? 12 ? 12 ? 0.1 f a in + a in 8pf 2.2 f v cm ltc2255/ ltc2254 analog input 0.1 f 0.1 f t1 t1 = ma/com, etc 1-1-13 resistors, capacitors are 0402 package size 22554 f06 25 ? 25 ? 0.1 f a in + a in 2.2 f v cm ltc2255/ ltc2254 analog input 0.1 f 0.1 f t1 t1 = ma/com, etc 1-1-13 resistors, capacitors, inductors are 0402 package size 22554 f08 8.2nh 8.2nh 25 ? 25 ? 0.1 f a in + a in 2.2 f v cm ltc2255/ ltc2254 analog input 0.1 f 0.1 f t1 t1 = ma/com, etc 1-1-13 resistors, capacitors are 0402 package size 22554 f07 v cm refh sense tie to v dd for 2v range; tie to v cm for 1v range; range = 2 ?v sense for 0.5v < v sense < 1v 1.5v refl 2.2 f 2.2 f internal adc high reference buffer 0.1 f 22554 f09 ltc2255/ltc2254 4 ? diff amp 1 f 1 f internal adc low reference 1.5v bandgap reference 1v 0.5v range detect and control
ltc2255/ltc2254 16 22554f applicatio s i for atio wu uu pins are needed to reduce package inductance. bypass capacitors must be connected as shown in figure 9. other voltage ranges in-between the pin selectable ranges can be programmed with two external resistors as shown in figure 10. an external reference can be used by applying its output directly or through a resistor divider to sense. it is not recommended to drive the sense pin with a logic device. the sense pin should be tied to the appropriate level as close to the converter as possible. if the sense pin is driven externally, it should be bypassed to ground as close to the device as possible with a 1 f ceramic capacitor. input range the input range can be set based on the application. the 2v input range will provide the best signal-to-noise perfor- mance while maintaining excellent sfdr. the 1v input range will have better sfdr performance, but the snr will degrade by 5.7db. driving the clock input the clk input can be driven directly with a cmos or ttl level signal. a sinusoidal clock can also be used along with a low-jitter squaring circuit before the clk pin (see figure 11). the noise performance of the ltc2255/ltc2254 can depend on the clock signal quality as much as on the analog input. any noise present on the clock signal will result in additional aperture jitter that will be rms summed with the inherent adc aperture jitter. in applications where jitter is critical, such as when digitiz- ing high input frequencies, use as large an amplitude as possible. also, if the adc is clocked with a sinusoidal signal, filter the clk signal to reduce wideband noise and distortion products generated by the source. figure 11. sinusoidal single-ended clk drive figures 12 and 13 show alternatives for converting a differential clock to the single-ended clk input. the use of a transformer provides no incremental contribution to phase noise. the lvds or pecl to cmos translators provide little degradation below 70mhz, but at 140mhz will degrade the snr compared to the transformer solu- tion. the nature of the received signals also has a large figure 10. 1.5v range adc v cm sense 1.5v 0.75v 2.2 f 12k 1 f 12k 22554 f10 ltc2255/ ltc2254 clk 50 ? 0.1 f 0.1 f 4.7 f 1k 1k ferrite bead clean supply sinusoidal clock input 22554 f11 nc7svu04 ltc2255/ ltc2254 clk 100 ? 0.1 f 4.7 f ferrite bead clean supply if lvds use fin1002 or fin1018. for pecl, use az1000elt21 or similar 22554 f12 ltc2255/ ltc2254 clk 5pf-30pf etc1-1t 0.1 f v cm ferrite bead differential clock input 22554 f13 ltc2255/ ltc2254 figure 13. lvds or pecl clk drive using a transformer figure 12. clk drive using an lvds or pecl to cmos converter
ltc2255/ltc2254 17 22554f applicatio s i for atio wu uu bearing on how much snr degradation will be experi- enced. for high crest factor signals such as wcdma or ofdm, where the nominal power level must be at least 6db to 8db below full scale, the use of these translators will have a lesser impact. the transformer in the example may be terminated with the appropriate termination for the signaling in use. the use of a transformer with a 1:4 impedance ratio may be desirable in cases where lower voltage differential signals are considered. the center tap may be bypassed to ground through a capacitor close to the adc if the differential signals originate on a different plane. the use of a capaci- tor at the input may result in peaking, and depending on transmission line length may require a 10 ? to 20 ? ohm series resistor to act as both a low pass filter for high frequency noise that may be induced into the clock line by neighboring digital signals, as well as a damping mecha- nism for reflections. maximum and minimum conversion rates the maximum conversion rate for the ltc2255/ltc2254 is 125msps (ltc2255) and 105msps (ltc2254). the lower limit of the ltc2255/ltc2254 sample rate is deter- mined by droop of the sample-and-hold circuits. the pipelined architecture of this adc relies on storing analog signals on small valued capacitors. junction leakage will discharge the capacitors. the specified minimum operat- ing frequency for the ltc2255/ltc2254 is 1msps. clock duty cycle stabilizer an optional clock duty cycle stabilizer circuit ensures high performance even if the input clock has a non 50% duty cycle. using the clock duty cycle stabilizer is recommended for most applications. to use the clock duty cycle stabilizer, the mode pin should be connected to 1/3v dd or 2/3v dd using external resistors. this circuit uses the rising edge of the clk pin to sample the analog input. the falling edge of clk is ignored and the internal falling edge is generated by a phase-locked loop. the input clock duty cycle can vary from 40% to 60% and the clock duty cycle stabilizer will maintain a constant 50% internal duty cycle. if the clock is turned off for a long period of time, the duty cycle stabilizer circuit will figure 14. digital output buffer ltc2255/ltc2254 22554 f14 ov dd v dd v dd 0.1 f 43 ? typical data output ognd ov dd 0.5v to 3.6v predriver logic data from latch oe require a hundred clock cycles for the pll to lock onto the input clock. for applications where the sample rate needs to be changed quickly, the clock duty cycle stabilizer can be disabled. if the duty cycle stabilizer is disabled, care should be taken to make the sampling clock have a 50% ( 5%) duty cycle. digital outputs table 1 shows the relationship between the analog input voltage, the digital data bits, and the overflow bit. table 1. output codes vs input voltage a in + ?a in d13 ?d0 d13 ?d0 (2v range) of (offset binary) (2? complement) >+1.000000v 1 11 1111 1111 1111 01 1111 1111 1111 +0.999878v 0 11 1111 1111 1111 01 1111 1111 1111 +0.999756v 0 11 1111 1111 1110 01 1111 1111 1110 +0.000122v 0 10 0000 0000 0001 00 0000 0000 0001 0.000000v 0 10 0000 0000 0000 00 0000 0000 0000 ?.000122v 0 01 1111 1111 1111 11 1111 1111 1111 ?.000244v 0 01 1111 1111 1110 11 1111 1111 1110 ?.999878v 0 00 0000 0000 0001 10 0000 0000 0001 ?.000000v 0 00 0000 0000 0000 10 0000 0000 0000 ltc2255/ltc2254 18 22554f circuitry and may eliminate the need for external damping resistors. as with all high speed/high resolution converters, the digital output loading can affect the performance. the digital outputs of the ltc2255/ltc2254 should drive a minimal capacitive load to avoid possible interaction be- tween the digital outputs and sensitive input circuitry. for full speed operation the capacitive load should be kept under 10pf. lower ov dd voltages will also help reduce interference from the digital outputs. data format using the mode pin, the ltc2255/ltc2254 parallel digital output can be selected for offset binary or 2? complement format. connecting mode to gnd or 1/3v dd selects offset binary output format. connecting mode to 2/3v dd or v dd selects 2? complement output format. an external resistor divider can be used to set the 1/3v dd or 2/3v dd logic values. table 2 shows the logic states for the mode pin. to 1v and must be less than ov dd . the logic outputs will swing between ognd and ov dd . output enable the outputs may be disabled with the output enable pin, oe. oe high disables all data outputs including of. the data access and bus relinquish times are too slow to allow the outputs to be enabled and disabled during full speed operation. the output hi-z state is intended for use during long periods of inactivity. sleep and nap modes the converter may be placed in shutdown or nap modes to conserve power. connecting shdn to gnd results in normal operation. connecting shdn to v dd and oe to v dd results in sleep mode, which powers down all circuitry including the reference and typically dissipates 1mw. when exiting sleep mode it will take milliseconds for the output data to become valid because the reference capacitors have to recharge and stabilize. connecting shdn to v dd and oe to gnd results in nap mode, which typically dissipates 15mw. in nap mode, the on-chip reference circuit is kept on, so that recovery from nap mode is faster than that from sleep mode, typically taking 100 clock cycles. in both sleep and nap modes, all digital outputs are disabled and enter the hi-z state. grounding and bypassing the ltc2255/ltc2254 requires a printed circuit board with a clean, unbroken ground plane. a multilayer board with an internal ground plane is recommended. layout for the printed circuit board should ensure that digital and analog signal lines are separated as much as possible. in particular, care should be taken not to run any digital track alongside an analog signal track or underneath the adc. high quality ceramic bypass capacitors should be used at the v dd , ov dd , v cm , refh, and refl pins. bypass capacitors must be located as close to the pins as pos- sible. of particular importance is the 0.1 f capacitor between refh and refl. this capacitor should be placed as close to the device as possible (1.5mm or less). a size 0402 ceramic capacitor is recommended. the large 2.2 f capacitor between refh and refl can be somewhat table 2. mode pin function clock duty mode pin output format cycle stablizer 0 offset binary off 1/3v dd offset binary on 2/3v dd 2? complement on v dd 2? complement off overflow bit when of outputs a logic high the converter is either overranged or underranged. output driver power separate output power and ground pins allow the output drivers to be isolated from the analog circuitry. the power supply for the digital output buffers, ov dd , should be tied to the same power supply as for the logic being driven. for example if the converter is driving a dsp powered by a 1.8v supply, then ov dd should be tied to that same 1.8v supply. ov dd can be powered with any voltage from 500mv up to 3.6v. ognd can be powered with any voltage from gnd up applicatio s i for atio wu uu
ltc2255/ltc2254 19 22554f further away. the traces connecting the pins and bypass capacitors must be kept short and should be made as wide as possible. the ltc2255/ltc2254 differential inputs should run par- allel and close to each other. the input traces should be as short as possible to minimize capacitance and to minimize noise pickup. heat transfer most of the heat generated by the ltc2255/ltc2254 is transferred from the die through the bottom-side exposed pad and package leads onto the printed circuit board. for good electrical and thermal performance, the exposed pad should be soldered to a large grounded pad on the pc board. it is critical that all ground pins are connected to a ground plane of sufficient area. clock sources for undersampling undersampling raises the bar on the clock source and the higher the input frequency, the greater the sensitivity to clock jitter or phase noise. a clock source that degrades snr of a full-scale signal by 1db at 70mhz will degrade snr by 3db at 140mhz, and 4.5db at 190mhz. in cases where absolute clock frequency accuracy is relatively unimportant and only a single adc is required, a 3v canned oscillator from vendors such as saronix or vectron can be placed close to the adc and simply connected directly to the adc. if there is any distance to the adc, some source termination to reduce ringing that may occur even over a fraction of an inch is advisable. you must not allow the clock to overshoot the supplies or performance will suffer. do not filter the clock signal with a narrow band filter unless you have a sinusoidal clock source, as the rise and fall time artifacts present in typical digital clock signals will be translated into phase noise. the lowest phase noise oscillators have single-ended sinusoidal outputs, and for these devices the use of a filter close to the adc may be beneficial. this filter should be close to the adc to both reduce roundtrip reflection times, as well as reduce the susceptibility of the traces between the filter and the adc. if you are sensitive to close-in phase noise, the power supply for oscillators and any buffers must be very stable, or propagation delay variation with supply will translate into phase noise. even though these clock sources may be regarded as digital devices, do not operate them on a digital supply. if your clock is also used to drive digital devices such as an fpga, you should locate the oscillator, and any clock fan-out devices close to the adc, and give the routing to the adc precedence. the clock signals to the fpga should have series termination at the driver to prevent high frequency noise from the fpga disturbing the substrate of the clock fan-out device. if you use an fpga as a programmable divider, you must re-time the signal using the original oscillator, and the re- timing flip-flop as well as the oscillator should be close to the adc, and powered with a very quiet supply. for cases where there are multiple adcs, or where the clock source originates some distance away, differential clock distribution is advisable. this is advisable both from the perspective of emi, but also to avoid receiving noise from digital sources both radiated, as well as propagated in the waveguides that exist between the layers of multi- layer pcbs. the differential pairs must be close together and distanced from other signals. the differential pair should be guarded on both sides with copper distanced at least 3x the distance between the traces, and grounded with vias no more than 1/4 inch apart. applicatio s i for atio wu uu
ltc2255/ltc2254 20 22554f applicatio s i for atio wu uu 1 2 c8 0.1 f c11 0.1 f 3 4 5 v dd 7 v dd v dd gnd 9 32 v cm 31 30 29 33 jp2 oe 10 11 8 c7 2.2 f c6 1 f c9 1 f c4 0.1 f c2 8.2pf v dd v dd v dd gnd jp1 shdn c15 2.2 f c16 0.1 f c18 0.1 f c25 4.7 f e2 v dd 3v e4 pwr gnd v dd v cc 22554 ta02 c17 0.1 f c20 0.1 f c19 0.1 f c14 0.1 f r10 33 ? e1 ext ref r14 1k r15 1k r16 1k r7 1k r8 49.9 ? r3 24.9 ? r2 12.4 ? r6 12.4 ? r1 opt r4 24.9 ? r5 50 ? t1 etc1-1t c1 0.1 f c3 0.1 f j3 clock input nc7svu04 nc7svu04 c13 0.1 f c10 0.1 f c5 4.7 f 6.3v l1 bead v dd c12 0.1 f r9 1k j1 analog input a in + a in refh refh 6 refl refl v dd clk shdn v dd v cm sense mode gnd ltc2255/ltc2254 oe d12 d11 gnd d0 d1 d2 d3 d5 d4 d6 d8 d9 d13 of ov dd v cc ognd d10 d7 26 25 12 13 14 15 17 16 18 22 23 27 28 21 20 24 19 oe1 i 0 oe2 le1 le2 v cc v cc v cc gnd gnd gnd i 1 i 2 i 4 i 3 i 5 i 7 i 8 i 12 i 11 i 10 i 13 i 14 i 15 i 9 o11 o10 i 6 v cc o0 gnd gnd gnd v cc v cc gnd 34 45 39 42 25 48 24 1 47 46 44 43 41 40 38 37 36 35 33 32 30 29 27 26 v cc 28 74vcx16373mtd 31 21 15 18 10 4 7 r n1c 33 ? 2 3 5 6 8 9 11 12 13 14 16 17 19 20 22 23 gnd o1 o2 o4 o3 o5 o7 o8 o12 o13 o14 o15 o9 o6 25 23 27 29 31 33 35 37 39 21 19 15 17 13 9 7 1 3 5 2 4 11 26 24 30 28 34 32 38 40 39 37 35 33 31 29 27 25 23 21 19 17 15 13 11 9 7 5 3 1 40 3201s-40g1 38 36 34 32 30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 36 a3 a2 a1 a0 sda wp v cc 1 2 3 4 8 24lc025 7 6 5 scl 22 20 16 18 14 10 8 6 12 1 2 3 5 4 v cm 12 v dd v dd 34 2/3v dd 56 1/3v dd 78 gnd jp4 mode 12 v dd 34 v cm v dd v cm 56 ext ref jp3 sense r n1b 33 ? r n1a 33 ? r n2d 33 ? r n2c 33 ? r n2b 33 ? r n2a 33 ? r n3d 33 ? r n3c 33 ? r n3b 33 ? r n3a 33 ? r n4d 33 ? r n4b 33 ? r n4a 33 ? r13 10k r11 10k r12 10k r n4c 33 ? r n1d 33 ? c28 1 f c27 0.01 f v cc v dd nc7sv86p5x byp gnd adj out shdn gnd in 1 2 3 4 8 lt1763 7 6 5 gnd r18 100k r17 105k c26 10 f 6.3v e3 gnd c21 0.1 f c22 0.1 f c23 0.1 f c24 0.1 f evaluation circuit schematic of the ltc2255/ltc2254
ltc2255/ltc2254 21 22554f applicatio s i for atio wu uu silkscreen top topside inner layer 2 gnd
ltc2255/ltc2254 22 22554f applicatio s i for atio wu uu inner layer 3 power bottomside silkscreen bottom
ltc2255/ltc2254 23 22554f uh package 32-lead plastic qfn (5mm 5mm) (reference ltc dwg # 05-08-1693) information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. package descriptio u 5.00 0.10 (4 sides) note: 1. drawing proposed to be a jedec package outline m0-220 variation whhd-(x) (to be approved) 2. drawing not to scale 3. all dimensions are in millimeters 4. dimensions of exposed pad on bottom of package do not include mold flash. mold flash, if present, shall not exceed 0.20mm on any side 5. exposed pad shall be solder plated 6. shaded area is only a reference for pin 1 location on the top and bottom of package pin 1 top mark (note 6) 0.40 0.10 31 1 2 32 bottom view?xposed pad 3.45 0.10 (4-sides) 0.75 0.05 r = 0.115 typ 0.25 0.05 (uh32) qfn 1004 0.50 bsc 0.200 ref 0.00 ?0.05 0.70 0.05 3.45 0.05 (4 sides) 4.10 0.05 5.50 0.05 0.25 0.05 package outline 0.50 bsc recommended solder pad layout pin 1 notch r = 0.30 typ or 0.35 45 chamfer
ltc2255/ltc2254 24 22554f linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax: (408) 434-0507 www.linear.com ? linear technology corporation 2005 lt/lwi/tp 0605 500 ?printed in usa related parts part number description comments ltc1747 12-bit, 80msps adc 72db snr, 87db sfdr, 48-pin tssop package ltc1748 14-bit, 80msps adc 76.3db snr, 90db sfdr, 48-pin tssop package ltc1749 12-bit, 80msps wideband adc up to 500mhz if undersampling, 87db sfdr ltc1750 14-bit, 80msps wideband adc up to 500mhz if undersampling, 90db sfdr lt1993 high speed differential op amp 600mhz bw, 75dbc distortion at 70mhz ltc2220 12-bit, 170msps adc 890mw, 67.5db snr, 9mm x 9mm qfn package ltc2220-1 12-bit, 185msps adc 910mw, 67.5db snr, 9mm x 9mm qfn package ltc2221 12-bit, 135msps adc 660mw, 67.5db snr, 9mm x 9mm qfn package ltc2222 12-bit, 105msps adc 475mw, 67.9db snr, 7mm x 7mm qfn package ltc2223 12-bit, 80msps adc 366mw, 68db snr, 7mm x 7mm qfn package ltc2224 12-bit, 135msps adc 660mw, 67.5db snr, 7mm x 7mm qfn package ltc2225 12-bit, 10msps adc 60mw, 71.4db snr, 5mm x 5mm qfn package ltc2228 12-bit, 65msps adc 210mw, 71db snr, 5mm x 5mm qfn package ltc2229 12-bit, 80msps adc 230mw, 71.6db snr, 5mm x 5mm qfn package ltc2248 14-bit, 65msps adc 210mw, 74db snr, 5mm x 5mm qfn package ltc2249 14-bit, 80msps adc 230mw, 73db snr, 5mm x 5mm qfn package ltc2252 12-bit, 105msps adc 320mw, 70.2db snr, 5mm x 5mm qfn package ltc2253 12-bit, 125msps adc 395mw, 70.2db snr, 5mm x 5mm qfn package ltc2292 dual 12-bit, 40msps adc 240mw, 71db snr, 9mm x 9mm qfn package ltc2293 dual 12-bit, 65msps adc 410mw, 71db snr, 9mm x 9mm qfn package ltc2294 dual 12-bit, 80msps adc 445mw, 70.6db snr, 9mm x 9mm qfn package ltc2297 dual 14-bit, 40msps adc 240mw, 74db snr, 9mm x 9mm qfn package ltc2298 dual 14-bit, 65msps adc 410mw, 74db snr, 9mm x 9mm qfn package ltc2299 dual 14-bit, 80msps adc 445mw, 73db snr, 9mm x 9mm qfn package lt5512 dc-3ghz high signal level downconverting mixer dc to 3ghz, 21dbm iip3, integrated lo buffer lt5514 ultralow distortion if amplifier/adc driver with digitally 450mhz 1db bw, 47db oip3, digital gain control controlled gain 10.5db to 33db in 1.5db/step lt5522 600mhz to 2.7ghz high linearity downconverting mixer 4.5v to 5.25v supply, 25dbm iip3 at 900mhz, nf = 12.5db, 50 ? single-ended rf and lo ports


▲Up To Search▲   

 
Price & Availability of LTC2255IUH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X