Part Number Hot Search : 
KCC712V G915T25B VSM52121 HD74LS AN729 G915T25B 07000 M81709FP
Product Description
Full Text Search
 

To Download LTC100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - max. distance 1.2 km - fully compatible with pc serial com ports - no external power supply required (port-powered) - optional external dc power supply (7~12vdc) - built-in surge protector up to 15kv - rts auto toggling - communication status can be monitored using leds - dip switch for rs422/485 mode selection - max. 10 device connectivity for rs422 multi-drop mode - max. 32 device connectivity for rs485 mode LTC100 is a high performance signal converter between rs-232 and rs-422/485 which operates with or without external power source. it supports both half duplex 2-wire rs-485 and full duplex 4-wire rs-422. the LTC100 is also equipped with 15 kv esd surge protector to protect itself against damage from electrostatic discharge. features rs232-rs422/485 serial converter, LTC100 specifications serial interface - mode : asynchronous serial communication rs422 mode : point-to-point, multi-drop rs485 mode : echo, non-echo - speed : up to 115.2kbps - distance : max. 1.2km @115.2kbps, 24awg twisted pair cable - connector rs232 : db9 female rs422/485 : terminal block 5p - signals rs232 : txd, rxd, dcd, dsr, rts, dtr, cts, gnd rs422 : rxd-, rxd+, gnd, txd-, txd+ rs485 : trxd-, trxd+ - protection : 15kv surge protection for all signals - data bits : 5, 6, 7, 8 - stop bits : 1, 1.5, 2 - parity : none, even, odd, space, mark - rts control : auto toggling leds : power, tx, rx power - power input : 7~12vdc - power consumption : 0.4w (33ma@12v) environmental - operating temperature : 0 ~ 55c (32~131f) - storage temperature : -20~70c (-4~158f) - humidity : 5 ~ 95% non-condensing physical properties - dimension : 74(w)x37(h)x19(d)mm - weight : 33g certification : ce, fcc, kcc warranty : 1-year limited warranty u.s. / canada / south america tel : +1 (408) 573-7425 fax: +1 (408) 907-3738 toll free (us/canada): 1-8668-us-sena (1-866-887-7362) eu / africa tel : +33 (0) 1 53 53 16 29 fax: +33 (0) 1 70 24 70 90 asia / pacific tel : +82-2-571-8283 fax: +82-2-573-7710 contact us via e-mail general information : info@sena.com sales & distribution : sales@sena.com technical support : support@sena.com www.sena.com for more information, please visit us at http://www.sena.com ordering information LTC100-01 includes - LTC100 : serial converter - user manual optional accessories - gep0504028 : ac adapter (9v 300ma 3.47phi for eu) - gep0504029 : ac adapter (9v 500ma 3.47phi for us) exterior terminal block leds rs422 / rs485 slide switch power connector


▲Up To Search▲   

 
Price & Availability of LTC100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X