Part Number Hot Search : 
HV83007 AEVKIT 65A603ML ZTX301 2SA1327 XRN740 824DH 01209
Product Description
Full Text Search
 

To Download LM4740A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lm4728a...lm4761a surface mount glass passivated power zener diodes for use in stabilizing and clipping circuits with high power rating. absolute maximum ratings (t a = 25 o c) parameter symbol value unit power dissipation p tot 1 w junction temperature t j 150 o c storage temperature range t stg - 55 to + 150 o c characteristics at t a = 25 o c parameter symbol max. unit forward voltage at i f = 200 ma v f 1.2 v 3.7 3.3 0.6 0.25 d1= 1.7 1.5 d2 d2 = d1 +0 -0.203 dimensions in millimeters solderable ends minimelf (do-213aa) plastic package dimensions in millimeters 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification semtech
characteristics at t a = 25 o c type zener voltage 3) dynamic resistance 1) reverse current maximum surge current 4) maximum regulator current 2) v znom v zt at l zt z zt z zk at i zk i r at v r at t a = 25 o c (v) min. (v) max. (v) (ma) max. ( ? )max. ( ? ) (ma) max. (a) (v) i zsm (ma) i zm (ma) lm4728a 3.3 3.13 3.47 76 10 400 1 150 1 1375 275 lm4729a 3.6 3.42 3.78 69 10 400 1 100 1 1260 252 lm4730a 3.9 3.7 4.1 64 9 400 1 100 1 1190 234 lm4731a 4.3 4.08 4.52 58 9 400 1 50 1 1070 217 lm4732a 4.7 4.46 4.94 53 8 500 1 10 1 970 193 lm4733a 5.1 4.84 5.36 49 7 550 1 10 1 890 178 lm4734a 5.6 5.32 5.88 45 5 600 1 10 2 810 162 lm4735a 6.2 5.89 6.51 41 2 700 1 10 3 730 146 lm4736a 6.8 6.46 7.14 37 3.5 700 1 10 4 660 133 lm4737a 7.5 7.12 7.88 34 4 700 0.5 10 5 605 121 lm4738a 8.2 7.79 8.61 31 4.5 700 0.5 10 6 550 110 lm4739a 9.1 8.64 9.56 28 5 700 0.5 10 7 500 100 LM4740A 10 9.5 10.5 25 7 700 0.25 10 7.6 454 91 lm4741a 11 10.45 11.55 23 8 700 0.25 5 8.4 414 83 lm4742a 12 11.4 12.6 21 9 700 0.25 5 9.1 380 76 lm4743a 13 12.35 13.65 19 10 700 0.25 5 9.9 344 69 lm4744a 15 14.25 15.75 17 14 700 0.25 5 11.4 304 61 lm4745a 16 15.2 16.8 15.5 16 700 0.25 5 12.2 285 57 lm4746a 18 17.1 18.9 14 20 750 0.25 5 13.7 250 50 lm4747a 20 19 21 12.5 22 750 0.25 5 15.2 225 45 lm4748a 22 20.9 23.1 11.5 23 750 0.25 5 16.7 205 41 lm4749a 24 22.8 25.2 10.5 25 750 0.25 5 18.2 190 38 lm4750a 27 25.65 28.35 9.5 35 750 0.25 5 20.6 170 34 lm4751a 30 28.5 31.5 8.5 40 1000 0.25 5 22.8 150 30 lm4752a 33 31.35 34.65 7.5 45 1000 0.25 5 25.1 135 27 lm 4753a 36 34.2 37.8 7 50 1000 0.25 5 27.4 125 25 lm4754a 39 37.05 40.95 6.5 60 1000 0.25 5 29.7 115 23 lm4755a 43 40.85 45.15 6 70 1500 0.25 5 32.7 110 22 lm4756a 47 44.65 49.35 5.5 80 1500 0.25 5 35.8 95 19 lm4757a 51 48.45 53.55 5 95 1500 0.25 5 38.8 90 18 lm4758a 56 53.2 58.8 4.5 110 2000 0.25 5 42.6 80 16 lm4759a 62 58.9 65.1 4 125 2000 0.25 5 47.1 70 14 lm4760a 68 64.6 71.4 3.7 150 2000 0.25 5 51.7 65 13 lm4761a 75 71.25 78.75 3.3 175 2000 0.25 5 56 60 12 1) the dynamic resistance is derived from the 60 hz ac voltage whic h results when an ac current having an rms value equal to 10% o f the zener current (i zt or i zk ) is superimposed on i zt or i zk . dynamic resistance is measured at tw o points to insure a sharp knee on the breakdown curve and to eliminate unstable units. 2) valid provided that electrodes are kept at ambient temperature. 3) tested with pulses tp = 20 ms. 4) the rating listed in the electrical charac teristics table is maximum peak, non-repetitiv e, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current i zt . lm4728a...lm4761a surface mount glass passivated power zener diodes 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification semtech
lm4728a...lm4761a surface mount glass passivated power zener diodes 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification semtech


▲Up To Search▲   

 
Price & Availability of LM4740A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X